Part Number Hot Search : 
00850 1766136 C122F1 TD112 00090 ADXRS623 MMBT5 NTE2976
Product Description
Full Text Search
 

To Download STPS5L25B-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
STPS5L25B
LOW DROP POWER SCHOTTKY RECTIFIER
MAIN PRODUCT CHARACTERISTICS IF(AV) VRRM Tj (max) VF (max) FEATURES AND BENEFITS
n
5A 25 V 150C 0.35 V
2 3 4 (TAB)
4
n
n
n
VERY LOW FORWARD VOLTAGE DROP FOR LESS POWER DISSIPATION AND REDUCED HEATSINK OPTIMIZED CONDUCTION/REVERSE LOSSES TRADE-OFF WHICH MEANS THE HIGHEST EFFICIENCY IN THE APPLICATIONS HIGH POWER SURFACE MOUNT MINIATURE PACKAGE AVALANCHE CAPABILITY SPECIFIED
2 1
NC
3
DPAK
DESCRIPTION Single Schottky rectifier suited to Switched Mode Power Supplies and high frequency DC to DC converters. This device is especially intended for use as a Rectifier at the secondary of 3.3V SMPS units. ABSOLUTE RATINGS (limiting values) Symbol VRRM IF(RMS) IF(AV) IFSM IRRM IRSM PARM Tstg Tj dV/dt *: Parameter Repetitive peak reverse voltage RMS forward current Average forward current Surge non repetitive forward current Repetitive peak reverse current Non repetitive peak reverse current Repetitive peak avalanche power Storage temperature range Maximum operating junction temperature * Critical rate of rise of reverse voltage Tc = 145C = 0.5 tp = 10 ms Sinusoidal tp=2 s square F=1kHz tp = 100 s square tp = 1s Tj = 25C Value 25 7 5 75 1 2 3000 - 65 to + 150 150 10000 Unit V A A A A A W C C V/s
dPtot 1 thermal runaway condition for a diode on its own heatsink < dTj Rth( j - a )
1/4
July 2003 - Ed: 5A
STPS5L25B
THERMAL RESISTANCES Symbol Rth(j-c) Junction to case Parameter Value 2.5 Unit C/W
STATIC ELECTRICAL CHARACTERISTICS Symbol IR * VF * Tests Conditions Reverse leakage current Forward voltage drop Tests Conditions Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Pulse test : * tp = 380 s, < 2%
Min.
Typ. 55
Max. 350 115 0.47 0.35 0.59 0.50
Unit A mA V
VR = VRRM IF = 5 A IF = 5 A IF = 10 A IF = 10 A 0.41 0.31
Fig. 1: Average forward power dissipation versus average forward current.
PF(av)(W) 2.5 2.0 1.5 1.0
T
Fig. 2: Average forward current versus ambient temperature (=0.5).
IF(av)(A)
Rth(j-a)=Rth(j-c)
6
= 0.1 = 0.05 =1 = 0.2 = 0.5
5 4 3 2
T
Rth(j-a)=70C/W
0.5 IF(av) (A) 0.0 0 1 2 3 4
=tp/T
tp
1
5
6
0
=tp/T
tp
Tamb(C) 50 75 100 125 150
0
25
Fig. 3: Normalized avalanche power derating versus pulse duration.
PARM(tp) PARM(1s)
1
Fig. 4: Normalized avalanche power derating versus junction temperature.
PARM(tp) PARM(25C)
1.2 1
0.1
0.8 0.6
0.01
0.4 0.2
0.001
0.01 0.1 1
tp(s)
10 100 1000
Tj(C)
0 0 25 50 75 100 125 150
2/4
STPS5L25B
Fig. 5: Non repetitive surge peak forward current versus overload duration (maximum values).
IM(A)
1.0 0.8
Tc=25C Tc=75C
Fig. 5: Relative variation of thermal impedance junction to case versus pulse duration.
Zth(j-c)/Rth(j-c)
100 80 60 40
0.6 0.4
= 0.5
= 0.2
Tc=100C
T
20 0 1E-3
IM t
0.2
=0.5
Single pulse = 0.1
t(s) 1E-2 1E-1 1E+0
tp(s) 0.0 1.0E-4 1.0E-3 1.0E-2
=tp/T
tp
1.0E-1
1.0E+0
Fig. 7: Reverse leakage current versus reverse voltage applied (typical values).
3E+2 1E+2 1E+1 1E+0 1E-1
Tj=25C
Fig. 8: Junction capacitance versus reverse voltage applied (typical values).
C(pF)
IR(mA)
Tj=150C
2000
F=1MHz Tj=25C
Tj=125C
1000 500
1E-2 VR(V) 1E-3 0 5 10 15 20 25
200 VR(V) 100 1 2 5 10 20 30
Fig. 9: Forward voltage drop versus forward current (maximum values).
Fig. 10: Thermal resistance junction to ambient versus copper surface under tab (Epoxy printed circuit board FR4, copper thickness: 35m).
Rth(j-a) (C/W) 100
100.0
IFM(A)
Typical values Tj=150C
80
Tj=125C
10.0
60 40
1.0
Tj=25C
20
VFM(V)
0.1 0.0
0
0
2
4
6
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
8 10 12 S(Cu) (cm)
14
16
18
20
3/4
STPS5L25B
PACKAGE MECHANICAL DATA DPAK DIMENSIONS REF. A A1 A2 B B2 C C2 D E G H L2 L4 V2 FOOT PRINT DIMENSIONS (in millimeters)
6.7
Millimeters Min. Max 2.20 2.40 0.90 1.10 0.03 0.23 0.64 0.90 5.20 5.40 0.45 0.60 0.48 0.60 6.00 6.20 6.40 6.60 4.40 4.60 9.35 10.10 0.80 typ. 0.60 1.00 0 8
Inches Min. Max. 0.086 0.094 0.035 0.043 0.001 0.009 0.025 0.035 0.204 0.212 0.017 0.023 0.018 0.023 0.236 0.244 0.251 0.259 0.173 0.181 0.368 0.397 0.031 typ. 0.023 0.039 0 8
6.7
3 3 1.6 2.3 2.3 1.6
Ordering type STPS5L25B STPS15LB-TR
n
Marking STPS5L25B STPS5L25B
Package DPAK DPAK
Weight 0.30g 0.30g
Base qty 75 2500
Delivery mode Tube Tape & reel
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com 4/4


▲Up To Search▲   

 
Price & Availability of STPS5L25B-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X