Part Number Hot Search : 
C8050X XP2401 EM1807 C1602G 2310A R1001 EL2344CS 2545E
Product Description
Full Text Search
 

To Download SN74LS157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QUAD 2-INPUT MULTIPLEXER
The LSTTL / MSI SN54 / 74LS157 is a high speed Quad 2-Input Multiplexer. Four bits of data from two sources can be selected using the common Select and Enable inputs. The four buffered outputs present the selected data in the true (non-inverted) form. The LS157 can also be used to generate any four of the 16 different functions of two variables. The LS157 is fabricated with the Schottky barrier diode process for high speed and is completely compatible with all Motorola TTL families.
SN54/74LS157
* * * * * *
QUAD 2-INPUT MULTIPLEXER
LOW POWER SCHOTTKY
Schottky Process for High Speed Multifunction Capability Non-Inverting Outputs Input Clamp Diodes Limit High Speed Termination Effects Special Circuitry Ensures Glitch Free Multiplexing ESD > 3500 Volts CONNECTION DIAGRAM DIP (TOP VIEW)
VCC 16 E 15 I0c 14 I1c 13 Zc 12 I0d 11 I1d 10 Zd 9
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package. 16
J SUFFIX CERAMIC CASE 620-09
1
1 S
2 I0a
3 I1d
4 Za
5 I0b
6 I1b
7 Zb
8 GND
16 1
N SUFFIX PLASTIC CASE 648-08
PIN NAMES S E I0a - I0d I1a - I1d Za - Zd Common Select Input Enable (Active LOW) Input Data Inputs from Source 0 Data Inputs from Source 1 Multiplexer Outputs (Note b)
LOADING (Note a) HIGH 1.0 U.L. 1.0 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. LOW 0.5 U.L. 0.5 U.L. 0.25 U.L. 0.25 U.L. 5 (2.5) U.L.
16 1
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXD Ceramic Plastic SOIC
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges.
LOGIC DIAGRAM
I0a
2 3
I1a
5
I0b
6
I1b
14
I0c
13
I1c
11
I0d
10
I1d E S
15 1
LOGIC SYMBOL
15 2 3 5 6 14 13 11 10
E I0a I1a I0b I1b I0c I1c I0d I1d 1 S Za Zb Zc Zd
4
7
12
9
4
7
12
9
Za
Zb
VCC = PIN 16 GND = PIN 8 = PIN NUMBERS Zd
VCC = PIN 16 GND = PIN 8
Zc
FAST AND LS TTL DATA 5-268
SN54/74LS157
FUNCTIONAL DESCRIPTION The LS157 is a Quad 2-Input Multiplexer fabricated with the Schottky barrier diode process for high speed. It selects four bits of data from two sources under the control of a common Select Input (S). The Enable Input (E) is active LOW. When E is HIGH, all of the outputs (Z) are forced LOW regardless of all other inputs. The LS157 is the logic implementation of a 4-pole, 2-position switch where the position of the switch is determined by the logic levels supplied to the Select Input. The logic equations for the outputs are:
Za = E (I1a S + I0a S) Zc = E (I1c S + I0c S)
Zb = E (I1b S + I0b S) Zd = E (I1d S + I0d S)
A common use of the LS157 is the moving of data from two groups of registers to four common output busses. The particular register from which the data comes is determined by the state of the Select Input. A less obvious use is as a function generator. The LS157 can generate any four of the 16 different functions of two variables with one variable common. This is useful for implementing highly irregular logic.
TRUTH TABLE
ENABLE E H L L L L
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care
SELECT INPUT S X H H L L
INPUTS I0 X X X L H I1 X L H X X
OUTPUT Z L L H L H
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
FAST AND LS TTL DATA 5-269
SN54/74LS157
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol VIH VIL VIK VOH Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 54 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current I0, I1 E, S I0, I1 E, S IIL IOS ICC Input LOW Current I0, I1 E, S Short Circuit Current (Note 1) Power Supply Current - 20 0.35 0.5 20 40 0.1 0.2 - 0.4 - 0.8 - 100 16 V A 2.5 2.7 54 74 - 0.65 3.5 3.5 0.25 0.4 Min 2.0 0.7 0.8 - 1.5 V V V V Typ Max Unit V V Test Conditions Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
VCC = MAX, VIN = 2.7 V
IIH
mA
VCC = MAX, VIN = 7.0 V
mA mA mA
VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C)
Limits Symbol tPLH tPHL tPLH tPHL tPLH tPHL Parameter Propagation Delay Data to Output Propagation Delay Enable to Output Propagation Delay Select to Output Min Typ 9.0 9.0 13 14 15 18 Max 14 14 20 21 23 27 Unit ns ns ns Figure 2 Figure 1 Figure 2 VCC = 5.0 V CL = 15 pF Test Conditions
AC WAVEFORMS
V IN
1.3 V
1.3 V
V IN
1.3 V
1.3 V
t PHL
t PLH
t PHL
t PLH
V OUT
1.3 V
1.3 V
V OUT
1.3 V
1.3 V
Figure 1
Figure 2
FAST AND LS TTL DATA 5-270
-A-
Case 751B-03 D Suffix 16-Pin Plastic SO-16
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: MILLIMETER. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. 751B 01 IS OBSOLETE, NEW STANDARD 751B 03.
16
9
-B1 8
P
8 PL
0.25 (0.010)
M
B
M
R X 45 G -TD 16 PL
0.25 (0.010)
M
C
SEATING PLANE
K
T B
S
M
F
J
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX
9.80 3.80 1.35 0.35 0.40 10.00 4.00 1.75 0.49 1.25
INCHES MIN MAX
0.386 0.150 0.054 0.014 0.016 0.393 0.157 0.068 0.019 0.049
1.27 BSC 0.19 0.10 0 5.80 0.25 0.25 0.25 7 6.20 0.50
0.050 BSC 0.008 0.004 0 0.229 0.010 0.009 0.009 7 0.244 0.019
Case 648-08 N Suffix 16-Pin Plastic -A16 9
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. 3. CONTROLLING DIMENSION: INCH. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 5. 6. ROUNDED CORNERS OPTIONAL. 648 01 THRU 07 OBSOLETE, NEW STANDARD 648 08.
B
1 8
F S
C -TK
SEATING PLANE
L
H G D 16 PL
0.25 (0.010)
M
J
M
T
A
M
DIM A B C D F G H J K L M S
MILLIMETERS MIN MAX
18.80 6.35 3.69 0.39 1.02 19.55 6.85 4.44 0.53 1.77
INCHES MIN MAX
0.740 0.250 0.145 0.015 0.040 0.770 0.270 0.175 0.021 0.070
2.54 BSC 1.27 BSC 0.21 2.80 7.50 0 0.51 0.38 3.30 7.74 10 1.01
0.100 BSC 0.050 BSC 0.008 0.110 0.295 0 0.020 0.015 0.130 0.305 10 0.040
-A16 9
Case 620-09 J Suffix 16-Pin Ceramic Dual In-Line
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
-B1 8
3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY.
C
L
5. 620 01 THRU 08 OBSOLETE, NEW STANDARD 620 09.
-TSEATING PLANE
K E F D 16 PL
0.25 (0.010)
M
N G
T A
S
M J 16 PL
0.25 (0.010)
M
T
B
S
DIM A B C D E F G J K L M N
MILLIMETERS MIN MAX
19.05 6.10 19.55 7.36 4.19 0.39 0.53
INCHES MIN MAX
0.750 0.240 0.770 0.290 0.165 0.015 0.021
1.27 BSC 1.40 1.77
0.050 BSC 0.055 0.070
2.54 BSC 0.23 0.27 5.08 7.62 BSC 0 0.39 15 0.88
0.100 BSC 0.009 0.011 0.200 0.300 BSC 0 0.015 15 0.035
FAST AND LS TTL DATA 5-271
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
FAST AND LS TTL DATA 5-272


▲Up To Search▲   

 
Price & Availability of SN74LS157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X