Part Number Hot Search : 
2SK121 MIMH51 ADV7197 D1204 UPD70108 2015R 2SB1477 00103
Product Description
Full Text Search
 

To Download SN5474LS378 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
The SN54 / 74LS377 is an 8-bit register built using advanced Low Power Schottky technology. This register consists of eight D-type flip-flops with a buffered common clock and a buffered common clock enable. The SN54 / 74LS378 is a 6-Bit Register with a buffered common enable. This device is similar to the SN54 / 74LS174, but with common Enable rather than common Master Reset. The SN54 / 74LS379 is a 4-Bit Register with buffered common Enable. This device is similar to the SN54 / 74LS175 but features the common Enable rather then common Master Reset.
SN54/74LS377 SN54/74LS378 SN54/74LS379
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
LOW POWER SCHOTTKY
* * * * *
8-Bit High Speed Parallel Registers Positive Edge-Triggered D-Type Flip Flops Fully Buffered Common Clock and Enable Inputs True and Complement Outputs Input Clamp Diodes Limit High Speed Termination Effects
20 1
J SUFFIX CERAMIC CASE 732-03
PIN NAMES
LOADING (Note a) HIGH LOW 0.25 U.L. 0.25 U.L. 0.25 U.L. 5 (2.5) U.L. 5 (2.5) U.L.
20 1
N SUFFIX PLASTIC CASE 738-03
E D0 - D3 CP Q0 - Q3 Q0 - Q 3
Enable (Active LOW) Input Data Inputs Clock (Active HIGH Going Edge) Input True Outputs (Note b) Complemented Outputs (Note b)
0.5 U.L. 0.5 U.L. 0.5 U.L. 10 U.L. 10 U.L.
20 1
DW SUFFIX SOIC CASE 751D-03
NOTES: a) 1 TTL Unit Load (U.L.) = 40 A HIGH/1.6 mA LOW. b) The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74) Temperature Ranges. 16 1
J SUFFIX CERAMIC CASE 620-09
16 1
N SUFFIX PLASTIC CASE 648-08
16 1
D SUFFIX SOIC CASE 751B-03
ORDERING INFORMATION
SN54LSXXXJ SN74LSXXXN SN74LSXXXDW SN74LSXXXD Ceramic Plastic SOIC SOIC
FAST AND LS TTL DATA 5-1
SN54/74LS377 * SN54/74LS378 * SN54/74LS379
CONNECTION DIAGRAM DIPS (TOP VIEW) SN54 / 74LS377
VCC Q7 20 19 D7 18 D6 17 Q6 16 Q5 15 D5 14 D4 13 Q4 12 CP 11
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
1 E
2 Q0
3 D0
4 D1
5 Q1
6 Q2
7 D2
8 D3
9 Q3
10 GND
SN54 / 74LS378
VCC 16 Q5 15 D5 14 D4 13 Q4 12 D3 11 Q3 10 CP 9
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
1 E
2 Q0
3 D0
4 D1
5 Q1
6 D2
7 Q2
8 GND
SN54 / 74LS379
VCC 16 Q3 15 Q3 14 D3 13 D2 12 Q2 11 Q2 10 CP 9
NOTE: The Flatpak version has the same pinouts (Connection Diagram) as the Dual In-Line Package.
1 E
2 Q0
3 Q0
4 D0
5 D1
6 Q1
7 Q1
8 GND
FAST AND LS TTL DATA 5-2
SN54/74LS377 * SN54/74LS378 * SN54/74LS379
LOGIC DIAGRAMS SN54 / 74LS377
3 4 7 8 13 14 17 18
D0 E ENABLE
1
D1
D2
D3
D4
D5
D6
D7
CP CLOCK
11
CP D Q
CP D Q
CP D Q
CP D Q
CP D Q
CP D Q
CP D Q
CP D Q
Q0
2
Q1
5
Q2
6
Q3
9
Q4
12
Q5
15
Q6
16
Q7
19
SN54 / 74LS378
3 4 6 11 13 14
D0 CP
9
D1
D2
D3
D4
D5
CP D E Q
1
CP D E Q
CP D E Q
CP D E Q
CP D E Q
CP D E Q
E Q0
2
Q1
5
Q2
7
Q3
10
Q4
12
Q5
15
SN54 / 74LS379
4
5
12
13
D0 CP
9
D1
D2
D3
CP E Q
1
D E Q
CP Q
D E Q
CP Q
D E Q
CP Q
D Q
E Q0
3
Q0
2
Q1
6
Q1
7
Q2
11
Q2
10
Q3
14
Q3
15
FAST AND LS TTL DATA 5-3
SN54/74LS377 * SN54/74LS378 * SN54/74LS379
GUARANTEED OPERATING RANGES
Symbol VCC TA IOH IOL Supply Voltage Operating Ambient Temperature Range Output Current -- High Output Current -- Low Parameter 54 74 54 74 54, 74 54 74 Min 4.5 4.75 - 55 0 Typ 5.0 5.0 25 25 Max 5.5 5.25 125 70 - 0.4 4.0 8.0 Unit V C mA mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits Symbol S bl VIH VIL VIK VOH Parameter P Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage 54 74 54, 74 VOL Output LOW Voltage 74 Input HIGH Current Input LOW Current Short Circuit Current (Note 1) Power Supply Current LS377 LS378 LS379 - 20 0.35 0.5 20 0.1 - 0.4 - 100 28 22 15 V A mA mA mA mA 2.5 2.7 54 74 - 0.65 3.5 3.5 0.25 0.4 Min 2.0 0.7 0.8 - 1.5 Typ Max Unit Ui V V V V V V Test C di i Conditions T Guaranteed Input HIGH Voltage for All Inputs Guaranteed Input LOW Voltage for All Inputs VCC = MIN, IIN = - 18 mA VCC = MIN, IOH = MAX, VIN = VIH or VIL per Truth Table IOL = 4.0 mA IOL = 8.0 mA VCC = VCC MIN, VIN = VIL or VIH per Truth Table
IIH IIL IOS ICC
VCC = MAX, VIN = 2.7 V VCC = MAX, VIN = 7.0 V VCC = MAX, VIN = 0.4 V VCC = MAX VCC = MAX, NOTE 1
NOTE: With all inputs open and GND applied to all data and enable inputs, ICC is measured after a momentary GND, then 4.5 V is applied to clock. Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25C, VCC = 5.0 V)
Limits Symbol S bl fMAX tPLH tPHL Parameter P Maximum Clock Frequency Propagation Delay, Clock to Output Min 30 Typ 40 17 18 27 27 Max Unit Ui MHz ns Test C di i T Conditions VCC = 5 0 V 5.0 CL = 15 pF
AC SETUP REQUIREMENTS (TA = 25C, VCC = 5.0 V)
Limits Symbol S bl tW ts ts th Parameter P Any Pulse Width Data Setup Time Enable Setup Time Any Hold Time Inactive -- State Active -- State Min 20 20 10 25 5.0 Typ Max Unit Ui ns ns ns ns ns VCC = 5.0 V 50 Test C di i Conditions T
DEFINITION OF TERMS SETUP TIME (ts) -- is defined as the minimum time required for the correct logic level to be present at the logic input prior to the clock transition from LOW-to-HIGH in order to be recognized and transferred to the outputs. HOLD TIME (th) -- is defined as the minimum time following
the clock transition from LOW-to-HIGH that the logic level must be maintained at the input in order to ensure continued recognition. A negative HOLD TIME indicates that the correct logic level may be released prior to the clock transition from LOW-to-HIGH and still be recognized.
FAST AND LS TTL DATA 5-4
SN54/74LS377 * SN54/74LS378 * SN54/74LS379
TRUTH TABLE
E H L L
L = LOW Voltage Level H = HIGH Voltage Level X = Immaterial
CP
Dn X H L
Qn No Change H L
Qn No Change L H
AC WAVEFORMS
SN54 / 74LS377
1/fmax CP 1.3 V ts(H) D OR E * 1.3 V tPLH Q 1.3 V ts(L) th(H) tW 1.3 V th(L) 1.3 V tPHL 1.3 V Q E, D * CP 1.3 V ts(H)
SN54 / 74LS378
1/fmax tW 1.3 V th(H) 1.3 V tPHL 1.3 V ts(L) th(L) 1.3 V tPLH 1.3 V
Figure 1. Clock to Output Delays Clock Pulse Width, Frequency, Setup and Hold Times Data or Enable to Clock
Figure 2. Clock to Output Delays Clock Pulse Width, Frequency, Setup and Hold Times Data or Enable to Clock
SN54 / 74LS379
1/fmax CP 1.3 V ts(H) E, D * 1.3 V tPLH Q 1.3 V ts(L) th(H) tW 1.3 V th(L) 1.3 V tPHL 1.3 V
*The shaded areas indicate when the input is permitted to change for predictable output performance.
Figure 3. Clock to Output Delays Clock Pulse Width, Frequency, Setup and Hold Times Data, Enable to Clock
FAST AND LS TTL DATA 5-5


▲Up To Search▲   

 
Price & Availability of SN5474LS378

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X