Part Number Hot Search : 
NLS6G TC124 LC863096 LRF3W L1154GT TS431IZT LM833N 2N5869
Product Description
Full Text Search
 

To Download SL74LS157 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SL74LS157
Quad 2-Input Data Selector/Multiplexer
This monolitic data selector/multiplexer contains inverters and drivers to supply full on-chip data selection to the four output gates. A separate strobe input is provided. A 4-bit word is selected from one of two sources and is routed to the four outputs. The LS157 has the same functions and pin connections as the LS257 but the latter is provided with 3-state outputs. * Buffered Inputs and Outputs * Common Strobe/Select input for all 4 circuits
ORDERING INFORMATION SL74LS157N Plastic SL74LS157D SOIC TA =0 to 70 C for all packages
PIN ASSIGNMENT LOGIC DIAGRAM
FUNCTION TABLE
Inputs PIN 16 =VCC PIN 8 = GND Output Enable H L L Select X L H Outputs Y0-Y3 L A0-A3 B0-B3
X=don't care A0-A3,B0-B3=the levels of the respective Data-Word Inputs
SLS
System Logic Semiconductor
SL74LS157
MAXIMUM RATINGS *
Symbol VCC VIN VOUT Tstg
*
Parameter Supply Voltage Input Voltage Output Voltage Storage Temperature Range
Value 7.0 7.0 5.5 -65 to +150
Unit V V V C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIH VIL IOH IOL TA Supply Voltage High Level Input Voltage Low Level Input Voltage High Level Output Current Low Level Output Current Ambient Temperature Range 0 Parameter Min 4.75 2.0 0.8 -0.4 8.0 +70 Max 5.25 Unit V V V mA mA C
DC ELECTRICAL CHARACTERISTICS over full operating conditions
Guaranteed Limit Symbol VIK VOH VOL Parameter Input Clamp Voltage High Level Output Voltage Low Level Output Voltage Test Conditions VCC = min, IIN = -18 mA VCC = min, IOH = -0.4 mA VCC = min, IOL = 4 mA VCC = min, IOL = 8 mA IIH High Level Input Current VCC = max VIN = 2.7 V VCC = max VIN = 7.0 V IIL Low Level Input Current VCC = max VIN = 0.4 V IO ICC Output Short Circuit Current Supply Current for pins 1,15 A or B input for pins 1,15 A or B input for pins 1,15 A or B input -20 2.7 0.4 0.5 40 20 0.2 0.1 -0.8 -0.4 -100 16 mA mA mA mA A Min Max -1.5 Unit V V V
VCC = max, VO = 0 V (Note 1) VCC = max (Note 2)
Note 1: Not more than one output should be shorted at a time, and the duration should not exceed one second. Note 2: ICC is measured with all outputs open, and 4.5 V applied to all inputs.
SLS
System Logic Semiconductor
SL74LS157
AC ELECTRICAL CHARACTERISTICS (TA=25C, VCC = 5.0 V, CL = 15 pF, RL = 2 k, t r =15
ns, tf = 6.0 ns) Symbol tPLH tPHL tPLH tPHL tPLH tPHL Parameter Propagation Delay, Input A or B to Output Y Propagation Delay, Input A or B to Output Y Propagation Delay, Select to Output Y Propagation Delay, Select to Output Y Propagation Delay, Output Enable to Output Y Propagation Delay, Output Enable to Output Y Min Max 14 14 23 27 20 21 Unit ns ns ns ns ns ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
NOTES A. CL includes probe and jig capacitance. B. All diodes are 1N916 or 1N3064. Figure 3. Test Circuit
SLS
System Logic Semiconductor


▲Up To Search▲   

 
Price & Availability of SL74LS157

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X