Part Number Hot Search : 
PBL38812 2907A F0512 UPA507TE 6KE10A 40007 MM3042U CDBD1530
Product Description
Full Text Search
 

To Download SL1024A600RF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Gas Discharge Tubes
Omega Rage
RoHS
Pb
GreentubeTM SL1024A Series Gas Plasma Arresters
(R)
The SL1024A series offers high levels of current handling on fast rising transients created by induced Lightning disturbances. These devices are extremely robust and are able to divert pulses of 10,000A. The SL1024A also features ultra low capacitance (typically 1pf or less) making them ideal for the protection of high-speed transmission equipment.
FEATURES
* RoHS compliant except `RS' suffix * Low insertion loss * Excellent response to fast rising transients. * Ultra low capacitance. * 10KA surge capability tested with 8/20s pulse as defined by
IEC 61000-4-5
* Available with thermal failsafe option (add `F' or `S' suffix to
part number)
Applications:
* Broadband equipment. * ADSL equipment. * XDSL equipment. * Satellite and CATV equipment. * Splitters * General telecom equipment.
8
GAS DISCHARGE TUBES
SL1024A xxxC
a b
SL1024A xxxR
o8.0+0.2 _
3 ELECTRODE GDT a=TIP b=RING e=GROUND (centre electrode) GRAPHICAL SYMBOL
o1.0+0.2 _
SL1024A xxxRF SL1024A xxxRS
ORDERING INFORMATION
SL 1024 A Voltage Pin Configuration C=Core R=Leaded Failsafe Optio n F=Plastic S=Solder
Mechanical Specifications:
Weight: Materials:
2.7g (0.095 oz.) Electrode Base: Nickel Iron Alloy Electrode Plating: Bright Sn Body: Ceramic Littelfuse `LF' marking, Voltage and date code. Red.
Device Marking:
9.5 MAX
e
w w w. l i t t e l f u s e . c o m
341
Gas Discharge Tubes
Omega Range
RoHS
Pb
GreentubeTM SL1024A Series Gas Plasma Arresters
(R)
LITTELFUSE 3 TERMINAL ARRESTER SERIES TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
DC Breakover Voltage Min-Max7 @ 100V/sec DC (V) Voltage(V) 90 145 150 230 250 260 300 350 400 420 450 500 600 70-120 116-174 120-180 184-276 200-300 210-310 240-360 280-420 320-480 345-500 360-540 400-500 480-720 Max Dynamic Breakover Voltage @ 100/s (V) 600 500 500 350 400 420 450 500 600 650 650 700 850 Max Max Repetitive Single Impulse Alternating Impulse Discharge Discharge Discharge Current Current Current1,3 (kA) (kA) (A) 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 20 20 20 20 20 20 20 20 20 20 20 20 20 Max Single Impulse Discharge Current 10/350s5,2 (kA) 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5
Part Number SL1024A090 SL1024A145 SL1024A150 SL1024A230 SL1024A250 SL1024A260 SL1024A300 SL1024A350 SL1024A400 SL1024A420 SL1024A450 SL1024A500 SL1024A600
(1) Total current through center (ground) electrode, both line electrodes pulsed simultaneously; half value through each respective line terminal. (2) Applies to `C' option devices mounted in a suitable connector with high pressure contacts. (3) 10 shots, A.C. 60Hz, 1 sec duration. (4) 10 shots, 8/20S waveform (5) either end (line) electrode to center (ground) electrode (6) Meets the requirements of BT Type 14A. Addition of `F' (failsafe) option meets the requirements of BT type number 14A/1.
Voltage vs Time Characteristic
50
Max dynamic breakover voltage
Time vs. Current for Failsafe
45 40 35 30
Voltage (V)
Time (s)
Hold-over voltage On-State voltage
25 20 15 10 5 0 0 1 1 line to ground both lines to ground 2 3 Current (A) 4 5 6
0
200
400
600 Time (ns)
800
1000
1200
342
w w w. l i t t e l f u s e . c o m
Gas Discharge Tubes
Omega Range
RoHS
Pb
GreentubeTM SL1024A Series Gas Plasma Arresters
Profile for reflow soldering
Profile for wave soldering
300
(R)
250 225 200 Temperature C 175 150 125 100 75 50 25 0 0 50 100 150 200 250 300 350 400 450 500 Time in seconds
Temperature (C)
Solder Flow Area
o T 1 max = 266C
o T 1 = 239 C
200
Tm = 179oC
Forced Cooling
Preheating Area
100
8
GAS DISCHARGE TUBES
10
20
Time(seconds)
30
40
Notes: T1 max T1 Tm Tam b = Maximum TabTemperature = 266oC = Flow Tempearture of Solder = 239oC = Melting Point of Solder = 179oC
o
= 25 C o C 1. Maximum permissible rate of temperature change = 7 / sec 2. Not for RF style devices
w w w. l i t t e l f u s e . c o m
343


▲Up To Search▲   

 
Price & Availability of SL1024A600RF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X