Part Number Hot Search : 
SMAJ530 A63L7336 2SK2360 CHP222PT STRFNFCA 10116 HER303 STRFNFCA
Product Description
Full Text Search
 

To Download S6AU120925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P Premier M Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
2.25 WATT SIP DC/DC CONVERTERS
INPUT SPECIFICATIONS
O Voltage ................................. 5 , 12 or 24Vdc O Voltage Range ........................................ 5% O Input Filter ................................................ Cap
FEATURES
1.5, 2.25 to 2.34 Watts Up to 80% Efficiency Momentary Short Circuit Protection 12-Pin SIP Package
GENERAL SPECIFICATIONS
O O O O O Efficiency (unregulated) ....................... 70% Efficiency (regulated) ............................ 50% Switching Frequency ................. 50KHz min. Isolation Voltage ..................... 500Vdc min. Operating Temperature ........... 0 to +70OC
OUTPUT SPECIFICATIONS
O O O O O Voltage ........................................... Per Table Voltage Accuracy .................................. 5% Ripple & Noise 20MHz BW ........ 100mV p-p Load Regulation (unregulated)........... 8% Load Regulation (regulated)............... .5%
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO 70OC PART NUMBER S6AU050925 TSD-1251 (1) S6AU120925 TSD-515 S6AU242407(2) PACKAGE PHYSICAL DIMENSIONS .... DIMENSIONS IN mm (inches) (1) TSD-1251 LEAD LENGTH IS .472" (12.0mm) (2) S6AU242407: L=1.35'(34.3mm)MAX.W =.40"(10.16mm)MAX, HT=.61(15.5mm)MAX.
INPUT VOLTAGE (Vdc) OUTPUT VOLTAGE (Vdc) OUTPUT CURRENT (mA max.) REGULATED OUTPUT INPUT CURRENT (mA typ.) NO LOAD FULL LOAD
5 5 12 5 24
9 9 9 5.2 24
250 250 250 450 70
NO NO NO NO YES
--------------------------
600 600 300 600 -----SCHEMATIC
SCHEMATIC DIAGRAM
DC/DC CONVERTER
1
2
3
9
10
11
12
WHITE DOT DENOTES PIN #1
P S6AUXXXXXX M YYWW
1.260 (32.00) MAX
+IN NC NC .315 (8.00) MAX
NC -OUT +OUT -IN
PIN NUMBER 1 2 3 4 5 6 7 8 9 10 11 12
FUNCTION +INPUT NC NC OMITTED OMITTED OMITTED OMITTED OMITTED NC -OUTPUT +OUTPUT -INPUT
s6au 07/00
MAY MARK ON THIS SIDE
1 2 3 9 10 11 12
.560 (14.22) MAX .150 (3.81)
12
.12 (3.0)
.020 (.508) 1.100 (27.94)
.100 (2.54)
.080 (2.0) .010 (.25) .394 (10.0)
(1) TSD-1251 LEAD LENGTH
123
9 10 11 12
Specifications subject to change without notice.
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630 * TEL: (949) 452-0511 * FAX: (949) 452-0512 * http://www.premiermag.com
1


▲Up To Search▲   

 
Price & Availability of S6AU120925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X