Part Number Hot Search : 
05AEGT D1013UK G3202 UPD16 MPS5131C C1246 245PA TB0457A
Product Description
Full Text Search
 

To Download PMLL4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
1/3 page (Datasheet)
M3D054
PMLL4150; PMLL4151; PMLL4153 High-speed diodes
Product specification Supersedes data of April 1996 1996 Sep 18
Philips Semiconductors
Product specification
High-speed diodes
FEATURES * Small hermetically sealed glass SMD package * High switching speed: max. 4 ns * General application * Continuous reverse voltage: max. 50 V * Repetitive peak reverse voltage: max. 75 V * Repetitive peak forward current: max. 600 mA and 450 mA respectively. APPLICATIONS * High-speed switching * The PMLL4150 is primarily intended for general purpose use in computer and industrial applications. * The PMLL4151 and PMLL4153 are intended for military and industrial applications.
handbook, 4 columns
PMLL4150; PMLL4151; PMLL4153
DESCRIPTION The PMLL4150, PMLL4151, PMLL4153 are high-speed switching diodes fabricated in planar technology, and encapsulated in small hermetically sealed glass SOD80C SMD packages.
k
a
MAM061
Cathode indicated by black band.
Fig.1 Simplified outline (SOD80C) and symbol.
1996 Sep 18
2
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM PARAMETER repetitive peak reverse voltage PMLL4151 PMLL4153 VR IF continuous reverse voltage continuous forward current PMLL4150 PMLL4151 PMLL4153 IFRM repetitive peak forward current PMLL4150 PMLL4151 PMLL4153 IFSM non-repetitive peak forward current square wave; Tj = 25 C prior to surge; see Fig.4 t = 1 s t = 1 ms t=1s Ptot Tstg Tj Note 1. Device mounted on an FR4 printed-circuit board. total power dissipation storage temperature junction temperature Tamb = 25 C; note 1 - - - - -65 - 4 1 0.5 500 +200 200 A A A mW C C - - - 600 450 450 mA mA mA see Fig.2; note 1 - - - 300 200 200 mA mA mA - - - 75 75 50 V V V CONDITIONS MIN. MAX. UNIT
1996 Sep 18
3
Philips Semiconductors
Product specification
High-speed diodes
ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL VF PARAMETER forward voltage PMLL4150 see Fig.3 IF = 1 mA IF = 10 mA IF = 50 mA IF = 100 mA IF = 200 mA PMLL4151 PMLL4153 IF = 50 mA IF = 0.1 mA IF = 0.25 mA IF = 1 mA IF = 2 mA IF = 10 mA IF = 50 mA IR reverse current PMLL4150 PMLL4151 PMLL4153 IR reverse current PMLL4150 PMLL4151 PMLL4153 Cd diode capacitance PMLL4150 PMLL4151 PMLL4153
PMLL4150; PMLL4151; PMLL4153
CONDITIONS
MIN. 540 660 760 820 870 - 490 530 590 620 700 740 - - -
MAX. 620 740 860 920 1000 1000 550 590 670 700 810 880 0.1
UNIT mV mV mV mV mV mV mV mV mV mV mV mV A
VR = 50 V; see Fig.5 0.05 A 0.05 A 100 50 50 2.5 2 2 A A A pF pF pF
VR = 50 V; Tj = 150 C; see Fig.5 - - - f = 1 MHz; VR = 0; see Fig.6 - -
1996 Sep 18
4
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
SYMBOL trr
PARAMETER reverse recovery time PMLL4150
CONDITIONS when switched from IF = 10 mA to IR = 1 mA; RL = 100 ; measured at IR = 0.1 mA; see Fig.7 when switched from IF = 10 mA to 200 mA to IR = 10 mA to 200 mA; RL = 100 ; measured at IR = 0.1 x IF; see Fig.7 when switched from IF = 200 mA to 400 mA to IR = 200 mA to 400 mA; RL = 100 ; measured at IR = 0.1 x IF; see Fig.7
MIN. - -
MAX. 6 4
UNIT ns ns
-
6
ns
trr
reverse recovery time PMLL4151
when switched from IF = 10 mA to IR = 10 mA; RL = 100 ; measured at IR = 1 mA; see Fig.7 when switched from IF = 10 mA to IR = 60 mA; RL = 100 ; measured at IR = 1 mA; see Fig.7
- -
4 2
ns ns
trr
reverse recovery time PMLL4153
when switched from IF = 10 mA to IR = 10 mA; RL = 100 ; measured at IR = 1 mA; see Fig.7 when switched from IF = 10 mA to IR = 60 mA; RL = 100 ; measured at IR = 1 mA; see Fig.7
- -
4 2
ns ns
tfr
forward recovery time
when switched to IF = 200 mA; tr = 0.4 ns; measured at VF = 1 V; see Fig.8
-
10
ns
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on an FR4 printed-circuit board. PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS VALUE 300 350 UNIT K/W K/W
1996 Sep 18
5
Philips Semiconductors
Product specification
High-speed diodes
GRAPHICAL DATA
400
MBG456
PMLL4150; PMLL4151; PMLL4153
handbook, halfpage
IF (mA) 300
(1)
handbook, halfpage
600
MBG464
IF (mA) 400
200
(1)
(2)
(3)
(2)
100
200
0 0 100 Tamb (oC) 200 0 0 (1) Tj = 175 C; typical values. (2) Tj = 25 C; typical values. (3) Tj = 25 C; maximum values. 1 VF (V) 2
Device mounted on an FR4 printed-circuit board. (1) PMLL4150. (2) PMLL4151; PMLL4153.
Fig.0
Maximum permissible continuous forward current as a function of ambient temperature.
Fig.3
Forward current as a function of forward voltage.
102 handbook, full pagewidth IFSM (A)
MBG704
10
1
10-1 1 Based on square wave currents. Tj = 25 C prior to surge. 10
102
103
tp (s)
104
Fig.4
Maximum permissible non-repetitive peak forward current as a function of pulse duration.
1996 Sep 18
6
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
103 handbook, halfpage IR (A)
MGD006
MGD004
handbook, halfpage
1.2
10
2
Cd (pF) 1.0
(1) (2) (3)
10 0.8 1
10-1
0.6
10-2 0 100 Tj (oC) 200
0.4 0 10 VR (V) 20
(1) VR = 75 V; maximum values. (2) VR = 75 V; typical values. (3) VR = 20 V; typical values.
f = 1 MHz; Tj = 25 C.
Fig.5
Reverse current as a function of junction temperature.
Fig.6
Diode capacitance as a function of reverse voltage; typical values.
1996 Sep 18
7
Philips Semiconductors
Product specification
High-speed diodes
PMLL4150; PMLL4151; PMLL4153
handbook, full pagewidth
tr D.U.T. 10% SAMPLING OSCILLOSCOPE R i = 50 VR 90%
tp t
RS = 50 V = VR I F x R S
IF
IF
t rr t
(1)
MGA881
input signal
output signal
(1) The value of IR is dependent on product type.
Fig.7 Reverse recovery voltage test circuit and waveforms.
I
1 k
450
I 90%
1.0 VF (V)
R = 50 S
D.U.T.
OSCILLOSCOPE R i = 50 10%
MBH181
Vfr
t tr tp
tfr
t
input signal
output signal
Input signal: forward pulse rise time tr = 0.4 ns; forward pulse duration tp = 100 ns; duty factor = 0.01.
Fig.8 Forward recovery time test circuit and waveforms.
1996 Sep 18
8
Philips Semiconductors
Product specification
High-speed diodes
PACKAGE OUTLINE
PMLL4150; PMLL4151; PMLL4153
handbook, full pagewidth
1.60 O 1.45
0.3 3.7 3.3
0.3
MBA390 - 2
Dimensions in mm.
Fig.9 SOD80C.
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Sep 18
9


▲Up To Search▲   

 
Price & Availability of PMLL4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X