|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
T-1 3/4 (5mm) SOLID STATE LAMPS PACKAGE DIMENSIONS 0.200 (5.08) 0.180 (4.57) C L HLMP-3X50A MV3X50 FEATURES 0.040 (1.02) 0.480 (12.19) 0.460 (11.68) 0.350 (8.89) 0.330 (8.38) * Pale tint * Sturdy leads with or without stand-off on T-1 3/4 * Excellent for small area backlighting * HER 0.850 (21.59) MIN 0.065 (1.6) 0.055 (1.4) 2X 0.050 (1.27) HLMP-3750A MV3750 * Green HLMP-3950A MV3450 0.100 (2.54) * Yellow HLMP-3850A 0.100 (2.54) REF. O 0.230 (5.84) MV3350 0.023 (0.58) 0.017 (0.43) SQ. TYP. (2X) HLMP-3X50A 0.200 (5.08) 0.180 (4.57) C L DESCRIPTION The HLMP-3X50 series consists of tinted and water clear T-1 3/4 LED lamps with standoffs. The MV3X50 series is the same as Agilent's HLMP-3X50A series, except for the standoffs. Both series are available in red, yellow and green with a minimum intensity of 80mcd. 0.040 (1.02) 0.350 (8.89) 0.330 (8.38) 1.00 (25.4) MIN NOTES: ALL DIMENSIONS ARE IN INCHES (mm). 0.050 (1.27) 0.100 (2.54) O 0.230 (5.84) 0.050 (1.27) REF. 0.100 (2.54) REF. 0.023 (0.58) 0.017 (0.43) SQ. TYP. (2X) FLAT DENOTES CATHODE MV3X50 2001 Fairchild Semiconductor Corporation DS300006 2/27/01 1 OF 4 www.fairchildsemi.com T-1 3/4 (5mm) SOLID STATE LAMPS ABSOLUTE MAXIMUM RATING Parameter Power Dissipation Peak Forward Current Continuous DC Forward Current Lead Soldering Time at 260 C Operating Temperature Storage Temperature (TA =25C) HER 135 90 30 5 -55 to +100 -55 to +100 YELLOW 85 60 20 5 -55 to +100 -55 to +100 GREEN 135 90 30 5 -50 to +100 -50 to +100 UNITS mW mA mA sec C C ELECTRICAL / OPTICAL CHARACTERISTICS Parameter Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Peak Wavelength (nm) Reverse Voltage (V) Viewing Angle () (TA =25C) MV3350 HLMP-3850A 80 150 3.0 2.2 585 5 24 MV3450 HLMP-3950A 80 150 IF = 20mA 3.0 2.2 565 5 24 IF = 20mA IR = 100A IF = 20mA Condition IF = 20mA 80 MV3750 HLMP-3750A 150 3.0 2.2 635 5 24 www.fairchildsemi.com 2 OF 4 2/27/01 DS300006 T-1 3/4 (5mm) SOLID STATE LAMPS TYPICAL PERFORMANCE CURVES 90 (TA =25C) 2.5 RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA) 80 IF - FORWARD CURRENT (mA) 70 60 50 40 30 20 10 GREEN 0 1.0 2.0 3.0 4.0 5.0 YELLOW HER 2.0 HER YELLOW GREEN 1.5 1.0 0.5 0.0 0 5 10 15 20 25 30 VF - FORWARD VOLTAGE (V) IF - DC FORWARD CURRENT (mA) Fig. 1 Forward Current vs. Forward Voltage Fig. 2 Relative Luminous Intensity vs. DC Forward Current 1.0 50 IF - FORWARD CURRENT (mA) GREEN 40 YELLOW HER, GREEN 30 RELATIVE INTENSITY 0.5 20 YELLOW HER 10 0 0 20 40 60 85 100 0 500 550 600 650 700 750 TA - AMBIENT TEMPERATURE (C) WAVELENGTH (nm) Fig. 3 Current Derating Curve Fig. 4 Relative Intensity vs. Peak Wavelength -20 -30 -40 -50 -60 -70 -80 -90 100 80 60 40 -10 0 10 20 30 40 50 60 70 80 20 0 20 40 60 80 90 100 REL. LUMINOUS INTENSITY (%) Fig. 5 Radiation Diagram DS300006 2/27/01 3 OF 4 www.fairchildsemi.com T-1 3/4 (5mm) SOLID STATE LAMPS DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com 4 OF 4 2/27/01 DS300006 |
Price & Availability of MV3750 |