Part Number Hot Search : 
20A150CT X9313USM GT60M302 M48T02 14D221K C1363 BUL147 79L18
Product Description
Full Text Search
 

To Download MUR810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
Preferred Devices
SWITCHMODETM Power Rectifiers
This series is designed for use in switching power supplies, inverters and as free wheeling diodes, these state-of-the-art devices have the following features:
Features http://onsemi.com
* * * * * * * * *
Ultrafast 25, 50 and 75 Nanosecond Recovery Time 175C Operating Junction Temperature Popular TO-220 Package Epoxy Meets UL 94 V-0 @ 0.125 in Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Reverse Voltage to 600 Volts Pb-Free Packages are Available*
ULTRAFAST RECTIFIERS 8.0 AMPERES 50-600 VOLTS
1 4 3
Mechanical Characteristics
4
* Case: Epoxy, Molded * Weight: 1.9 grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * Lead Temperature for Soldering Purposes: *
260C Max. for 10 Seconds Shipped 50 units per plastic tube
1 3
Leads are Readily Solderable
CASE 221B TO-220AC PLASTIC
MARKING DIAGRAM
AYWW U8xx KA
A Y WW U8 xx KA
= Assembly Locarion = Year = Work Week = Device Code = 10, 15, 20, 40 or 60 = Location Code
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2004
1
December, 2004 - Rev. 5
Publication Order Number: MUR820/D
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MAXIMUM RATINGS
MUR Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Total Device, (Rated VR), TC = 150C Peak Repetitive Forward Current (Rated VR, Square Wave, 20 kHz), TC = 150C Nonrepetitive Peak Surge Current (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature and Storage Temperature Range Symbol VRRM VRWM VR IF(AV) IFM IFSM 805 50 810 100 815 150 820 200 840 400 860 600 Unit V
8.0 16 100
A A A
TJ, Tstg
-65 to +175
C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Maximum Thermal Resistance, Junction-to-Case RqJC 3.0 2.0 C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1) (iF = 8.0 Amps, TC = 150C) (iF = 8.0 Amps, TC = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage, TJ = 150C) (Rated dc Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 Amp, di/dt = 50 Amps/ms) (IF = 0.5 Amp, iR = 1.0 Amp, IREC = 0.25 Amp) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. vF 0.895 0.975 iR 250 5.0 trr 35 25 60 50 500 10 ns 1.00 1.30 1.20 1.50 mA V
ORDERING INFORMATION
Device MUR805 MUR810 MUR815 MUR815G MUR820 MUR820G MUR840 MUR840G MUR860 MUR860G Package TO-220 TO-220 TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) TO-220 TO-220 (Pb-Free) Shipping 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail 50 Units / Rail
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MUR805, MUR810, MUR815, MUR820
100 IR, REVERSE CURRENT (m A) 70 50 1000 TJ = 175C
100
10
30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20
100C 25C
1.0
0.1 0.01 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
10 7.0 5.0
Figure 2. Typical Reverse Current*
3.0 2.0 TJ = 175C 1.0 0.7 0.5 100C 25C IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 150 160 170 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED * The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR.
0.3 0.2
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 3. Current Derating, Case
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
14 12 dc 10 8.0 6.0 4.0 2.0 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) dc SQUARE WAVE SQUARE WAVE RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS) SQUARE WAVE dc TJ = 175C
Figure 4. Current Derating, Ambient
Figure 5. Power Dissipation
http://onsemi.com
3
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MUR840
100 IR, REVERSE CURRENT (m A) 70 50 1000 TJ = 175C 150C 10 100C 25C 1.0
100
30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20
0.1 0.01 0 50 100 150 200 250 300 350 400 450 500 VR, REVERSE VOLTAGE (VOLTS)
10 7.0 5.0 TJ = 175C 3.0 100C 2.0 IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 150 160 170 180 TC, CASE TEMPERATURE (C) SQUARE WAVE dc RATED VR APPLIED 25C
Figure 7. Typical Reverse Current*
* The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR.
1.0 0.7 0.5
0.3 0.2
0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage
Figure 8. Current Derating, Case
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
14 12 10 8.0 6.0 4.0 2.0 0 0 20 40 60 80 100 120 140 160 180 200 TA, AMBIENT TEMPERATURE (C) SQUARE WAVE dc SQUARE WAVE dc RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10 IF(AV), AVERAGE FORWARD CURRENT (AMPS) SQUARE WAVE dc TJ = 175C
Figure 9. Current Derating, Ambient
Figure 10. Power Dissipation
http://onsemi.com
4
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
MUR860
100 IR, REVERSE CURRENT (m A) 70 50 TJ = 150C 30 i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 20 100C 25C 10 7.0 5.0 0.01 100 1000 100 TJ = 150C
10 100C 1.0 25C
0.1
200
300
400
500
600
VR, REVERSE VOLTAGE (VOLTS)
Figure 12. Typical Reverse Current*
3.0 2.0 IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 140 SQUARE WAVE dc RATED VR APPLIED * The curves shown are typical for the highest voltage device in the grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR.
1.0 0.7 0.5
0.3 0.2
0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 vF, INSTANTANEOUS VOLTAGE (VOLTS)
150
160
170
180
TC, CASE TEMPERATURE (C)
Figure 11. Typical Forward Voltage
Figure 13. Current Derating, Case
PF(AV) , AVERAGE POWER DISSIPATION (WATTS)
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200 SQUARE WAVE dc SQUARE WAVE dc RqJA = 16C/W RqJA = 60C/W (NO HEAT SINK)
14 13 12 11 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0
SQUARE WAVE dc
TJ = 175C
6.0
7.0
8.0
9.0
10
TA, AMBIENT TEMPERATURE (C)
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 14. Current Derating, Ambient
Figure 15. Power Dissipation
http://onsemi.com
5
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
r(t), TRANSIENT THERMAL RESISTANCE (NORMALIZED) 1.0 D = 0.5 0.5 0.1 0.05 0.01 ZqJC(t) = r(t) RqJC RqJC = 1.5C/W MAX t1 SINGLE PULSE 0.02 0.01 0.01 t2 DUTY CYCLE, D = t1/t2 0.02 0.05 0.1 0.2 0.5 1.0 2.0 t, TIME (ms) 5.0 10 20 D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT T1 TJ(pk) - TC = P(pk) ZqJC(t) 50 100 200 500 1000
0.2 0.1 0.05
P(pk)
Figure 16. Thermal Response
1000 500 C, CAPACITANCE (pF) TJ = 25C
200 100 50
20 10 1.0 2.0 5.0 20 10 VR, REVERSE VOLTAGE (VOLTS) 50 100
Figure 17. Typical Capacitance
http://onsemi.com
6
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
PACKAGE DIMENSIONS TO-220 TWO-LEAD CASE 221B-04 ISSUE D
C Q B F T S
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K L Q R S T U INCHES MIN MAX 0.595 0.620 0.380 0.405 0.160 0.190 0.025 0.035 0.142 0.147 0.190 0.210 0.110 0.130 0.018 0.025 0.500 0.562 0.045 0.060 0.100 0.120 0.080 0.110 0.045 0.055 0.235 0.255 0.000 0.050 MILLIMETERS MIN MAX 15.11 15.75 9.65 10.29 4.06 4.82 0.64 0.89 3.61 3.73 4.83 5.33 2.79 3.30 0.46 0.64 12.70 14.27 1.14 1.52 2.54 3.04 2.04 2.79 1.14 1.39 5.97 6.48 0.000 1.27
4
A
1 3
U
H K
L G
D J
R
http://onsemi.com
7
MUR805, MUR810, MUR815, MUR820, MUR840, MUR860
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MUR820/D


▲Up To Search▲   

 
Price & Availability of MUR810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X