Part Number Hot Search : 
TDA893 SKIIP2 KF426BV MURA160 DG3001 F9NK90 PC810 20N06F
Product Description
Full Text Search
 

To Download MSM514800ESL-60JS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEDD514800ESL-01 This version : Dec. 2000
1 Semiconductor
MSM514800E/ESL
524,288-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
DESCRIPTION
The MSM514800E/ESL is a 524,288-word x 8-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM514800E/ESL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM514800E/ESL is available in a 28-pin plastic SOJ. The MSM514800ESL (the self-refresh and lower-power version) is specially designed for lower-power applications.
FEATURES
* * * * * * * * * 524,288-word x 8-bit configuration Single 5V power supply, 10% tolerance Input Output Refresh : TTL compatible, low input capacitance : TTL compatible, 3-state : 1,024 cycles/16 ms, 1,024 cycles/128 ms (SL Version)
Fast page mode, read modify write capability CAS before RAS refresh, hidden refresh, RAS-only refresh capability CAS before RAS self-refresh capability (SL version) Package options: 28-pin 400mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM514800E/ESL-xxJS) xx : indicates speed rank.
PRODUCT FAMILY
Family Access Time (Max.) tRAC 60ns 70ns tAA 30ns 35ns tCAC 15ns 20ns tOEA 15ns 20ns Cycle Time (Min.) 110ns 130ns Power Dissipation Operating (Max.) 550mW 495mW Standby (Max.) 5.5mW/ 1.1mW (SL Version)
MSM514800E/ESL
1/14
FEDD514800ESL-01
1Semiconductor
This Version: Dec.2000
MSM514800E/ESL
PIN CONFIGRATION (TOP VIEW)
VCC 1 DQ1 2 DQ2 3 DQ3 4 DQ4 5 NC 6 WE 7 RAS 8 A9R 9 A0 10 A1 11 A2 12 A3 13 VCC 14
28 27 26 25 24 23 22 21 20 19 18 17 16 15
VSS DQ8 DQ7 DQ6 DQ5 CAS OE NC A8 A7 A6 A5 A4 VSS
28-Pin Plastic SOJ
Pin Name A0 - A8, A9R RAS CAS DQ1 - DQ8 OE WE VCC VSS NC
Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (5V) Ground (0V) No Connection
Note : The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/14
FEDD514800ESL-01
1Semiconductor
BLOCK DIAGRAM
RAS CAS
Timing Generator
This Version: Dec.2000
MSM514800E/ESL
Timing Generator Write Clock Generator 8 Refresh Control Clock Sense Amplifiers 8 I/O Selector 8 8 Input Buffers 8
WE OE
Output Buffers 8 8
9
Column Address Buffers Internal Address Counter
9
Column Decoders
A0 - A8
DQ1 - DQ8
9
A9R
1
Row Address Buffers
10
Row Decoders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator
VSS
3/14
FEDD514800ESL-01
1Semiconductor
This Version: Dec.2000
MSM514800E/ESL
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN, VOUT VCC IOS PD* Topr Tstg *: Ta = 25C Rating -0.5 to VCC + 0.5 -0.5 to 7.0 50 1 0 to 70 -55 to 150 Unit V V mA W C C
Recommended Operating Conditions
(Ta = 0C to 70C)
Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 -0.5*2 Typ. 5.0 0 Max. 5.5 0 VCC + 0.5*1 0.8 Unit V V V V
Notes: *1. The input voltage is VCC + 2.0V when the pulse width is less than 20ns (the pulse width is with respect to the point at which VCC is applied). *2. The input voltage is VSS - 2.0V when the pulse width is less than 20ns (the pulse width is with respect to the point at which VSS is applied).
Capacitance
(VCC = 5V 10%, Ta = 25C, f=1MHz)
Parameter Input Capacitance (A0 - A8, A9R) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ8) Symbol Typ. Max. 7 7 8 Unit pF pF pF
CIN1 CIN2 CI/O
4/14
FEDD514800ESL-01
1Semiconductor
DC Characteristics
This Version: Dec.2000
MSM514800E/ESL
(VCC = 5V 10%, Ta = 0C to 70C)
MSM514800 E/ESL-60 Min. Output High Voltage Output Low Voltage Input Leakage Current VOH VOL ILI IOH = -5.0mA IOL = 4.2mA 0V VI 6.5V ; All other pins not under test = 0V DQ disable 0V VO 5.5V RAS, CAS cycling, tRC = Min. RAS, CAS = VIH Power Supply Current (Standby) ICC2 RAS, CAS VCC - 0.2V RAS cycling, CAS = VIH, tRC = Min. RAS = VIH, CAS = VIL, DQ = enable RAS = cycling, CAS before RAS RAS = VIL, CAS cycling, tPC = Min. 2.4 0 -10 Max. VCC 0.4 10 MSM514800 E/ESL-70 Min. 2.4 0 -10 Max. VCC 0.4 10 V V A
Parameter
Symbol
Condition
Unit
Note
Output Leakage Current Average Power Supply Current (Operating)
ILO
-10
10
-10
10
A
ICC1

100 2 1 200

90 2
mA
1,2
mA 1 200 A mA
1 1,5
Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode)
ICC3
100
90
1,2
ICC5
5
5
mA
1
ICC6
100
90
mA
1,2
ICC7
95
85
mA
1,3
Average Power Supply Current (Battery Backup) Average Power Supply Current (CAS before RAS Self-Refresh)
tRC = 125s, ICC10 CAS before RAS, tRAS 1s ICCS RAS 0.2V, CAS 0.2V
300
300
A
1,4,5
300
300
A
1,5
Notes: 1. 2. 3. 4. 5.
ICC Max. is specified as ICC for output open condition. The address can be changed once or less while RAS = VIL. The address can be changed once or less while CAS = VIH. VCC - 0.2V VIH 6.5V, - 1.0V VIL 0.2V. SL version.
5/14
FEDD514800ESL-01
1Semiconductor
AC Characteristic (1/2)
This Version: Dec.2000
MSM514800E/ESL
(VCC = 5V 10%, Ta = 0C to 70C) Note1,2,3
MSM514800 E/ESL-60 Min. Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time Fast Page Mode Read Modify Write Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS CAS to Data Output Buffer Turn-off Delay Time OE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period Refresh Period RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time RAS Hold Time from CAS Precharge RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time tRC tRWC tPC tPRWC tRAC tCAC tAA tCPA tOEA tCLZ tOFF tOEZ tT tREF tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tASR 110 155 40 85 0 0 0 3 40 60 60 15 15 10 15 60 5 35 20 15 0 10 Max. 60 15 30 35 15 15 15 50 16 128 10,000 100,000 10,000 45 30 MSM514800 E/ESL-70 Min. 130 185 45 100 0 0 0 3 50 70 70 20 20 10 20 70 5 40 20 15 0 0 Max. 70 20 35 40 20 20 20 50 16 128 10,000 100,000 10,000 50 35 ns ns ns ns ns ns ns ns ns ns ns ns ns ms ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns 5 6 11 4,5,6 4,5 4,6 4 4 4 7 7 3
Parameter
Symbol
Unit
Note
6/14
FEDD514800ESL-01
1Semiconductor
AC Characteristic (2/2)
This Version: Dec.2000
MSM514800E/ESL
(VCC = 5V 10%, Ta = 0C to 70C) Note1,2,3
MSM514800 E/ESL-60 Min. Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS Write Command Set-up Time Write Command Hold Time Write Command Pulse Width OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) RAS Pulse Width (CAS before RAS Self-Refresh) RAS Precharge Time (CAS before RAS Self-Refresh) CAS Hold Time (CAS before RAS Self-Refresh) tASC tCAH tRAL tRCS tRCH tRRH tWCS tWCH tWP tOEH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR tRASS tRPS tCHS 0 10 30 0 0 0 0 10 10 15 15 15 0 10 15 40 55 85 60 5 10 10 100 110 Max. MSM514800 E/ESL-70 Min. 0 15 35 0 0 0 0 15 10 20 20 20 0 15 20 50 65 100 70 5 10 10 100 130 Max. ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s ns ns 11 11 11 9 9 9 9 10 10 8 8 9
Parameter
Symbol
Unit
Note
-40
-50
7/14
FEDD514800ESL-01
1Semiconductor
Notes: 1.
This Version: Dec.2000
MSM514800E/ESL
A start-up delay of 200s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. The AC characteristics assume tT = 5ns. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. This parameter is measured with a load circuit equivalent to 2 TTL load and 100pF. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieved the open circuit condition and are not referenced to output voltage levels. tRCH or tRRH must be satisfied for a read cycle. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.), tRWD tRWD(Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate.
2. 3.
4. 5.
6.
7.
8. 9.
10. These parameters are referenced to the CAS, leading edges in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 11. SL version only.
8/14
FEDD514800ESL-01
1Semiconductor
Timing Chart
* Read Cycle
MSM514800E/ESL
tRC tRAS tRP tCRP tCSH tRCD tRAD tRAL tASR tRAH tASC
Column
RAS
VIH VIL
CAS
VIH VIL
tRSH tCAS
tCRP
tCAH
Address
VIH VIL VIH VIL VIH VIL
Row
tRCS tAA tROH tOEA tCAC tRAC
tRRH tRCH
WE
OE
tOEZ tCLZ
Valid Data-out
tOFF
DQ
VOH VOL
Open
"H" or "L" * Write Cycle (Early Write)
RAS
VIH VIL tCRP tRCD tRAD
tRC tRAS tRP tCSH tRSH tCAS tRAL tCRP
CAS
VIH VIL tASR
tRAH
tASC
tCAH
Column
Address
VIH VIL
Row
tCWL tWCS tWP tWCH
WE
VIH VIL VIH VIL VIH VIL
tRWL
OE
tDS
Valid Data-in
tDH
Open
DQ
"H" or "L"
9/14
FEDD514800ESL-01
1Semiconductor
* Read Modify Write Cycle
MSM514800E/ESL
tRWC RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL tRAD tRAH tASC
Column
tRAS tRP tCSH tRCD tRSH tCAS tCWL tRWL tCRP
tCAH
Row
tRCS tRWD
tCWD
tWP
WE
VIH VIL VIH VIL tRAC tCLZ tCAC tOEZ
Valid Data-out
tAWD tAA tOEA tOED tDS
Valid Data-in
tOEH
OE
tD
DQ
VI/OH VI/OL
"H" or "L"
10/14
FEDD514800ESL-01
1Semiconductor
* Fast Page Mode Read Cycle
MSM514800E/ESL
tRASP RAS VIH VIL tCRP CAS VIH VIL tASR Address VIH VIL VIH VIL VIH VIL tRAC tCAC DQ VOH VOL tCLZ tCPA tOFF tOEZ
Valid Data-out
tRP tPC tRHCP tCP tCAS tRSH tCAS tRAL tASC
Column
tRCD tCAS tRAD tCSH tRAH tASC
tCP
tCRP
tCAH
tASC
tCAH
tCAH
Row
Column
Column
tRCS WE tAA
tRCH tAA tOEA
tRCS
tRCH tAA
tRCS
tRCH
tOEA tCPA tOFF tOEZ
Valid Data-out
tOEA
tRRH
OE
tCAC tCLZ
tCAC tCLZ tOEZ
Valid Data-out
tOFF
"H" or "L"
*
Fast Page Mode Write Cycle (Early Write)
tRASP RAS VIH VIL VIH VIL tASR Address VIH VIL
Row
tRP tPC tRHPC tCP tCAS tRSH tCAS tRAL tCAH
Column
tCRP
tRCD tCAS tRAD tRAH tASC tCSH tCAH
tCP
tCRP
CAS
tASC
tCAH
tASC
Column
Column
tWCS WE VIH VIL tDS DQ VIH VIL
tWCH tWP
tCWL tWCS
tCWL tWCH tWP tD
Valid Data-in
tRWL tCWL tWCS tWP tWCH
tD
Valid Data-in
tDS
tDS
Valid Data-in
tD
Note: OE = "H" or "L"
"H" or "L"
11/14
FEDD514800ESL-01
1Semiconductor
* Fast Page Mode Read Modify Write Cycle
MSM514800E/ESL
tRASP RAS VIH VIL VIH VIL tRAH tASR Address VIH VIL
Row
tCSH tRCD tRAD tASC
Column
tPRWC tCAS tCP tCAS tCAH tCAH tCWL tASC tCWL
Column Column
tRSH tCP tCAS tCAH tASC tCRP
tRP
CAS
tRAL
tRCS WE VIH VIL tRAC tAA
tPWD tCWD tAWD tWP tDH tDS tOEA
tRCS
tCPWD
tCWD tAWD tCPA tAA tOEA tOED tOEZ Out tCLZ In tCLZ tWP tDS tD tAA
tRCS tCPWD tCWD tAWD tROH tCPA tOEA tOED tOEZ Out In
tCWL tRWL
tWP tD tDS
OE
VIH VIL tCAC VI/OH VI/OL tCLZ
tOED tOEZ Out In tCAC
tCAC
DQ
Note: Out = Valid Data-out, In = Valid Data-in
"H" or "L"
*
RAS-only Refresh Cycle
tRC RAS VIH VIL tCRP CAS VIH VIL VIH VIL VOH VOL tASR tRAH tRPC tRAS tRP
Address
Row
tOFF
Open Note: WE, OE = "H" or "L"
DQ
"H" or "L"
12/14
FEDD514800ESL-01
1Semiconductor
* CAS before RAS Refresh Cycle
MSM514800E/ESL
tRP RAS VIH VIL tRPC tCP tCSR tCHR tOFF DQ VOH VOL tRAS
tRC
tRP tRPC
CAS
VIH VIL
Open Note: WE, OE, Address = "H" or "L"
"H" or "L"
*
Hidden Refresh Read Cycle
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL tRAL tAA tROH OE VIH VIL VOH VOL
Open
tRAS tCRP tRCD tRAD tRAH
Row
tRC tRAS tRSH tRP tCHR tRP
CAS
tASC
Column
tCAH
tRCS WE
tCAC
tRRH
tOFF
tOEA tRAC tCLZ
Valid Data-out "H" or "L"
tOEZ
DQ
13/14
FEDD514800ESL-01
1Semiconductor
Hidden Refresh Write Cycle
MSM514800E/ESL
tRC RAS VIH VIL VIH VIL tASR Address VIH VIL VIH VIL VIH VIL VIH VIL tDS tD tWP tRAD tRAH
Row
tRC tRAS tRSH tRP tCHR tRAL tRP
tRAS tCRP tRCD
CAS
tASC
Column
tCAH
tWCS WE
tWCH
OE
DQ
Valid Data-in "H" or "L"
CAS before RAS Self-Refresh Cycle
tRP RAS VIH VIL VIH VIL tOFF DQ VOH VOL tRPC tCP CAS tCSR
tRASS
tRPS
tRPC tCHS
Open
Note: WE, OE, Address = "H" or "L" O S
"H" or "L"
14/14


▲Up To Search▲   

 
Price & Availability of MSM514800ESL-60JS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X