Part Number Hot Search : 
MAX11045 SMA5103 R2101229 C3216 40056 23C4000 CRO2535A DT74ALV
Product Description
Full Text Search
 

To Download MOS-1826PV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount, Miniature
Voltage Controlled Oscillator
Linear Tuning 1766 to 1826 MHz
Features
W! NE
MOS-1826PV
* small package, .375X.375 inch * wide modulation bandwidth, 10,000 kHz typ.
Applications
CASE STYLE: CZ682
* DCS/GSM
Electrical Specifications
FREQ. (MHz) POWER TUNING OUTPUT VOLTAGE (dBm)
Typ. 2
PHASE NOISE dBc/Hz SSB at offset frequencies: Typ.
1 MHz -142
PULLING PUSHING TUNING HARMONICS* 3 dB pk-pk (MHz/V) SENSI(dBc) MODULATION @ 12 dBr TIVITY BANDWIDTH (MHz) (MHz/V) (kHz)
Typ. 8 Typ. 1.0 Typ. 21-35 Typ. -28 Max. -15 Typ. 10,000
POWER SUPPLY
Current (mA) Max. 25
PRICE $
Qty. (5-49) 19.95
Min. Max. 1766 1826
Min. Max. 1 kHz 10 kHz 100 kHz 0.5 5 -75 -101 -122
Voltage (V) 5
* specified to 4th harmonic
Maximum Ratings
Operating Temperature Storage Temperature Absolute Max. Supply Voltage (Vcc) Absolute Max. Tuning Voltage (Vtune) All specifications: 50 ohm system -55C to 85C -55C to 100C +6V +6V
Outline Drawing
Pin Connections
PORT RF OUT V-CC V-TUNE GND EXT. 5 3 1 all others
Outline Dimensions (inch ) mm
A .375 9.52 K .193 4.90 B .375 9.52 C .131 3.33 D .188 4.78 N .039 0.99 E .035 0.89 P .154 3.91 F .033 0.84 Q .060 1.52 G .154 3.91 R .368 9.35 H J .040 .446 1.02 11.33 wt. grams .60
REV. A M78157 EDR-5265/2 MOS-1826PV RVN/TD/CP 010829
L M .060 .446 1.52 11.33
(R)
INTERNET http://www.minicircuits.com P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 * 417 335-5935 * Fax 417-335-5945 * EUROPE 44-1252-832600 * Fax 44-1252-837010
ISO 9001 CERTIFIED


▲Up To Search▲   

 
Price & Availability of MOS-1826PV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X