Part Number Hot Search : 
18N50S OL7272 SB154 2SK831 S41C1 AD7691 VTS80 BA202
Product Description
Full Text Search
 

To Download MN101C62F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MN101C62D , MN101C62F
Type ROM (x 8-bit) x RAM (x 8-bit) x Package Minimum Instruction Execution Time
MN101C62D [ES (Engineering Sample) available] 64 K 2K LQFP080-P-1414A *Lead-free Standard: 0.10 s (at 4.5 V to 5.5 V, 20 MHz) 0.25 s (at 2.7 V to 5.5 V, 8 MHz) 1.00 s (at 2.0 V to 5.5 V, 2 MHz)* 125 s (at 2.0 V to 5.5 V, 32 kHz)* Double speed: 0.125 s (at 4.5 V to 5.5 V, 8 MHz) 0.25 s (at 3.0 V to 5.5 V, 4 MHz) 62.5 s (at 2.0 V to 5.5 V, 32 kHz)* MN101C62F (under development) 96 K 4K
* The lower limit for operation guarantee for flash memory built-in type is 2.5 V.
Interrupts
* Watchdog * External 0 * External 1 * External 2 * External 3 * External 4 * Timer 0 * Timer 1 * Timer 2 *Timer 3 * Timer 4 * Timer 6 * Time base * Timer 7 (2 systems) * Timer 8 (2 systems) * Automatic transfer completion * Serial 0 (2 systems) * Serial 1 (2 systems) * Serial 2 * A/D conversion finish * Key interrupt
Timer Counter
Timer counter 0 : 8-bit x 1 (square-wave/8-bit PWM output, event count, generation of remote control carrier, simple pulse width measurement) Clock source ********************* 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 0 Timer counter 1 : 8-bit x 1 (square-wave output, event count, synchronous output event, serial baud rate timer) Clock source ********************* 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 1 Timer counter 0, 1 can be cascade-connected. Timer counter 2 : 8-bit x 1 (square-wave output, event count, sychronous output event, simple pulse width measurement, generation of real time, serial baud rate timer) Clock source ********************* 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 2 Timer counter 3 : 8-bit x 1 (square-wave output, event count, generation of remote control carrier, serial baud rate timer) Clock source ********************* 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 3 Timer counter 2, 3 can be cascade-connected. Timer counter 4 : 8-bit x 1 (square-wave/8-bit PWM output, event count, generation of remote control carrier, simple pulse width measurement) Clock source ********************* 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 0 Timer counter 6 : 8-bit freerun timer Clock source ********************* 1/1 of system clock frequency; 1/1, 1/128, 1/8192 of OSC oscillation clock frequency; 1/1, 1/4096, 1/8192 of XI oscillation clock frequency Interrupt source **************** coincidence with compare register 6
1
MAD00020EEM
MN101C62D, MN101C62F
Timer Counter (Continue)
Timer counter 7 : 16-bit x 1 (square-wave output, 16-bit PWM output (cycle / duty continuous variable), event count, synchronous output evevt, pulse width measurement, input capture, generation of real time) Clock source ********************* 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source **************** coincidence with compare register 7 (2 lines) Watchdog timer Interrupt source **************** 1/65536, 1/262144, 1/1048576 of system clock frequency Timer counter 8 : 16-bit x 1 (square-wave output, 16-bit PWM output (cycle / duty continuous variable), event count, synchronous output evevt, pulse width measurement, input capture, generation of real time) Clock source ********************* 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source **************** coincidence with compare register 7 (2 lines) Watchdog timer Interrupt source **************** 1/65536, 1/262144, 1/1048576 of system clock frequency
Serial Interface
Serial 0 : synchronous type/UART (full-duplex) x 1 Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 1 or 2; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency Serial 1 : synchronous type/UART (full-duplex) x 1 Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 2 or 3; 1/2,1/8 of timer counter 2 output; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency Serial 2 : synchronous type / single-master I 2 C Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 2 or 3; 1/2, 1/4, 1/8, 1/32 of OSC oscillation clock frequency
I/O Pins A/D Inputs Special Ports
I/O
68
* Common use * Specified pull-up resistor available * Input/output selectable (bit unit)
10-bit x 8-ch. (with S/H) Buzzer output, remote control carrier signal output, high-current drive port
Electrical Characteristics
Supply current
Limit Parameter Symbol IDD1 Operating supply current IDD2 IDD3 Supply current at HALT IDD4 Supply current at STOP IDD5 IDD6 fx = 32 kHz, VDD = 3 V, Ta = 85C VDD = 5 V, Ta = 25C VDD = 5 V, Ta = 85C 30 2 50 fx = 32 kHz, VDD = 3 V fx = 32 kHz, VDD = 3 V, Ta = 25C 30 6 60 8 Condition min fosc = 20 MHz, VDD = 5 V typ 18 max 30 mA A A A A A Unit
See the next page for pin assignment and support tool.
MAD00020EEM
2
Pin Assignment
P35/SBT0B
41
P47/KEY7
P46/KEY6
P45/KEY5
P44/KEY4
P43/KEY3
P42/KEY2
44
P41/KEY1
43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
P64/A04 P65/A05 P66/A06 P67/A07 P70SD00/A08 P71/SD01/A09 P72/SD02/A10 P73/SD03/A11 P74/SD04/A12 P75/SD05/A13 P76/SD06/A14 P77/SD07/A15 P87/LED7/D7 P86/LED6/D6 P85/LED5/D5 P84/LED4/D4 P83/LED3/D3 P82/LED2/D2 P81/LED1/D1 P80/LED0/D0
61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80
10 11 12 13 14 15 16 17 18 19 20
42
P40/KEY0
P50/NWE
P51/NRE
P52/NCS
P63/A03
P62/A02
P61/A01
P60/A00
P54/A17
P53/A16
VDD2
VSS2
40 39 38 37 36 35 34 33 32
TM8I0/RXD0B/SBI0B/P34 TM4I0/TXD0B/SB00B/P33 SCL/SBT2/P32 SBI2/P31 SDA/SB02/P30 IRQ4/P24 IRQ3/P23 IRQ2/P22 ACZ/IRQ1/P21 IRQ0/P20 TM7I0/P14 TM3I0/P13 TM2I0/P12 TM1I0/P11 RMOUT/TMOI0/P10 NDK/BUZZER/P06 SBT1/P05 RXD1/SBI1/P04 TXD1/SB01/P03 SBT0A/P02
MN101C62D MN101C62F
31 30 29 28 27 26 25 24 23 22 21
1
2
3
4
5
6
7
8
9
TXD0A/SB00A/P00
VSS3
AN0/PA0
AN1/PA1
AN2/PA2
AN3/PA3
AN4/PA4
AN5/PA5
AN6/PA6
AN7/PA7
VDD1
OSC2
OSC1
VSS1
X0
NRST/P27
LQFP080-P-1414A *Lead-free
Support Tool
In-circuit Emulator Flash Memory Built-in Type
PX-ICE101C / D + PX-PRB101C62-LQFP080-P-1414A-M (under development) Type ROM (x 8-bit) RAM (x 8-bit) Minimum instruction execution time MN101CF62G (under development) 128 K 10 K 0.1 s (at 4.5 V to 5.5 V, 20 MHz) 0.25 s (at 3.0V to 5.5 V, 8 MHz) 62.5 s (at 3.0 V to 5.5 V, 32 kHz) Package LQFP080-P-1414A *Lead-free
3
RXD0A/SBI0A/P01
VREF+
XI
MM0D
MAD00020EEM
MN101C62D , MN101C62F
MAD00020EEM
4
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of MN101C62F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X