Part Number Hot Search : 
74477310 FFCR55S0 FFCR55S0 127H68 MRF15 7N80C3 C4003 AD1845JP
Product Description
Full Text Search
 

To Download MN101C61G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MN101C61D, MN101C61G
Type ROM (x 8-bit) x RAM (x 8-bit) x Package Minimum Instruction Execution Time
Standard: MN101C61D (under development) 64 K 3K TQFP080-P-1212D *Lead-free 0.1 s (at 2.5 V to 3.6 V, 20 MHz) 0.2 s (at 2.1 V to 3.6 V, 10 MHz) 0.5 s (at 1.8 V to 3.6 V, 4 MHz)* 125 s (at 1.8 V to 3.6 V, 32 kHz)* Double speed: 0.1 s (at 2.5 V to 3.6 V, 10 MHz) 0.2 s (at 2.1 V to 3.6 V, 5 MHz) 0.5 s (at 1.8 V to 3.6 V, 2 MHz)* 62.5 s (at 1.8 V to 3.6 V, 32 kHz)* * The operation guarantee range for flash memory built-in type is 2.2V to 3.0 V or 2.7V to 3.6 V. * RESET * Watchdog * External 0 * External 1 * External 2 * External 3 * External 4 * External 5 * Timer 0 * Timer 1 * Timer 2 * Timer 3 * Timer 4 * Timer 5 * Timer 6 * Time base * Serial 0 reception * Serial 0 transmission * Serial 1 reception * Serial 1 transmission * Serial 2 * Serial 3 * Automatic transfer finish * A/D conversion finish * Timer 7 (2 systems) * Key interrupts (8 lines) Timer counter 0 : 8-bit x 1 (square-wave/8-bit PWM output, event count, generation of remote control carrier, pulse width measurement) Clock source ********************* 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 0 Timer counter 1 : 8-bit x 1 (square-wave output, event count, synchronous output event) Clock source ********************* 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 1 Timer counter 0, 1 can be cascade-connected. Timer counter 2 : 8-bit x 1 (square-wave/8-bit PWM output, event count, synchronous output event, pulse width measurement) Clock source ********************* 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 2 Timer counter 3 : 8-bit x 1 (square-wave output, event count, generation of remote control carrier) Clock source ********************* 1/2, 1/8 of system clock frequency; 1/1, 1/4, 1/16, 1/64, 1/128 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; external clock input Interrupt source **************** coincidence with compare register 3 Timer counter 2, 3 can be cascade-connected. Timer counter 4 : 8-bit x 1 (square-wave/8-bit PWM output, event count, pulse width measurement, serial 1 baud rate timer) Clock source ********************* 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; 1/1 of external clock input frequency Interrupt source **************** coincidence with compare register 4 Timer counter 5 : 8-bit x 1 (square-wave/8-bit PWM output, event count, pulse width measurement, serial 0 baud rate timer) Clock source ********************** 1/2, 1/4 of system clock frequency; 1/1, 1/4, 1/16, 1/32, 1/64 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency; 1/1 of external clock input frequency Interrupt source ****************** coincidence with compare register 5 MN101C61G 128 K 12 K
Interrupts
Timer Counter
1
MAD00009DEM
MN101C61D, MN101C61G
Timer Counter (Continue)
Timer counter 6 : 8-bit freerun timer Clock source ********************* 1/1 of system clock frequency; 1/1, 1/4096, 1/8192 of OSC oscillation clock frequency; 1/1, 1/4096, 1/8192 of XI oscillation clock frequency Interrupt source **************** coincidence with compare register 6 Timer counter 7 : 16-bit x 1 (square-wave/16-bit PWM output, cycle / duty continuous variable, event count, synchronous output evevt, pulse width measurement, input capture) Clock source ********************* 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency Interrupt source **************** coincidence with compare register 7 (2 lines) Time base timer (one-minute count setting) Clock source ********************* 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency Interrupt source **************** 1/128, 1/256, 1/512, 1/1024, 1/8192, 1/32768 of clock source frequency Watchdog timer Interrupt source **************** 1/65536, 1/262144, 1/1048576 of system clock frequency DMA controller (automatic data transfer) Max. Transfer cycles ******** 255 Starting factor ******************* external request, various types of interrupt, software Transfer mode ******************* 1-byte transfer, word transfer, burst transfer
Serial Interface
Serial 0 : synchronous type / UART (full-duplex) x 1 Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 5; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency Serial 1 : synchronous type / UART (full-duplex) x 1 Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 4; 1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency Serial 2 : synchronous type x 1 Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 3; 1/2, 1/4, 1/16, 1/32 of OSC oscillation clock frequency Serial 3 : synchronous type/simple I2C x 1 Clock source ********************* 1/2, 1/4 of system clock frequency; pulse output of timer counter 3; 1/2, 1/4, 1/16, 1/32 of OSC oscillation clock frequency
I/O Pins A/D Inputs Special Ports
I/O Input
62 6
* Common use * Specified pull-up resistor available * Input/output selectable (bit unit) * Common use * Specified pull-up resistor available
10-Bit x 6-ch. (with S/H) Buzzer output, remote control carrier signal output, high-current drive port
See the next page for electrical characteristics, pin assignment and support tool.
MAD00009DEM
2
Electrical Characteristics
Supply current
Limit Parameter Symbol IDD1 Operating supply current IDD2 IDD3 IDD4 Supply current at HALT IDD5 IDD6 Supply current at STOP IDD7 VDD = 3 V 20 fx = 32.768 kHz, VDD = 3 V VDD = 3 V, Ta = 25C 30 2 Condition min fosc = 20 MHz, VDD = 3 V, (fs = fosc/2) fosc = 8.39 MHz, VDD = 3 V, (fs = fosc/2) fx = 32.768 kHz, VDD = 3 V, (fs = fx/2) fx = 32.768 kHz, VDD = 3 V, Ta = 25C 4 typ 5 2 max 12 5 40 8 mA mA A A A A A Unit
Ta = -40C to +85C, VDD = 1.8 V to 3.6 V, VSS = 0 V Note) Ta = -20C to +70C for a flash memory built-in version. Supply voltage range ans supply current ratings are also different from the values mentioned above. Refer to Chapter 18 "Flash EEPROM" for detailes
P40/TXD0/SBO0/KEY0
Pin Assignment
P41/RXD0/SBI0/KEY1 P43/TCIO5/KEY3 P42/SBT0/KEY2 P47/KEY7/A15 P46/KEY6/A14 P52/IRQ5/NCS P45/KEY5/A9 P44/KEY4/A8 P50/NWE
P37/TCIO4/NDKDMA
43
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
42
P64/A4 P65/A5 P66/A6 P67/A7 P70/SDO0 P71/SDO1 P72/A10/SDO2 P73/A11/SDO3 P74/A12/SDO4 P75/A13/SDO5 P76/SDO6 P77/SDO7 P87/LED7,D7 P86/LED6,D6 P85/LED5,D5 P84/LED4,D4 P83/LED3,D3 P82/LED2,D2 P81/LED1,D1 P80/LED0,D0
61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 10 11 12 13 14 15 16 17 18 19 20
41
P35/NLDDMA
P36/NSTDMA
P51/NRE
P54/A17
P53/A16
P63/A3
P62/A2
P61/A1
P60/A0
40 39 38 37 36 35 34 33
NBT/P34 NBR/P33 SBT3/P32 SYSCLK/SBI3/P31 SBO3/P30 IRQ4/P24 IRQ3/P23 IRQ2/P22 ACZ/IRQ1/P21 IRQ0/P20 TCIO7/P14 TCIO3/P13 TCIO2/P12 TCIO1/P11 RMOUT/TCIO0/P10 NRST/P27 NDK/BUZZER/P06 SBT2/P05 SBI2/P04 SBO2/P03
MN101C61D MN101C61G
32 31 30 29 28 27 26 25 24 23 22 21
1
2
3
4
5
6
7
8
AN0/PA0
AN1/PA1
AN2/PA2
AN3/PA3
AN4/PA4
AN5/PA5
OUTC
9
OSC2
OSC1
VSS
TXD1/SBO1/P00
RXD1/SBI1/P01
TQFP080-P-1212D *Lead-free
NC serves as the VPP pin in the MN101CF61G, and cannot be used as a user pin.
3
SBT1/P02
VREF-
NC
VREF+
VDD
XI
XO
MMOD
MAD00009DEM
MN101C61D, MN101C61G
Support Tool
In-circuit Emulator Flash Memory Built-in Type
PX-ICE101C / D + PX-PRB101C61-TQFP080-P-1212-M Type ROM (x 8-bit) RAM (x 8-bit) Minimum instruction execution time MN101CF61G 128 K 12 K 0.1 s (at 2.7 V to 3.6 V, 20 MHz) 0.2 s (at 2.7 V to 3.6 V, 10 MHz) 0.5 s (at 2.7 V to 3.6 V, 4 MHz) 125 s (at 2.7 V to 3.6 V, 32 kHz) Package Type ROM (x 8-bit) RAM (x 8-bit) Minimum instruction execution time TQFP080-P-1212D *Lead-free MN101CF60G 128 K 12 K 0.1 s (at 2.5 V to 3.0 V, 20 MHz) 0.2 s (at 2.2 V to 3.0 V, 10 MHz) 0.5 s (at 2.2 V to 3.0 V, 4 MHz) 125 s (at 2.2 V to 3.0 V, 32 kHz) Package TQFP080-P-1212D *Lead-free
MAD00009DEM
4
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the product or technologies as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2002 JUL


▲Up To Search▲   

 
Price & Availability of MN101C61G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X