Part Number Hot Search : 
32300 554FBX 554FBX MAX32 BD6516F 18CV8ZP 0010A CK100
Product Description
Full Text Search
 

To Download MCF5307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Information
MCF5307PB/D Rev. 1, 1/2002 MCF5307 Integrated Microprocessor Product Brief
This document provides an overview of the MCF5307 ColdFire processor. It includes general descriptions of the modules and features incorporated in the MCF5307.
1.1
* * * * * * * * * * * *
Features
8-Kbyte unified cache 4-Kbyte on-chip SRAM Integer/fractional multiply-accumulate (MAC) unit Divide unit System debug interface DRAM controller for synchronous and asynchronous DRAM Four-channel DMA controller Two general-purpose timers Two UARTs I2CTM interface Parallel I/O interface System integration module (SIM)
The MCF5307 integrated microprocessor combines a V3 ColdFire processor core with the following components, as shown in Figure 1:
Designed for embedded control applications, the MCF5307 delivers 75 Dhrystone 2.1 MIPS at 90 MHz while minimizing system costs.
Features
V3 COLDFIRE PROCESSOR COMPLEX JTAG Instruction Unit
Branch Logic CCR GeneralPurpose Registers A0-A7
31 0
IAG IC1 IC2 IED
Instruction Fetch Pipeline (IFP)
Eight-Instruction FIFO Buffer Operand Execution Pipeline (OEP)
D0-D7
31 0
DIV
DSOC AGEX MAC
Debug Module Local Memory
PSTCLK
SRAM Controller RAMBAR
BCLKO (sent off-chip and to on-chip peripherals)
4-Kbyte SRAM Cache Controller CACR ACR0 ACR1 8-Kbyte Cache
CLKIN RSTI
PLL Xn
PCLK RSTO
31
0
Local Memory Bus
4-Entry Store Buffer
SYSTEM INTEGRATION MODULE (SIM) PLL Control
PLL
DMA Parallel Port
PLL
System Control
RSR SWIVR SYPCR SWSR
Base Address
MBAR
Bus Master Park
MPARK
Four Channels Software Watchdog
DRAM Controller DRAM Control
DCR
Chip-Select Module
8 8 8 CSARs CSCRs CSMRs
External Bus Interface
Interrupt Controller
10 ICRs IRQPAR IPR IMR AVR
I2C Module Two UARTs Two GeneralPurpose Timers
Addr/Cntrl Mask
DACR0/1 DMR0/1
8 DRAM Controller Outputs CS[7:0]
32-Bit Address Bus 32-Bit Data Bus Control Signals
4 IRQ[1,3,5,7]
Figure 1. MCF5307 Block Diagram
2
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
MCF5307 Features
Features common to many embedded applications, such as DMAs, various DRAM controller interfaces, and on-chip memories, are integrated using advanced process technologies. The MCF5307 extends the legacy of Motorola's 68K family by providing a compatible path for 68K and ColdFire customers in which development tools and customer code can be leveraged. In fact, customers moving from 68K to ColdFire can use code translation and emulation tools that facilitate modifying 68K assembly code to the ColdFire architecture. Based on the concept of variable-length RISC technology, the ColdFire family combines the architectural simplicity of conventional 32-bit RISC with a memory-saving, variable-length instruction set. In defining the ColdFire architecture for embedded processing applications, a 68K-code compatible core combines performance advantages of a RISC architecture with the optimum code density of a streamlined, variable-length M68000 instruction set. By using a variable-length instruction set architecture, embedded system designers using ColdFire RISC processors enjoy significant advantages over conventional fixed-length RISC architectures. The denser binary code for ColdFire processors consumes less memory than many fixed-length instruction set RISC processors available. This improved code density means more efficient system memory use for a given application and allows use of slower, less costly memory to help achieve a target performance level. The MCF5307 is the first standard product to implement the Version 3 ColdFire microprocessor core. To reach higher levels of frequency and performance, numerous enhancements were made to the V2 architecture. Most notable are a deeper instruction pipeline, branch acceleration, and a unified cache, which together provide 75 (Dhrystone 2.1) MIPS at 90 MHz. Increasing the internal speed of the core also allows higher performance while providing the system designer with an easy-to-use lower speed system interface. The processor complex frequency is an integer multiple, 2 to 4 times, of the external bus frequency. The core clock can be stopped to support a low-power mode. Serial communication channels are provided by an I2C interface module and two programmable full-duplex UARTs. Four channels of DMA allow for fast data transfer using a programmable burst mode independent of processor execution. The two 16-bit general-purpose multimode timers provide separate input and output signals. For system protection, the processor includes a programmable 16-bit software watchdog timer. In addition, common system functions such as chip selects, interrupt control, bus arbitration, and an IEEE 1149.1 JTAG module are included. A sophisticated debug interface supports background-debug mode plus real-time trace and debug with expanded flexibility of on-chip breakpoint registers. This interface is present in all ColdFire standard products and allows common emulator support across the entire family of microprocessors.
1.2
*
MCF5307 Features
ColdFire processor core -- Variable-length RISC, clock-multiplied Version 3 microprocessor core -- Fully code compatible with Version 2 processors -- Two independent decoupled pipelines: four-stage instruction fetch pipeline (IFP) and two-stage operand execution pipeline (OEP) -- Eight-instruction FIFO buffer provides decoupling between the pipelines -- Branch prediction mechanisms for accelerating program execution -- 32-bit internal address bus supporting 4 Gbytes of linear address space
The following list summarizes MCF5307 features:
MOTOROLA
MCF5307 Integrated Microprocessor Product Brief
3
MCF5307 Features
-- 32-bit data bus -- 16 user-accessible, 32-bit-wide, general-purpose registers -- Supervisor/user modes for system protection -- Vector base register to relocate exception-vector table -- Optimized for high-level language constructs * Multiply and accumulate unit (MAC) -- High-speed, complex arithmetic processing for DSP applications -- Tightly coupled to the OEP -- Three-stage execute pipeline with one clock issue rate for 16 x 16 operations -- 16 x 16 and 32 x 32 multiplies support, all with 32-bit accumulate -- Signed or unsigned integer support, plus signed fractional operands * Hardware integer divide unit -- Unsigned and signed integer divide support -- Tightly coupled to the OEP -- 32/16 and 32/32 operation support producing quotient and/or remainder results * 8-Kbyte unified cache -- Four-way set-associative organization -- Operates at higher processor core frequency -- Provides pipelined, single-cycle access to critical code and data -- Supports write-through and copyback modes -- Four-entry, 32-bit store buffer to improve performance of operand writes * 4-Kbyte SRAM -- Programmable location anywhere within 4-Gbyte linear address space -- Higher core-frequency operation -- Pipelined, single-cycle access to critical code or data * DMA controller -- Four fully programmable channels: two support external requests -- Dual-address and single-address transfer support with 8-, 16-, and 32-bit data capability -- Source/destination address pointers that can increment or remain constant -- 24-bit transfer counter per channel -- Operand packing and unpacking supported -- Auto-alignment transfers supported for efficient block movement -- Bursting and cycle steal support -- Two-bus-clock internal access -- Automatic DMA transfers from on-chip UARTs using internal interrupts * DRAM controller -- Synchronous DRAM (SDRAM), extended-data-out (EDO) DRAM, and fast page mode support
4
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
MCF5307 Features
-- Up to 512 Mbytes of DRAM -- Programmable timer provides CAS-before-RAS refresh for asynchronous DRAMs -- Support for two separate memory blocks * Two UARTs -- Full-duplex operation -- Programmable clock -- Modem control signals available (CTS, RTS) -- Processor-interrupt capability * Dual 16-bit general-purpose multiple-mode timers -- 8-bit prescaler -- Timer input and output pins -- Processor-interrupt capability -- Up to 22-nS resolution at 45 MHz * I2C module -- Interchip bus interface for EEPROMs, LCD controllers, A/D converters, and keypads -- Fully compatible with industry-standard I2C bus -- Master or slave modes support multiple masters -- Automatic interrupt generation with programmable level * System interface module (SIM) -- Chip selects provide direct interface to 8-, 16-, and 32-bit SRAM, ROM, FLASH, and memory-mapped I/O devices -- Eight fully programmable chip selects, each with a base address register -- Programmable wait states and port sizes per chip select -- User-programmable processor clock/input clock frequency ratio -- Programmable interrupt controller -- Low interrupt latency -- Four external interrupt request inputs -- Programmable autovector generator -- Software watchdog timer * * * 16-bit general-purpose I/O interface IEEE 1149.1 test (JTAG) module System debug support -- Real-time trace for determining dynamic execution path while in emulator mode -- Background debug mode (BDM) for debug features while halted -- Real-time debug support, including 6 user-visible hardware breakpoint registers supporting a variety of breakpoint configurations -- Supports comprehensive emulator functions through trace and breakpoint logic
MOTOROLA
MCF5307 Integrated Microprocessor Product Brief
5
ColdFire Module Description
*
On-chip PLL -- Supports processor clock/bus clock ratios of 66/33, 66/22, 66/16.5, 90/45, 90/30, and 90/22.5 -- Supports low-power mode
*
Product offerings -- 75 Dhrystone 2.1 MIPS at 90 MHz -- Implemented in 0.35 , triple-layer-metal process technology with 3.3-V operation (5.0-V compliant I/O pads) -- 208-pin plastic QFP package -- 0-70 C operating temperature
1.2.1
Process
The MCF5307 is manufactured in a 0.35- CMOS process with triple-layer-metal routing technology. This process combines the high performance and low power needed for embedded system applications. Inputs are 3.3-V tolerant; outputs are CMOS or open-drain CMOS with outputs operating from VDD + 0.5 V to GND - 0.5 V, with guaranteed TTL-level specifications.
1.3
1.3.1
ColdFire Module Description
ColdFire Core
The following sections provide overviews of the various modules incorporated in the MCF5307.
The Version 4 ColdFire core consists of two independent and decoupled pipelines to maximize performance--the instruction fetch pipeline (IFP) and the operand execution pipeline (OEP).
1.3.1.1
Instruction Fetch Pipeline (IFP)
The four-stage instruction fetch pipeline (IFP) is designed to prefetch instructions for the operand execution pipeline (OEP). Because the fetch and execution pipelines are decoupled by a eight-instruction FIFO buffer, the fetch mechanism can prefetch instructions in advance of their use by the OEP, thereby minimizing the time stalled waiting for instructions. To maximize the performance of branch instructions, the Version 3 IFP implements a branch prediction mechanism. Backward branches are predicted to be taken. The prediction for forward branches is controlled by a bit in the Condition Code Register (CCR). These predictions allow the IFP to redirect the fetch stream down the path predicted to be taken well in advance of the actual instruction execution. The result is significantly improved performance.
1.3.1.2
Operand Execution Pipeline (OEP)
The prefetched instruction stream is gated from the FIFO buffer into the two-stage OEP. The OEP consists of a traditional two-stage RISC compute engine with a register file access feeding an arithmetic/logic unit (ALU). The OEP decodes the instruction, fetches the required operands and then executes the required function.
6
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
ColdFire Module Description
1.3.1.3
MAC Module
The MAC unit provides signal processing capabilities for the MCF5307 in a variety of applications including digital audio and servo control. Integrated as an execution unit in the processor's OEP, the MAC unit implements a three-stage arithmetic pipeline optimized for 16 x 16 multiplies. Both 16- and 32-bit input operands are supported by this design in addition to a full set of extensions for signed and unsigned integers, plus signed, fixed-point fractional input operands.
1.3.1.4
Integer Divide Module
Integrated into the OEP, the divide module performs operations using signed and unsigned integers. The module supports word and longword divides producing quotients and/or remainders.
1.3.1.5
8-Kbyte Unified Cache
The MCF5307 architecture includes an 8-Kbyte unified cache. This four-way, set-associative cache provides pipelined, single-cycle access on cached instructions and operands. As with all ColdFire caches, the cache controller implements a non-lockup, streaming design. The use of processor-local memories decouples performance from external memory speeds and increases available bandwidth for external devices or the on-chip 4-channel DMA. The cache implements line-fill buffers to optimize 16-byte line burst accesses. Additionally, the cache supports copyback, write-through, or cache-inhibited modes. A 4-entry, 32-bit buffer is used for cache line push operations and can be configured for deferred write buffering in write-through or cache-inhibited modes.
1.3.1.6
Internal 4-Kbyte SRAM
The 4-Kbyte on-chip SRAM module provides pipelined, single-cycle access to memory regions mapped to these devices. The memory can be mapped to any 0-modulo-32K location in the 4-Gbyte address space. The SRAM module is useful for storing time-critical functions, the system stack, or heavily-referenced data operands.
1.3.2
DRAM Controller
The MCF5307 DRAM controller provides a direct interface for up to two blocks of DRAM. The controller supports 8-, 16-, or 32-bit memory widths and can easily interface to PC-100 DIMMs. A unique addressing scheme allows for increases in system memory size without rerouting address lines and rewiring boards. The controller operates in normal mode or in page mode and supports SDRAMs and EDO DRAMs.
1.3.3
DMA Controller
The MCF5307 provides four fully programmable DMA channels for quick data transfer. Dual- and single-address modes support bursting and cycle steal. Data transfers are 32 bits long with packing and unpacking supported along with an auto-alignment option for efficient block transfers. Automatic block transfers from on-chip serial UARTs are also supported through the DMA channels.
MOTOROLA
MCF5307 Integrated Microprocessor Product Brief
7
ColdFire Module Description
1.3.4
UART Modules
The MCF5307 contains two UARTs, which function independently. Either UART can be clocked by the system bus clock, eliminating the need for an external crystal. Each UART module interfaces directly to the CPU, as shown in Figure 2.
UART Internal Channel Control Logic CTS Serial Communications Channel RTS RxD TxD System Integration Module (SIM) Interrupt Controller Interrupt Control Logic Programmable Clock Generation BCLKO or External clock (TIN)
Figure 2. UART Module Block Diagram
Each UART module consists of the following major functional areas: * * * * Serial communication channel 16-bit divider for clock generation Internal channel control logic Interrupt control logic
Each UART contains an programmable clock-rate generator. Data formats can be 5, 6, 7, or 8 bits with even, odd, or no parity, and up to 2 stop bits in 1/16 increments. The UARTs include 4-byte and 2-byte FIFO buffers. The UART modules also provide several error-detection and maskable-interrupt capabilities. Modem support includes request-to-send (RTS) and clear-to-send (CTS) lines. BCLKO provides the time base through a programmable prescaler. The UART time scale can also be sourced from a timer input. Full-duplex, auto-echo loopback, local loopback, and remote loopback modes allow testing of UART connections. The programmable UARTs can interrupt the CPU on various normal or error-condition events.
1.3.5
Timer Module
The timer module includes two general-purpose timers, each of which contains a free-running 16-bit timer for use in any of three modes. One mode captures the timer value with an external event. Another mode triggers an external signal or interrupts the CPU when the timer reaches a set value, while a third mode counts external events. The timer unit has an 8-bit prescaler that allows programming of the clock input frequency, which is derived from the system bus cycle or an external clock input pin (TIN). The programmable timer-output pin generates either an active-low pulse or toggles the output.
1.3.6
I2C Module
The I2C interface is a two-wire, bidirectional serial bus used for quick data exchanges between devices. The I2C minimizes the interconnection between devices in the end system and is best suited for applications that
8
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
ColdFire Module Description
need occasional bursts of rapid communication over short distances among several devices. The I2C can operate in master, slave, or multiple-master modes.
1.3.7
System Interface
The MCF5307 processor provides a direct interface to 8-, 16-, and 32-bit FLASH, SRAM, ROM, and peripheral devices through the use of fully programmable chip selects and write enables. Support for burst ROMs is also included. Through the on-chip PLL, users can input a slower clock (16.6 to 45 MHz) that is internally multiplied to create the faster processor clock (33.3 to 90 MHz).
1.3.7.1
External Bus Interface
The bus interface controller transfers information between the ColdFire core or DMA and memory, peripherals, or other devices on the external bus. The external bus interface provides up to 32 bits of address bus space, a 32-bit data bus, and all associated control signals. This interface implements an extended synchronous protocol that supports bursting operations. Simple two-wire request/acknowledge bus arbitration between the MCF5307 processor and another bus master, such as an external DMA device, is glueless with arbitration logic internal to the MCF5307 processor. Multiple-master arbitration is also available with some simple external arbitration logic.
1.3.7.2
Chip Selects
Eight fully programmable chip select outputs support the use of external memory and peripheral circuits with user-defined wait-state insertion. These signals interface to 8-, 16-, or 32-bit ports. The base address, access permissions, and internal bus transfer terminations are programmable with configuration registers for each chip select. CS0 also provides global chip select functionality of boot ROM upon reset for initializing the MCF5307.
1.3.7.3
16-Bit Parallel Port Interface
A 16-bit general-purpose programmable parallel port serves as either an input or an output on a pin-by-pin basis.
1.3.7.4
Interrupt Controller
The interrupt controller provides user-programmable control of ten internal peripheral interrupts and implements four external fixed interrupt-request pins. Each internal interrupt can be programmed to any one of seven interrupt levels and four priority levels within each of these levels. Additionally, the external interrupt request pins can be mapped to levels 1, 3, 5, and 7 or levels 2, 4, 6, and 7. Autovector capability is available for both internal and external interrupts.
1.3.7.5
JTAG
To help with system diagnostics and manufacturing testing, the MCF5307 processor includes dedicated user-accessible test logic that complies with the IEEE 1149.1a standard for boundary-scan testability, often referred to as the Joint Test Action Group, or JTAG. For more information, refer to the IEEE 1149.1a standard.
MOTOROLA
MCF5307 Integrated Microprocessor Product Brief
9
ColdFire Module Description
1.3.8
System Debug Interface
The ColdFire processor core debug interface is provided to support system debugging in conjunction with low-cost debug and emulator development tools. Through a standard debug interface, users can access real-time trace and debug information. This allows the processor and system to be debugged at full speed without the need for costly in-circuit emulators. The debug unit in the MCF5307 is a compatible upgrade to the MCF52xx debug module with added flexibility in the breakpoint registers and a new command to view the program counter (PC). The on-chip breakpoint resources include a total of 6 programmable registers--a set of address registers (with two 32-bit registers), a set of data registers (with a 32-bit data register plus a 32-bit data mask register), and one 32-bit PC register plus a 32-bit PC mask register. These registers can be accessed through the dedicated debug serial communication channel or from the processor's supervisor mode programming model. The breakpoint registers can be configured to generate triggers by combining the address, data, and PC conditions in a variety of single or dual-level definitions. The trigger event can be programmed to generate a processor halt or initiate a debug interrupt exception. The MCF5307's new interrupt servicing options during emulator mode allow real-time critical interrupt service routines to be serviced while processing a debug interrupt event, thereby ensuring that the system continues to operate even during debugging. To support program trace, the Version 3 debug module provides processor status (PST[3:0]) and debug data (DDATA[3:0]) ports. These buses and the PSTCLK output provide execution status, captured operand data, and branch target addresses defining processor activity at the CPU's clock rate.
1.3.9
PLL Module
RSTO PCLK PSTCLK CLKIN PLL CLKIN X 4 Divide by 2 Divide by 2, 3, or 4 BCLKO
The MCF5307 PLL module is shown in Figure 3.
FREQ[1:0] RSTI DIVIDE[1:0]
Figure 3. PLL Module
The PLL module's three modes of operation are described as follows. * Reset mode--When RSTI is asserted, the PLL enters reset mode. At reset, the PLL asserts RSTO from the MCF5307. The core:bus frequency ratio and other MCF5307 configuration information are sampled during reset. Normal mode--In normal mode, the input frequency programmed at reset is clock-multiplied to provide the processor clock (PCLK).
*
10
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
Programming Model, Addressing Modes, and Instruction Set
*
Reduced-power mode--In reduced-power mode, the PCLK is disabled by executing a sequence that includes programming a control bit in the system configuration register (SCR) and then executing the STOP instruction. Register contents are retained in reduced-power mode, so the system can be reenabled quickly when an unmasked interrupt or reset is detected.
1.4
Programming Model, Addressing Modes, and Instruction Set
The ColdFire programming model has two privilege levels--supervisor and user. The S bit in the status register (SR) indicates the privilege level. The processor identifies a logical address that differentiates between supervisor and user modes by accessing either the supervisor or user address space. * User mode--When the processor is in user mode (SR[S] = 0), only a subset of registers can be accessed, and privileged instructions cannot be executed. Typically, most application processing occurs in user mode. User mode is usually entered by executing a return from exception instruction (RTE, assuming the value of SR[S] saved on the stack is 0) or a MOVE, SR instruction (assuming SR[S] is 0). Supervisor mode--This mode protects system resources from uncontrolled access by users. In supervisor mode, complete access is provided to all registers and the entire ColdFire instruction set. Typically, system programmers use the supervisor programming model to implement operating system functions and provide I/O control. The supervisor programming model provides access to the same registers as the user model, plus additional registers for configuring on-chip system resources, as described in Section 1.4.3, "Supervisor Registers." Exceptions (including interrupts) are handled in supervisor mode.
*
1.4.1
Programming Model
Figure 4 shows the MCF5307 programming model.
MOTOROLA
MCF5307 Integrated Microprocessor Product Brief
11
Programming Model, Addressing Modes, and Instruction Set
31
0
D0 D1 D2 D3 D4 D5 D6 D7
31 0
Data registers
A0 A1 A2 A3 A4 A5 A6 A7 PC CCR
31 0
Address registers
User Registers
Stack pointer Program counter Condition code register MAC status register MAC accumulator MAC mask register Status register Vector base register Cache control register Access control register 0 Access control register 1 RAM base address register Module base address register
MACSR ACC MASK
15 31 19
Supervisor Registers
(CCR) Must be zeros
SR VBR CACR ACR0 ACR1 RAMBAR MBAR
Figure 4. ColdFire MCF5307 Programming Model
1.4.2
User Registers
Table 1. User-Level Registers
The user programming model is shown in Figure 4 and summarized in Table 1.
Register Data registers (D0-D7) Address registers (A0-A7) Program counter (PC) Description These 32-bit registers are for bit, byte, word, and longword operands. They can also be used as index registers. These 32-bit registers serve as software stack pointers, index registers, or base address registers. The base address registers can be used for word and longword operations. A7 functions as a hardware stack pointer during stacking for subroutine calls and exception handling. Contains the address of the instruction currently being executed by the MCF5307 processor
12
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
Programming Model, Addressing Modes, and Instruction Set Table 1. User-Level Registers (continued)
Register Condition code register (CCR) Description The CCR is the lower byte of the SR. It contains indicator flags that reflect the result of a previous operation and are used for conditional instruction execution.
MAC status register Defines the operating configuration of the MAC unit and contains indicator flags from the results of (MACSR) MAC instructions. Accumulator (ACC) General-purpose register used to accumulate the results of MAC operations Mask register (MASK) General-purpose register provides an optional address mask for MAC instructions that fetch operands from memory. It is useful in the implementation of circular queues in operand memory.
1.4.3
Supervisor Registers
Table 2. Supervisor-Level Registers
Table 2 summarizes the MCF5307 supervisor-level registers.
Register Status register (SR) Description The upper byte of the SR provides interrupt information in addition to a variety of mode indicators signaling the operating state of the ColdFire processor. The lower byte of the SR is the CCR, as shown in Figure 4. Defines the upper 12 bits of the base address of the exception vector table used during exception processing. The low-order 20 bits are forced to zero, locating the vector table on 0-modulo-1 Mbyte address. Defines the operating modes of the Version 4 cache memories. Control fields configuring the instruction, data, and branch cache are provided by this register, along with the default attributes for the 4-Gbyte address space. Define address ranges and attributes associated with various memory regions within the 4-Gbyte address space. Each ACR defines the location of a given memory region and assigns attributes such as write-protection and cache mode (copyback, write-through, cacheability). Additionally, CACR fields assign default attributes to the instruction and data memory spaces. Provide the logical base address for the 4-Kbyte SRAM module and define attributes and access types allowed for the SRAM. Defines the logical base address for the memory-mapped space containing the control registers for the on-chip peripherals.
Vector base register (VBR) Cache configuration register (CACR) Access control registers (ACR0/1)
RAM base address register (RAMBAR) Module base address register (MBAR)
1.4.4
Instruction Set
The ColdFire instruction set supports high-level languages and is optimized for those instructions most commonly generated by compilers in embedded applications. Section 2.6, "Instruction Set Summary," in the MCF5307 User's Manual provides an alphabetized listing of the ColdFire instruction set opcodes, supported operation sizes, and assembler syntax. For two-operand instructions, the first operand is generally the source operand and the second is the destination. Because the ColdFire architecture provides an upgrade path for 68K customers, its instruction set supports most of the common 68K opcodes. A majority of the instructions are binary compatible or optimized 68K opcodes. This feature, when coupled with the code conversion tools from third-party developers, generally minimizes software porting issues for customers with 68K applications.
13
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
Programming Model, Addressing Modes, and Instruction Set
14
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
Programming Model, Addressing Modes, and Instruction Set
15
MCF5307 Integrated Microprocessor Product Brief
MOTOROLA
HOW TO REACH US: USA/EUROPE/LOCATIONS NOT LISTED: Motorola Literature Distribution P.O. Box 5405, Denver, Colorado 80217 1-303-675-2140 or 1-800-441-2447 JAPAN: Motorola Japan Ltd. SPS, Technical Information Center 3-20-1, Minami-Azabu Minato-ku Tokyo 106-8573 Japan 81-3-3440-3569 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd. Silicon Harbour Centre, 2 Dai King Street Tai Po Industrial Estate, Tai Po, N.T., Hong Kong 852-26668334 TECHNICAL INFORMATION CENTER: 1-800-521-6274 HOME PAGE: http://www.motorola.com/semiconductors DOCUMENT COMMENTS: FAX (512) 933-2625 Attn: TECD Applications Engineering
Information in this document is provided solely to enable system and software implementers to use Motorola products. There are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document. Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and the Stylized M Logo are registered in the U.S. Patent and Trademark Office. digital dna is a trademark of Motorola, Inc. All other product or service names are the property of their respective owners. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. (c) Motorola, Inc. 2002
MCF5307PB/D


▲Up To Search▲   

 
Price & Availability of MCF5307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X