Part Number Hot Search : 
PSVT9012 200BZ 101001 SMAB3608 PI49FCT 2SC36 SDR2KSMS LTC36
Product Description
Full Text Search
 

To Download JANTX2N3055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/407 Devices 2N3055 Qualified Level JAN JANTX
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IB IC PT Top, Tstg Symbol RJC
Value
70 100 7.0 7.0 15 6.0 117 -65 to +200 Max. 1.5
Units
Vdc Vdc Vdc Adc Adc W W 0 C Unit C/W
@ TA = 250C (1) @ TC = 250C (2) Operating & Storage Temperature Range
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly @ 34.2 mW/0C for TA > +250C 2) Derate linearly @ 668 mW/0C for TC > +250C
0
TO-3* (TO-204AA)
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS
Characteristics Symbol V(BR)CEO V(BR)CER V(BR)CEX ICEO ICEX IEBO Min. 70 80 90 1.0 1.0 1.0 Max. Unit Vdc Vdc Vdc mAdc mAdc mAdc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc Collector-Emitter Breakdown Voltage IC = 200 mAdc, RBE = 100 Collector-Emitter Breakdown Voltage VBE = -1.5 Vdc, IC = 200 mAdc Collector-Emitter Cutoff Current VCE = 60 Vdc Collector-Emitter Cutoff Current VBE = -1.5 Vdc; VCE = 100 Vdc Emitter-Base Cutoff Current VEB = 7.0 Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3055 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. 40 20 5.0 Max. Unit
ON CHARACTERISTICS
Forward-Current Transfer Ratio IC = 0.5 Adc, VCE = 4.0 Vdc IC = 4.0 Adc, VCE = 4.0 Vdc IC = 10 Adc, VCE = 4.0 Vdc Collector-Emitter Saturation Voltage IC = 4.0 Adc, IB = 0.4 Adc IC = 10 Adc, IB = 3.3 Adc Base-Emitter Saturation Voltage IC = 4.0 Adc, VCE = 4.0 Vdc hFE 60
VCE(sat) VBE(sat)
0.75 2.0 1.4
Vdc Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 4.0 Adc, VCE = 4.0 Vdc, f = 100 kHz Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz
hfe
Cobo
8.0
40 700 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 4.0 Adc; IB1= 0.4 Adc Turn-Off Time VCC = 30 Vdc; IC = 4.0 Adc; IB1 = -IB2 = 0.4 Adc
t
on
6.0 12
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 7.8 Vdc, IC = 15 Adc Test 2 VCE = 70 Vdc, IC = 1.67 Adc Switching Tests TA = +250C; duty cycle 10%; RS 0.1 Test 1 tP = 5.0 ms; RBB1 = 2.0 ; VBB1 10 Vdc; RBB2 = 100 ; VCC 10 Vdc; VBB2 = 1.5 Vdc; IC = 15 Adc Test 2 tP = 20 ms; RBB1 = 30 ; VBB1 10 Vdc; RBB2 = 100 ; VCC 10 Vdc; VBB2 = 1.5 Vdc; IC = 3.8 Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTX2N3055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X