Part Number Hot Search : 
8MNR2G UNA0228 2SC4728R 0443065 SB05W05C 01006 LM321 PC3H715
Product Description
Full Text Search
 

To Download IRFP460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
FEATURES
* Repetitive Avalanche Rated * Fast switching * Stable off-state characteristics * High thermal cycling performance * Low thermal resistance
IRFP460
SYMBOL
d
QUICK REFERENCE DATA VDSS = 500 V
g
ID = 20 A RDS(ON) 0.27
s
GENERAL DESCRIPTION
N-channel, enhancement mode field-effect power transistor, intended for use in off-line switched mode power supplies, T.V. and computer monitor power supplies, d.c. to d.c. converters, motor control circuits and general purpose switching applications. The IRFP460 is supplied in the SOT429 (TO247) conventional leaded package.
PINNING
PIN 1 2 3 tab gate drain source drain DESCRIPTION
SOT429 (TO247)
1
2
3
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS ID IDM PD Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage Continuous drain current Pulsed drain current Total dissipation Operating junction and storage temperature range CONDITIONS Tj = 25 C to 150C Tj = 25 C to 150C; RGS = 20 k Tmb = 25 C; VGS = 10 V Tmb = 100 C; VGS = 10 V Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 500 500 30 20 12.4 80 250 150 UNIT V V V A A A W C
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER EAS EAR IAS, IAR Non-repetitive avalanche energy CONDITIONS MIN. MAX. 1300 32 20 UNIT mJ mJ A Unclamped inductive load, IAS = 20 A; tp = 0.2 ms; Tj prior to avalanche = 25C; VDD 50 V; RGS = 50 ; VGS = 10 V Repetitive avalanche energy1 IAR = 20 A; tp = 2.5 s; Tj prior to avalanche = 25C; RGS = 50 ; VGS = 10 V Repetitive and non-repetitive avalanche current
1 pulse width and repetition rate limited by Tj max. September 1999 1 Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS MIN. SOT429 package, in free air -
IRFP460
TYP. MAX. UNIT 45 0.5 K/W K/W
ELECTRICAL CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER Drain-source breakdown voltage V(BR)DSS / Drain-source breakdown Tj voltage temperature coefficient RDS(ON) Drain-source on resistance VGS(TO) Gate threshold voltage gfs Forward transconductance IDSS Drain-source leakage current V(BR)DSS IGSS Qg(tot) Qgs Qgd td(on) tr td(off) tf Ld Ld Ls Ciss Coss Crss CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 0.25 mA MIN. 500 2.0 13 TYP. MAX. UNIT 0.1 0.2 3.0 18 2 100 10 147 12 78 23 72 150 75 3.5 4.5 7.5 3000 480 270 0.27 4.0 50 1000 200 190 18 100 V %/K V S A A nA nC nC nC ns ns ns ns nH nH nH pF pF pF
VGS = 10 V; ID = 10 A VDS = VGS; ID = 0.25 mA VDS = 30 V; ID = 10 A VDS = 500 V; VGS = 0 V VDS = 400 V; VGS = 0 V; Tj = 125 C Gate-source leakage current VGS = 30 V; VDS = 0 V Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance ID = 20 A; VDD = 400 V; VGS = 10 V VDD = 250 V; RD = 12 ; RG = 3.9
Measured from tab to centre of die Measured from drain lead to centre of die Measured from source lead to source bond pad VGS = 0 V; VDS = 25 V; f = 1 MHz
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS Tmb = 25C Tmb = 25C IS = 20 A; VGS = 0 V IS = 20 A; VGS = 0 V; dI/dt = 100 A/s MIN. TYP. MAX. UNIT 900 15 20 80 1.5 A A V ns C
September 1999
2
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
IRFP460
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
1 Zth j-mb (K/W) D = 0.5 0.2 0.1 0.1 0.05 0.02 0.01 single pulse T 0.001 1E-06 1E-05 1E-04 1E-03 1E-02 1E-01 1E+00 1E+01 P D tp D = tp/T PHW20N50E
0
20
40
60
80 100 Tmb / C
120
140
Pulse width, tp (s)
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
120 110 100 90 80 70 60 50 40 30 20 10 0
Drain Current, ID (A) 20 18 16 14 12 10 8 6 4 2 0 Tj = 25 C
PHW20N50E VGS = 10 V 8V 5V 4.8 V 4.6 V 4.4 V 4.2 V 4V
0
20
40
60
80 Tmb / C
100
120
140
0
1
2 3 4 Drain-Source Voltage, VDS (V)
5
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
Fig.5. Typical output characteristics. ID = f(VDS); parameter VGS
Drain-Source On Resistance, RDS(on) (Ohms) PHW20N50E 100 Peak Pulsed Drain Current, IDM (A) PHW20N50E tp = 10 us 0.5 0.45 0.4 0.35 0.3 0.25 0.1 10 100 Drain-Source Voltage, VDS (V) 1000 0.2 0 2 4 6 8 10 12 Drain Current, ID (A) 14 16 18 20 4V 4.2V 4.6 V 4.8V 4.4 V 5V Tj = 25 C
10 RDS(on) = VDS/ ID 1 d.c.
100us 1 ms 10 ms 100 ms
VGS = 6 V 10V
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance. RDS(ON) = f(ID); parameter VGS
September 1999
3
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
IRFP460
Drain current, ID (A) 30 VDS > ID X RDS(ON) 25 20 15 10 5 0 0 1 2 3 4 5 6
VGS(TO) / V
PHW20N50E
4 max.
3
typ.
150 C
min.
Tj = 25 C
2
1
7
8
0 -60 -40 -20 0 20 40 60 Tj / C 80 100 120 140
Gate-source voltage, VGS (V)
Fig.7. Typical transfer characteristics. ID = f(VGS); parameter Tj
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 0.25 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION
20 18 16 14 12 10 8 6 4 2 0
Transconductance, gfs (S) VDS > ID X RDS(ON) Tj = 25 C
PHW20N50E
1E-01
1E-02
150 C
1E-03 2% typ 98 %
1E-04
1E-05
0
5
10
15
20
25
30
1E-06 0 1 2 VGS / V 3 4
Drain current, ID (A)
Fig.8. Typical transconductance. gfs = f(ID); parameter Tj
a Normalised RDS(ON) = f(Tj)
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
Capacitances, Ciss, Coss, Crss (pF)
PHW20N50E
2
10000
Ciss
1
1000
Coss Crss
0 -60 -40 -20 0 20 40 60 Tj / C 80 100 120 140
100 0.1 1 10 Drain-Source Voltage, VDS (V) 100
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 10 A; VGS = 10 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
September 1999
4
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
IRFP460
Source-Drain Diode Current, IF (A) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Gate-source voltage, VGS (V) ID = 20A Tj = 25 C 200V VDD = 400 V 300V PHW20N50E 50 45 40 35 30 25 20 15 10 5 0 0 25 50 75 100 125 Gate charge, QG (nC) 150 175 200 150 C VGS = 0 V
PHW20N50E
Tj = 25 C
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 Drain-Source Voltage, VSDS (V)
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); parameter VDS
Fig.16. Source-Drain diode characteristic. IF = f(VSDS); parameter Tj
Switching times, td(on), tr, td(off), tf (ns) 600
PHW20N50E 100 td(off)
Non-repetitive Avalanche current, IAS (A)
500 Tj prior to avalanche = 25 C 400 300 200 100 0 0 5 10 15 20 25 30 Gate resistance, RG (Ohms) tr, tf td(on) 1 1E-06 10
VDS tp ID
125 C
PHW20N50E 1E-05 1E-04 Avalanche time, tp (s) 1E-03 1E-02
Fig.14. Typical switching times; td(on), tr, td(off), tf = f(RG)
Fig.17. Maximum permissible non-repetitive avalanche current (IAS) versus avalanche time (tp); unclamped inductive load
1.15 1.1 1.05
Normalised Drain-source breakdown voltage
V(BR)DSS @ Tj V(BR)DSS @ 25 C
Maximum Repetitive Avalanche Current, IAR (A) 100
10
1 0.95 0.9 0.85 -100
Tj prior to avalanche = 25 C 125 C
1
PHW20N50E 0.1 1E-06
-50 0 50 Tj, Junction temperature (C) 100 150
1E-05
1E-04 Avalanche time, tp (s)
1E-03
1E-02
Fig.15. Normalised drain-source breakdown voltage; V(BR)DSS/V(BR)DSS 25 C = f(Tj)
Fig.18. Maximum permissible repetitive avalanche current (IAR) versus avalanche time (tp)
September 1999
5
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
MECHANICAL DATA
Plastic single-ended through-hole package; heatsink mounted; 1 mounting hole; 3-lead TO-247
IRFP460
SOT429
E P
A A1 q S
R D Y
L1(1) Q b2 L
1
2 b b1 e e
3 wM c
0
10 scale
20 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.3 4.7 A1 1.9 1.7 b 1.2 0.9 b1 2.2 1.8 b2 3.2 2.8 c 0.9 0.6 D 21 20 E 16 15 e 5.45 L 16 15 L1
(1)
P 3.7 3.3
Q 2.6 2.4
q 5.3
R 3.5 3.3
S 7.5 7.1
w 0.4
Y 15.7 15.3
6 4
17 13
4.0 3.6
Note 1. Tinning of terminals are uncontrolled within zone L1. OUTLINE VERSION SOT429 REFERENCES IEC JEDEC TO-247 EIAJ EUROPEAN PROJECTION ISSUE DATE 98-04-07 99-08-04
Fig.19. SOT429; pin 2 connected to mounting base
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for SOT429 envelope. 3. Epoxy meets UL94 V0 at 1/8".
September 1999
6
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistors Avalanche energy rated
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
IRFP460
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1999 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
September 1999
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of IRFP460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X