Part Number Hot Search : 
STRPBF MJE13007 78712 1SS83 SRT400 TC7SZ00F 12864F D70F3
Product Description
Full Text Search
 

To Download IRF510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF510
Data Sheet November 1999 File Number 1573.4
5.6A, 100V, 0.540 Ohm, N-Channel Power MOSFET
This N-Channel enhancement mode silicon gate power field effect transistor is an advanced power MOSFET designed, tested, and guaranteed to withstand a specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA17441.
Features
* 5.6A, 100V * rDS(ON) = 0.540 * Single Pulse Avalanche Energy Rated * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Related Literature - TB334 "Guidelines for Soldering Surface Mount Components to PC Boards"
Ordering Information
PART NUMBER IRF510 PACKAGE TO-220AB BRAND IRF510
Symbol
D
NOTE: When ordering, include the entire part number.
G
S
Packaging
JEDEC TO-220AB
SOURCE DRAIN GATE
DRAIN (FLANGE)
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
IRF510
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified IRF510 100 100 5.6 4 20 20 43 0.29 19 -55 to 175 300 260 UNITS V V A A A V W W/oC mJ oC
oC oC
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS Drain to Gate Voltage (RGS = 20k) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID TC = 100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .EAS Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ , TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 150oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS VGS(TH) IDSS ID(ON) IGSS rDS(ON) gfs td(ON) tr td(OFF) tf Qg(TOT) Qgs Qgd CISS COSS CRSS LD Measured From the Contact Screw On Tab To Center of Die Measured From the Drain Lead, 6mm (0.25in) From Package to Center of Die Modified MOSFET Symbol Showing the Internal Devices Inductances
D LD G LS S
TEST CONDITIONS VGS = 0V, ID = 250A, (Figure 10) VGS = VDS, ID = 250A VDS = 95V, VGS = 0V VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 150oC VDS > ID(ON) x rDS(ON)MAX , VGS = 10V (Figure 7) VGS = 20V VGS = 10V, ID = 3.4A (Figures 8, 9) VGS = 50V, ID = 3.4A (Figure 12) ID 5.6A, RGS = 24, VDD = 50V, RL = 9, VDD = 50V, VGS = 10V MOSFET switching times are essentially independent of operating temperature VGS = 10V, ID = 5.6A, VDS = 0.8 x Rated BVDSS, IG(REF) = 1.5mA (Figure 14) Gate charge is essentially independent of operating temperature. VGS = 0V, VDS = 25V, f = 1.0MHz (Figure 11)
MIN 100 2.0 5.6 1.3 -
TYP 0.4 2.0 8 25 15 12 5.0 2.0 3.0 135 80 20 3.5
MAX 4.0 25 250 100 0.54 12 63 7 59 30 -
UNITS V V A A A nA S ns ns ns ns nC nC nC pF pF pF nH
Drain to Source Breakdown Voltage Gate to Threshold Voltage Zero-Gate Voltage Drain Current
On-State Drain Current (Note 2) Gate to Source Leakage Current Drain to Source On Resistance (Note 2) Forward Transconductance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge (Gate to Source + Gate to Drain) Gate to Source Charge Gate to Drain "Miller" Charge Input Capacitance Output Capacitance Reverse-Transfer Capacitance Internal Drain Inductance
-
4.5
-
nH
Internal Source Inductance
LS
Measured From The Source Lead, 6mm (0.25in) From Header to Source Bonding Pad
-
7.5
-
nH
Junction to Case Junction to Ambient
RJC RJA Free air operation
-
-
3.5 80
oC/W oC/W
2
IRF510
Source to Drain Diode Specifications
PARAMETER Continuous Source to Drain Current Pulse Source to Drain Current (Note 3) SYMBOL ISD ISDM Test Conditions Modified MOSFET Symbol Showing the Integral Reverse P-N Junction Diode
D
MIN -
TYP -
MAX 5.6 20
UNITS A A
G
S
Source to Drain Diode Voltage (Note 2) Reverse Recovery Time Reverse Recovered Charge NOTES:
VSD trr QRR
TJ = 25oC, ISD = 5.6A, VGS = 0V (Figure 13) TJ = 25oC, ISD = 5.6A, dISD/dt = 100A/s TJ = 25oC, ISD = 5.6A, dISD/dt = 100A/s
4.6 0.17
96 0.4
2.5 200 0.83
V ns C
2. Pulse test: pulse width 300s, duty cycle 2%. 3. Repetitive rating: pulse width limited by max junction temperature. See Transient Thermal Impedance curve (Figure 3). 4. VDD = 25V, start TJ = 25oC, L = 910H, RG = 25, peak IAS = 5.6A.
Typical Performance Curves Unless Otherwise Specified
1.2 POWER DISSIPATION MULTIPLIER 1.0 0.8 0.6 0.4 0.2 0 0 25 10
ID, DRAIN CURRENT (A) 125 50 75 100 TC , CASE TEMPERATURE (oC)
8
6
4
2
0 150 175 25 50 75 100 125 150 175 TC , CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
10 THERMAL IMPEDANCE (oC/W)
ZJC, TRANSIENT
0.5 1 0.2 0.1 0.05 0.1 0.02 0.01 SINGLE PULSE PDM
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC + TC 0.01 10-5 10-4 0.1 10-2 10-3 t1, RECTANGULAR PULSE DURATION (S) 1 10
t1 t2
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
3
IRF510 Typical Performance Curves Unless Otherwise Specified
100 OPERATION IN THIS REGION IS LIMITED BY rDS(ON) 10s 10 100s ID, DRAIN CURRENT (A)
(Continued)
10 VGS = 10V 8 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VGS = 8V 6 VGS = 7V 4 VGS = 6V 2 VGS = 5V 0 VGS = 4V 0 10 20 30 40 50 VDS , DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
1ms 1 TC = 25oC TJ = 175oC SINGLE PULSE 1 10 102 103
0.1
VDS , DRAIN TO SOURCE VOLTAGE (V)
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX ID, DRAIN CURRENT (A) 8
VGS = 10V
VGS = 8V 6 VGS = 7V 4 VGS = 6V 2 VGS = 5V 0 0 VGS = 4V 2 4 6 8 VDS, DRAIN TO SOURCE VOLTAGE (V) 10
ID(ON), ON-STATE DRAIN CURRENT (A)
10
10
VDS 50V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
1 TJ = 175oC TJ = 25oC
0.1
10-2 0
2 4 6 8 VGS , GATE TO SOURCE VOLTAGE (V)
10
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
5 NORMALIZED ON RESISTANCE PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX rDS(ON), DRAIN TO SOURCE 4 ON RESISTANCE ()
3.0
2.4
ID = 3.4A, VGS = 10V PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
3
1.8
2 VGS = 10V VGS = 20V 1
1.2
0.6
0 0 4 8 12 16 20 ID, DRAIN CURRENT (A)
0 -60 -40
-20
0
20
40
60
80
100 120 140 160 180
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
4
IRF510 Typical Performance Curves Unless Otherwise Specified
1.25 ID = 250A NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE 1.15
(Continued)
500 VGS = 0V, f = 1MHz CISS = CGS + CGD 400 CRSS = CGD COSS CDS + CGD 300
1.05
0.95
C, CAPACITANCE (pF)
200
CISS COSS
0.85
100 CRSS
0.75 -60 -40 -20
0
20
40
60
80
100 120 140 160 180
0 1 2 5 10 2 5 102 VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (oC)
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
2.5 gfs, TRANSCONDUCTANCE (S)
2.0
TJ = 25oC
ISD, SOURCE TO DRAIN CURRENT (A)
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX VDS 50V
100 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
10
1.5 TJ = 175oC 1.0
1
TJ = 175oC
0.5
TJ = 25oC 0.1 0
0
0
2
4 6 ID, DRAIN CURRENT (A)
8
10
0.4 0.8 1.2 1.6 VSD, SOURCE TO DRAIN VOLTAGE (V)
2.0
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
20 VGS, GATE TO SOURCE VOLTAGE (V) ID = 3.4A 16 VDS = 80V VDS = 50V VDS = 20V
12
8
4
0
0
2
4 6 Qg, GATE CHARGE (nC)
8
10
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
5
IRF510 Test Circuits and Waveforms
VDS BVDSS L VARY tP TO OBTAIN REQUIRED PEAK IAS VGS DUT tP RG IAS VDD tP VDS VDD
+
0V
IAS 0.01
0 tAV
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 17. SWITCHING TIME TEST CIRCUIT
VDS (ISOLATED SUPPLY)
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
CURRENT REGULATOR
VDD SAME TYPE AS DUT Qg(TOT) Qgd Qgs D VDS VGS
12V BATTERY
0.2F
50k 0.3F
G
DUT 0
IG(REF) 0 IG CURRENT SAMPLING RESISTOR
S VDS ID CURRENT SAMPLING RESISTOR IG(REF) 0
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORM
6
IRF510
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
7


▲Up To Search▲   

 
Price & Availability of IRF510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X