Part Number Hot Search : 
MPC5603B HC123 ENA0058A UY69B 1117G LA38B L74VHC1 X55C2
Product Description
Full Text Search
 

To Download IR21571 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet PD No. 60179-I
IR21571(S)
FULLY INTEGRATED BALLAST CONTROL IC
Features
* Programmable preheat time & frequency * Programmable ignition ramp * Protection from failure-to-strike * Lamp filament sensing & protection * Protection from operation below resonance * Protection from low-line condition * Automatic restart for lamp exchange * Thermal overload protection * Programmable deadtime * Integrated 600V level-shifting gate driver * Internal 15.6V zener clamp diode on VCC * Micropower startup (150uA) * Latch immunity protection on all leads * ESD protection on all leads
0.2V CS threshold sync'd to falling edge on LO
Description
The IR21571 is a fully integrated, fully protected 600V ballast control IC designed to drive virtually all types of rapid start fluorescent lamp ballasts. Externally programmable features such as preheat time & frequency, ignition ramp characteristics, and running mode operating frequency provide a high degree of flexibility for the ballast design engineer. Comprehensive protection features such as protection from failure of a lamp to strike, filament failures, low dc bus conditions, thermal overload, or lamp failure during normal operation, as well as an automatic restart function, have been included in the design. The heart of this control IC is a variable frequency oscillator with externally programmable deadtime. Precise control of a 50% duty cycle is accomplished using a T-flip-flop. The IR21571 is available in both 16 pin DIP and 16 pin narrow body SOIC packages.
Packages
16 Lead SOIC (narrow body)
16 Lead PDIP
Typical Connection
+ Rectified AC Line
+ VBUS
R2 R1
VDC HO
RSupply 1 16
VS
C1 CPH CRAMP RT CSTART RSTART CT ROC RDT RPH RRUN
CPH
RGHS CBS DBOOT CVCC D1
CBLOCK
LRES
2
RPH
15
VB
IR21571
3
RT
14
VCC
CSNUBBER
4
RUN
13
COM
5
CT
12 D2
LO
CRES
6
DT
11
CS
R3
RGLS R5 R4
7
OC
10
SD
8
9 C2 RCS
VBUS return
www.irf.com
1
IR21571(S)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VLO IOMAX IRT VCT VDC ICPH IRPH IRUN IDT VCS ICS IOC ISD ICC dV/dt PD RthJA TJ TS TL
Definition
High side floating supply voltage High side floating supply offset voltage High side floating output voltage Low side output voltage Maximum allowable output current (either output) due to external power transistor miller effect RT pin current CT pin voltage VDC pin voltage CPH pin current RPH pin current RUN pin current Deadtime pin current Current sense pin voltage Current sense pin current Over-current threshold pin current Shutdown pin current Supply current (note 1) Allowable offset voltage slew rate Package power dissipation @ TA +25C PD = (TJMAX-TA)/RthJA Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds) (16 lead PDIP) (16 lead SOIC) (16 lead PDIP) (16 lead SOIC)
Min.
-0.3 VB - 25 VS - 0.3 -0.3 -500 -5 -0.3 -0.3 -5 -5 -5 -5 -0.3 -5 -5 -5 -20 -50 -- -- -- -- -55 -55 --
Max.
625 VB + 0.3 VB + 0.3 VCC + 0.3 500
Units
V
mA
5 5.5 VCC + 0.3 5 5 5 5 5.5 5 5 5 20 50 1.60 1.00 75 115 150 150 300 C C/W W V/ns mA V mA V
Note 1:
This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown voltage of 15.6V. Please note that this supply pin should not be driven by a DC, low impedance power source greater than the VCLAMP specified in the Electrical Characteristics section.
2
www.irf.com
IR21571(S)
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
VBS VS VCC ICC VDC CT RDT ROC IRT IRPH IRUN ISD ICS TJ VBSMIN
Definition
High side floating supply voltage Steady state high side floating supply offset voltage Supply voltage Supply current VDC lead voltage CT lead capacitance Deadtime resistance Over-current (CS+) threshold programming resistance RT lead current (Note 3) RPH lead current (Note 3) RUN lead current (Note 3) Shutdown lead current Current sense lead current Junction temperature Minimum required VBS voltage for proper HO functionality
Min.
VCC - 0.7 -3.0 VCCUV+ Note 2 0 220 1.0
Max.
VCLAMP 600 VCLAMP 10 VCC --
Units
V
mA V pF
--
50 -50 450 450 1 1 125 5
--
-500 0 0 -1 -1 -40 --
k
uA
mA
o
C
V
Electrical Characteristics
VCC = V BS = VBIAS = 14V +/- 0.25V, R T = 40.0k, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V, RDT = 6.1k, R OC = 20.0k, V CS = 0.5V, VSD = 0.0V, CL = 1000pF, TA = 25 oC unless otherwise specified.
Supply Characteristics
Symbol Definition
VCC supply undervoltage positive going threshold VUVHYS VCC supply undervoltage lockout hysteresis IQCCUV UVLO mode quiescent current IQCCFLT Fault-mode quiescent current IQCC ICC50K V CLAMP Note 2: Note 3: Quiescent VCC supply current VCC supply current, f= 50kHz VCC zener clamp voltage VCCUV+
Min.
10.5 1.5 50 75 2.9 4.0 14.5
Typ.
11.4 1.8 150 200 3.8 5.5 15.6
Max.
12.4
Units
V
Test Conditions
VCC rising from 0V
2.2 300 300 4.3 7.0 16.5
A
mA V
VCC < VCCUVSD=5V, CS = 2V or Tj > TSD RT no connection, CT connected to COM RT =36k, RDT = 5.6k, CT=220pF ICC = 10mA
Enough current should be supplied into the VCC lead to keep the internal 15.6V zener clamp diode on this lead regulating its voltage. Due to the fact that the RT input is a voltage-controlled current source, the total RT lead current is the sum of all the parallel current sources connected to that lead. For optimum oscillator current mirror performance, this total current should be kept between 50A and 500A. During the preheat mode, the total current flowing out of the RT lead consists of the RPH lead current plus the current due to the RT resistor. During the run mode, the total RT lead current consists of the RUN lead current plus the current due to the RT resistor.
www.irf.com
3
IR21571(S)
Electrical Characteristics (cont.)
V CC = V BS = VBIAS = 14V +/- 0.25V, R T = 40.0k, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V, RDT = 6.1k, ROC = 20.0k, VCS = 0.5V, VSD = 0.0V, C L = 1000pF, TA = 25 oC unless otherwise specified.
Floating Supply Characteristics
Symbol Definition
IQBS0 Quiescent VBS supply current IQBS1 Quiescent VBS supply current ILK Offset supply leakage current
Min.
0 5 --
Typ.
0 35 50
Max.
15 65 A
Units
A
Test Conditions
--
VHO = VS VHO = VB VB = VS = 600V
Oscillator I/O Characteristics
Symbol Definition
fosc d VCT+ VCTVCTFLT VRT VRTFLT tdlo tdho Oscillator frequency Oscillator duty cycle Upper CT ramp voltage threshold Lower CT ramp voltage threshold Fault-mode CT lead voltage RT lead voltage Fault-mode RT lead voltage LO output deadtime HO output deadtime
Min.
45.5 49.5 3.7 1.85 -- 1.85 -- 2 2
Typ.
48 50 4.0 2.0 0 2.0 0 2.3 2.3
Max.
50.5 50.5 4.3 2.15 50 2.15 50 2.5 2.5
Units Test Conditions
kHz % V mV V mV sec SD = 5V, CS = 2V, or Tj > TSD SD = 5V, CS = 2V, or Tj > TSD RT = 16.9k, RDT = 6.1k, CT=470pF
Preheat Characteristics
Symbol Definition
ICPH VCPHIGN V CPHRUN VCPHCLMP VCPHFLT CPH lead charging current CPH lead lgnition mode threshold voltage CPH lead run mode threshold voltage CPH lead clamp voltage Fault-mode CPH lead voltage
Min.
0.72 3.7 4.7 9.0 --
Typ.
0.85 4.0 5.15 9.5 0
Max.
0.98 4.3 5.45 10.5 300
Units Test Conditions
A V mV ICPH = 1mA SD = 5V, CS = 2V, or Tj > TSD VCPH = 5.3V
RPH Characteristics Symbol Definition
IRPHLK Open circuit RPH lead leakage current VRPHFLT Fault-mode RPH lead voltage
Min.
-- --
Typ.
0.01 0
Max.
0.1 50
Units
A mV
Test Conditions
VRPH= 5V,VRPH= 6V SD = 5V, CS = 2V, or Tj > TSD
4
www.irf.com
IR21571(S)
Electrical Characteristics (cont.)
VCC = VBS = VBIAS = 14V +/- 0.25V, R T = 40.0k, CT = 470 pF, RPH and RUN leads no connection, VCPH = 0.0V, RDT = 6.1k, ROC = 20.0k, VCS = 0.5V, VSD = 0.0V, CL = 1000pF, TA = 25 oC unless otherwise specified.
RUN Characteristics Symbol Definition
IRUNLK Open circuit RUN lead leakage current VRUNFLT Fault-mode RUN lead voltage
Min.
-- --
Typ.
0.01 0
Max.
0.1 50
Units
A mV
Test Conditions
VRUN = 5V SD = 5V, CS = 2V, or Tj > TSD
Protection Circuitry Characteristics
Symbol Definition
VSD+ VSDHYS VCS+ VCSTCS VDC+ VDCTSD Rising shutdown lead threshold voltage Shutdown pin threshold hysteresis Over-current sense threshold voltage Under-current sense threshold voltage Over-current sense propogation delay Low VBUS/rectified line input upper threshold Low VBUS/rectified line input lower threshold Thermal shutdown junction temperature
Min.
1.9 100 0.99 0.15 100 5.0 2.85 150
Typ.
2.1 150 1.10 0.2 250 5.20 3.3 160
Max.
2.3 200 1.21 0.35 400 5.6 3.3 170
Units
V mV V nsec V
oC
Test Conditions
Delay from CS to LO
Note 4
Gate Driver Output Characteristics
Symbol Definition
VOL VOH tr tf Note 4: Low-level output voltage High level output voltage Turn-on rise time Turn-off fall time
Min.
-- -- 55 35
Typ.
0 0 85 45
Max.
100 100 150 100
Units
mV nsec
Test Conditions
Io = 0 VBIAS - VO, Io = 0
When the IC senses an overtemperature condition (Tj > 160C), the IC is latched off. In order to reset this Fault Latch, the SD lead must be cycled high and then low, or the VCC supply to the IC must be cycled below the falling undervoltage lockout threshold (VCCUV-).
www.irf.com
5
IR21571(S)
Functional Block Diagram
3.0V
VDC 1
S R
5.1V
14
Q Q
VB HO VS
LEVEL SHIFT
PULSE FILTER & LATCH
16
1.0uA
CPH 2
10V 5.1V
15
S
4.0V 4.0V
Q
T R
Q Q
R1
2.0V
13 11
15.6V
VCC LO COM
RPH 3
IR
R2 Q
RT 4 RUN 5
T
2.0V
12
IC = IR
T T
Q Q Q S R Q
D CLK R
0.2V
CT DT
6 7
10
CS
7.6V
50uA
OC 8
7.6V
UNDERVOLTAGE DETECT
OVERTEMP DETECT
9
2.0V 7.6V
SD
Lead Assignments & Definitions
Pin # Symbol
VDC CPH RPH RT RUN CT DT OC
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9
Description
DC Bus Sensing Input Preheat Timing Capacitor Preheat Frequency Resistor & Ignition Capacitor Oscillator Timing Resistor Run Frequency Resistor Oscillator Timing Capacitor Deadtime Programming Over-current (CS+) Threshold Programming Shutdown Input Current Sensing Input Low-Side Gate Driver Output IC Power & Signal Ground Logic & Low-Side Gate Driver Supply High-Side Gate Driver Floating Supply High Voltage Floating Return High-Side Gate Driver Output
HO VS VB VCC COM LO CS SD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
VDC CPH RPH RT RUN CT DT OC SD CS LO COM VCC VB VS HO
IR21571
6
www.irf.com
IR21571(S)
IR21571 State Diagram
Power Turned On
UVLO Mode
1/ -Bridge 2
Off IQCC 150 A CPH = 0V Oscillator Off VCC > 11.4V(UV+) and VDC > 5.1V (Bus OK) and SD < 1.7V(Lamp OK) and TJ < 160C (Tjmax) VCC < 9.5V (VCC Fault or Power Down) or VDC < 3.0V (dc Bus/ac Line Fault or Power Down) or SD > 2.0V (Lamp Fault or Lamp Removal)
SD > 2.0V (Lamp Removal) or VCC < 9.5V (Power Turned Off)
FAULT Mode
Fault Latch Set 1/ -Bridge Off 2 IQCC 150 A CPH = 0V VCC = 15.6V Oscillator Off
TJ > 160C (Over-Temperature)
PREHEAT Mode
1/ -Bridge @ f 2 PH CPH Charging @PH = 1A I RPH = 0V RUN = Open Circuit CS Disabled
CS > CS+ Threshold (Failure to Strike Lamp or Hard Switching) or TJ > 160C (Over-Temperature)
CPH > 4.0V (End of PREHEAT Mode)
IGNITION RAMP Mode
fPH ramps to MIN f CPH Charging @PH = 1A I RPH = Open Circuit RUN = Open Circuit CS+ Threshold Enabled
CS > CS+ Threshold (Over-Current or Hard Switching) or CS < 0.2V (No-Load or Below Resonance) or TJ > 160C (Over-Temperature)
CPH > 5.1V (End of IGNITION RAMP)
RUN Mode
fMIN Ramps toRUN f CPH Charges to 7.6V Clamp RPH = Open Circuit RUN = 0V CS- Threshold Enabled
www.irf.com
7
IR21571(S)
Description of Operation & Component Selection Tips
Supply Bypassing and PC Board Layout Rules
Component selection and placement on the pc board is extremely important when using power control ICs. VCC should be bypassed to COM as close to the IC terminals as possible with a low ESR/ESL capacitor, as shown in Figure 1 below.
Connecting the IC Ground (COM) to the Power Ground
Both the low power control circuitry and low side gate driver output stage grounds return to this lead within the IC. The COM lead should be connected to the bottom terminal of the current sense resistor in the source of the low side power MOSFET using an individual pc board trace, as shown in Figure 2. In addition, the ground return path of the timing components and VCC decoupling capacitor should be connected directly to the IC COM lead, and not via separate traces or jumpers to other ground traces on the board.
CVCC (surface mount) IR21571 pin 1 CBOOT (surface mount) DBoot (surface mount)
CVCC (through hole)
IR21571 pin 1
CVCC (surface mount)
Figure 1: Supply bypassing PCB layout example
timing components
CVCC (through hole)
A rule of thumb for the value of this bypass capacitor is to keep its minimum value at least 2500 times the value of the total input capacitance (Ciss) of the power transistors being driven. This decoupling capacitor can be split between a higher valued electrolytic type and a lower valued ceramic type connected in parallel, although a good quality electrolytic (e.g., 10F) placed immediately adjacent to the VCC and COM terminals will work well. In a typical application circuit, the supply voltage to the IC is normally derived by means of a high value startup resistor (1/4W) from the rectified line voltage, in combination with a charge pump from the output of the half-bridge. With this type of supply arrangement, the internal 15.6V zener clamp diode from VCC to COM will determine the steady state IC supply voltage.
RCS (through hole) VBUS return
Figure 2: COM lead connection PCB layout example
This connection technique prevents high current ground loops from interfering with the sensitive timing component operation, and allows the entire control circuit to reject common-mode noise due to output switching.
8
www.irf.com
IR21571(S)
The Control Sequence & Timing Component Selection
The IR21571 uses the following control sequence (Figure 3) to drive rapid start fluorescent lamps. The heart of this controller is an oscillator which resembles those found in many popular PWM voltage regulator ICs. In its simplest form, this oscillator consists of a timing resistor and capacitor connected to ground. The voltage across the timing capacitor CT is a sawtooth, where the rising portion of the ramp is determined by the current in the RT lead, and the falling portion of the ramp is determined by an external deadtime resistor RDT. The oscillograph in Figure 4 illustrates the relationship between the oscillator capacitor waveform and the gate driver outputs.
fStart frequency
fPH fRun fmin t
5V
VCPH
2V
VRPH
2V
VRUN Ignition Run mode Ramp mode
Preheat mode
Figure 3: IR21571 control sequence Figure 4
The control sequence used in the IR21571 allows the Run Mode operating frequency of the ballast to be higher than the ignition frequency (i.e., fstart > fph > frun > fign). This control sequence is recommended for lamp types where the ignition frequency is too close to the run frequency to ensure proper lamp striking for all production resonant LC component tolerances (please note that it is possible to use the IR21571 in systems where fstart > fph > fign > frun, simply by leaving the RUN lead open). Six leads in the IC are used to control the Startup, Preheat, Ignition Ramp, and Run modes of operation, and to allow ballast and lamp engineers the flexibility to optimize their designs for virtually any lamp type.
The deadtime can be programmed by means of the external RDT resistor, given a certain range of CT capacitor values, using the graph shown in Figure 5. The RT input is a voltage-controlled current source, where the voltage is regulated to be approximately 2.0V. In order to maintain proper linearity between the RT lead current and the CT capacitor charging current, the value of the RT lead current should be kept between 50A and 500A. The RT lead can also be used as a feedback point for closed loop control.
www.irf.com
9
IR21571(S)
10
tDEAD (usec)
CT = 220 pF 1 CT = 470 pF CT = 1 nF
During the Startup Mode, the operating frequency is determined by the parallel combination of RPH, RSTART, and RT, combined with the values of CSTART, CT and RDT , as shown in Figure 6. This frequency is normally chosen to ensure that the instantaneous voltage across the lamp during the first few cycles of operation does not exceed the strike potential of the lamp. As the voltage across CSTART charges up to the RT lead voltage, the output frequency exponentially decays to the preheat frequency. During the Preheat Mode, the operating frequency is determined by the parallel combination of RPH and RT, combined with the value of CT and RDT. This frequency, along with the Preheat Time, is normally chosen to ensure that adequate heating of the lamp filaments occur. Typically, a 4.5:1 ratio of the hot filament-to-cold filament resistance is desired for maximum lamp life, as shown in Figure 7.
0.1 1 10 100
RDT (Kohms)
Figure 5: Deadtime versus RDT
CPH 2
CPH
7.6V 5.1V
1.0uA
4.0V
S R1
Q
RPH 3
CIGN RT CSTART RSTART RPH
4.0V 2.0V IRT
R2 Q
RT 4 RUN 5 CT 6
RRUN
2.0V
ICT = I RT
CT
RDT
DT 7
UNDERVOLTAGE DETECT
Figure 6: Oscillator section block diagram with external component connection
10
www.irf.com
IR21571(S)
Preheat Ignition Ramp Run
The following graphs, Figures 8 and 9, illustrate the relationship between the effective RT resistance (i.e., the parallel combination of resistors which programs the CT capacitor charging current) and the operating frequency.
150
FREQ (KHz)
CT=220pF,RDT=11K CT=470pF,RDT=6.2K CT=1nF,RDT=3K
100
Figure 7: Lamp filament voltage during the preheat, ignition ramp and run modes.
50
The Preheat Time is programmed by means of the preheat capacitor, CPH, an internal 1A current source, and an internal threshold on the CPH lead of 4.0V, according to the following formula:
0 0 5 10 15 20 RT (K ohms) 25 30 35 40
Figure 8: fosc versus effective RT (tDEAD = 2.0 usec)
tPH = 4.7E6 CPH, CPH = 213E - 9 tPH
or
250
At the end of the Preheat Time, the internal, opendrain transistor holding the RPH lead to ground turns off, and the voltage on this lead charges exponentially up to the RT lead potential. During this Ignition Ramp Mode, the output frequency exponentially decays to a minimum value. The rate of decay of this frequency is a function of the RPH * CPH time constant. Because the Ignition Ramp Mode ends when the voltage on the CPH lead reaches 5.15V, the Ignition Ramp Mode is always 1/4th as long as the preheat time. When the CPH lead reaches 5.15V, an open-drain transistor on the RUN lead turns on, and the external RRUN resistor is then in parallel with the RT resistor. The Run Mode operating frequency is therefore a function of the parallel combination of RRUN and RT, and this means that the operating power of the lamp can be programmed by means of RRUN.
200 CT=220pF, RDT=5.6K CT=470pF, RDT=2.7K CT=1nF, RDT=1.2K 150 FREQ (KHz)
100
50
0 0 5 10 15 20 25 RT (K ohms) 30 35 40
Figure 9: fosc versus effective RT (tDEAD = 1.0 usec)
www.irf.com
11
IR21571(S)
Lamp Protection & Automatic Restart Circuitry Operation
Three leads on the IR21571 are used for protection, as shown in Figure 10 below. These are VDC (dc bus monitor), SD (unlatched shutdown), CS (latched shutdown) and OC (CS+ threshold programming).
+VBUS
R2
VDC
1
3.0V
S R
5.1V
Q Q
R1
C1
from oscillator section
CPH
2
7.6V
1.0uA
T R
Q Q
Q2
5.1V
R3
4.0V
Q
D CLK R
0.2V
CS
10
DT
7
RCS
Q Q
S R
Q
VCC
7.6V
OC
8 ROC
7.6V
50uA
UNDERVOLTAGE DETECT
OVERTEMP DETECT
SD
9
2.0V 7.6V
R4
R5
C2
from lower lamp cathode
Figure 10: Lamp protection & automatic restart circuitry block diagram with external component connection.
Sensing the DC Bus Voltage
The first of these protection leads senses the voltage on the DC bus by means of an external resistor divider and an internal comparator with hysteresis. When power is first supplied to the IC at system startup, 3 conditions are required before oscillation is initiated: 1.) the voltage on the VCC lead must exceed the rising undervoltage lockout threshold (11.5V), 2.) the voltage at the VDC lead must exceed 5.1V, and 3.) the voltage on the SD lead must be below approximately 1.85V. If a low dc bus condition occurs during normal operation, or if power to the ballast is shut off, the dc bus will collapse prior to the VCC of the chip (assuming the VCC is derived from a charge pump off of the output of the half-bridge). In this case, the voltage on the VDC lead will shut the oscillator off, thereby protecting the power transistors from potentially hazardous hard switching. Approximately 2V of hysteresis has been designed into the internal comparator sensing the VDC lead, in order to account for variations in the dc bus voltage under varying load conditions. When the dc bus recovers, the chip restarts from the beginning of the control sequence, as shown in timing diagram Figure 11.
12
www.irf.com
IR21571(S)
+ rectified AC Line
5
+ VBUS
VDC
3
VDC
HO
1
CPH
16
VS
RGHS CBS RSupply DBOOT CVCC D1
CBLOCK
LRES
2
RPH
15
VB
IR21571
3
RT
14
VCC
CSNUBBER
4
RUN
4 5
CT
13
COM
CT
DT
12 D2
LO
CRES
6 7
OC
11
CS
R3
RGLS R5 R4
8
10
SD
CPH
8
9 C2 RCS
15
VBUS return
LO
Figure 12: Lamp presence detection circuit connection (shaded area)
15
HO-VS
SD
Restart
2
RUN mode
Low VDC
4
Figure 11: VDC lead fault and auto restart
CT
8
Lamp Presence Detection and Automatic Restart
The second protection lead, SD, is used for both unlatched shutdown and automatic restart functions. The SD lead would normally be connected to an external circuit which senses the presence of the lamp (or lamps), as shown in Figure 12. When the SD lead exceeds 2.0V (approximately 150mV of hysteresis is included to increase noise immunity), signaling either a lamp fault or lamp removal, the oscillator is disabled, both gate driver outputs are pulled low, and the chip is put into the micropower mode. Since a lamp fault would normally lead to a lamp exchange, when a new lamp is inserted into the fixture, the SD lead would be pulled back to near the ground potential. Under these
CPH
15
LO
15
HO-VS
RUN mode
SD mode
Restart
Figure 13: SD lead fault and auto restart
conditions a reset signal would restart the chip from the beginning of the control sequence, as shown in the timing diagram in Figure 13.
www.irf.com
13
IR21571(S)
Thus, for a lamp removal and replacement, the ballast automatically restarts the lamp in the proper manner, maximizing lamp life and minimizing stress on the power MOSFETs or IGBTs. The SD lead contains an internal 7.5V zener diode clamp, thereby reducing the number of external components required. enabled at the end of the preheat time. The level of this positive-going threshold is determined by the value of the resistor ROC. The value of the resistor ROC is determined by the following formula:
ROC = VCS+ =
Half-Bridge Current Sensing and Protection
The third lead used for protection is the CS lead, which is normally connected to a resistor in the source of the lower power MOSFET, as shown in Figure 14. The CS lead is used to sense fault conditions such as failure of a lamp to strike, over-current during normal operation, hard switching, no load, and operation below resonance. If any one of these conditions is sensed, the fault latch is set, the oscillator is disabled, the gate driver outputs go low, and the chip is put into the micropower mode. The CS lead performs its sensing functions on a cycle-by-cycle basis in order to maximize ballast reliability. For the over-current, failure-to-strike, and hard switching fault conditions, an externally programmable, positive-going CS+ threshold is
rectifie d AC line
VDC HO
VCS+ or 50E - 6 50E -6 - ROC
For the under-current and under-resonance conditions, there is a negative-going CS- threshold of 0.2V which is enabled at the onset of the run mode. The sensing of this CS- threshold is synchronized with the falling edge of the LO output. Figures 15, 16 and 17 are oscillographs of fault conditions. Figure 15 shows a failure of the lamp to strike, Figure 16 shows a hard switching condition and Figure 17 shows an under-current condition.
+VBUS
1
CPH
16
VS
Q1 RGHS
1
2
RPH
15
VB
/2
CBOOT DBOOT
Bridge output
IR21571
3
RT
14
VCC
RSUPPLY D1
CSNUBBER
4
RUN
13
COM
5
CT
12
LO
CVCC Q2
6
DT
11
CS
RGLS R3
D2
7
OC
10
SD
8 ROC
9 RCS
VBUS return
Figure 15: Lamp failure to strike Figure 14: Half-bridge current sensing circuit connection (shaded area)
14
www.irf.com
IR21571(S)
Figure 16: Hard switching condition
Figure 18: Auto restart for lamp replacement
Recovery from such a fault condition is accomplished by cycling either the SD lead or the VCC lead. When a lamp is removed, the SD lead goes high, the fault latch is reset, and the chip is held off in an unlatched state. Lamp replacement causes the SD lead to go low again, reinitiating the startup sequence. The fault latch can also be reset by the undervoltage lockout signal, if VCC falls below the lower undervoltage threshold.
Bootstrap Supply Considerations
Power is normally supplied to the high-side circuitry by means of a simple charge pump from VCC, as shown in Figure 19.
Figure 17: Operation below resonance
www.irf.com
15
IR21571(S)
power supply to the upper gate driver CMOS circuitry. Since the quiescent current in this CMOS circuitry is very low (typically 45A in the on-state), the majority of the drop in the VBS voltage when Q1 is on occurs due to the transfer of charge from the bootstrap capacitor to the gate of the power MOSFET. VB should be bypassed to VS as close as possible to the leads of the IC with a low ESR/ESL capacitor. A PCB layout example is shown in figure 20. A rule of thumb for the value of this capacitor is to keep its minimum value at least 50 times the value of the total input capacitance (Ciss) of the MOSFET or IGBT being driven. In addition, the VS lead should be connected directly to the high side power MOSFET source.
rectifie d AC line
VDC HO
+VBUS
1
CPH
16
VS
Q1 RGHS
1
2
RPH
15
VB
/2
CBOOT DBOOT
Bridge output
IR21571
3
RT
14
VCC
RSUPPLY D1
CSNUBBER
4
RUN
13
COM
5
CT
12
LO
CVCC Q2
6
DT
11
CS
RGLS R3
D2
7
OC
10
SD
8
9 RCS
VBUS return
CVCC (surface mount) IR21571 pin 1 CBOOT (surface mount) DBoot (surface mount)
Figure 19: Typical bootstrap supply connection with VCC charge pump from half-bridge output (shaded area)
A high voltage, fast recovery diode DBOOT (the socalled bootstrap diode) is connected between VCC (anode) and VB (cathode), and a capacitor CBOOT (the so-called bootstrap capacitor) is connected between the VB and VS leads. During half-bridge switching, when MOSFET Q2 is on and Q1 is off, the bootstrap capacitor CBOOT is charged from the VCC decoupling capacitor, through the bootstrap diode DBOOT, and through Q2. Alternately, when Q2 is off and Q1 is on, the bootstrap diode is reverse-biased, and the bootstrap capacitor (which `floats' on the source of the upper power MOSFET) serves as the
CVCC (through hole)
Figure 20: Supply bypassing PCB layout example
16
www.irf.com
IR21571(S)
Case outlines
16-Lead PDIP
01-6015 01-3065 00 (MS-001A)
16-Lead SOIC (narrow body)
01-6018 01-3064 00 (MS-012AC)
Data and specifications subject to change without notice
6/28//2003
www.irf.com
17


▲Up To Search▲   

 
Price & Availability of IR21571

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X