Part Number Hot Search : 
TW0326A PMN40LN 68HC7 24LC08B RT920207 BUK762 1608X7 F3T5G
Product Description
Full Text Search
 

To Download IR2101S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60043-N
IR2101(S) IR2102(S)
HIGH AND LOW SIDE DRIVER
Features
* Floating channel designed for bootstrap operation
Fully operational to +600V Tolerant to negative transient voltage dV/dt immune Gate drive supply range from 10 to 20V Undervoltage lockout 3.3V, 5V, and 15V logic input compatible Matched propagation delay for both channels Outputs in phase with inputs (IR2101) or out of phase with inputs (IR2102)
Product Summary
VOFFSET IO+/VOUT ton/off (typ.) Delay Matching 600V max. 130 mA / 270 mA 10 - 20V 160 & 150 ns 50 ns
* * * * *
Description
Packages
The IR2101(S)/IR2102(S) are high voltage, high speed power MOSFET and IGBT drivers with independent high and low side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic con8 Lead SOIC struction. The logic input is compatible with stan8 Lead PDIP dard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
Typical Connection
up to 600V VCC
VCC
HIN LIN
VB HO VS LO
up to 600V VCC
TO LOAD
HIN LIN COM
IR2101
VCC
HIN LIN
VB HO VS LO
TO LOAD
HIN LIN COM
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
IR2102
www.irf.com
1
IR2101/IR2102 (S)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCC VLO VIN dVS/dt PD RthJA TJ TS TL
Definition
High side floating supply voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (HIN & LIN) Allowable offset supply voltage transient Package power dissipation @ TA +25C Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds) (8 lead PDIP) (8 lead SOIC) (8 lead PDIP) (8 lead SOIC)
Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 -0.3 -- -- -- -- -- -- -55 --
Max.
625 VB + 0.3 VB + 0.3 25 VCC + 0.3 VCC + 0.3 50 1.0 0.625 125 200 150 150 300
Units
V
V/ns W C/W
C
Recommended Operating Conditions
The input/output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VLO VIN TA
Definition
High side floating supply absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (HIN & LIN) (IR2101) & (HIN & LIN) (IR2102) Ambient temperature
Min.
VS + 10 Note 1 VS 10 0 0 -40
Max.
VS + 20 600 VB 20 VCC VCC 125
Units
V
C
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
2
www.irf.com
IR2101/IR2102 (S)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25C unless otherwise specified.
Symbol
ton toff tr tf MT
Definition
Turn-on propagation delay Turn-off propagation delay Turn-on rise time Turn-off fall time Delay matching, HS & LS turn-on/off
Min. Typ. Max. Units Test Conditions
-- -- -- -- -- 160 150 100 50 -- 220 220 170 90 50 ns VS = 0V VS = 600V
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
Symbol
VIH VIL VOH VOL ILK IQBS IQCC IIN+ IINVCCUV+ VCCUVIO+
Definition
Logic "1" input voltage (IR2101) Logic "0" input voltage (IR2102) Logic "0" input voltage (IR2101) Logic "1"input voltage (IR2102) High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current VCC supply undervoltage positive going threshold VCC supply undervoltage negative going threshold Output high short circuit pulsed current
Min. Typ. Max. Units Test Conditions
3 -- -- -- -- -- -- -- -- -- -- -- -- 30 150 3 -- V 0.8 100 100 50 55 270 10 A mV VCC = 10V to 20V IO = 0A IO = 0A VB = VS = 600V VIN = 0V or 5V VIN = 0V or 5V VIN = 5V (IR2101) VIN = 0V (IR2102) -- 8 7.4 130 -- 8.9 8.2 210 1 9.8 9 -- mA V VIN = 0V (IR2101) VIN = 5V (IR2102) VCC = 10V to 20V
VO = 0V VIN = Logic "1" PW 10 s VO = 15V VIN = Logic "0" PW 10 s
IO-
Output low short circuit pulsed current
270
360
--
www.irf.com
3
IR2101/IR2102 (S)
Functional Block Diagram
VB Q PULSE FILTER R S VS HO
HV LEVEL SHIFT
HIN
PULSE GEN UV DETECT
VCC
LIN
LO
COM
IR2101
VB Q PULSE FILTER R S VS HO
Vcc
HIN
HV LEVEL SHIFT
PULSE GEN
Vcc
LIN
UV DETECT
VCC
LO
COM
IR2102
4
www.irf.com
IR2101/IR2102 (S)
Lead Definitions
Symbol
HIN HIN LIN LIN VB HO VS VCC LO COM
Description
Logic input for high side gate driver output (HO), in phase (IR2101) Logic input for high side gate driver output (HO), out of phase (IR2102) Logic input for low side gate driver output (LO), in phase (IR2101) Logic input for low side gate driver output (LO), out of phase (IR2102) High side floating supply High side gate drive output High side floating supply return Low side and logic fixed supply Low side gate drive output Low side return
Lead Assignments
8 Lead PDIP
8 Lead SOIC
IR2101
IR2101S
8 Lead PDIP
8 Lead SOIC
IR2102
www.irf.com
IR2102S
5
IR2101/IR2102 (S)
HIN LIN
50%
50%
HIN LIN HIN LIN
HIN LIN
ton 50% 50%
tr 90%
toff 90%
tf
HO LO
Figure 1. Input/Output Timing Diagram
HO LO
10%
10%
Figure 2. Switching Time Waveform Definitions
HIN LIN
50%
50%
HIN LIN
50%
50%
LO
HO
10%
MT 90%
MT
LO
HO
Figure 3. Delay Matching Waveform Definitions
6
www.irf.com
IR2101/IR2102 (S)
500 Turn-On Delay Time (ns) 400 300 200 100 Max. Turn-On Delay Time (ns) 500 400 300 200
Max.
Typ.
100 0
Typ.
0 -50
-25
0
25
50
75
100
125
10
12
14
16
18
20
Temperature (C)
VBIAS Supply Voltage (V)
Figure 6A. Turn-On Time vs Temperature
Figure 6B. Turn-On Time vs Supply Voltage
500 Turn-On Delay Time (ns 400 300 200 100 0 0 2 4 6 8 10 12 14 16 18 20
Turn-Off Delay Time (ns)
5 00 4 00 3 00 2 00 1 00 T yp . 0 -50 -25 0 25 50 75 Temperature (C) 1 00 1 25 M ax .
Input Voltage (V)
Figure 6C. Turn-On Time vs Input Voltage
500
Figure 7A. Turn-Off Time vs Temperature
500 Turn-Off Delay Time (ns 400 300 200 100 0 Typ. Max.
Turn-Off Delay Time (ns)
400 300 200 Typ. 100 0 10 12 14 16 VBIAS Supply Voltage (V) 18 20 Max.
0
2
4
6
8
10
12
14
16
18
20
Input Voltage (V)
Figure 7B. Turn-Off Time vs Supply Voltage
Figure 7C. Turn-Off Time vs Input Voltage
www.irf.com
7
IR2101/IR2102 (S)
500 500
Turn-On Rise Time (ns)
400 300 200 100 Typ. 0 -5 0 -2 5 0 25 50 75 100 125
Turn-On Rise Time (ns)
400 300 M ax. 200 100 Typ. 0 10 12 14 16 18 20
M ax.
Temperature (C)
VBIAS Supply Voltage (V)
Figure 9A. Turn-On Rise Time vs Temperature
Figure 9B. Turn-On Rise Time vs Voltage
20 0
200
Turn-Off Fall Time (ns)
15 0
Turn-Off Fall Time (ns)
150 M a x. 100
10 0 M ax. 50 Ty p. 0 -50 -25 0 25 50 75 10 0 12 5
50 Typ. 0 10 12 14 16 18 20
Temperature (C)
VBIAS Supply Voltage (V)
Figure 10A. Turn-Off Fall Time vs Temperature
8 7
I pu t V ol g e (V ) n ta
Figure 10B. Turn-Off Fall Time vs Voltage
8 7 6 5 4 3 2 1 0 Mi n.
I ut V ol np tage (V )
6 5 4 3 2 1 0 -50 -25 0 25 50 75 10 0 12 5
Temperature (C)
Mi. n
10
12
14
16
18
20
Vcc Supply Voltage (V)
Figure 12A. Logic "1" Input Voltage (IR2101) Logic "0" Input Voltage (IR2102) vs Temperature 8
Figure 12B. Logic "1" Input Voltage (IR2101) Logic "0" Input Voltage (IR2102) vs Voltage www.irf.com
IR2101/IR2102 (S)
4 3 .2 I p u t V o l g e (V ) n ta 2 .4 1 .6 M ax. 0 .8 0 -5 0 -2 5 0 25 50 75 100 125
Temperature (C)
4 3.2 I nput V o l e (V ) tag 2.4 1.6 M ax . 0.8 0 10 12 14 16 18 20
Vcc Supply Voltage (V)
Figure 13A. Logic "0" Input Voltage (IR2101) Logic "1" Input Voltage (IR2102) vs Temperature
1
Figure 13B. Logic "0" Input Voltage (IR2101) Logic "1" Input Voltage (IR2102) vs Voltage
1
High Level Output Voltage (V)
High Level Output Voltage (V)
0 .8 0 .6 0 .4 M ax. 0 .2 0 -5 0 -2 5 0 25 50 75 100 125
0 .8 0 .6 0 .4 0 .2 0 10 12 14 16 18 20 M ax.
Temperature (C)
Vcc Supply Voltage (V)
Figure 14A. High Level Output vs Temperature
1
Figure 14B. High Level Output vs Voltage
1
Low Level Output Voltage (V)
0 .8 0 .6 0 .4 0 .2 0 -5 0 -2 5 0 25 50 75 100 125
Low Level Output Voltage (V)
0 .8 0 .6 0 .4 0 .2 M ax. 0 10 12 14 16 18 20
M ax.
Temperature (C)
Vcc Supply Voltage (V)
Figure 15A. Low Level Output vs Temperature www.irf.com
Figure 15B. Low level Output vs Voltage
9
IR2101/IR2102 (S)
Offset Supply Leakage Current (A)
500 400 300 200 100 M ax. 0 -5 0 -2 5 0 25 50 75 100 125
500
Offset Supply Leakage Current (A)
400 300 200 100 0 0 100 200 300 400 500 600
Max.
Temperature (C)
VB Boost Voltage (V)
Figure 16A. Offset Supply Current vs Temperature
1 50
150
Figure 16B. Offset Supply Current vs Voltage
VBS Supply Current (A)
1 20 90 60 M ax . 30 T yp . 0 -50 -25 0 25 50 75 1 00 1 25
VBS Supply Current (A)
120 90 60 30 Ty p. 0 10 12 14 16 18 20
Max .
Temperature (C)
VBS Floating Supply Voltage (V)
Figure 17A. VBS Supply Current vs Temperature
700 700
Figure 17B. VBS Supply Current vs Voltage
Vcc Supply Current (A)
600 500 400 300 200 100 0 -5 0 -2 5 0 25 50 75 100 125 Typ. M ax.
Vcc Supply Current (A)
600 500 400 300 200 100 Typ. 0 10 12 14 16 18 20 M ax.
Temperature (C)
Vcc Supply Voltage (V)
Figure 18A. Vcc Supply Current vs Temperature 10
Figure 18B. Vcc Supply Current vs Voltage www.irf.com
IR2101/IR2102 (S)
30
30
Logic 1" Input Current (A)
Logic 1" Input Current (A)
25 20 15 10 M ax. 5 Typ. 0 -5 0 -2 5 0 25 50 75 100 125
25 20 15 10 5 0 10 12 14 16 18 20 M ax. Typ.
Temperature (C)
Vcc Supply Voltage (V)
Figure 19A. Logic"1" Input Current vs Temperature
5
Logic "0" Input Current (uA)
Logic "0" Input Current (A)
Figure 19B. Logic"1" Input Current vs Voltage
5 4 3 2 Max. 1 0
4 3 2 Max. 1 0 -50
-25
0
25 50 75 Temperature (C)
100
125
10
12
14 16 VCC Supply Voltage (V)
18
20
Figure 20A. Logic "0" Input Current vs Temperature
11
VCC UVLO Threshold - (V) VCC UVLO Threshold +(V)
Figure 20B. Logic "0" Input Current vs Voltage
11
M ax. 10 9 8 7 6 -50 -25 0 25 50 75 100 125
Temperature (C)
10 Max. 9 Typ. 8 7 Min.
Typ. Mi n.
6 -50
-25
0
25
50
75
100
125
Temperature (C)
Figure 21A. Vcc Undervoltage Threshold(+) vs Temperature www.irf.com
Figure 21B. Vcc Undervoltage Threshold(-) vs Temperature 11
IR2101/IR2102 (S)
500
Output Source Current (mA) Output Source Current (mA)
500 400 300 200 Typ. 100 Min. 0
-25 0 25 50 75 Temperature (C) 100 125
400 300 200 100 Min. Typ.
0 -50
10
12
14 16 18 VBIAS Supply Voltage (V)
20
Figure 22A. Output Source Current vs Temperature
7 00
Output Sink Current (mA) Output Sink Current (mA)
Figure 22B. Output Source Current vs Voltage
70 0 60 0 50 0 40 0 30 0 20 0 Mi n. 10 0 0 10 12 14 16 18 20 Ty p.
6 00 5 00 4 00 3 00 Mi. n 2 00 1 00 0 -50 -25 0 25 50 75 1 00 1 25
Temperature (C)
T yp .
VBIAS Supply Voltage (V)
Figure 23A. Output Sink Current vs Temperature
Figure 23B. Output Sink Current vs Voltage
12
www.irf.com
IR2101/IR2102 (S)
Case outlines
8 Lead PDIP
D A 5 B
FOOTPRINT 8X 0.72 [.028]
01-6014 01-3003 01 (MS-001AB)
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
DIM A b c D
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
E
6.46 [.255]
1
2
3
4
e e1 H K L
8X 1.78 [.070]
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e e1
3X 1.27 [.050]
y
A C 0.10 [.004] y
K x 45
8X b 0.25 [.010]
A1 CAB
8X L 7
8X c
NOTES: 1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONTROLLING DIMENSION: MILLIMETER 3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE C ONFORMS TO JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INC LUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXC EED 0.15 [.006]. 6 DIMENSION DOES NOT INC LUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXC EED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE.
8 Lead SOIC
01-6027 01-0021 11 (MS-012AA)
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 4/18/2003
www.irf.com
13


▲Up To Search▲   

 
Price & Availability of IR2101S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X