Part Number Hot Search : 
MCD410 AAT3122 MSD2N60 MN100 05D15 2815S 390FA DD151N
Product Description
Full Text Search
 

To Download HI50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9016 Issued Date : 1996.04.12 Revised Date : 2002.02.26 Page No. : 1/3
HI50
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HI50 is designed for line operated audio output amplifier switch mode power supply drivers and other switching applications.
Absolute Maximum Ratings (Ta=25C)
TO-251
* Maximum Temperatures Storage Temperature ............................................................................................ -55 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Tc=25C) ..................................................................................... 20 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage..................................................................................... 500 V BVCEO Collector to Emitter Voltage.................................................................................. 400 V BVEBO Emitter to Base Voltage............................................................................................ 5 V IC Collector Current .............................................................................................................. 1 A
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICES ICEO IEBO *VCE(sat) *VBE(on) *hFE1 *hFE2 fT Min. 500 400 5 30 10 10 Typ. Max. 100 200 1 1 1.5 150 Unit V V V uA uA mA V V Test Conditions IC=1mA IC=30mA IC=100uA VCE=500V VCE=300V VEB=5V IC=1A, IB=0.2A VCE=10V, IC=1A VCE=10V, IC=0.3A VCE=10V, IC=1A VCE=10V, IC=200mA, f=2MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
MHz
HI50
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 hFE @ VCE=10V 1000 VCE(sat) @ IC=5IB
Spec. No. : HE9016 Issued Date : 1996.04.12 Revised Date : 2002.02.26 Page No. : 2/3
Saturation Voltage & Collector Current
hFE
125 C 100 25 C 75 C
o o
o
Saturation Voltage (mV)
100 125 C
o
75 C 25 C
o
o
10 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current-IC (mA)
ON Voltage & Collector Current
1000 25 C
o
Cutoff Frequency & Collector Current
100
ON Voltage (mV)
75 C
o
125 C
o
VBE(ON) @ VCE=10V
Cutoff Frequency (MHz).. .
VCE=10V
100 1 10 100 1000
10 1 10 100 1000
Collector Current-IC (mA)
Collector Current (mA)
Capacitance & Reverse-Biased Voltage
100
Capacitance (pF)
10 Cob
1 1 10 100
Reverse Biased Voltage (V)
HI50
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-251 Dimension
Marking:
Spec. No. : HE9016 Issued Date : 1996.04.12 Revised Date : 2002.02.26 Page No. : 3/3
A
B
C D
H 50 Date Code
I
Control Code
F 3 I E K 2 1
G
Style: Pin 1.Base 2.Collector 3.Emitter
H
J
3-Lead TO-251 Plastic Package HSMC Package Code: I *: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0354 0.0591 0.0177 0.0236 0.0866 0.0945 0.2520 0.2677 0.2677 0.2835
Millimeters Min. Max. 0.45 0.55 0.90 1.50 0.45 0.60 2.20 2.40 6.40 6.80 6.80 7.20
DIM G H I J K
Inches Min. Max. 0.2559 *0.1811 0.0354 0.0315 0.2047 0.2165
Millimeters Min. Max. 6.50 *4.60 0.90 0.80 5.20 5.50
Notes: 1.Dimension and tolerance based on our Spec. dated May. 24,1995.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HI50
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HI50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X