Part Number Hot Search : 
01120 BD9846FV 78020 M5R24RHJ 0D102 PT28C020 48D05 F462D
Product Description
Full Text Search
 

To Download FR102G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR101G THRU FR107G
FAST RECOVERY GLASS PASSIVATED RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
DO-41
Forward Current - 1.0 Ampere
FEATURES
1.0 (25.4) MIN. 0.107(2.7) 0.080(2.0) DIA.
0.205(5.2) 0.166(4.2)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Fast switching for high efficiency Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
1.0 (25.4) MIN. 0.034(0.9) 0.028(0.7) DIA.
Dimensions in inches and (millimeters)
Case: JEDEC DO-41 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750 Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.012 ounce, 0.33 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
FR 101G
FR 102G
FR 103G
FR FR 104G 105G
FR 106G
FR 107G
UNITS
Maximum repetitive peak reverse voltage VRRM Maximum RMS voltage VRMS Maximum DC blocking voltage VDC Maximum average forward rectified current I(AV) 0.375"(9.5mm) lead length at TA=75 C Peak forward surge current IFSM 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) VF Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current TA=25 C IR at rated DC blocking voltage TA=100 C Maximum reverse recovery time (NOTE 1) trr Typical junction capacitance (NOTE 2) CJ Typical thermal resistance (NOTE 3) RqJA Operating junction and storage temperature range TJ,TSTG
50 35 50
100 70 100
200 400 140 280 200 400 1.0 30.0 1.3 5.0 50.0
600 420 600
800 1000 VOLTS 560 700 VOLTS 800 1000 VOLTS Amp Amps Volts mA
150
250 15.0 50.0 -65 to +150
500
ns pF C/W C
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 3.Thermal resistance from junction to ambient at 0.375"(9.5mm)lead length,P.C.B. mounted
RATINGS AND CHARACTERISTIC CURVES FR101 THRU FR107
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
1.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
30
0.8
25
0.6
20
0.4
Single Phase Half Wave 60Hz Resistive or inductive Load
15
0.2
10
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0 0
25
50
75
100
125
5.0 150
1
175
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
10
100
1
10 TJ=100 C 1
0.1
TJ=25 C PULSE WIDTH=300 ms 1%DUTY CYCLE
0.01 0.6
0.1 1.4 0.01 0 1.5 TJ=25 C
0.8
1.0
1.2
20
40
60
80
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 5-TYPICAL JUNCTION CAPACITANCE
TRANSIENT THERMAL IMPEDANCE, C/W
200 100 TJ=25 C 100
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
JUNCTION CAPACITANCE, pF
10
10
1
1 0.1
0.1 0.01 100
0.1
1
10
1.0
10
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.


▲Up To Search▲   

 
Price & Availability of FR102G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X