Part Number Hot Search : 
T1210 IT888 04447 FM101 MBL8048 24064 N60C3 67BGC
Product Description
Full Text Search
 

To Download FR102G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. FR101G THRU FR107G
GLASS PASSIVATED FAST RECOVERY RECTIFIER
VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FEATURES
* Molded case feature for auto insertion * Glass passivated chip * High current capability * Low leakage current * Fast switching for high efficiency * High surge capability * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO - 41
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
SYMBOL
VRRM Maximum Repetitive Peak Reverse Voltage VRMS Maximum RMS Voltage VDC Maximum DC Blocking Voltage Maximum Average Forward Rectified Current IF(AV) 1.0 (9.5mm lead length, at Ta=55oC) Peak Forward Surge Current (8.3ms single IFSM 30.0 half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage VF 1.3 (at rated forward current ) 5.0 Maximum DC Reverse Current Ta=25oC IR o 100 (at rated DC blocking voltage) Ta=100 C 150 500 Maximum Reverse Recovery Time (Note 1) trr 250 15.0 CJ Typical Junction Capacitance (Note 2) 50 Typical Thermal Resistance (Note 3) R(ja) -65 to +150 Storage and Operation Junction Temperature TSTG,TJ Note: 1.Reverse recovery condition IF=0.5A, IR=1.0A, Irr=0.25A 2.Measured at 1.0 MHz and applied voltage of 4.0Vdc 3.Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C. board mounted
FR FR FR FR 101G 102G 103G 104G 50 100 200 400 35 70 140 280 50 100 200 400
FR FR FR UNITS 105G 106G 107G 600 800 1000 V 420 560 700 V 600 800 1000 V
A A V A A nS pF
o
C/W o C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of FR102G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X