Part Number Hot Search : 
BA6956AN ISD111 02243 AON3402 2SK35 SMA6501 STRRP DEZP66D4
Product Description
Full Text Search
 

To Download EA60QC06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
Type :
EA60QC06 EA60QC06
OUTLINE DRAWING
FEATURES
* TO-251AA Case * Dual Diodes Cathode Common * Low Forward Voltage drop * Low Power Loss * High Surge Capability * 30 Volts thru 100 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage P.C.Board Average Rectified mounted * Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 45 1.5 6.0 Ta=27C Tc=104C
Approx Net Weight:0.35g EA60QC06 60 65 50Hz Full Sine Wave Resistive Load Unit V V A A A C C
6.66 50Hz Full Sine Wave,1cycle, Non-repetitive - 40 to + 150 - 40 to + 150
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Junction to Ambient Thermal Resistance Junction to Case * Print Land = 20x20 mm Symbol Conditions Min Typ Max 3.0 0.58 80 5 Unit mA V C/W C/W IRM Tj=25C,VRM=VRRM per Arm VFM Tj=25C,IFM= 3 A per Arm Rth(j-a) P.C.Board mounted * Rth(j-c) -
EA60QC06 OUTLINE DRAWING (Dimensions in mm)
4
1
2
3
4
1
2
3
FORWARD CURRENT VS. VOLTAGE
EA60QC06/EA60QC06-F (per Arm)
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5
0.2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
EA60QC06/EA60QC06-F (Total)
RECT 180 SINE WAVE
5
AVERAGE FORWARD POWER DISSIPATION (W)
4
3
2
1
0 0 1 2 3 4 5 6 7
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 200 EA60QC06/EA60QC06-F (per Arm)
PEAK REVERSE CURRENT (mA)
100
50
20 0 10 20 30 40 50 60 70
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
EA60QC06/EA60QC06-F (Total)
AVERAGE REVERSE POWER DISSIPATION (W)
8
RECT 180
6
SINE WAVE
4
2
0 0 10 20 30 40 50 60 70
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =60 V 7 EA60QC06/EA60QC06-F (Total)
RECT 180. SINE WAVE.
AVERAGE FORWARD CURRENT (A)
6
5
4
3
2
1
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
P.C. Board mounted (Print land=20x20mm) EA60QC06/EA60QC06-F (Total)
3.5
AVERAGE FORWARD CURRENT (A)
3.0
2.5
2.0
RECT 180. SINE WAVE.
1.5
1.0
0.5
0 0 25 50 75 100 125 150
AMBIENT TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 50 EA60QC06/EA60QC06-F
SURGE FORWARD CURRENT (A)
40
30
20
10
I FSM 0.02s
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue EA60QC06/EA60QC06-F (per Arm)
500
JUNCTION CAPACITANCE (pF)
200
100
50 0.5 1 2 5 10 20 50 100
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of EA60QC06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X