Part Number Hot Search : 
C2852 FST3125 A1371 MT3S0 D152K EL519207 35LH011 2SC46
Product Description
Full Text Search
 

To Download CY7C1473V33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CY7C1471V33 CY7C1473V33 CY7C1475V33
72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLTM Architecture
Features
* No Bus LatencyTM (NoBLTM) architecture eliminates dead cycles between write and read cycles. * Can support up to 133-MHz bus operations with zero wait states * Data is transferred on every clock * Pin compatible and functionally equivalent to ZBTTM devices * Internally self-timed output buffer control to eliminate the need to use OE * Registered inputs for flow-through operation * Byte Write capability * 3.3V/2.5V I/O power supply * Fast clock-to-output times -- 6.5 ns (for 133-MHz device) -- 8.5 ns (for 100-MHz device) * Clock Enable (CEN) pin to enable clock and suspend operation * Synchronous self-timed writes * Asynchronous Output Enable * Offered in JEDEC-standard lead-free 100 TQFP, and 165-ball fBGA packages for CY7C1471V33 and CY7C1473V33. 209-ball fBGA package for CY7C1475V33. * Three chip enables for simple depth expansion. * Automatic Power-down feature available using ZZ mode or CE deselect. * JTAG boundary scan for BGA and fBGA packages * Burst Capability--linear or interleaved burst order * Low standby power
Functional Description[1]
The CY7C1471V33, CY7C1473V33 and CY7C1475V33 are 3.3V, 2M x 36/4M x 18/1M x 72 Synchronous Flow-through Burst SRAMs designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1471V33, CY7C1473V33 and CY7C1475V33 are equipped with the advanced No Bus Latency (NoBL) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of data through the SRAM, especially in systems that require frequent Write-Read transitions. All synchronous inputs pass through input registers controlled by the rising edge of the clock. The clock input is qualified by the Clock Enable (CEN) signal, which when deasserted suspends operation and extends the previous clock cycle. Maximum access delay from the clock rise is 6.5 ns (133-MHz device). Write operations are controlled by the two or four Byte Write Select (BWX) and a Write Enable (WE) input. All writes are conducted with on-chip synchronous self-timed write circuitry. Three synchronous Chip Enables (CE1, CE2, CE3) and an asynchronous Output Enable (OE) provide for easy bank selection and output tri-state control. In order to avoid bus contention, the output drivers are synchronously tri-stated during the data portion of a write sequence.
Selection Guide
133 MHz Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current 6.5 335 150 100 MHz 8.5 305 150 Unit ns mA mA
Note: 1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
Cypress Semiconductor Corporation Document #: 38-05288 Rev. *E
*
3901 North First Street
*
San Jose, CA 95134 * 408-943-2600 Revised December 5, 2004
PRELIMINARY
1
CY7C1471V33 CY7C1473V33 CY7C1475V33
Logic Block Diagram - CY7C1473V33 (4M x 18)
A0, A1, A MODE CLK CEN C CE ADV/LD C WRITE ADDRESS REGISTER ADDRESS REGISTER A1 D1 A0 D0 Q1 A1' A0' Q0
BURST LOGIC
ADV/LD BWA BWB WRITE REGISTRY AND DATA COHERENCY CONTROL LOGIC WRITE DRIVERS MEMORY ARRAY
S E N S E A M P S
D A T A S T E E R I N G
O U T P U T B U F F E R S E
DQs DQPA DQPB
WE
OE CE1 CE2 CE3 ZZ
INPUT E REGISTER READ LOGIC
SLEEP CONTROL
Logic Block Diagram - CY7C1471V33 (2M x 36)
A0, A1, A MODE CLK CEN C CE ADV/LD C WRITE ADDRESS REGISTER ADDRESS REGISTER A1 D1 A0 D0 Q1 A1' A0' Q0
BURST LOGIC
ADV/LD BWA BWB BWC BWD WE WRITE REGISTRY AND DATA COHERENCY CONTROL LOGIC WRITE DRIVERS MEMORY ARRAY
S E N S E A M P S
D A T A S T E E R I N G
O U T P U T B U F F E R S E
DQs DQPA DQPB DQPC DQPD
OE CE1 CE2 CE3 ZZ
INPUT E REGISTER READ LOGIC
SLEEP CONTROL
Document #: 38-05288 Rev. *E
Page 2 of 29
PRELIMINARY
Logic Block Diagram - CY7C1475V33 (1M x 72)
A0, A1, A MODE CLK CEN C
WRITE ADDRESS REGISTER 1
CY7C1471V33 CY7C1473V33 CY7C1475V33
ADDRESS REGISTER 0
A1 A1' D1 Q1 A0 A0' BURST D0 Q0 LOGIC ADV/LD C
WRITE ADDRESS REGISTER 2
ADV/LD BWa BWb BWc BWd BWe BWf BWg BWh
WRITE REGISTRY AND DATA COHERENCY CONTROL LOGIC WRITE DRIVERS
MEMORY ARRAY
S E N S E A M P S
O U T P U T R E G I S T E R S
D A T A S T E E R I N G
O U T P U T B U F F E R S
E
E
DQs DQPa DQPb DQPc DQPd DQPe DQPf DQPg DQPh
WE
INPUT REGISTER 1 E INPUT REGISTER 0 E
OE CE1 CE2 CE3 ZZ
READ LOGIC
Sleep Control
Document #: 38-05288 Rev. *E
Page 3 of 29
PRELIMINARY
Pin Configurations
100-lead TQFP
BWD BWC BWB BWA CEN CLK ADV/LD
CY7C1471V33 CY7C1473V33 CY7C1475V33
CE1
CE2
CE3
VDD
VSS
WE
OE
A 82
A
100
A
99
A
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
A
BYTE C
BYTE D
DQPC DQC DQC VDDQ VSS DQC DQC DQC DQC VSS VDDQ DQC DQC NC VDD NC VSS DQD DQD VDDQ VSS DQD DQD DQD DQD VSS VDDQ DQD DQD DQPD
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
31 32 33 34 35 36 37 38
81
A
CY7C1471V33
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
44 45 46 47 48 49 50
DQPB DQB DQB VDDQ VSS DQB DQB DQB DQB VSS VDDQ DQB DQB VSS NC VDD ZZ DQA DQA VDDQ VSS DQA DQA DQA DQA VSS VDDQ DQA DQA DQPA
BYTE B
BYTE A
39
40
41
42
A1
A0
VSS
MODE
NC / 288M
NC / 144M
VDD
A
A
A
A
43
A
A
A
Document #: 38-05288 Rev. *E
A
A
A
A
A
A
Page 4 of 29
PRELIMINARY
Pin Configurations (continued)
100-lead TQFP
BWB BWA CEN CLK ADV/LD
CY7C1471V33 CY7C1473V33 CY7C1475V33
CE1
CE2
CE3
VDD
VSS
WE
OE
NC
NC
A 82
100
A
99
A
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
A
83
A
NC NC NC VDDQ VSS NC NC DQB DQB VSS VDDQ DQB DQB NC VDD NC VSS DQB DQB VDDQ VSS DQB DQB DQPB NC VSS VDDQ NC NC NC
BYTE B
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
31 32 33 34 35 36 37 38
81
A
CY7C1473V33
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
44 45 46 47 48 49 50
A NC NC VDDQ VSS NC DQPA DQA DQA VSS VDDQ DQA DQA VSS NC VDD ZZ DQA DQA VDDQ VSS DQA DQA NC NC VSS VDDQ NC NC NC
BYTE A
39
40
41
42
A1
A0
VSS
MODE
NC / 288M
NC / 144M
VDD
A
A
A
A
43
A
A
A
A
Document #: 38-05288 Rev. *E
A
A
A
A
A
Page 5 of 29
PRELIMINARY
Pin Configurations (continued)
165-ball fBGA (3 Chip Enable with JTAG)
CY7C1471V33 (2M x 36)
CY7C1471V33 CY7C1473V33 CY7C1475V33
1 A B C D E F G H J K L M N P R
NC / 288M NC DQPC DQC DQC DQC DQC NC DQD DQD DQD DQD DQPD NC MODE
2
A A NC DQC DQC DQC DQC NC DQD DQD DQD DQD NC A A
3
CE1 CE2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A
4
BWC BWD VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS
A
5
BWB BWA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDI
TMS
6
CE3 CLK
7
CEN WE
8
ADV/LD OE
9
A A VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A
A
10
A
11
NC NC / 144M DQPB DQB DQB DQB DQB ZZ DQA DQA DQA DQA DQPA NC A
A NC DQB DQB DQB DQB NC DQA DQA DQA DQA NC A A
VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC A1 A0
VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDO TCK
VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS
A
A
A
CY7C1473V33 (4M x 18)
1 A B C D E F G H J K L M N P R
NC / 288M NC NC NC NC NC NC NC DQB DQB DQB DQB DQPB NC MODE
2
A A NC DQB DQB DQB DQB NC NC NC NC NC NC A A
3
CE1 CE2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A
4
BWB NC VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS
A
5
NC BWA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDI
TMS
6
CE3 CLK
7
CEN WE
8
ADV/LD OE
9
A A VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A
A
10
A
11
A NC / 144M DQPA DQA DQA DQA DQA ZZ NC NC NC NC NC NC A
A NC NC NC NC NC NC DQA DQA DQA DQA NC A A
VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC A1 A0
VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDO TCK
VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS
A
A
A
Document #: 38-05288 Rev. *E
Page 6 of 29
PRELIMINARY
Pin Configurations (continued)
209-ball PBGA
CY7C1471V33 CY7C1473V33 CY7C1475V33
CY7C1475V33 (1M x 72)
1 A B C D E F G H J K L M N P R T U V W
DQg DQg DQg DQg DQPg DQc DQc DQc DQc NC DQh DQh DQh DQh DQPd DQd DQd DQd DQd
2
DQg DQg DQg DQg DQPc DQc DQc DQc DQc NC DQh DQh DQh DQh DQPh DQd DQd DQd DQd
3
A BWSc BWSh VSS VDDQ VSS VDDQ VSS VDDQ CLK VDDQ VSS VDDQ VSS VDDQ VSS NC A TMS
4
CE2 BWSg BWSd NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A A TDI
5
A NC NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC
6
ADV/LD WE CE1 OE VDD NC NC NC NC CEN NC NC NC ZZ VDD MODE A A1 A0
7
A A NC NC VDD VSS VDD VSS VDD VSS VDD VSS VDD VSS VDD NC A A A
8
CE3 BWSb BWSe NC VDDQ VSS VDDQ VSS VDDQ NC VDDQ VSS VDDQ VSS VDDQ NC A A TDO
9
A BWSf BWSa VSS VDDQ VSS VDDQ VSSQ VDDQ NC VDDQ VSS VDDQ VSS VDDQ VSS NC A TCK
10
DQb DQb DQb DQb DQPf DQf DQf DQf DQf NC DQa DQa DQa DQa DQPa DQe DQe DQe DQe
11
DQb DQb DQb DQb DQPb DQf DQf DQf DQf NC DQa DQa DQa DQa DQPe DQe DQe DQe DQe
A
A A
Document #: 38-05288 Rev. *E
Page 7 of 29
PRELIMINARY
Pin Definitions
Name A0, A1, A BWA, BWB, BWC, BWD, BWE, BWF, BWG, BWH WE ADV/LD I/O InputSynchronous InputSynchronous InputSynchronous InputSynchronous Description
CY7C1471V33 CY7C1473V33 CY7C1475V33
Address Inputs used to select one of the address locations. Sampled at the rising edge of the CLK. A[1:0] are fed to the two-bit burst counter. Byte Write Inputs, active LOW. Qualified with WE to conduct writes to the SRAM. Sampled on the rising edge of CLK. Write Enable Input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW. This signal must be asserted LOW to initiate a write sequence. Advance/Load Input. Used to advance the on-chip address counter or load a new address. When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW, a new address can be loaded into the device for an access. After being deselected, ADV/LD should be driven LOW in order to load a new address. Clock Input. Used to capture all synchronous inputs to the device. CLK is qualified with CEN. CLK is only recognized if CEN is active LOW. Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2, and CE3 to select/deselect the device. Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE3 to select/deselect the device. Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE2 to select/deselect the device. Output Enable, asynchronous input, active LOW. Combined with the synchronous logic block inside the device to control the direction of the I/O pins. When LOW, the I/O pins are allowed to behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during the data portion of a write sequence, during the first clock when emerging from a deselected state, when the device has been deselected. Clock Enable Input, active LOW. When asserted LOW the Clock signal is recognized by the SRAM. When deasserted HIGH the Clock signal is masked. Since deasserting CEN does not deselect the device, CEN can be used to extend the previous cycle when required. ZZ "Sleep" Input. This active HIGH input places the device in a non-time critical "sleep" condition with data integrity preserved. During normal operation, this pin can be connected to Vss or left floating. Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered by the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the pins behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state condition.The outputs are automatically tri-stated during the data portion of a write sequence, during the first clock when emerging from a deselected state, and when the device is deselected, regardless of the state of OE. Bidirectional Data Parity I/O Lines. Functionally, these signals are identical to DQs. During write sequences, DQPX is controlled by BWX correspondingly. Mode Input. Selects the burst order of the device. When tied to Gnd selects linear burst sequence. When tied to VDD or left floating selects interleaved burst sequence. Power supply inputs to the core of the device. Ground for the device.
CLK CE1 CE2 CE3 OE
InputClock InputSynchronous InputSynchronous InputSynchronous InputAsynchronous
CEN
InputSynchronous InputAsynchronous I/OSynchronous
ZZ
DQs
DQPX MODE
I/OSynchronous Input Strap Pin
VDD VDDQ VSS TDO
Power Supply Ground
I/O Power Supply Power supply for the I/O circuitry. JTAG serial output Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the Synchronous JTAG feature is not being utilized, this pin should be left unconnected. This pin is not available on TQFP packages. JTAG serial input Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature Synchronous is not being utilized, this pin can be left floating or connected to VDD through a pull up resistor. This pin is not available on TQFP packages. Page 8 of 29
TDI
Document #: 38-05288 Rev. *E
PRELIMINARY
Pin Definitions (continued)
Name TMS I/O Description
CY7C1471V33 CY7C1473V33 CY7C1475V33
JTAG serial input Serial data-In to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature Synchronous is not being utilized, this pin can be disconnected or connected to VDD. This pin is not available on TQFP packages. JTAG -Clock Clock input to the JTAG circuitry. If the JTAG feature is not being utilized, this pin must be connected to VSS. This pin is not available on TQFP packages. No Connects. Not internally connected to the die. 144M and 288M are address expansion pins and are not internally connected to the die. supply a single address and conduct up to four Reads without reasserting the address inputs. ADV/LD must be driven LOW in order to load a new address into the SRAM, as described in the Single Read Access section above. The sequence of the burst counter is determined by the MODE input signal. A LOW input on MODE selects a linear burst mode, a HIGH selects an interleaved burst sequence. Both burst counters use A0 and A1 in the burst sequence, and will wrap around when incremented sufficiently. A HIGH input on ADV/LD will increment the internal burst counter regardless of the state of chip enable inputs or WE. WE is latched at the beginning of a burst cycle. Therefore, the type of access (Read or Write) is maintained throughout the burst sequence. Single Write Accesses Write accesses are initiated when the following conditions are satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2, and CE3 are ALL asserted active, and (3) the Write signal WE is asserted LOW. The address presented to the address bus is loaded into the Address Register. The Write signals are latched into the Control Logic block. The data lines are automatically tri-stated regardless of the state of the OE input signal. This allows the external logic to present the data on DQs and DQPX. On the next clock rise the data presented to DQs and DQPX (or a subset for Byte Write operations, see Truth Table for details) inputs is latched into the device and the write is complete. Additional accesses (Read/Write/Deselect) can be initiated on this cycle. The data written during the Write operation is controlled by BWX signals. The CY7C1471V33, CY7C1473V33 and CY7C1475V33 provides Byte Write capability that is described in the Truth Table. Asserting the Write Enable input (WE) with the selected Byte Write Select input will selectively write to only the desired bytes. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed write mechanism has been provided to simplify the Write operations. Byte Write capability has been included in order to greatly simplify Read/Modify/Write sequences, which can be reduced to simple byte write operations. Because the CY7C1471V33, CY7C1473V33 and CY7C1475V33 are common I/O devices, data should not be driven into the device while the outputs are active. The Output Enable (OE) can be deasserted HIGH before presenting data to the DQs and DQPX inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs and DQPX are automatically tri-stated during the data portion of a write cycle, regardless of the state of OE.
TCK NC
Functional Overview
The CY7C1471V33, CY7C1473V33 and CY7C1475V33 are synchronous flow-through burst SRAMs designed specifically to eliminate wait states during Write-Read transitions. All synchronous inputs pass through input registers controlled by the rising edge of the clock. The clock signal is qualified with the Clock Enable input signal (CEN). If CEN is HIGH, the clock signal is not recognized and all internal states are maintained. All synchronous operations are qualified with CEN. Maximum access delay from the clock rise (tCDV) is 6.5 ns (133-MHz device). Accesses can be initiated by asserting all three Chip Enables (CE1, CE2, CE3) active at the rising edge of the clock. If Clock Enable (CEN) is active LOW and ADV/LD is asserted LOW, the address presented to the device will be latched. The access can either be a Read or Write operation, depending on the status of the Write Enable (WE). BWX can be used to conduct Byte Write operations. Write operations are qualified by the Write Enable (WE). All writes are simplified with on-chip synchronous self-timed write circuitry. Three synchronous Chip Enables (CE1, CE2, CE3) and an asynchronous Output Enable (OE) simplify depth expansion. All operations (Reads, Writes, and Deselects) are pipelined. ADV/LD should be driven LOW once the device has been deselected in order to load a new address for the next operation. Single Read Accesses A read access is initiated when the following conditions are satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2, and CE3 are ALL asserted active, (3) the Write Enable input signal WE is deasserted HIGH, and 4) ADV/LD is asserted LOW. The address presented to the address inputs is latched into the Address Register and presented to the memory array and control logic. The control logic determines that a read access is in progress and allows the requested data to propagate to the output buffers. The data is available within 6.5 ns (133-MHz device) provided OE is active LOW. After the first clock of the read access, the output buffers are controlled by OE and the internal control logic. OE must be driven LOW in order for the device to drive out the requested data. On the subsequent clock, another operation (Read/Write/Deselect) can be initiated. When the SRAM is deselected at clock rise by one of the chip enable signals, its output will be tri-stated immediately. Burst Read Accesses The CY7C1471V33, CY7C1473V33 and CY7C1475V33 have an on-chip burst counter that allows the user the ability to Document #: 38-05288 Rev. *E
Page 9 of 29
PRELIMINARY
Burst Write Accesses The CY7C1471V33, CY7C1473V33, and CY7C1475V33 have an on-chip burst counter that allows the user the ability to supply a single address and conduct up to four Write operations without reasserting the address inputs. ADV/LD must be driven LOW in order to load the initial address, as described in the Single Write Access section above. When ADV/LD is driven HIGH on the subsequent clock rise, the Chip Enables (CE1, CE2, and CE3) and WE inputs are ignored and the burst counter is incremented. The correct BWX inputs must be driven in each cycle of the burst write, in order to write the correct bytes of data. Sleep Mode The ZZ input pin is an asynchronous input. Asserting ZZ places the SRAM in a power conservation "sleep" mode. Two clock cycles are required to enter into or exit from this "sleep" mode. While in this mode, data integrity is guaranteed. Accesses pending when entering the "sleep" mode are not considered valid nor is the completion of the operation guaranteed. The device must be deselected prior to entering the "sleep" mode. CE1, CE2, and CE3, must remain inactive for the duration of tZZREC after the ZZ input returns LOW.
CY7C1471V33 CY7C1473V33 CY7C1475V33
Interleaved Burst Address Table (MODE = Floating or VDD)
First Address A1: A0 00 01 10 11 Second Address A1: A0 01 00 11 10 Third Address A1: A0 10 11 00 01 Fourth Address A1: A0 11 10 01 00
Linear Burst Address Table (MODE = GND)
First Address A1: A0 00 01 10 11 Second Address A1: A0 01 10 11 00 Third Address A1: A0 10 11 00 01 Fourth Address A1: A0 11 00 01 10
ZZ Mode Electrical Characteristics
Parameter IDDZZ tZZS tZZREC tZZI tRZZI Description Sleep mode standby current Device operation to ZZ ZZ recovery time ZZ active to sleep current ZZ Inactive to exit sleep current Test Conditions ZZ > VDD - 0.2V ZZ > VDD - 0.2V ZZ < 0.2V This parameter is sampled This parameter is sampled 0 2tCYC 2tCYC Min. Max. 150 2tCYC Unit mA ns ns ns ns
Truth Table [2, 3, 4, 5, 6, 7, 8]
Operation Deselect Cycle Deselect Cycle Deselect Cycle Continue Deselect Cycle Read Cycle (Begin Burst) Read Cycle (Continue Burst) NOP/Dummy Read (Begin Burst) Dummy Read (Continue Burst) Write Cycle (Begin Burst) Address Used CE1 CE2 CE3 ZZ None H X X L None None None External Next External Next External X X X L X L X L X L X H X H X H H X X L X L X L L L L L L L L L ADV/LD L L L H L H L H L WE X X X X H X H X L BWX X X X X X X X X L OE X X X X L L H H X CEN L L L L L L L L L CLK L->H L->H L->H L->H DQ Tri-State Tri-State Tri-State Tri-State
L->H Data Out (Q) L->H Data Out (Q) L->H L->H L->H Tri-State Tri-State Data In (D)
Notes: 2. X = "Don't Care." H = Logic HIGH, L = Logic LOW. BWx = L signifies at least one Byte Write Select is active, BWx = Valid signifies that the desired Byte Write Selects are asserted, see Truth Table for details. 3. Write is defined by BWX, and WE. See Truth Table for Read/Write. 4. When a Write cycle is detected, all I/Os are tri-stated, even during Byte Writes. 5. The DQs and DQPX pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock. 6. CEN = H, inserts wait states. 7. Device will power-up deselected and the I/Os in a tri-state condition, regardless of OE. 8. OE is asynchronous and is not sampled with the clock rise. It is masked internally during Write cycles. During a read cycle DQs and DQPX = Tri-state when OE is inactive or when the device is deselected, and DQs and DQPX = data when OE is active.
Document #: 38-05288 Rev. *E
Page 10 of 29
PRELIMINARY
Truth Table (continued)[2, 3, 4, 5, 6, 7, 8]
Address Used CE1 CE2 CE3 ZZ Write Cycle (Continue Burst) Next X X X L Operation NOP/Write Abort (Begin Burst) Write Abort (Continue Burst) Ignore Clock Edge (Stall) Sleep Mode None Next Current None L X X X H X X X L X X X L L L H ADV/LD H L H X X WE X L X X X BWX L H H X X OE X X X X X
CY7C1471V33 CY7C1473V33 CY7C1475V33
CEN L L L H X
CLK L->H L->H L->H L->H X
DQ Data In (D) Tri-State Tri-State Tri-State
Truth Table for Read/Write[2, 3, 9]
Function (CY7C1471V33) Read Write No bytes written Write Byte A - (DQA and DQPA) Write Byte B - (DQB and DQPB) Write Byte C - (DQC and DQPC) Write Byte D - (DQD and DQPD) Write All Bytes WE H L L L L L L BWA X H L H H H L BWB X H H L H H L BWC X H H H L H L BWD X H H H H L L
Truth Table for Read/Write[2, 3, 9]
Function (CY7C1473V33) Read Write - No Bytes Written Write Byte a - (DQa and DQPa) Write Byte b - (DQb and DQPb) Write Both Bytes WE H L L L L BWB X H H L L BWA X H L H L
Truth Table for
Read
Read/Write[2, 3, 9]
Function (CY7C1475V33) WE H L L L BWx X H L All BW = L
Write - No Bytes Written Write Byte X - (DQx and DQPx) Write All Bytes
Note: 9. Table only lists a partial listing of the byte write combinations. Any Combination of BWX is valid Appropriate write will be done based on which byte write is active.
Document #: 38-05288 Rev. *E
Page 11 of 29
PRELIMINARY
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1471V33, CY7C1473V33, and CY7C1475V33 incorporate a serial boundary scan test access port (TAP). This port operates in accordance with IEEE Standard 1149.1-1990 but does not have the set of functions required for full 1149.1 compliance. These functions from the IEEE specification are excluded because their inclusion places an added delay in the critical speed path of the SRAM. Note that the TAP controller functions in a manner that does not conflict with the operation of other devices using 1149.1 fully compliant TAPs. The TAP operates using JEDEC-standard 3.3V or 2.5V I/O logic levels. The CY7C1471V33, CY7C1473V33, and CY7C1475V33 contain a TAP controller, instruction register, boundary scan register, bypass register, and ID register. Disabling the JTAG Feature It is possible to operate the SRAM without using the JTAG feature. To disable the TAP controller, TCK must be tied LOW (VSS) to prevent clocking of the device. TDI and TMS are internally pulled up and may be unconnected. They may alternately be connected to VDD through a pull-up resistor. TDO should be left unconnected. Upon power-up, the device will come up in a reset state which will not interfere with the operation of the device. Test MODE SELECT (TMS)
CY7C1471V33 CY7C1473V33 CY7C1475V33
The TMS input is used to give commands to the TAP controller and is sampled on the rising edge of TCK. It is allowable to leave this ball unconnected if the TAP is not used. The ball is pulled up internally, resulting in a logic HIGH level. Test Data-In (TDI) The TDI ball is used to serially input information into the registers and can be connected to the input of any of the registers. The register between TDI and TDO is chosen by the instruction that is loaded into the TAP instruction register. For information on loading the instruction register, see the TAP Controller State Diagram. TDI is internally pulled up and can be unconnected if the TAP is unused in an application. TDI is connected to the most significant bit (MSB) of any register. (See Tap Controller Block Diagram.) Test Data-Out (TDO) The TDO output ball is used to serially clock data-out from the registers. The output is active depending upon the current state of the TAP state machine. The output changes on the falling edge of TCK. TDO is connected to the least significant bit (LSB) of any register. (See Tap Controller State Diagram.)
TAP Controller Block Diagram
0 Bypass Register
210
TAP Controller State Diagram
1 TEST-LOGIC RESET 0 0 RUN-TEST/ IDLE 1 SELECT DR-SCAN 0 1 CAPTURE-DR 0 SHIFT-DR 1 EXIT1-DR 0 PAUSE-DR 1 0 EXIT2-DR 1 UPDATE-DR 1 0 0 0 1 0 1 1 SELECT IR-SCAN 0 CAPTURE-IR 0 SHIFT-IR 1 EXIT1-IR 0 PAUSE-IR 1 EXIT2-IR 1 UPDATE-IR 1 0 0 1 0 1
TDI
Selection Circuitry
Instruction Register
31 30 29 . . . 2 1 0
Selection
Circuitry
TDO
Identification Register
x. . . . .210
Boundary Scan Register
TCK TMS TAP CONTROLLER
Performing a TAP Reset A RESET is performed by forcing TMS HIGH (VDD) for five rising edges of TCK. This RESET does not affect the operation of the SRAM and may be performed while the SRAM is operating. At power-up, the TAP is reset internally to ensure that TDO comes up in a High-Z state.
The 0/1 next to each state represents the value of TMS at the rising edge of TCK. Test Access Port (TAP) Test Clock (TCK) The test clock is used only with the TAP controller. All inputs are captured on the rising edge of TCK. All outputs are driven from the falling edge of TCK.
TAP Registers Registers are connected between the TDI and TDO balls and allow data to be scanned into and out of the SRAM test circuitry. Only one register can be selected at a time through the instruction register. Data is serially loaded into the TDI ball on the rising edge of TCK. Data is output on the TDO ball on the falling edge of TCK.
Document #: 38-05288 Rev. *E
Page 12 of 29
PRELIMINARY
Instruction Register Three-bit instructions can be serially loaded into the instruction register. This register is loaded when it is placed between the TDI and TDO balls as shown in the Tap Controller Block Diagram. Upon power-up, the instruction register is loaded with the IDCODE instruction. It is also loaded with the IDCODE instruction if the controller is placed in a reset state as described in the previous section. When the TAP controller is in the Capture-IR state, the two least significant bits are loaded with a binary "01" pattern to allow for fault isolation of the board-level serial test data path. Bypass Register To save time when serially shifting data through registers, it is sometimes advantageous to skip certain chips. The bypass register is a single-bit register that can be placed between the TDI and TDO balls. This allows data to be shifted through the SRAM with minimal delay. The bypass register is set LOW (VSS) when the BYPASS instruction is executed. Boundary Scan Register The boundary scan register is connected to all the input and bidirectional balls on the SRAM. The boundary scan register is loaded with the contents of the RAM I/O ring when the TAP controller is in the Capture-DR state and is then placed between the TDI and TDO balls when the controller is moved to the Shift-DR state. The EXTEST, SAMPLE/PRELOAD and SAMPLE Z instructions can be used to capture the contents of the I/O ring. The Boundary Scan Order tables show the order in which the bits are connected. Each bit corresponds to one of the bumps on the SRAM package. The MSB of the register is connected to TDI and the LSB is connected to TDO. Identification (ID) Register The ID register is loaded with a vendor-specific, 32-bit code during the Capture-DR state when the IDCODE command is loaded in the instruction register. The IDCODE is hardwired into the SRAM and can be shifted out when the TAP controller is in the Shift-DR state. The ID register has a vendor code and other information described in the Identification Register Definitions table. TAP Instruction Set Overview Eight different instructions are possible with the three-bit instruction register. All combinations are listed in the Instruction Codes table. Three of these instructions are listed as RESERVED and should not be used. The other five instructions are described in detail below. The TAP controller used in this SRAM is not fully compliant to the 1149.1 convention because some of the mandatory 1149.1 instructions are not fully implemented. The TAP controller cannot be used to load address data or control signals into the SRAM and cannot preload the I/O buffers. The SRAM does not implement the 1149.1 commands EXTEST or INTEST or the PRELOAD portion of SAMPLE/PRELOAD; rather, it performs a capture of the I/O ring when these instructions are executed.
CY7C1471V33 CY7C1473V33 CY7C1475V33
Instructions are loaded into the TAP controller during the Shift-IR state when the instruction register is placed between TDI and TDO. During this state, instructions are shifted through the instruction register through the TDI and TDO balls. To execute the instruction once it is shifted in, the TAP controller needs to be moved into the Update-IR state. EXTEST EXTEST is a mandatory 1149.1 instruction which is to be executed whenever the instruction register is loaded with all 0s. EXTEST is not implemented in this SRAM TAP controller, and therefore this device is not compliant to 1149.1. The TAP controller does recognize an all-0 instruction. When an EXTEST instruction is loaded into the instruction register, the SRAM responds as if a SAMPLE/PRELOAD instruction has been loaded. There is one difference between the two instructions. Unlike the SAMPLE/PRELOAD instruction, EXTEST places the SRAM outputs in a High-Z state. IDCODE The IDCODE instruction causes a vendor-specific, 32-bit code to be loaded into the instruction register. It also places the instruction register between the TDI and TDO balls and allows the IDCODE to be shifted out of the device when the TAP controller enters the Shift-DR state. The IDCODE instruction is loaded into the instruction register upon power-up or whenever the TAP controller is given a test logic reset state. SAMPLE Z The SAMPLE Z instruction causes the boundary scan register to be connected between the TDI and TDO balls when the TAP controller is in a Shift-DR state. It also places all SRAM outputs into a High-Z state. SAMPLE/PRELOAD SAMPLE/PRELOAD is a 1149.1 mandatory instruction. The PRELOAD portion of this instruction is not implemented, so the device TAP controller is not fully 1149.1 compliant. When the SAMPLE/PRELOAD instruction is loaded into the instruction register and the TAP controller is in the Capture-DR state, a snapshot of data on the inputs and bidirectional balls is captured in the boundary scan register. The user must be aware that the TAP controller clock can only operate at a frequency up to 20 MHz, while the SRAM clock operates more than an order of magnitude faster. Because there is a large difference in the clock frequencies, it is possible that during the Capture-DR state, an input or output will undergo a transition. The TAP may then try to capture a signal while in transition (metastable state). This will not harm the device, but there is no guarantee as to the value that will be captured. Repeatable results may not be possible. To guarantee that the boundary scan register will capture the correct value of a signal, the SRAM signal must be stabilized long enough to meet the TAP controller's capture set-up plus hold time (tCS plus tCH). The SRAM clock input might not be captured correctly if there is no way in a design to stop (or slow) the clock during a SAMPLE/PRELOAD instruction. If this is an issue, it is still
Document #: 38-05288 Rev. *E
Page 13 of 29
PRELIMINARY
possible to capture all other signals and simply ignore the value of the CLK captured in the boundary scan register. Once the data is captured, it is possible to shift out the data by putting the TAP into the Shift-DR state. This places the boundary scan register between the TDI and TDO balls. Note that since the PRELOAD part of the command is not implemented, putting the TAP to the Update-DR state while performing a SAMPLE/PRELOAD instruction will have the same effect as the Pause-DR command. BYPASS
CY7C1471V33 CY7C1473V33 CY7C1475V33
When the BYPASS instruction is loaded in the instruction register and the TAP is placed in a Shift-DR state, the bypass register is placed between the TDI and TDO balls. The advantage of the BYPASS instruction is that it shortens the boundary scan path when multiple devices are connected together on a board. Reserved These instructions are not implemented but are reserved for future use. Do not use these instructions.
TAP Timing
1 Test Clock (TCK)
t TMSS
2
3
4
5
6
t TH t TMSH
t TL
t CYC
Test Mode Select (TMS)
t TDIS t TDIH
Test Data-In (TDI)
t TDOV t TDOX
Test Data-Out (TDO) DON'T CARE UNDEFINED
TAP AC Switching Characteristics Over the Operating Range[10, 11]
Parameter Clock tTCYC tTF tTH tTL tTDOV tTDOX tTMSS tTDIS tCS Hold Times tTMSH tTDIH tCH TMS hold after TCK Clock Rise TDI Hold after Clock Rise Capture Hold after Clock Rise 5 5 5 ns ns ns TCK Clock Cycle Time TCK Clock Frequency TCK Clock HIGH time TCK Clock LOW time TCK Clock LOW to TDO Valid TCK Clock LOW to TDO Invalid TMS Set-up to TCK Clock Rise TDI Set-up to TCK Clock Rise Capture Set-up to TCK Rise 0 5 5 5 25 25 5 50 20 ns MHz ns ns ns ns ns ns ns Description Min. Max Unit
Output Times
Set-up Times
Notes: 10.tCS and tCH refer to the set-up and hold time requirements of latching data from the boundary scan register. 11.Test conditions are specified using the load in TAP AC test Conditions. tR/tF = 1 ns.
Document #: 38-05288 Rev. *E
Page 14 of 29
PRELIMINARY
3.3V TAP AC Test Conditions
Input pulse levels ................................................ VSS to 3.3V Input rise and fall times ................................................... 1 ns Input timing reference levels ...........................................1.5V Output reference levels...................................................1.5V Test load termination supply voltage...............................1.5V
CY7C1471V33 CY7C1473V33 CY7C1475V33
2.5V TAP AC Test Conditions
Input pulse levels................................................. VSS to 2.5V Input rise and fall time .....................................................1 ns Input timing reference levels......................................... 1.25V Output reference levels ................................................ 1.25V Test load termination supply voltage ............................ 1.25V
3.3V TAP AC Output Load Equivalent
1.5V 50 TDO Z O= 50 20pF
2.5V TAP AC Output Load Equivalent
1.25V 50 TDO Z O= 50 20pF
TAP DC Electrical Characteristics And Operating Conditions
(0C < TA < +70C; VDD = 3.3V 0.165V unless otherwise noted)[12] Parameter VOH1 VOH2 VOL1 VOL2 VIH VIL IX Description Output HIGH Voltage Output HIGH Voltage Output LOW Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage Input Load Current GND < VIN < VDDQ Test Conditions IOH = -4.0 mA, VDDQ = 3.3V IOH = -1.0 mA, VDDQ = 2.5V IOH = -100 A IOL = 8.0 mA IOL = 1.0 mA IOL = 100 A VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V 2.0 1.7 -0.3 -0.3 -5 Min. 2.4 2.0 2.9 2.1 0.4 0.4 0.2 0.2 VDD + 0.3 VDD + 0.3 0.8 0.7 5 Max. Unit V V V V V V V V V V V V A
Identification Register Definitions
Instruction Field Revision Number (31:29) Device Depth (28:24)[13] Architecture/Memory Type(23:18) Bus Width/Density(17:12) Cypress JEDEC ID Code (11:1) ID Register Presence Indicator (0) CY7C1471V33 CY7C1473V33 CY7C1475V33 (2Mx36) (4Mx18) (1Mx72) 000 01011 001001 100100 00000110100 1 000 01011 001001 010100 00000110100 1 000 01011 001001 110100 00000110100 1 Description Describes the version number Reserved for internal use Defines memory type and architecture Defines width and density Allows unique identification of SRAM vendor Indicates the presence of an ID register
Notes: 12. All voltages referenced to VSS (GND). 13. Bit #24 is "1" in the ID Register Definitions for both 2.5V and 3.3V versions of this device.
Document #: 38-05288 Rev. *E
Page 15 of 29
PRELIMINARY
Scan Register Sizes
Register Name Instruction Bypass ID Boundary Scan Order-165FBGA Boundary Scan Order- 209BGA Bit Size (x36) 3 1 32 71 Bit Size (x18) 3 1 32 52 -
CY7C1471V33 CY7C1473V33 CY7C1475V33
Bit Size (x72) 3 1 32 110
Identification Codes
Instruction EXTEST IDCODE SAMPLE Z RESERVED SAMPLE/PRELOAD Code 000 001 010 011 100 Description Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces all SRAM outputs to High-Z state. This instruction is not 1149.1-compliant. Loads the ID register with the vendor ID code and places the register between TDI and TDO. This operation does not affect SRAM operations. Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Forces all SRAM output drivers to a High-Z state. Do Not Use: This instruction is reserved for future use. Captures I/O ring contents. Places the boundary scan register between TDI and TDO. Does not affect SRAM operation. This instruction does not implement 1149.1 preload function and is therefore not 1149.1 compliant. Do Not Use: This instruction is reserved for future use. Do Not Use: This instruction is reserved for future use. Places the bypass register between TDI and TDO. This operation does not affect SRAM operations.
RESERVED RESERVED BYPASS
101 110 111
Document #: 38-05288 Rev. *E
Page 16 of 29
PRELIMINARY
Boundary Scan Exit Order (x36)
Bit # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 165-Ball ID C1 D1 E1 D2 E2 F1 G1 F2 G2 J1 K1 L1 J2 M1 N1 K2 L2 M2 R1 R2 R3 P2 R4 P6 R6 N6 P11 R8 P3 P4 P8 P9 P10 R9 R10 R11 N11
CY7C1471V33 CY7C1473V33 CY7C1475V33
Boundary Scan Exit Order (x36) (continued)
Bit # 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 165-Ball ID M11 L11 M10 L10 K11 J11 K10 J10 H11 G11 F11 E11 D10 D11 C11 G10 F10 E10 A10 B10 A9 B9 A8 B8 A7 B7 B6 A6 B5 A5 A4 B4 B3 A3 A2 B2
Document #: 38-05288 Rev. *E
Page 17 of 29
PRELIMINARY
Boundary Scan Exit Order (x18)
Bit # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 Document #: 38-05288 Rev. *E 165-Ball ID D2 E2 F2 G2 J1 K1 L1 M1 N1 R1 R2 R3 P2 R4 P6 R6 N6 P11 R8 P3 P4 P8 P9 P10 R9 R10 R11 M10 L10 K10 J10 H11 G11 F11 E11 D11 C11 A11 A10 B10 A9 B9 A8 B8
CY7C1471V33 CY7C1473V33 CY7C1475V33
Boundary Scan Exit Order (x18) (continued)
Bit # 45 46 47 48 49 50 51 52 53 54 165-Ball ID A7 B7 B6 A6 B5 A4 B3 A3 A2 B2
Boundary Scan Exit Order (x72)
Bit # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 209-Ball ID A1 A2 B1 B2 C1 C2 D1 D2 E1 E2 F1 F2 G1 G2 H1 H2 J1 J2 L1 L2 M1 M2 N1 N2 P1 P2 R2 R1 T1 T2 U1
Page 18 of 29
PRELIMINARY
Boundary Scan Exit Order (x72) (continued)
Bit # 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 209-Ball ID U2 V1 V2 W1 W2 T6 V3 V4 U4 W5 V6 W6 U3 U9 V5 U5 U6 W7 V7 U7 V8 V9 W11 W10 V11 V10 U11 U10 T11 T10 R11 R10 P11 P10 N11 N10 M11 M10 L11 L10 P6 J11 J10 H11
CY7C1471V33 CY7C1473V33 CY7C1475V33
Boundary Scan Exit Order (x72) (continued)
Bit # 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 209-Ball ID H10 G11 G10 F11 F10 E10 E11 D11 D10 C11 C10 B11 B10 A11 A10 A9 U8 A7 A5 A6 D6 B6 D7 K3 A8 B4 B3 C3 C4 C8 C9 B9 B8 A4 C6 B7 A3
Document #: 38-05288 Rev. *E
Page 19 of 29
PRELIMINARY
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VDD Relative to GND........ -0.5V to +4.6V DC Voltage Applied to Outputs in Tri-State........................................... -0.5V to VDDQ + 0.5V DC Input Voltage....................................-0.5V to VDD + 0.5V
CY7C1471V33 CY7C1473V33 CY7C1475V33
Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage........................................... >2001V (per MIL-STD-883, Method 3015) Latch-up Current..................................................... >200 mA
Operating Range
Range Commercial Ambient Temperature VDD VDDQ 0C to +70C 3.3V - 5%/+10% 2.5V - 5% to VDD
Electrical Characteristics Over the Operating Range[14, 15]
Parameter VDD VDDQ VOH VOL VIH VIL IX Description Power Supply Voltage I/O Supply Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Input LOW Voltage[14] Voltage[14] VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V, VDD = Min., IOH = -4.0 mA VDDQ = 2.5V, VDD = Min., IOH = -1.0 mA VDDQ = 3.3V, VDD = Min., IOL = 8.0 mA VDDQ = 2.5V, VDD = Min., IOL = 1.0 mA VDDQ = 3.3V VDDQ = 2.5V VDDQ = 3.3V VDDQ = 2.5V Input Load Current except ZZ and MODE GND VI VDDQ 2.0 1.7 -0.3 -0.3 -5 -5 30 -30 5 -5 7.5-ns cycle, 133 MHz 10-ns cycle, 100 MHz 7.5-ns cycle, 133 MHz 10-ns cycle, 100 MHz All speeds 5 335 305 200 200 150 Test Conditions Min. 3.135 3.135 2.375 2.4 2.0 0.4 0.4 VDD + 0.3V VDD + 0.3V 0.8 0.7 5 Max. 3.6 VDD 2.625 Unit V V V V V V V V V V V A A A A A A mA mA mA mA mA
Input Current of MODE Input = VSS Input = VDD Input Current of ZZ IOZ IDD ISB1 Input = VSS Input = VDD Output Leakage Current GND VI VDD, Output Disabled VDD Operating Supply Current Automatic CE Power-down Current--TTL Inputs VDD = Max., IOUT = 0 mA, f = fMAX = 1/tCYC VDD = Max, Device Deselected, VIN VIH or VIN VIL f = fMAX, inputs switching
ISB2
Automatic CE VDD = Max, Device Deselected, Power-down VIN 0.3V or VIN > VDD - 0.3V, Current--CMOS Inputs f = 0, inputs static
ISB3
ISB4
VDD = Max, Device Deselected, or 7.5-ns cycle, 133 MHz Automatic CE Power-down VIN 0.3V or VIN > VDDQ - 0.3V 10-ns cycle, 100 MHz Current--CMOS Inputs f = fMAX, inputs switching VDD = Max, Device Deselected, All Speeds Automatic CE Power-down VIN VDD - 0.3V or VIN 0.3V, Current--TTL Inputs f = 0, inputs static
200 200 165
mA mA mA
Notes: 14. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > -2V (Pulse width less than tCYC/2). 15. TPower-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
Document #: 38-05288 Rev. *E
Page 20 of 29
PRELIMINARY
Thermal Resistance[16]
Parameter JA JC Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA / JESD51. 165 fBGA Typ. 16.3 2.1
CY7C1471V33 CY7C1473V33 CY7C1475V33
209 BGA Typ. 15.2 1.7
TQFP Typ. 24.63 2.28
Unit C/W C/W
Capacitance[16]
Parameter CADDRESS CDATA CCTRL CCLK CI/O Description Address Input Capacitance Data Input Capacitance Control Input Capacitance Clock Input Capacitance Input/Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V VDDQ = 2.5V TQFP Max. 6 5 8 6 5 209-BGA Max. 6 5 8 6 5 165-fBGA Max. Unit 6 5 8 6 5 pF pF pF pF pF
AC Test Loads and Waveforms
3.3V I/O Test Load
OUTPUT Z0 = 50 3.3V OUTPUT RL = 50 5 pF R = 351 R = 317 ALL INPUT PULSES VDDQ 10% GND 1 ns 90% 90% 10% 1 ns
VL = 1.5V
(a) 2.5V I/O Test Load
OUTPUT Z0 = 50 2.5V
INCLUDING JIG AND SCOPE
(b)
(c)
R = 1667 VDDQ 10% 5 pF R = 1538 GND 1 ns ALL INPUT PULSES 90% 90% 10% 1 ns
OUTPUT RL = 50 VL = 1.25V
(a)
INCLUDING JIG AND SCOPE
(b)
(c)
Note: 16. Tested initially and after any design or process change that may affect these parameters.
Document #: 38-05288 Rev. *E
Page 21 of 29
PRELIMINARY
Switching Characteristics Over the Operating Range[21, 22]
133 MHz Parameter tPOWER` Clock tCYC tCH tCL Output Times tCDV tDOH tCLZ tCHZ tOEV tOELZ tOEHZ Set-up Times tAS tALS tWES tCENS tDS tCES Hold Times tAH tALH tWEH tCENH tDH tCEH Address Hold After CLK Rise ADV/LD Hold After CLK Rise WE, BWX Hold After CLK Rise CEN Hold After CLK Rise Data Input Hold After CLK Rise Chip Enable Hold After CLK Rise 0.5 0.5 0.5 0.5 0.5 0.5 Address Set-up Before CLK Rise ADV/LD Set-up Before CLK Rise WE, BWX Set-up Before CLK Rise CEN Set-up Before CLK Rise Data Input Set-up Before CLK Rise Chip Enable Set-Up Before CLK Rise 1.5 1.5 1.5 1.5 1.5 1.5 Data Output Valid After CLK Rise Data Output Hold After CLK Rise Clock to Clock to Low-Z[18, 19, 20] High-Z[18, 19, 20] 0 3.0 2.5 3.0 3.8 3.0 0 6.5 Clock Cycle Time Clock HIGH Clock LOW 7.5 2.5 2.5 10 Description Min. 1 Max.
CY7C1471V33 CY7C1473V33 CY7C1475V33
100 MHz Min. 1 Max. Unit ms ns ns ns 8.5 2.5 3.0 4.5 3.8 4.0 1.5 1.5 1.5 1.5 1.5 1.5 0.5 0.5 0.5 0.5 0.5 0.5 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns
3.0 3.0
OE LOW to Output Valid OE LOW to Output Low-Z[18, 19, 20] OE HIGH to Output High-Z[18, 19, 20]
Notes: 17. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially, before a Read or Write operation can be initiated. 18. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 19. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed to achieve High-Z prior to Low-Z under the same system conditions 20. This parameter is sampled and not 100% tested. 21. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V. 22. Test conditions shown in (a) of AC Test Loads unless otherwise noted.
Document #: 38-05288 Rev. *E
Page 22 of 29
PRELIMINARY
Switching Waveforms
Read/Write Waveforms[23, 24, 25]
CY7C1471V33 CY7C1473V33 CY7C1475V33
1 CLK
tCENS tCENH
2
tCYC
3
4
5
6
7
8
9
10
tCH
tCL
CEN
tCES tCEH
CE ADV/LD WE BWX ADDRESS
tAS
A1
tAH
A2
A3
tCDV tCLZ
A4
tDOH Q(A3) Q(A4) tOEHZ tOEV
A5
tCHZ
A6
A7
DQ
tDS
D(A1) tDH
D(A2)
D(A2+1)
Q(A4+1)
D(A5)
Q(A6)
D(A7)
OE COMMAND
WRITE D(A1) WRITE D(A2) BURST WRITE D(A2+1) READ Q(A3) READ Q(A4) BURST READ Q(A4+1)
tOELZ
tDOH
WRITE D(A5)
READ Q(A6)
WRITE D(A7)
DESELECT
DON'T CARE
UNDEFINED
Notes: 23. For this waveform ZZ is tied LOW. 24. When CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH. 25. Order of the Burst sequence is determined by the status of the MODE (0 = Linear, 1 = Interleaved). Burst operations are optional.
Document #: 38-05288 Rev. *E
Page 23 of 29
PRELIMINARY
Switching Waveforms (continued)
NOP, STALL and DESELECT Cycles[23, 24, 26]
CY7C1471V33 CY7C1473V33 CY7C1475V33
1 CLK
tCENS tCENH
2
tCYC
3
4
5
6
7
8
9
10
tCH
tCL
CEN
tCES tCEH
CE ADV/LD WE BWX ADDRESS
tAS
A1
tAH
A2
A3
tCDV tCLZ
A4
tDOH Q(A3) Q(A4) tOEHZ tOEV
A5
tCHZ
A6
A7
DQ
tDS
D(A1) tDH
D(A2)
D(A2+1)
Q(A4+1)
D(A5)
Q(A6)
D(A7)
OE COMMAND
WRITE D(A1) WRITE D(A2) BURST WRITE D(A2+1) READ Q(A3) READ Q(A4) BURST READ Q(A4+1)
tOELZ
tDOH
WRITE D(A5)
READ Q(A6)
WRITE D(A7)
DESELECT
DON'T CARE
UNDEFINED
Note: 26. The IGNORE CLOCK EDGE or STALL cycle (Clock 3) illustrates CEN being used to create a pause. A Write is not performed during this cycle.
Document #: 38-05288 Rev. *E
Page 24 of 29
PRELIMINARY
Switching Waveforms (continued)
ZZ Mode Timing[27, 28]
CY7C1471V33 CY7C1473V33 CY7C1475V33
CLK
t ZZ t ZZREC
ZZ
t ZZI
I
SUPPLY I DDZZ t RZZI DESELECT or READ Only
ALL INPUTS (except ZZ)
Outputs (Q)
High-Z
DON'T CARE
Ordering Information
Speed (MHz) 133 Ordering Code CY7C1471V33-133AXC CY7C1473V33-133AXC CY7C1471V33-133BZC CY7C1473V33-133BZC CY7C1475V33-133BGC CY7C1471V33-133BZXC CY7C1473V33-133BZXC CY7C1475V33-133BGXC 100 CY7C1471V33-100AXC CY7C1473V33-100AXC CY7C1471V33-100BZC CY7C1473V33-100BZC CY7C1475V33-100BGC CY7C1471V33-100BZXC CY7C1473V33-100BZXC CY7C1475V33-100BGXC BB209A BB209A BB165C 209-ball Ball Grid Array (14 x 22 x 1.76 mm) Lead-Free 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4mm) Lead-Free 209-ball Ball Grid Array (14 x 22 x 1.76 mm) BB165C BB209A A101 BB209A BB165C 209-ball Ball Grid Array (14 x 22 x 1.76 mm) Lead-Free 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4mm) Lead-Free 209-ball Ball Grid Array (14 x 22 x 1.76 mm) Lead-Free 100-lead Thin Quad Flat Pack (14 x 20 x 1.4mm) 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4mm) BB165C Package Name A101 Part and Package Type Lead-Free 100-lead Thin Quad Flat Pack (14 x 20 x 1.4mm) 165-ball Fine-Pitch Ball Grid Array (15 x 17 x 1.4mm) Operating Range Commercial
Please contact your local Cypress sales representative for availability of these parts. Lead-free BG packages (Ordering Code: BGX) will be available in 2005. Notes: 27. Device must be deselected when entering ZZ mode. See Truth Table for all possible signal conditions to deselect the device. 28. DQs are in high-Z when exiting ZZ sleep mode.
Document #: 38-05288 Rev. *E
Page 25 of 29
PRELIMINARY
Package Diagrams
100-pin Thin Plastic Quad Flatpack (14 x 20 x 1.4 mm) A101
CY7C1471V33 CY7C1473V33 CY7C1475V33
51-85050-*A
Document #: 38-05288 Rev. *E
Page 26 of 29
PRELIMINARY
Package Diagrams (continued)
165-Ball FBGA (15 x 17 x 1.40 mm) BB165C
CY7C1471V33 CY7C1473V33 CY7C1475V33
BOTTOM VIEW TOP VIEW O0.05 M C PIN 1 CORNER O0.25 M C A B
PIN 1 CORNER
O0.450.05(165X)
1 2 3 4 5 6 7 8 9 10 11 11 10 9 8 7 6 5 4 3 2 1
A B
A B
D E F G
1.00
C
C D E F G
17.000.10
H J K
14.00
H J K
M N P R
7.00
L
L M N P R
A 5.00 10.00 0.530.05 0.25 C
+0.05 -0.10
1.00
0.35
0.15 C
B 0.15(4X)
15.000.10
SEATING PLANE C 0.36 1.40 MAX.
51-85165-*A
Document #: 38-05288 Rev. *E
Page 27 of 29
PRELIMINARY
Package Diagrams (continued)
209-Ball FBGA (14 x 22 x 1.76 mm) BB209A
CY7C1471V33 CY7C1473V33 CY7C1475V33
51-85167-**
NoBL and No Bus Latency are trademarks of Cypress Semiconductor Corporation. ZBT is a trademark of Integrated Device Technology. All product and company names mentioned in this document are the trademarks of their respective holders.
Document #: 38-05288 Rev. *E
Page 28 of 29
(c) Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges. Cypress products are not warranted nor intended to be used for medical, life-support, life-saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress.
PRELIMINARY
Document History Page
CY7C1471V33 CY7C1473V33 CY7C1475V33
Document Title: CY7C1471V33/CY7C1473V33/CY7C1475V33, 72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM with NoBLTM Architecture Document #: 38-05288 Rev. *E REV. ** *A ECN NO. 114675 121521 Issue Date 08/06/02 02/07/03 Orig. of Change PKS CJM New Data Sheet Updated features for package offering Updated ordering information Changed Advanced Information to Preliminary Changed timing diagrams Changed logic block diagrams Modified Functional Description Modified "Functional Overview" section Added boundary scan order for all packages Included thermal numbers and capacitance values for all packages Removed 150-MHz speed grade offering Included ISB and IDD values Changed package outline for 165FBGA package and 209-ball BGA package Removed 119-BGA package offering Minor Change: The data sheets do not match on the spec system and external web. Changed ball H2 from VDD to NC in the 165-ball FBGA package in page 6 Modified capacitance values on page 21 Removed 117-MHz Speed Bin Changed JA from 16.8 to 24.63 C/W and JC from 3.3 to 2.28 C/W for 100 TQFP Package on Page # 21 Added lead-free information for 100-Pin TQFP, 165 FBGA and 209 BGA Packages Added comment of `Lead-free BG packages availability' below the Ordering Information Description of Change
*B
223721
See ECN
NJY
*C *D *E
235012 243572 299511
See ECN See ECN See ECN
RYQ NJY SYT
Document #: 38-05288 Rev. *E
Page 29 of 29


▲Up To Search▲   

 
Price & Availability of CY7C1473V33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X