Part Number Hot Search : 
NBR25F 867S0502 LL101 PST9332U 826701VT STA371A 00ETTS 74F50729
Product Description
Full Text Search
 

To Download CX20460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRODUCT SUMMARY
CX20460 Power Management Integrated Circuit for GSM and GPRS Applications
Applications
* GSM and GPRS handsets/data modules
Description
Skyworks Power Management Integrated Circuit (PMIC) integrates all the power supply and battery charging functions of a low power wireless system into one package. The device is designed for Global System for Mobile communications (GSM) and General Packet Radio Service (GPRS) cellular handset applications. The CX20460 PMIC is easily programmable using a two-wire serial interface to ensure maximum flexibility for a wide variety of designs. The device provides the following functions: * Voltage switching, conversion, and regulation * Power management control logic * Charging and monitoring of system battery * SIM interface The device is packaged in a 48-pin 7.0 x 7.0 mm Land Grid Array (LGA). The LGA includes a downset paddle, which should be connected to the board ground plane. * CX20460-11 with a 1.20 mm chip height (For previous designs). * CX20460-12 with a 1.00 mm chip height * CX20460-32 with a 1.00 mm chip height The CX20460 PMIC block diagram is shown in Figure 1. The device package is shown in Figure 2 through Figure 4.
Features
* Power on/off control * Generation of system voltages from a single power source * Eight regulators * Built-in linear battery charger * Analog multiplexer * Generation of system power on reset * Overcurrent limiting * Step-up DC/DC converter * 48-pin LGA 7.0x7.0 mm package * 3 V and 5 V Subscriber Identity Module (SIM) support including level shifting
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
103185C * Skyworks Proprietary and Confidential information. * Products and product information are subject to change without notice. * July 28, 2004
1
CX20460 PRODUCT SUMMARY
V_PWR
ISN V_GATE
ISP V_CHRG
Pull-Up PWR_ON0 ALARM PWR_ON1
Li-Ion Charger
MUX
BAT_PK_IN MUX_OUT SIM_EN BOOST_EN SHUTDOWN PMIC_INT
EN_1 EN_2 EN_3 GND
Control Logic
SERIAL_DATA SERIAL_CLK CHRG_DET
V_PWR CTRL
GROUND_SENSE
Internal Regulator Low Drop-out Regulators Voltage Regulators
Clock Power-On Reset SIM Card Interface SIM_RST_HOST SMI_DATA_HOST SIM_CLK_HOST
DC/DC
SW Internal Reset V_OUT1 V_OUT2 V_OUT3 V_SIM V_OUT5 V_OUT4 V_OUT8 V_OUT7 V_BOOST POR BOOST_VDD BOOST_PULSE Convertor Controls BOOST_SENSE SIM_DATA_CARD SIM_RST_CARD SIM_CLK_CARD
Figure 1. CX20460 PMIC Block Diagram
7.04 0.05 Pin 1
3.480 To Metal Pad Edge 3.350 O 0.150 Pin #1 Mark O 0.300
Pin #1
Exposed Metal Solder Mask
0.500 3.350
7.04 0.05
R 2.225
Solder Mask Exposed Metal
6.200
0.38 0.05 (48 x)
3.480 To Metal Pad Edge
0.040 Ref.
0.300 0.020 (X48) 0.400 0.050 (X48)
Package Edge
O 0.080 M , Z X Y Mold
1.00 .10
0.30 .05
0.500
Detail A
Substrate
All dimensions are in millimeter 7 X 7 RFLGA - 48 Pins
Figure 2. CX20460 PMIC Package Dimension 48 Pin LGA
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
July 28, 2004 * Skyworks Proprietary and Confidential information. * Products and product information are subject to change without notice. * 103185C
CX20460 PRODUCT SUMMARY
7x7mm RFLGA Shipping Tray
322.6 + 0.5 315.0
7.62 6.35
10x11.00 = 110.00 + 0.25
135.9 92.1
12.95
11.00
12.7
C 3.0 45 Champer
14.50 11.00
26x11.00=286.00 + 0.25
34.30
255.3
25.4
34.3
2.54
Note: 1. Trays must meet all requirements of Skyworks GP01-D228 procurement spec for shipping tray. 2. Material shall be bakeable carbon fiber/static dissipative w/ 140 o C capability 3. All dimensions and tolerances in accordance with ASME Y4.5M-1994. 4. ESD-Surface resistivity shall be >/=1X10 5 ~ Figure 3. CX20460 Shipping Tray Dimensions
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
103185C * Skyworks Proprietary and Confidential information. * Products and product information are subject to change without notice. July 28, 2004
CX20460 PRODUCT SUMMARY
12.00 (P1) 0.30 + 0.05 Pin 1 B 1.55 + 0.05
4.00 (Po)
2.00 + 0.05
1.75 + 0.10
1.70 (Ko) Section B-B 5
7.35 (Bo)
A
A
B
7.35 (A0)
1.50 MIN.
max
Section A-A Notes: 1. Carrier Tapes must meet all requirements of Skyworks GP01-D232 procurement spec for tape and reel shipping. 2. Carrier Tape shall be black and conductive polystyrene. 3. Cover tape shall be transparent conductive pressure sensitive adhesive (PSA) material W/13.3 mm width. 4. ESD-surface resistivity shall be (/_1X10 10 Ohms/square per EIA, JEDEC TNR specification. 5. All dimensions are in milimeter.
7 X7 mm RFLGA Carrier Tape DWG.
Figure 4. CX20460 7 X 7 mm Tape and Reel Dimensions
Ordering Information
Model Name Power Management Integrated Circuit Ordering Part Number CX20460-11 (1.2 mm height - for previous designs) CX20460-12 (1.0 mm height) CX20460-32 (1.0 mm height) Evaluation Kit Part Number
Copyright (c) 2004, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products. These materials are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials. Skyworks may make changes to its documentation, products, specifications and product descriptions at any time, without notice. Skyworks makes no commitment to update the information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from future changes to its documentation, products, specifications and product descriptions. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by or under this document. Except as may be provided in Skyworks' Terms and Conditions of Sale for such products, Skyworks assumes no liability whatsoever in association with its documentation, products, specifications and product descriptions. THESE MATERIALS ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED OR OTHERWISE, RELATING TO SALE AND/OR USE OF SKYWORKS PRODUCTS INCLUDING WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NONINFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. SKYWORKS FURTHER DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING SPECIAL, INDIRECT, INCIDENTAL, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THESE MATERIALS WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications. Skyworks' customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. The following are trademarks of Skyworks Solutions, Inc.: SkyworksTM, the Skyworks logo, and Breakthrough SimplicityTM. Product names or services listed in this publication are for identification purposes only, and may be trademarks of Skyworks or other third parties. Third-party brands and names are the property of their respective owners. Additional information, posted at www.skyworksinc.com, is incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
July 28, 2004 * Skyworks Proprietary and Confidential information. * Products and product information are subject to change without notice. * 103185C
16.00 + 0.30
5
max
7.50 + 0.10


▲Up To Search▲   

 
Price & Availability of CX20460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X