Part Number Hot Search : 
74VHC1G 20018 2SA657 B2409 2N1613B CD4543 2SA657 PBR1M
Product Description
Full Text Search
 

To Download CF739 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs FET
CF 739
Features N-channel dual-gate GaAs MES FET q Depletion mode transistor for tuned small-signal applications up to 2 GHz, e. g. VHF, UHF, Sat-TV tuners q Low noise
q
High gain q Low input capacitance
q
ESD: Electrostatic discharge sensitive device, observe handling precautions! Type CF 739 Marking MS Ordering Code (tape and reel) Q62702-F1215 Pin Configuration 1 2 3 4 S D G2 G1 Package1) SOT-143
Maximum Ratings Parameter Drain-source voltage Gate 1-source voltage Gate 2-source voltage Drain current Gate 1-source peak current Gate 2-source peak current Total power dissipation, TS 66 C2) Channel temperature Storage temperature range Thermal Resistance Channel - soldering point3)
1) 2) 3)
Symbol VDS - VG1S - VG2S ID + IG1SM + IG2SM Ptot Tch Tstg
Values 10 6 6 80 1 1 240 150 - 55 ... + 150
Unit V
mA
mW C
RthchS
350
K/W
For detailed information see chapter Package Outlines. Package mounted on alumina 15 mm x 16.7 mm x 0.7 mm. TS is measured on the source lead at the soldering point to the pcb.
Semiconductor Group
1
04.96
CF 739
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Drain-source breakdown voltage ID = 100 A, - VG1S = - VG2S = 4 V Gate 1 leakage current - VG1S = 5 V, VG2S = VDS = 0 Gate 2 leakage current - VG2S = 5 V, VG1S = VDS = 0 Drain current VG1S = 0, VG2S = 0, VDS = 3 V Gate 1-source pinch-off voltage VG2S = 0, VDS = 5 V, ID = 200 A Gate 2-source pinch-off voltage VG1S = 0, VDS = 5 V, ID = 200 A AC Characteristics Forward transconductance VDS = 5 V, VG2S = 2 V, ID = 10 mA, f = 1 kHz Gate 1 input capacitance VG2S = 2 V, VDS = 5 V, ID = 10 mA, f = 1 MHz Output capacitance VG2S = 2 V, VDS = 5 V, ID = 10 mA, f = 1 MHz Noise figure VG2S = 2 V, VDS = 5 V, ID = 10 mA, f = 1.75 GHz VG2S = 2 V, VDS = 5 V, ID = 10 mA, f = 800 MHz Power gain VG2S = 2 V, VDS = 5 V, ID = 10 mA, f = 1.75 GHz VG2S = 2 V, VDS = 5 V, ID = 10 mA, f = 800 MHz Control range VG2S = 2 V ... - 3 V gfs Cgfss Cdss F - - Gps - -
Gpsc
Values typ. max.
Unit
V(BR)DS - IG1SS - IG2SS IDSS - VG1S(P) - VG2S(P)
10 - - 6 - -
- - - - - -
- 20 20 60 2.5 2.5
V
A
mA V
- - -
25 0.95 0.5
- - -
mS pF
dB 1.8 1.1 17 22 50 - - - - -
-
Semiconductor Group
2
CF 739
Total power dissipation Ptot = f (TA*; TS) *Package mounted on alumina
Output characteristics ID = f (VDS) VG2S = 2 V
Gate 1 forward transconductance gfs1 = f (VG1S) VDS = 5 V, f = 1 kHz
Gate 1 forward transconductance gfs1 = f (VG2S) VDS = 5 V, f = 1 kHz
Semiconductor Group
3
CF 739
Drain current ID = f (VG1S) VDS = 5 V
Drain current ID = f (VG2S) VDS = 5 V
Gate 1 input transconductance Cg1ss = f (ID) VG2S = 2 V, VDS = 5 V, f = 0.1 - 1 GHz
Output capacitance Cdss = f (VDS) VG2S = 2 V, ID = 10 mA, f = 0.1 - 1 GHz
Semiconductor Group
4
CF 739
Common Source Admittance Parameters, G2 RF grounded Gate 1 input admittance y11s VDS = 5 V, VG2S = 2 V, ID = 10 mA Gate 1 forward transfer admittance y21s VDS = 5 V, VG2S = 2 V, ID = 10 mA
Output admittance y22s VDS = 5 V, VG2S = 2 V, ID = 10 mA
Semiconductor Group
5
CF 739
Common Source S-Parameters, G2 RF grounded f GHz S11 MAG ANG S21 MAG ANG S12 MAG ANG S22 MAG ANG
VDS = 5 V, VG2S = 2 V, ID = 10 mA, Z0 = 50 0.06 0.08 0.10 0.15 0.20 0.25 0.30 0.40 0.50 0.60 0.70 0.80 0.90 1.00 1.20 1.40 1.50 1.60 1.80 2.00 2.20 2.40 2.50 2.60 2.80 3.00 0.999 0.998 0.998 0.997 0.993 0.989 0.987 0.975 0.965 0.951 0.935 0.918 0.900 0.877 0.883 0.773 0.744 0.720 0.666 0.614 0.556 0.497 0.466 0.449 0.408 0.375 - 2.4 - 3.2 - 4.1 - 6.0 - 8.0 - 10.1 - 12.1 - 16.0 - 19.9 - 23.8 - 27.5 - 31.4 - 35.2 - 39.0 - 46.6 - 53.7 - 56.8 - 60.1 - 66.2 - 72.8 - 80.3 - 87.2 - 90.2 - 92.8 - 97.1 - 101.7 3.21 3.21 3.21 3.22 3.22 3.21 3.21 3.18 3.15 3.12 3.09 3.05 3.03 3.02 2.96 2.85 2.77 2.74 2.64 2.59 2.53 2.45 2.38 2.34 2.24 2.17 176.9 175.5 174.3 171.4 168.4 165.5 162.5 156.6 150.7 145.0 139.3 134.0 128.5 122.9 111.4 99.7 94.4 89.2 78.9 68.6 57.4 45.6 40.0 34.5 23.6 12.2 0.001 0.001 0.001 0.002 0.002 0.003 0.003 0.004 0.005 0.006 0.007 0.008 0.009 0.009 0.010 0.011 0.012 0.012 0.012 0.012 0.012 0.010 0.009 0.008 0.005 0.002 81.8 85.8 90.8 84.2 88.1 84.4 83.3 79.6 78.6 78.0 76.6 73.3 70.4 69.5 66.4 59.9 59.9 57.5 54.1 49.2 43.7 39.4 35.2 32.2 25.1 - 25.0 0.963 0.963 0.962 0.962 0.962 0.962 0.962 0.961 0.960 0.960 0.961 0.958 0.956 0.955 0.953 0.949 0.949 0.949 0.948 0.945 0.941 0.937 0.936 0.936 0.937 0.934 - 1.0 - 1.4 - 1.7 - 2.5 - 3.4 - 4.3 - 5.2 - 6.8 - 8.5 - 10.3 - 12.0 - 13.7 - 15.4 - 17.0 - 20.6 - 24.3 - 26.2 - 27.9 - 31.5 - 35.3 - 39.4 - 44.4 - 47.0 - 49.6 - 54.6 - 59.1
Semiconductor Group
6
CF 739
S11, S22 = f (f), Z-plane VDS = 5 V,VG2S = 2 V,ID = 10 mA,Z0 = 50
S12, S21 = f (f) VDS = 5 V,VG2S = 2 V,ID = 10 mA,Z0 = 50
Semiconductor Group
7


▲Up To Search▲   

 
Price & Availability of CF739

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X