Part Number Hot Search : 
4LVCH DB3TG SAA71 1284P LMV931 OB2263 F18N20 BZX97C10
Product Description
Full Text Search
 

To Download BDS12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm
1 0.6 0.8 4.6 16.5 3.6 Dia. 1 3 .5 1 0 .6
SEME
BDS10 BDS10SMD BDS11 BDS11SMD BDS12 BDS12SMD
SILICON NPN EPITAXIAL BASE IN TO220 METAL AND SMD1 CERAMIC SURFACE MOUNT PACKAGES
FEATURES
* HERMETIC METAL OR CERAMIC PACKAGES
1.0
123
1 3 .7 0
* HIGH RELIABILITY * MILITARY AND SPACE OPTIONS * SCREENING TO CECC LEVELS
2 .5 4 BSC
0 .8 9 (0 .0 3 5 ) m in . 3 .7 0 (0 .1 4 6 ) 3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 ) 3 .4 1 (0 .1 3 4 ) 4 .1 4 (0 .1 6 3 ) 3 .8 4 (0 .1 5 1 )
2. 70 BSC
3 .6 0 (0 .1 4 2 ) M ax.
* FULLY ISOLATED (METAL VERSION)
1
3
0 .7 6 (0 .0 3 0 ) m in .
1 6 .0 2 (0 .6 3 1 ) 1 5 .7 3 (0 .6 1 9 )
APPLICATIONS
* POWER LINEAR AND SWITCHING APPLICATIONS * GENERAL PURPOSE POWER
1 0 .6 9 (0 .4 2 1 ) 1 0 .3 9 (0 .4 0 9 )
2
9 .6 9 .3 1 1 .5 1 1 .2
7 (0 8 (0 8 (0 8 (0
.3 8 .3 6 .4 5 .4 4
1)
9) 6) 4)
0 .5 0 (0 .0 2 0 ) 0 .2 6 (0 .0 1 0 )
TO220M - TO220 Metal Package - Isolated SMD1 - Ceramic Surface Mount Package Pin 1 - Base Pin 2 - Collector Pin 3 - Emitter
ABSOLUTE MAXIMUM RATINGS (Tcase=25C unless otherwise stated) BDS10
VCBO VCEO VEBO IE , IC IB Ptot Tstg Tj Semelab plc. Collector - Base voltage (IE = 0) Collector - Emitter voltage (IB = 0) Emitter - Base voltage (IC = 0) Emitter , Collector current Base current Total power dissipation at Tcase 75C Storage Temperature Junction Temperature 60V 60V
BDS11 BDS12 80V 100V 80V 100V 5V 15A 5A 90W -65 to 200C 200C
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/00
LAB
Parameter
ICBO Collector cut-off current (IE = 0) Collector cut-off current (IB = 0) Emitter cut-off current (IC = 0)
SEME
BDS10 BDS10SMD BDS11 BDS11SMD BDS12 BDS12SMD
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Test Conditions
BDS10 BDS11 BDS12 BDS10 BDS11 BDS12 VEB = 5V VCB = 60V VCB = 80V VCB = 100V VCE = 30V VCE = 40V VCE = 50V
Min.
Typ.
Max.
500 500 500 1 1 1 1
Unit
mA
ICEO
mA
IEBO
mA
VCEO(sus)*
VCE(sat)* VBE(sat)* VBE* hFE* fT
BDS10 Collector - Emitter BDS11 sustaining voltage (IB = 0) BDS12 Collector - Emitter IC = 5A saturation voltage IC = 10A Base - Emitter IC = 10A saturation voltage Base - Emitter voltage IC = 5A IC = 0.5A DC Current gain IC = 5A IC = 10A Transition frequency IC = 0.5A
IC = 100mA IB = 0.5A IB = 2.5A IB = 2.5A VCE = 4V VCE = 4V VCE = 4V VCE = 4V VCE = 4V
60 80 100 1 3 2.5 1.5 250 150
V
V V V
40 15 5 3
MHz
*Pulsed : Pulse duration = 300 ms , duty cycle = 1.5% SWITCHING CHARACTERISTICS
Parameter
ton ts tr On Time Storage Time Fall Time (td + tr)
Test Conditions
IC = 4A VCC = 30V IB1 = 0.4A IC = 4A VCC = 30V IB1 = -IB2 = 0.4A
Max.
0.7 1.0 0.8
Unit ms ms ms
THERMAL DATA RTHj-case RTHcase-sink RTHj-a Thermal resistance junction - case Thermal resistance case - heatsink ** Thermal resistance junction - ambient Max. 1.4C/W Typ. 1.0C/W Max. 80C/W
** Smooth flat surface using thermal grease. Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Prelim. 7/00


▲Up To Search▲   

 
Price & Availability of BDS12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X