Part Number Hot Search : 
20607 EFM32 S001M20 LL4148L LXT6155 1N6041 IR2171S PE9720DV
Product Description
Full Text Search
 

To Download BAT240A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT240A
Silicon Schottky Diode Rectifier Schottky diode for telecommunication and industrial applications High reverse voltage For power supply For clamping and protection in high voltage applications
3
Total power dissipation, TS = 28 C Junction temperature Storage temperature Thermal Resistance
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Junction - soldering point1)

2 1
VPS05161
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type BAT240A
Maximum Ratings Parameter Diode reverse voltage Peak reverse voltage Forward current
Marking 4Ms 1=C1/A2
Pin Configuration 2 = C2 3 = A1
Package SOT23
Symbol VR VRM IF 10ms) IFSM Ptot Tj Tstg
Value 240 250 400 1 400 80 -55 ... 150
Unit V mA A mW C
Surge forward current (t
RthJS
305
K/W
Jul-06-2001
BAT240A
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter DC characteristics Breakdown voltage I(BR) = 500 A Reverse current VR = 200 V VR = 240 Forward voltage IF = 10 mA IF = 20 mA IF = 50 mA VF 0.325 0.37 0.47 IR 5 500 V A V(BR) 240 V Symbol min. Values typ. max. Unit
AC characteristics Diode capacitance VR = 10 V, f = 1 MHz CT 11.5 pF
2
Jul-06-2001
BAT240A
Forward current IF = f (TS )
Forward current IF = f (VF ) TA = parameter
500
mA
10 -1
A
400 350 10 -2
IF
300 250 200
IF
10 -3 150 100 50 0 0 120 C 10 -4 0.00
80C 65C 45C 25C -40C
20
40
60
80
100
150
0.10
0.20
0.30
0.40
V
0.60
TS
VF
Permissible Pulse Load RthJS = f(tp )
Permissible Pulse Load IFmax / IFDC = f(tp)
10 3
K/W
10 3
-
10 2
IFmax / IFDC
10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10
-5
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
3
Jul-06-2001
BAT240A
Derating curve reverse voltage
VR = f(TA ); tp = Parameter
Duty cycle < 0.01
300
V DC
tp=300s tp=100ms
VR
200
150
100
50
0 0
20
40
60
80
100
120 C
150
TA
4
Jul-06-2001


▲Up To Search▲   

 
Price & Availability of BAT240A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X