Part Number Hot Search : 
6C111N IPG20 MX13050 MP2158 KA78R09 KA384 AD5044 D4602
Product Description
Full Text Search
 

To Download BAS70W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Schottky Diode
q q q q
BAS 70W
General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detection and mixing
Type
Ordering Code (tape and reel) Q62702-A1068 Q62702-A1069 Q62702-A1070
Pin Configuration 1 2 3 A1 A1 C1 C2 A2 C2
Marking
Package1)
BAS 70-04W BAS 70-05W BAS 70-06W
C1/A2 74s C1/C2 75s A1/A2 76s
SOT-323
Maximum Ratings Parameter Reverse voltage Forward current Surge forward current, t 10 ms Total power dissipation TS 91 C Operating temperature range Storage temperature range Thermal Resistance Junction-ambient1) Junction-soldering point Symbol Values 70 70 100 250 - 55 ... + 150 - 55 ... + 150 Unit V mA mA mW C C
VR IF IFSM Ptot Top Tstg
Rth JA Rth JS
455 235
K/W K/W
1) Package mounted on an epoxy pcb 40 mm x 40 mm x 1.5 mm/1cm2 Cu. Semiconductor Group 1 10.94
BAS 70W
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC Characteristics Breakdown voltage I(BR) = 10 A Forward voltage IF = 1 mA IF = 10 mA IF = 15 mA Reverse current VR = 50 V VR = 70 V Diode capacitance Value typ. max. Unit
V(BR)
70 - 375 705 880 - - 1.5 - 34 2 -
V mV 300 600 750 410 750 1000 A - - 0.1 10 pF - 2 ps - 100 - - - nH -
VF
IR
CT
VR = 0 V, f = 1 MHz
Charge carrier life time IF = 25 mA Differential forward resistance IF = 10 mA, f = 10 kHz Series inductance
rf LS
Semiconductor Group
2
BAS 70W
Forward current IF = f (VF)
Reverse current IR = f (VR)
Diode capacitance CT = f (VR)
Differential forward resistance RF = f (IF)
Semiconductor Group
3
BAS 70W
Permissible Pulse load IF = f (TA; TS*) * Package mounted on epoxy
Permissible load RthJS = f (tp)
Permissible Pulse load IFmax / IFDC = f (tp)
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of BAS70W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X