Part Number Hot Search : 
25ETTS TC74AC XG0006P T24C0 MR82C MSM980 MR2500 T24C0
Product Description
Full Text Search
 

To Download AV1416K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APLUS
MAKE YOUR PRODUCTION A-PLUS
AVxx16K Series DATA SHEET
APLUS
INTEGRATED CIRCUITS INC.
Sales E-mail: sales@aplusinc.com.tw Technology E-mail: service@aplusinc.com.tw
Address: 3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei, Taiwan 115, R.O.C. (115) 32 3 10. TEL: 886-2-2782-9266 FAX: 886-2-2782-9255 WEBSITE : http: //www.aplusinc.com.tw
AVxx16K Series
1. GENERAL DESCRIPTION:
The AVH316K , AV0716K , AV1416K , AV2116K , AV2816K and AV4216K are single-chip
voice synthesizing CMOS IC. They are low cost with proper functions and can synthesize voice up to 3.5, 7, 14, 21, 28 and 42 seconds, using Aplus 5-bit LOGPCM algorithm. om t Cus er speech data can be
programmed into ROM by changing one mask during the device fabrication. Besides, not only the very flexible and functional PowerIO pins (IO1/IO2) are available for user to apply in various applications, but also an interactive development tool "EzSpeech" is ready for user-friendly programming.
2. FEATURES:
(1). Single power supply can operate from 2.4V to 6.4V (in this range, user can set Rosc as a fixed value). (2). The total voice duration is about 3.5, 7, 14, 21, 28 and 42 seconds those can be partitioned up to 32 voice_sections. Each voice_section length is flexible. Besides, there are additional 32 mute_sections. (3). Voice length can be individually up to 3.5, 7, 14, 21, 21 and 21 seconds and voice+mute length can be individually up to 21 seconds at 6kHz sample rate for each voice_section. (4). Total 96 voice_steps are available for 16 sub_tables. The number of voice_step for each sub_table is flexible, but maximum is 96. For each voice_step, it can specify one voice_section, playback speed and IO1/IO2 output enable options if IO1/IO2 are set as output. (5). Built-in variable oscillator, 16 kinds of playback speed option : ( 3.9k ~ 14.0kHz) A 14.0kHz I 6.0kHz B 12.0kHz J 5.5kHz C 10.5kHz K 5.2kHz D 9.3kHz L 4.9kHz E 8.3kHz M 4.6kHz F 7.5kHz N 4.4kHz G 7.0kHz O 4.1kHz H 6.4kHz P 3.9kHz
(6). IO1 or IO2 can be either input or output pin (Mask option). (7). Optional "Three Triggers Input" (all OKY, IO1 and IO1 are input), "Two Triggers Input" (OKY and IO1 are input, IO2 is output), or "One Trigger Input" (OKY is input, IO1 and IO2 are output). (A). Each input pin has mask options for Edge/Level, Hold/Unhold and Retrigger/Irritrigger trigger modes. (B). OKY input can choose One-Key Sequential or Random for maximum 16 sub_tables. At One-Key Sequential, the Reset function of sub_table sequence can be chosen when other keys are triggered. (C). OKY and IO1 input can choose Toggle On/Off function or not. (D). OKY input can choose CDS+1MCDS1M pull-low10M pull low or floating input type. IO1 and IO2 input can choose CDS+1MCDS1M pull-low or floating input type. (E). Each input can choose debounce time: Long debounce for push buttons. Short debounce for fast switches. (F). Input pin priorityOKY > IO1 > IO2.
1
Rev 1.1
2003/9/18
AVxx16K Series
(8). IO1/IO2 have 7 kinds of output option : (A). Stop_High pulse : high active stop pulse output whenever device stop playing. (B). Busy_High active : high active signal output during playing. (C). Busy_Low active : low active signal output during playing. (D). LED 3Hz flash : 3Hz sink signal output for driving LED during playing at 6kHz sample rate. (E). LED 6Hz flash : 6Hz sink signal output for driving LED during playing at 6kHz sample rate. (F). LED dynamic 2/4 : dynamic sink signal output for driving LED during playing. (G). Synchronous output : arbitrary output with voice, user can edit the Sync signal by PowerIO editor.
Where (D) and (E) is the LED flash rate at 6kHz sample rate. For different sample rate, the LED flash
rate is different from original 3Hz or 6Hz. (9). PWM1 and PWM2 can directly drive buzzer or 8, 16, 32 or 64 ohms speaker. (10). The voice length in voice_section must be the multiple of 200Hex, and the mute length in voice_section must be the multiple of 80Hex. But when the voice length in voice_section of "voice + mute" don't fully use the last 200Hex, the unused voice length is set as mute and combined with the followed mute time. (11). In pure mute voice_section of M00~M31, the mute length must be the multiple of 80Hex. The maximum mute length is up to 21 seconds at 6kHz sample rate for each mute voice_section. (12). Oscillator selection: (A). External oscillator: Connect OSC pin to Vdd with a resistor, Rosc. (B). Internal oscillator: Connect OSC pin to GND. (Not suggested because of frequency shift and system stability)
Input Type Description: Option CDS + 1M CDS 1M pull-low Description Normal selection for button trigger. Only 1M pull-low resistance when key-pressed, and 1M+300K(parallel) pull-low resistance when key-released. Internal 300K ohms pull-low resistance, usually for photo-resistor trigger. Internal 1M ohms pull-low resistance, reserve for some special applications. No internal resistor connection, usually connected to other output pin or connected to GND by an external resistor.
10M pull-low Internal 10M ohms weak pull-low, usually for touching trigger. Floating
* 10M pull-low option is not available for IO1/IO2 input.
The input type figure is as page 2.
2
Rev 1.1
2003/9/18
AVxx16K Series
1. :
AVH316K AV0716K AV1416K AV2116K AV2816K AV4216K IC IC 5-bit LOGPCM 3.5714 212842 ROM2 PowerIO pin (IO1/IO2) EzSpeech
2. :
(1). 2.4 ~ 6.4 ( Rosc ) (2). 3.5714212842 32(voice_section) 32(mute_section) (3). 3.5714212121 (6kHz) "+ " 21 (6kHz) (4). 96(voice_step)16(sub_table)( 96) IO1/IO2 (IO1/IO2) (5). 16(playback speed: 3.9k ~ 14.0kHz) A 14.0kHz I 6.0kHz B 12.0kHz J 5.5kHz C 10.5kHz K 5.2kHz D 9.3kHz L 4.9kHz E 8.3kHz M 4.6kHz F 7.5kHz N 4.4kHz G 7.0kHz O 4.1kHz H 6.4kHz P 3.9kHz
(6). IO1IO2 () (7). ""(OKY, IO1IO2)""(OKY, IO1IO2 ) "(OKY)"(OKYIO1IO2) (A). () / (Edge/Level) / (Hold/Unhold) / (Retrigger/Irretrigger) (B). OKY16sub_table One-Key sequential random One-Key sequential sub-tableReset() (C). OKYIO1 Toggle On/Off (D). OKY CDS+1MCDS1M pull-low10M weak-pull low floating IO1/IO2 CDS+1MCDS1M pull-low floating (E). (Debounce)Long - Short - (F). OKY>IO1>IO2 3 Rev 1.1 2003/9/18
AVxx16K Series
(8). IO1/IO2 7 (A). Stop_High pulse : (B). Busy_High active : (C). Busy_Low active : (D). LED 3Hz flash : LED 3Hz ( 6kHz ) (E). LED 6Hz flash : LED 6Hz ( 6kHz ) (F). LED dynamic 2/4 : LED 2/4 (G). Synchronous : (PowerIOSync)
( LED 3Hz / 6Hz flash 6kHz LEDLED )
(9). PWM1PWM2 buzzer 8163264 speaker (10). 200HEX 80HEX "+" 200HEX (11). M00~M3180HEX21 (12). (A). : OSC (B). : OSC () CDS + 1M CDS 1M pull-low 10M pull-low Floating
IC 1M IC 1M+300K () IC 300K IC 1M IC 10M IC
*IO1/IO2 10M pull-low
Trigger PAD Buffer
300K Latch 10M Pull-Low 1M Pull-Low
4
Rev 1.1
2003/9/18
AVxx16K Series
3. BLOCK DIAGRAM:
OKY IO1 IO2
C O N T R O L L O G I C 5-bit LOG_PCM DECODER
OUTPUT BUFFER VOICE ROM
OSC
CLOCK GENETATOR
TIMING GENERATOR
P W M 1
P W M 2
4. PAD DESCRIPTION:
Pad Name OKY IO1 IO2 GND1, 2 PWM1 Vdd PWM2 OSC Pad No. 1 2 3 4, 8 5 6 7 9 ATTR. I/O I/O I Power O Power O I Function One-Key Input for trigger. Status output or input for trigger. Status output or input for trigger. Negative power supply. Audio output. Positive power supply. Audio output. Oscillator input. For using internal oscillator, connect OSC to GND.
5. CODE DEVELOPMENT & DEMO SYSTEM:
User can use "EzSpeech" software tool to develop the desired functions. For details, please see EzSpeech user manual. After finishing the code programming, user will get 2 files of ".bin" and ".htm", the binary file and function check list. User can download the ".bin" file into 4EA_DB demo board to demonstrate the AVxx16K function. The related mapping of 4EA_DB is as below, AVxx16K OKY IO1/IO2 as Input IO1/IO2 as Output PWM1, PWM2 OSC 4EA_DB PRA0 PRA1/PRA2 PRB0/PRB1 PWM1, PWM2 OSC1 4EA_DB Description PRA0 performs OKY input. PRA1/PRA2 perform IO1/IO2 input mode. PRB0/PRB1 perform IO1/IO2 output mode. PWM output to directly drive speaker. OSC1 connect 150K ohms resistor to Vdd.
I/O Pin
For some input type option, user may need to connect an external resistor. Please refer to the table below, AVxx16K CDS + 1M CDS 1M pull-low 10M pull-low Floating 4EA_DB CDS + 1M CDS + 1M Floating Floating Floating 4EA_DB Description The same. Almost the same. Need to connect 1M external resistor to GND. Need to connect 10M external resistor to GND. The same.
Input Type
Once the function has been approved, user only need to send the ".bin" file to Aplus for co de tape-out. 5 Rev 1.1 2003/9/18
AVxx16K Series
6. ABSOLUTE MAXIMUM RATING:
Symbol Vdd~Vss Vin Vout Top (operating) Tst (storage) Rating -0.5 ~ +7.0 Vss-0.3 < Vin < Vdd+0.3 GND < Vout < Vdd 0 ~ +70 -25 ~ +85 Unit V V V C C
7. DC CHARBDTERISTICS:
Symbol Vdd Isb Iop Iih Iil Iih Iil Iih Iil Ioh Iol Ioh Iol dF/F dF/F Frequency stability Fosc lot variation -5 -10 IO1/IO2 output current Parameter Operating voltage Supply current Standby Operating Input current: OKY, IO1, IO2 ( 1M pull low ) Input current: OKY ( 10M pull low ) Input current: OKY, IO1, IO2 (CDS) PWM1, PWM2 output current Min. 2.4 Typ. 3.0 Max. 6.4 1 200 3 0 0.3 0 10 0 -30 30 -4.5 7.5 5 10 % % mA uA uA uA Unit V uA Vdd=3V, I/O open (with Rosc or OSC grounded) Vdd=3V Vdd=3V Vdd=3V Vdd=3V, Vop=2.4V Vdd=3V, Vop=0.6V Vdd=3V, Vop=2.55V Vdd=3V, Vop=0.75V Fosc(3v)-Fosc(2.4v) Fosc(3v) Vdd=3V, Rosc=160K Condition
mA
8. Frequency vs. External Rosc : (measured at internal option of 6kHz playback speed)
Freq. (K Hz)
10 9 8 7 6 5 4 100 120 140 160 180 200
Rosc K(ohm)
6
Rev 1.1
2003/9/18
AVxx16K Series
9. TIMING DIAGRAM:
1.> Edge/Level Edge M ode:
Edge Trigger
OKY/IO1/IO2 AUDIO Sub_table N Tw Tw
Level Trigger
TG1/SC AUDIO Sub_table N
Level M ode:
Edge Trigger
OKY/IO1/IO2 AUDIO Sub_table N Tw Tw
Level Trigger
OKY/IO1/IO2 AUDIO Sub_table N
Sub_table N
Sub_table N
* Note: Tw is the minimum pulse width > debounce time (5.3ms or 20.8us at 6kHz).
2.> Hold/Unhold Hold:
OKY/IO1/IO2 AUDIO Sub_table N
Unhold:
OKY/IO1/IO2 AUDIO Sub_table N
* Note: Both Edge and Level have Hold and Unhold option.
3.> Retrigger/Irretrigger Retrigger:
OKY/IO1/IO2 AUDIO Sub_table N Sub_table N Play from beginning immediately. Sub_table N
Irretrigger:
OKY/IO1/IO2 AUDIO
Sub_table N Ignore trigger input signal during playing.
Sub_table N
4.> Status Output (IO1/IO2)
AUDIO Voice Mute 172ms at 6kHz
Stop_High pulse Busy_High active Busy_Low active LED 3Hz/6Hz flash
3Hz or 6Hz for playing speed at 6kHz
LED dynamic 2/4 : When the voice amplitude is higher than 2/4 full-scale amplitude, LED ON. LED ON means status output low.
7
Rev 1.1
2003/9/18
AVxx16K Series
10. APPLICATION:
1 trigger, 3 LED, using internal oscillator 3 triggers, 1 LED, using internal oscillator
LED1
Vdd OSC PWM1 PWM2 OKY IO1 IO2 GND IO2 GND OKY IO1 OSC PWM1 PWM2 Vdd
LED1
LED1 is flashing when PWM output enable.
2 triggers, 1 LED, 1 motor, using external oscillator
Rosc OSC 0.1uF OKY IO1
Vdd PWM1 PWM2 IO2 GND 8550
Rosc=160K (at 6kHz sample rate, option: I)
IO2 is set to output mode, select "Busy_Low active" or "Sync output" for driving motor. While driving motor, one capacitor is suggested to put between Vdd and GND.
* Notices: The above application circuits are for reference only, user can contact Aplus for more information.
8
Rev 1.1
2003/9/18
AVxx16K Series
11. BONDING DIAGRAM:
Y
1 9
2
8 4 5 6 7
3
( 0, 0 ) X Chip size: AVH316K : X=1074 um, Y=758 um AV0716K : X=1074 um, Y=884 um AV1416K : X=1080 um, Y=1180 um AV2116K : X=1074 um, Y=1462 um AV2816K : X=1080 um, Y=1760 um AV4216K : X=1074 um, Y=2328 um
Pad size: 80 um x 80 um The IC substrate must be connected to GND.
12. PAD LOCATION:
Pad No. 1 2 3 4 5 6 7 8 9 Pad Name OKY IO1 IO2 GND1 PWM1 Vdd PWM2 GND2 OSC X 90 90 90 231 396 623 849 940 906 Y 294 184 74 52 52 52 52 161 281
9
Rev 1.1
2003/9/18


▲Up To Search▲   

 
Price & Availability of AV1416K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X