Part Number Hot Search : 
BUZ11 3C272M BD634 3N190 CTR922 74F5300 122LI0 90814
Product Description
Full Text Search
 

To Download AP1186T518 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Feature
* * * * * * *
General Description
AP1186 is a 1.5A regulator with extremely low dropout voltage. This product is specifically designed to provide well regulated supply for applications requiring 2.8V or lower voltages from 3.3V ATX power supplies where high efficiency of a switcher can be achieved without the cost and complexity associated with switching regulator. One such application is the new graphic chip sets that require anywhere from 2.4V to 2.7V supply.
Adjustable or Fixed output voltage 1.5V, 1.8V, 2.5V, 3.3V, 5.0V 0.5V Maximum Dropout voltage at 1.5A Load current Built-in Thermal Shutdown Output Current Limiting Fast transient response Good noise rejection Package : TO220-5L, TO263-5L
Ordering Information
AP 1186 X X X X
Low Dropout Regulator Package Vout Lead Free Blank : Normal L : Lead Free Package Packing Blank : Tube A : Taping& Reel
K5:TO-263-5L Blank : Adj T5:TO-220-5L 15 : 1.5V 18 : 1.8V 25 : 2.5V 33 : 3.3V 50 : 5.0V
Typical Application
3V + 470uF + Vin Vctrl Vout GND Vsense 5 4 3 2 1
5V 470uF 2.5V/1.5A + 470uF
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Sep.7, 2004 1/8
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Block Diagram
Vin Vctrl + + CURRENT LIMIT THERMAL SHUTDOWN 1.25V + Adj + Vout Vsense
Package Connect Diagram
5 PIN TO263 FRONT VIEW 5 4 3 2 1 Tab is Vout Vin Vctrl Vout Adj(GND) Vsense 5 PIN TO220 FRONT VIEW 5 4 3 2 1 Tab is Vout Vin Vctrl Vout Adj(GND) Vsense
Pin Descriptions
Name Adj (GND) Vsense I/O Description A resistor divider from this pin to the Vout pin and ground sets the output voltage. (GND only for fixed mode) This pin is the positive side of the reference that allows remote load sensing to achieve excellent load regulation. A minimum of 10uF capacitor must be connected from this pin to ground to insure stability. The input of the regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be higher than Vout in order for the device to regulate. This pin is the supply pin for the internal control circuit as well as the base drive for the pass transistor. This pin must always by higher than the Vout pin in order the device to regulate. A minimum of 100uF capacitor must be connected from this pin to ground to insure stability. Not used. The output of the regulator. A minimum of 100uF capacitor must be connected from this pin to ground to insure stability.
I
Vin
I
Vctrl NC Vout
I
O
Anachip Corp. www.anachip.com.tw 2/8
Rev.1.1 Sep.7, 2004
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Absolute Maximum Ratings
Symbol Vin Vctrl PD TST TOP Parameter Input Voltage Control Input Voltage Power Dissipation Storage Temperature Operating Junction Temperature Range Rating 16 18 Internally Limited -65 to +150 0 to +150 Unit V V oC oC
Electrical Characteristics
Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, and Tj=0 to 150 C. Typical value refer to Tj=25 C. Vout = Vsense.
o o
SYM. VREF
Vout
Test Condition TJ=25oC,(VIN-VOUT)=0.5V,IO=10mA Reference Voltage AP1186-Adj Vctrl=VIN+1V IOUT = 10mA, TJ = 25oC, 2VVIN12V AP1186-1.5 Vctrl=VIN+1V IOUT = 10mA, TJ = 25oC, 2.3VVIN12V AP1186-1.8 Vctrl=VIN+1V IOUT = 10mA, TJ = 25oC, 3VVIN12V Output Voltage AP1186-2.5 Vctrl=VIN+1V IOUT = 10mA, TJ = 25oC, 3.8VVIN12V AP1186-3.3 Vctrl=VIN+1V IOUT = 10mA, TJ = 25oC, 5.5VVIN12V AP1186-5.0 Vctrl=VIN+1V IO=10mA, VOUT+0.5VParameter
Min.
Typ. Max. Unit V
1.225 1.250 1.275 1.470 1.500 1.530 1.764 1.800 1.836 2.450 2.500 2.550 3.235 3.300 3.365 4.900 5.000 5.100 0.2 1 12 15 20 26 40 15 18 25 33 50 1.23 0.26 1.6 5 10 0.38
V
% % mV mV mV mV mV V V A mA
Anachip Corp. www.anachip.com.tw 3/8
Rev.1.1 Sep.7, 2004
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Electrical Characteristics
Unless otherwise specified, these specifications apply over, Cin=1uF, Cout=10uF, and Tj=0 to 150 C. Typical value refer to Tj=25 C. Vout = Vsense.
o o
SYM.
Parameter Thermal Regulation Ripple Rejection
Test Condition 30ms Pulse
Min.
Typ. Max. Unit 0.01 0.02 %W dB 25 150
o
Vctrl =5V, Vin=5V, Io=1.5A, Vadj=0V, Tj=25, Vripple=1Vpp at 120Hz Control Pin Vadj=0V for all conditions below. Current Vctrl=2.75V, Vin=2.05V, Io=1.5A Iadj Adjust Pin Current Vctrl=2.75V, Vin=2.05,Vadj=0 Thermal TO-263: Control Circuitry/Power Transistor JC Resistance TO-220: Control Circuitry/Power Transistor Junction-to-Case
60
70 6 50 2.5 2.5
mA A C/W
NOTE: AP1186-ADJ incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable maximum junction temperature.
Package Max Pd. TO-263/TO-220 2.4W~4.4W
With heat sink or amount of copper board needed.
Functional Descriptions
Introduction The AP1186 regulator is a 5-terminal device designed specifically to provide extremely low dropout voltages comparable to the PNP type without the disadvantage of the extra power dissipation due to the base current associated with PNP regulators. This is done by bringing out the control pin of the regulator that provides the base current to the power NPN and connecting it to a voltage that is greater than the voltage present at the Vin pin. This flexibility makes the AP1186 ideal for applications where dual inputs are available such as a computer motherboard with an ATX style power supply that provides 5V and 3.3V to the board. One such application is the new graphic chip sets that require anywhere from 2.4V to 2.7V supply. The AP1186-ADJ can easily be programmed with the addition of two external resistors to any voltages within the range of 1.25V to 15.5V. Another major requirement of these graphic chips is the need to switch the load current from zero to several amps in tens of nanoseconds at the processor pins, which translates to an approximately 300 to 500ns of current step at the regulator. In addition, the output voltage tolerances are also extremely tight and they include the transient response as part of the specification. The AP1186 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage, reducing the overall system cost with the need for fewer number of output capacitors. Another feature of the device is its true remote sensing capability that allows accurate voltage setting at the load rather than at the device. Output Voltage Setting The AP1186-ADJ can be programmed to any voltages in the range of 1.25V to 15.5V with the addition of R1 and R2 external resistors according to the following formula:
Anachip Corp. www.anachip.com.tw 4/8
Rev.1.1 Sep.7, 2004
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Functional Descriptions(Continued)
Vout = Vref (1+R2/R1) + Iadj * R2 where : Vref = 1.25V & Iadj=50uA Typically Vin AP1186-ADJ Vctrl Adj Iadj=50uA Vsense Vref R1+ Vout
R2+
The AP1186-ADJ keeps a constant 1.25V between the Vsense pin and the Adj pin. By placing a resistor R1 across these two pins and connecting the Vsense ans Vout pin together, a constant current flows through R1, adding to the Iadj current and into the R2 resistor producing a voltage equal to the (1.25/R1)*R2 + Iadj*R2. This voltage is then added to the 1.25V to set the output voltage. This is summarized in the above equation. Since the minimum load current requirement of the AP1186-ADJ is 10mA, R1 is typically selected to be a 121 resistor so that it automatically satisfies this condition. Notice that since the Iadj is typically in
the range of 50uA it only adds a small error to the output voltage and should be considered when very precise output voltage setting is required. Load Regulation Since the AP1186 has separate pins for the output (Vout) and the sense (Vsense), it is ideal for providing true remote sensing of the output voltage at the load. This means that the voltage drops due to parasitic resistance such as PCB traces between the regulator and the load are compensated for using remote sensing. Figure following shows a typical application of the AP1186 with remote sensing.
Vin
Vin AP1186-ADJ
Vout Vsense R1 R2 RL
Vctrl
Vctrl
Adj
Stability The AP1186-XXX requires the use of an output capacitor as part of the frequency compensation in order to make the regulator stable. Typical designs for the microprocessor applications use standard electrolytic capacitors with typical ESR in the range of 50 to 100m and an output capacitance of 100uF to 1000uF. Fortunately as the capacitance
increases, the ESR decreases resulting in a fixed RC time constant. The AP1186-XXX takes advantage of the phenomena in making the overall regulator loop stable. For most applications a minimum of 100uF aluminum electrolytic capacitor insures both stability and good transient response.
Anachip Corp. www.anachip.com.tw 5/8
Rev.1.1 Sep.7, 2004
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Functional Descriptions (Continued)
Thermal Design The AP1186-XXX incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable maximum junction temperature. Although this device can operate with junction temperatures in the range of 150oC, it is recommended that the selected heat sink be chosen such that during maximum continuous load operation the junction temperature is kept below this number. The example below shows the steps in selecting the proper surface mount package. Package TO263 Copper Area Pad Size-1.4"X1.4" Assuming, the following conditions: Vout=2.5V Vin=3.3V Vctrl=5V Iout=1.5A DC Avg. Calculate the maximum power dissipation using the following equation: Pd=Iout*(Vin-Vout)+(Iout/60)*(Vctrl-Vout) Pd=2*(3.3-2.5)+(2/60)*(5-2.5)=1.68W Using table below select the proper package and the amount of copper board needed.
JA (oC/W) 25-45
Note: Above table is based on the maximum junction temperature of 135 C. As shown in the above table, any of the two packages will do the job.
o
Max Pd (Ta=25oC) Max Pd (Ta=45oC) 2.4W-4.4W 2.0W-3.6W
Marking Information
Blank : Adj, 15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5.0V Blank : normal L : Lead Free Package ID Code Xth Week : 01~52 Year : "01"=2001 "02"=2002 TO263-5L,TO220-5L
1186-XX YYWWX X
Anachip Corp. www.anachip.com.tw 6/8
~
Rev.1.1 Sep.7, 2004
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Package Information
(1)Package Type : TO220-5L
E P H1 Q
A
F
L
D
e e1
b
C J1
Symbol A b C D E e e1 F H1 J1 L Op Q
Dimensions In Millimeters Min. Nom. Max. 4.07 4.45 4.82 0.76 0.89 1.02 0.36 0.50 0.64 14.22 14.86 15.50 9.78 10.16 10.54 1.57 1.71 1.85 6.68 6.81 6.93 1.14 1.27 1.40 5.46 6.16 6.86 2.29 2.74 3.18 13.21 13.97 14.73 3.68 3.81 3.94 2.54 2.73 2.92
Dimensions In Inches Min. Nom. Max. 0.160 0.175 0.190 0.030 0.035 0.040 0.014 0.020 0.025 0.560 0.585 0.610 0.385 0.400 0.415 0.062 0.067 0.073 0.263 0.268 0.273 0.045 0.050 0.055 0.215 0.243 0.270 0.090 0.108 0.125 0.520 0.550 0.580 0.145 0.150 0.155 0.100 0.107 0.115
Anachip Corp. www.anachip.com.tw 7/8
Rev.1.1 Sep.7, 2004
AP1186
1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
(2) Package Type: TO263-5L
E L2
10.9
9.1
L
1.0 1.7 e B
Land Pattern Recommendation (Unit: mm)
2.5 C L1
Symbol A B C C2 D E e L L1 L2
Dimensions In Millimeters Min. Nom. Max. 4.07 4.46 4.85 0.66 0.84 1.02 0.36 0.50 0.64 1.14 1.27 1.40 8.65 9.15 9.65 9.78 10.16 10.54 1.57 14.61 2.29 1.71 15.24 2.54 1.85 15.88 2.79 2.92
Dimensions In Inches Min. Nom. Max. 0.160 0.176 0.191 0.026 0.033 0.040 0.014 0.020 0.025 0.045 0.050 0.055 0.341 0.360 0.380 0.385 0.400 0.415 0.062 0.575 0.090 0.068 0.600 0.100 0.073 0.625 0.110 0.115
Anachip Corp. www.anachip.com.tw 8/8
C2
Rev.1.1 Sep.7, 2004
A
15.7
D


▲Up To Search▲   

 
Price & Availability of AP1186T518

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X