Part Number Hot Search : 
SDR5100S L78M20AB KE08RXGT L78M20AB V47CH8 KE08RXGT BS616 MT8920B
Product Description
Full Text Search
 

To Download AMD29F010B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Am29F010B
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
DISTINCTIVE CHARACTERISTICS
s Single power supply operation -- 5.0 V 10% for read, erase, and program operations -- Simplifies system-level power requirements s Manufactured on 0.32 m process technology -- Compatible with Am29F010 and Am29F010A device s High performance -- 45 ns maximum access time s Low power consumption -- 12 mA typical active read current -- 30 mA typical program/erase current -- <1 A typical standby current s Flexible sector architecture -- Eight 16 Kbyte sectors -- Any combination of sectors can be erased -- Supports full chip erase s Sector protection -- Hardware-based feature that disables/reenables program and erase operations in any combination of sectors -- Sector protection/unprotection can be implemented using standard PROM programming equipment s Embedded Algorithms -- Embedded Erase algorithm automatically pre-programs and erases the chip or any combination of designated sector -- Embedded Program algorithm automatically programs and verifies data at specified address s Erase Suspend/Resume -- Supports reading data from a sector not being erased s Minimum 1 million erase cycles guaranteed per sector s 20-year data retention at 125C -- Reliable operation for the life of the system s Package options -- 32-pin PLCC -- 32-pin TSOP -- 32-pin PDIP s Compatible with JEDEC standards -- Pinout and software compatible with single-power-supply flash -- Superior inadvertent write protection s Data# Polling and Toggle Bits -- Provides a software method of detecting program or erase cycle completion
This Data Sheet states AMD's current technical specifications regarding the Product described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 22336 Rev: C Amendment/0 Issue Date: November 28, 2000
GENERAL DESCRIPTION
The Am29F010B is a 1 Mbit, 5.0 Volt-only Flash memory organized as 131,072 bytes. The Am29F010B is offered in 32-pin PDIP, PLCC and TSOP packages. The byte-wide data appears on DQ0-DQ7. The device is designed to be programmed in-system with the standard system 5.0 Volt VCC supply. A 12.0 volt VPP is not required for program or erase operations. The device can also be programmed or erased in standard EPROM programmers. This device is manufactured using AMD's 0.32 m process technology, and offers all the features and benefits of the Am29F010 and Am29F010A. The standard device offers access times of 45, 55, 70, 90, and 120 ns, allowing high-speed microprocessors to operate without wait states. To eliminate bus contention the device has separate chip enable (CE#), write enable (WE#) and output enable (OE#) controls. The device requires only a single 5.0 volt power supply for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other Flash or EPROM devices. Device programming occurs by executing the program command sequence. This invokes the Embedded Program algorithm--an inter nal algorithm that automatically times the program pulse widths and verifies proper cell margin. Device erasure occurs by executing the erase command sequence. This invokes the Embedded Erase algorithm--an internal algorithm that automatically preprograms the array (if it is not already programmed) before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. The device is erased when shipped from the factory. The hardware data protection measures include a low VCC detector automatically inhibits write operations during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of memory, and is implemented using standard EPROM programmers. The system can place the device into the standby mode. Power consumption is greatly reduced in this mode. AMD's Flash technology combines years of Flash memory manufacturing experience to produce the h i g h e s t l eve l s o f q u a l i t y, r e l i a b i l i t y, a n d c o s t effectiveness. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The bytes are programmed one byte at a time using the EPROM programming mechanism of hot electron injection.
2
Am29F010B
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 5 Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 8 Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 9
Table 1. Am29F010B Device Bus Operations .................................9
DQ5: Exceeded Timing Limits ................................................ 17 DQ3: Sector Erase Timer ....................................................... 18
Table 5. Write Operation Status ..................................................... 18
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 19
Figure 5. Maximum Negative Overshoot Waveform ...................... 19 Figure 6. Maximum Positive Overshoot Waveform ........................ 19
Requirements for Reading Array Data ..................................... 9 Writing Commands/Command Sequences .............................. 9 Program and Erase Operation Status .................................... 10 Standby Mode ........................................................................ 10 Output Disable Mode .............................................................. 10
Table 2. Am29F010B Sector Addresses Table ...............................10
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . 19 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 20 Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Figure 7. Test Setup ....................................................................... 22 Table 6. Test Specifications ........................................................... 22
Key to Switching Waveforms . . . . . . . . . . . . . . . 22 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 8. Read Operations Timings ............................................... 23 Erase and Program Operations ......................................................... 24 Figure 9. Program Operation Timings ............................................ 25 Figure 10. Chip/Sector Erase Operation Timings .......................... 25 Figure 11. Data# Polling Timings (During Embedded Algorithms) . 26 Figure 12. Toggle Bit Timings (During Embedded Algorithms) ...... 26 Erase and Program Operations ......................................................... 27 Alternate CE# Controlled Writes .................................................... 27 Figure 13. Alternate CE# Controlled Write Operation Timings ...... 28
Autoselect Mode ..................................................................... 10
Table 3. Am29F010B Autoselect Codes (High Voltage Method) ....11
Sector Protection/Unprotection ............................................... 11 Hardware Data Protection ...................................................... 11
Low VCC Write Inhibit ......................................................................11 Write Pulse "Glitch" Protection ........................................................11 Logical Inhibit ..................................................................................11 Power-Up Write Inhibit ....................................................................11
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 12 Reading Array Data ................................................................ 12 Reset Command ..................................................................... 12 Autoselect Command Sequence ............................................ 12 Byte Program Command Sequence ....................................... 12
Figure 1. Program Operation ..........................................................13
Chip Erase Command Sequence ........................................... 13 Sector Erase Command Sequence ........................................ 13 Erase Suspend/Erase Resume Commands ........................... 14
Figure 2. Erase Operation ...............................................................14
Command Definitions ............................................................. 15
Table 4. Am29F010B Command Definitions ...................................15
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 16 DQ7: Data# Polling ................................................................. 16
Figure 3. Data# Polling Algorithm ...................................................16
DQ6: Toggle Bit I .................................................................... 16 Reading Toggle Bit DQ6 ......................................................... 17
Figure 4. Toggle Bit Algorithm .........................................................17
Erase and Programming Performance . . . . . . . 28 Latchup Characteristic . . . . . . . . . . . . . . . . . . . . 29 TSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . 29 PLCC and PDIP Pin Capacitance . . . . . . . . . . . . 29 Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 29 Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 30 PD 032--32-Pin Plastic DIP ................................................... 30 PL 032--32-Pin Plastic Leaded Chip Carrier ......................... 31 TS 032--32-Pin Standard Thin Small Outline Package ......... 32 TSR 032--32-Pin Standard Thin Small Outline Package ....... 33 Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 34 Revision A (August 12, 1999) ................................................. 34 Revision A+1 (September 22, 1999) ...................................... 34 Revision A+2 (September 27, 1999) ...................................... 34 Revision B (November 12, 1999) ............................................ 34 Revision C (November 28, 2000) ........................................... 34
Am29F010B
3
PRODUCT SELECTOR GUIDE
Family Part Number Speed Option VCC = 5.0 V 5% VCC = 5.0 V 10% 45 45 25 -45 -55 55 55 30 -70 70 70 30 -90 90 90 35 -120 120 120 50 Am29F010B
Max Access Time (ns) CE# Access (ns) OE# Access (ns)
Note: See the AC Characteristics section for full specifications.
BLOCK DIAGRAM
DQ0-DQ7
VCC VSS
Erase Voltage Generator
Input/Output Buffers
WE#
State Control Command Register
PGM Voltage Generator Chip Enable Output Enable Logic STB Data Latch
CE# OE#
STB VCC Detector Timer Address Latch
Y-Decoder
Y-Gating
X-Decoder
Cell Matrix
A0-A16
4
Am29F010B
CONNECTION DIAGRAMS
NC A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 VSS 1 2 3 4 5 6 7 8 PDIP 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 VCC A16 WE# NC A14 A13 A8 A9 A11 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 VSS DQ3 DQ1 DQ2 DQ4 DQ5 DQ6 VCC A12 A15 NC
432
1 32 31 30 29 28 27 26 25 24 23 22 21 A14 A13 A8 A9 A11 OE# A10 CE# DQ7
PLCC
Am29F010B
WE# NC
5
CONNECTION DIAGRAMS
A11 A9 A8 A13 A14 NC WE# VCC NC A16 A15 A12 A7 A6 A5 A4 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 A3
Standard TSOP
OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 A3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Reverse TSOP
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
A11 A9 A8 A13 A14 NC WE# VCC NC A16 A15 A12 A7 A6 A5 A4
6
Am29F010B
PIN CONFIGURATION
A0-A16 = 17 Addresses DQ0-DQ7 = 8 Data Inputs/Outputs
LOGIC SYMBOL
17
CE# OE# WE# VCC
= Chip Enable = Output Enable = Write Enable = +5.0 Volt Single Power Supply (See Product Selector Guide for speed options and voltage supply tolerances) = Device Ground = Pin Not Connected Internally
A0-A16 DQ0-DQ7 CE# OE# WE#
8
VSS NC
Am29F010B
7
ORDERING INFORMATION Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Am29F010B 70 E C
TEMPERATURE RANGE C = Commercial (0C to +70C) I = Industrial (-40C to +85C) E = Extended (-55C to +125C) PACKAGE TYPE P = 32-Pin Plastic PDIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) F = 32-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR032) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F010B 1 Megabit (128 K x 8-Bit) CMOS Flash Memory 5.0 Volt-only Read, Program, and Erase
Valid Combinations Am29F010B-45 Am29F010B-55 Am29F010B-70 Am29F010B-90 Am29F010B-120 PC, PI, PE, JC, JI, JE, EC, EI, EE, FC, FI, FE
VCC Voltage 5.0 V 5%
Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations.
5.0 V 10%
8
Am29F010B
DEVICE BUS OPERATIONS
This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memor y location. The register is composed of latches that store the commands, along with the address and data information needed to execute the command. The contents of the register serve as inputs to the internal state machine. The state machine outputs dictate the function of the device. The appropriate device bus operations table lists the inputs and control levels required, and the resulting output. The following subsections describe each of these operations in further detail.
Table 1.
Operation Read Write Standby Output Disable Hardware Reset
Am29F010B Device Bus Operations
CE# L L OE# L H X H X WE# H L X H X Addresses (Note 1) AIN AIN X X X DQ0-DQ7 DOUT DIN High-Z High-Z High-Z
VCC 0.5 V L X
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 0.5 V, X = Don't Care, AIN = Addresses In, DIN = Data In, DOUT = Data Out Notes: 1. Addresses are A16:A0. 2. The sector protect and sector unprotect functions must be implemented via programming equipment. See the "Sector Protection/Unprotection" section.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output pins. WE# should remain at VIH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See "Reading Array Data" for more information. Refer to the AC Read Operations table for timing specifications and to the Read Operations Timings diagram for the timing waveforms. ICC1 in the DC Characteristics table represents the active current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive WE# and CE# to VIL, and OE# to VIH. An erase operation can erase one sector, multiple sectors, or the entire device. The Sector Address Tables indicate the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector. See the "Command Definitions" section for details on erasing a sector or the entire chip. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on DQ7-DQ0. Standard read cycle timings apply in this mode. Refer to the "Autoselect Mode" and "Autoselect Command Sequence" sections for more information. ICC2 in the DC Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification tables and timing diagrams for write operations.
Am29F010B
9
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the operation by reading the status bits on DQ7-DQ0. Standard read cycle timings and ICC read specifications apply. Refer to "Write Operation Status" for more information, and to each AC Characteristics section in the appropriate data sheet for timing diagrams.
The device enters the CMOS standby mode when the CE# pin is held at VCC 0.5 V. (Note that this is a more restricted voltage range than VIH.) The device enters the TTL standby mode when CE# is held at VIH. The device requires the standard access time (tCE) before it is ready to read data. If the device is deselected during erasure or programming, the device draws active current until the operation is completed. ICC3 in the DC Characteristics tables represents the standby current specification.
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input.
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high impedance state.
Table 2.
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 A16 0 0 0 0 1 1 1 1
Am29F010B Sector Addresses Table
A15 0 0 1 1 0 0 1 1 A14 0 1 0 1 0 1 0 1 Address Range 00000h-03FFFh 04000h-07FFFh 08000h-0BFFFh 0C000h-0FFFFh 10000h-13FFFh 14000h-17FFFh 18000h-1BFFFh 1C000h-1FFFFh
Note: All sectors are 16 Kbytes in size.
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on DQ7-DQ0. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires VID on address pin A9. Address pins A6, A1, and A0 must be as shown in Autoselect Codes (High Voltage Method) table. In addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits. Refer to the corresponding Sector Address Tables. The Command Definitions table shows the remaining address bits that are don't care. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on DQ7-DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in the Command Definitions table. This method does not require VID. See "Command Definitions" for details on using the autoselect mode.
10
Am29F010B
Table 3.
Am29F010B Autoselect Codes (High Voltage Method)
A16 to A14 X X A13 to A10 X X A8 to A7 X X A5 to A2 X X DQ7 to DQ0 01h 20h 01h (protected)
Description Manufacturer ID: AMD Device ID: Am29F010B
CE# L L
OE# L L
WE# H H
A9 VID VID
A6 L L
A1 L L
A0 L H
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L 00h (unprotected)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don't care.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase operations in any sector. The hardware sector unprotection feature re-enables both program and erase operations in previously protected sectors. Sector protection/unprotection must be implemented using programming equipment. The procedure requires a high voltage (VID) on address pin A9 and the control pins. Details on this method are provided in a supplement, publication number 22337. Contact an AMD representative to obtain a copy of the appropriate document. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device through AMD's ExpressFlashTM Service. Contact an AMD representative for details. It is possible to determine whether a sector is protected or unprotected. See "Autoselect Mode" for details.
gramming, which might otherwise be caused by spurious system level signals during VCC power-up and power-down transitions, or from system noise. Low VCC Write Inhibit When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC power-up and power-down. The command register and all internal program/erase circuits are disabled, and the device resets. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the proper signals to the control pins to prevent unintentional writes when VCC is greater than VLKO. Write Pulse "Glitch" Protection Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle. Logical Inhibit Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle, CE# and WE# must be a logical zero while OE# is a logical one. Power-Up Write Inhibit If WE# = CE# = VIL and OE# = VIH during power up, the device does not accept commands on the rising edge of WE#. The internal state machine is automatically reset to reading array data on power-up.
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data protection against inadvertent writes (refer to the Command Definitions table). In addition, the following hardware data protection measures prevent accidental erasure or pro-
Am29F010B
11
COMMAND DEFINITIONS
Writing specific address and data commands or sequences into the command register initiates device operations. The Command Definitions table defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence resets the device to reading array data. All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is latched on the rising edge of WE# or CE#, whichever happens first. Refer to the appropriate timing diagrams in the "AC Characteristics" section.
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. The Command Definitions table shows the address and data requirements. This method is an alternative to that shown in the Autoselect Codes (High Voltage Method) table, which is intended for PROM programmers and requires VID on address bit A9. The autoselect command sequence is initiated by writing two unlock cycles, followed by the autoselect command. The device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. A read cycle at address XX00h or retrieves the manufacturer code. A read cycle at address XX01h returns the device code. A read cycle containing a sector address (SA) and the address 02h in returns 01h if that sector is protected, or 00h if it is unprotected. Refer to the Sector Address tables for valid sector addresses. The system must write the reset command to exit the autoselect mode and return to reading array data.
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. The device is also ready to read array data after completing an Embedded Program or Embedded Erase algorithm. The system must issue the reset command to re-enable the device for reading array data if DQ5 goes high, or while in the autoselect mode. See the "Reset Command" section, next. See also "Requirements for Reading Array Data" in the "Device Bus Operations" section for more information. The Read Operations table provides the read parameters, and Read Operation Timings diagram shows the timing diagram.
Byte Program Command Sequence
Programming is a four-bus-cycle operation. The program command sequence is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically provides internally generated program pulses and verify the programmed cell margin. The Command Definitions take shows the address and data requirements for the byte program command sequence. When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. The system can determine the status of the program operation by using DQ7or DQ6. See "Write Operation Status" for information on these status bits. Any commands written to the device during the Embedded Program Algorithm are ignored. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a "0" back to a "1". Attempting to do so may halt the operation and set DQ5 to "1", or cause the Data# Polling algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still "0". Only erase operations can convert a "0" to a "1".
Reset Command
Writing the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The reset command may be written between the sequence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence before programming begins. This resets the device to reading array data. Once programming begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in an autoselect command sequence. Once in the autoselect mode, the reset command must be written to return to reading array data. If DQ5 goes high during a program or erase operation, writing the reset command returns the device to reading array data.
12
Am29F010B
START
Embedded Erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. Figure 2 illustrates the algorithm for the erase operation. See the Erase/Program Operations tables in "AC Characteristics" for parameters, and to the Chip/Sector Erase Operation Timings for timing waveforms.
Write Program Command Sequence
Sector Erase Command Sequence
Embedded Program algorithm in progress Data Poll from System
Verify Data?
No
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the address of the sector to be erased, and the sector erase command. The Command Definitions table shows the address and data requirements for the sector erase command sequence. The device does not require the system to preprogram the memory prior to erase. The Embedded Erase algorithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. After the command sequence is written, a sector erase time-out of 50 s begins. During the time-out period, additional sector addresses and sector erase commands may be written. Loading the sector erase buffer may be done in any sequence, and the number of sectors may be from one sector to all sectors. The time between these additional cycles must be less than 50 s, otherwise the last address and command might not be accepted, and erasure may begin. It is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be re-enabled after the last Sector Erase command is written. If the time between additional sector erase commands can be assumed to be less than 50 s, the system need not monitor DQ3. Any command during the time-out period resets the device to reading array data. The system must rewrite the command sequence and any additional sector addresses and commands. The system can monitor DQ3 to determine if the sector erase timer has timed out. (See the "DQ3: Sector Erase Timer" section.) The time-out begins from the rising edge of the final WE# pulse in the command sequence. Once the sector erase operation has begun, all other commands are ignored. When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. The system can determine the status of the erase operation by using DQ7 or DQ6. Refer to "Write Operation Status" for information on these status bits.
Yes No
Increment Address
Last Address?
Yes Programming Completed
Note: See the appropriate Command Definitions table for program command sequence.
Figure 1.
Program Operation
Chip Erase Command Sequence
Chip erase is a six-bus-cycle operation. The chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the Embedded Erase algorithm. The device does not require the system to preprogram prior to erase. The Embedded Erase algorithm automatically preprograms and verifies the entire memory for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. The Command Definitions table shows the address and data requirements for the chip erase command sequence. Any commands written to the chip during the Embedded Erase algorithm are ignored. The system can determine the status of the erase operation by using DQ7 or DQ6. See "Write Operation Status" for information on these status bits. When the
Am29F010B
13
Figure 2 illustrates the algorithm for the erase operation. Refer to the Erase/Program Operations tables in the "AC Characteristics" section for parameters, and to the Sector Erase Operations Timing diagram for timing waveforms.
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. This command is valid only during the sector erase operation, including the 50 s time-out period during the sector erase command sequence. The Erase Suspend command is ignored if written during the chip erase operation or Embedded Program algorithm. Writing the Erase Suspend command during the Sector Erase time-out immediately terminates the time-out period and suspends the erase operation. Addresses are "don't-cares" when writing the Erase Suspend command. When the Erase Suspend command is written during a sector erase operation, the device requires a maximum of 20 s to suspend the erase operation. However, when the Erase Suspend command is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After the erase operation has been suspended, the system can read array data from any sector not selected for erasure. (The device "erase suspends" all sectors selected for erasure.) Normal read and write timings and command definitions apply. Reading at any address within erase-suspended sectors produces status data on DQ7-DQ0. The system can use DQ7 to determine if a sector is actively erasing or is erase-suspended. See "Write Operation Status" for information on these status bits. After an erase-suspended program operation is complete, the system can once again read array data within non-suspended sectors. The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard program operation . See "Wr i te Operati on Status " for m ore information. The system may also write the autoselect command sequence when the device is in the Erase Suspend
mode. The device allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory array. When the device exits the autoselect mode, the device reverts to the Erase Suspend mode, and is ready for another valid operation. See "Autoselect Command Sequence" for more information. The system must write the Erase Resume command (address bits are "don't care") to exit the erase suspend mode and continue the sector erase operation. Further writes of the Resume command are ignored. Another Erase Suspend command can be written after the device has resumed erasing.
START
Write Erase Command Sequence
Data Poll from System
Embedded Erase algorithm in progress
No
Data = FFh?
Yes Erasure Completed
Notes: 1. See the appropriate Command Definitions table for erase command sequence. 2. See "DQ3: Sector Erase Timer" for more information.
Figure 2.
Erase Operation
14
Am29F010B
Command Definitions
Table 4. Am29F010B Command Definitions
Bus Cycles (Notes 2-3)
Cycles
Command Sequence (Note 1) Read (Note 4) Reset (Note 5) Reset (Note 6) Manufacturer ID Autoselect (Note 7) Device ID Sector Protect Verify (Note 8)
First Addr RA XXXX 555 555 555 555 555 555 555 XXX XXX Data RD F0 AA AA AA AA AA AA AA B0 30
Second Addr Data
Third Addr
Fourth Data
Fifth Addr Data
Sixth Addr Data
Data Addr
1 1 3 4 4 4 4 6 6 1 1
2AA 2AA 2AA 2AA 2AA 2AA 2AA
55 55 55 55 55 55 55
555 555 555 555 555 555 555
F0 90 90 90 A0 80 80 X00 X01 (SA) X02 PA 555 555 01 20 00 01 PD AA AA 2AA 2AA 55 55 555 SA 10 30
Program Chip Erase Sector Erase Erase Suspend (Note 9) Erase Resume (Note 10)
Legend: X = Don't care RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse, whichever happens later. PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever happens first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A16-A14 uniquely select any sector.
Notes: 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Except when reading array or autoselect data, all command bus cycles are write operations. 4. No unlock or command cycles required when reading array data. 5. The Reset command is required to return to reading array data when device is in the autoselect mode, or if DQ5 goes high (while the device is providing status data). 6. The device accepts the three-cycle reset command sequence for backward compatibility.
7. The fourth cycle of the autoselect command sequence is a read operation. 8. The data is 00h for an unprotected sector and 01h for a protected sector. See "Autoselect Command Sequence" for more information. 9. The system may read in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode. The Erase Suspend command is valid only during a sector erase operation. 10. The Erase Resume command is valid only during the Erase Suspend mode.
Am29F010B
15
WRITE OPERATION STATUS
The device provides several bits to determine the status of a write operation: DQ3, DQ5, DQ6, and DQ7. Table 5 and the following subsections describe the functions of these bits. DQ7 and DQ6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first. Table 5 shows the outputs for Data# Polling on DQ7. Figure 3 shows the Data# Polling algorithm.
START
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or completed. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase command sequence. During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum programmed to DQ7. When the Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system must provide the program address to read valid status information on DQ7. If a program address falls within a protected sector, Data# Polling on DQ7 is active for approximately 2 s, then the device returns to reading array data. During the Embedded Erase algorithm, Data# Polling produces a "0" on DQ7. When the Embedded Erase algorithm is complete, Data# Polling produces a "1" on DQ7. This is analogous to the complement/true datum output described for the Embedded Program algorithm: the erase function changes all the bits in a sector to "1"; prior to this, the device outputs the "complement," or "0." The system must provide an address within any of the sectors selected for erasure to read valid status information on DQ7. After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling on DQ7 is active for approximately 100 s, then the device returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. When the system detects DQ7 has changed from the complement to true data, it can read valid data at DQ7- DQ0 on the following read cycles. This is because DQ7 may change asynchronously with DQ0-DQ6 while Output Enable (OE#) is asserted low. The Data# Polling Timings (During Embedded Algorithms) figure in the "AC Characteristics" section illustrates this.
Read DQ7-DQ0 Addr = VA
DQ7 = Data?
Yes
No No
DQ5 = 1?
Yes Read DQ7-DQ0 Addr = VA
DQ7 = Data?
Yes
No FAIL PASS
Notes: 1. VA = Valid address for programming. During a sector erase operation, a valid address is an address within any sector selected for erasure. During chip erase, a valid address is any non-protected sector address. 2. DQ7 should be rechecked even if DQ5 = "1" because DQ7 may change simultaneously with DQ5.
Figure 3.
Data# Polling Algorithm
16
Am29F010B
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or complete. Toggle Bit I may be read at any address, and is valid after the rising edge of the final WE# pulse in the command sequence (prior to the program or erase operation), and during the sector erase time-out. During an Embedded Program or Erase algorithm operation, successive read cycles to any address cause DQ6 to toggle. (The system may use either OE# or CE# to control the read cycles.) When the operation is complete, DQ6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6 toggles for approximately 100 s, then returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. If a program address falls within a protected sector, DQ6 toggles for approximately 2 s after the program command sequence is written, then returns to reading array data. The Write Operation Status table shows the outputs for Toggle Bit I on DQ6. Refer to Figure 4 for the toggle bit algorithm, and to the Toggle Bit Timings figure in the "AC Characteristics" section for the timing diagram.
No START
Read DQ7-DQ0
Read DQ7-DQ0
(Note 1)
Toggle Bit = Toggle? Yes
No
DQ5 = 1?
Yes
Read DQ7-DQ0 Twice
(Notes 1, 2)
Reading Toggle Bit DQ6
Refer to Figure 4 for the following discussion. Whenever the system initially begins reading toggle bit status, it must read DQ7-DQ0 at least twice in a row to determine whether a toggle bit is toggling. Typically, a system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on DQ7-DQ0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of DQ5 is high (see the section on DQ5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the device did not complete the operation successfully, and the system must write the reset command to return to reading array data.
Toggle Bit = Toggle?
No
Yes Program/Erase Operation Not Complete, Write Reset Command Program/Erase Operation Complete
Notes: 1. Read toggle bit twice to determine whether or not it is toggling. See text. 2. Recheck toggle bit because it may stop toggling as DQ5 changes to "1". See text.
Figure 4.
Toggle Bit Algorithm
The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation (top of Figure 4).
Am29F010B
17
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5 produces a "1." This is a failure condition that indicates the program or erase cycle was not successfully completed. The DQ5 failure condition may appear if the system tries to program a "1" to a location that is previously programmed to "0." Only an erase operation can change a "0" back to a "1." Under this condition, the device halts the operation, and when the operation has exceeded the timing limits, DQ5 produces a "1." Under both these conditions, the system must issue the reset command to return the device to reading array data.
tional sectors are selected for erasure, the entire timeout also applies after each additional sector erase command. When the time-out is complete, DQ3 switches from "0" to "1." The system may ignore DQ3 if the system can guarantee that the time between additional sector erase commands will always be less than 50 s. See also the "Sector Erase Command Sequence" section. After the sector erase command sequence is written, the system should read the status on DQ7 (Data# Polling) or DQ6 (Toggle Bit I) to ensure the device has accepted the command sequence, and then read DQ3. If DQ3 is "1", the internally controlled erase cycle has begun; all further commands are ignored until the erase operation is complete. If DQ3 is "0", the device will accept additional sector erase commands. To ensure the command has been accepted, the system software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 is high on the second status check, the last command might not have been accepted. Table 5 shows the outputs for DQ3.
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not an erase operation has begun. (The sector erase timer does not apply to the chip erase command.) If addi-
Table 5.
Operation Standard Mode Erase Suspend Mode Embedded Program Algorithm Embedded Erase Algorithm Reading within Erase Suspended Sector
Write Operation Status
DQ7 (Note 1) DQ7# 0 1 Data DQ6 Toggle Toggle No toggle Data DQ5 (Note 2) 0 0 0 Data DQ3 N/A 1 N/A Data
Reading within Non-Erase Suspended Sector
Notes: 1. DQ7 requires a valid address when reading status information. Refer to the appropriate subsection for further details. 2. DQ5 switches to `1' when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See "DQ5: Exceeded Timing Limits" for more information.
18
Am29F010B
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Plastic Packages . . . . . . . . . . . . . . . -65C to +125C Ambient Temperature with Power Applied. . . . . . . . . . . . . . -55C to +125C Voltage with Respect to Ground VCC (Note 1). . . . . . . . . . . . . . . . . . . .-2.0 V to +7.0 V A9 (Note 2). . . . . . . . . . . . . . . . . . . .-2.0 V to +13.0 V All other pins (Note 1) . . . . . . . . . . . .-2.0 V to +7.0 V Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes: 1. Minimum DC voltage on input or I/O pin is -0.5 V. During voltage transitions, inputs may overshoot VSS to -2.0 V for periods of up to 20 ns. See Figure 5. Maximum DC voltage on input and I/O pins is VCC + 0.5 V. During voltage transitions, input and I/O pins may overshoot to V CC + 2.0 V for periods up to 20 ns. See Figure 6. 2. Minimum DC input voltage on A9 pin is -0.5V. During voltage transitions, A9 pins may overshoot VSS to -2.0 V for periods of up to 20 ns. See Figure 5. Maximum DC input voltage on A9 is +12.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output shorted at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability.
VCC +2.0 V VCC +0.5 V 2.0 V 20 ns 20 ns 20 ns +0.8 V -0.5 V -2.0 V 20 ns 20 ns
Figure 5. Maximum Negative Overshoot Waveform
20 ns
Figure 6. Maximum Positive Overshoot Waveform
OPERATING RANGES
Commercial (C) Devices Case Temperature (TA) . . . . . . . . . . . . . 0C to +70C Industrial (I) Devices Case Temperature (TA) . . . . . . . . . . . -40C to +85C Extended (E) Devices Case Temperature (TA) . . . . . . . . . . -55C to +125C VCC Supply Voltages VCC for 5% devices . . . . . . . . . . .+4.75 V to +5.25 V VCC for 10% devices . . . . . . . . . .+4.50 V to +5.50 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
Am29F010B
19
DC CHARACTERISTICS TTL/NMOS Compatible
Parameter Symbol ILI ILIT ILO ICC1 ICC2 ICC3 VIL VIH VID VOL VOH VLKO Parameter Description Input Load Current A9 Input Load Current Output Leakage Current VCC Active Read Current (Notes 1, 2) VCC Active Write Current (Notes 2, 3, 4) VCC Standby Current Input Low Voltage Input High Voltage Voltage for Autoselect and Sector VCC = 5.0 V Protect Output Low Voltage Output High Voltage Low VCC Lock-out Voltage IOL = 12 mA, VCC = VCC Min IOH = -2.5 mA, VCC = VCC Min 2.4 3.2 4.2 Test Description VIN = VSS to VCC, VCC = VCC Max VCC = VCC Max, A9 = 12.5 V VOUT = VSS to VCC, VCC = VCC Max CE# = VIL, OE# = VIH CE# = VIL, OE# = VIH CE# and OE# = VIH -0.5 2.0 10.5 12 30 0.4 Min Typ Max 1.0 50 1.0 30 40 1.0 0.8 VCC + 0.5 12.5 0.45 Unit A A A mA mA mA V V V V V V
Notes: 1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. 2. Maximum ICC specifications are tested with VCC=VCCmax. 3. ICC active while Embedded Program or Embedded Erase Algorithm is in progress. 4. Not 100% tested.
20
Am29F010B
DC CHARACTERISTICS (Continued) CMOS Compatible
Parameter Symbol ILI ILIT ILO ICC1 ICC2 ICC3 VIL VIH VID VOL VOH1 VOH2 VLKO Low VCC Lock-out Voltage Parameter Description Input Load Current A9 Input Load Current Output Leakage Current Test Description VIN = VSS to VCC, VCC = VCC Max VCC = VCC Max, A9 = 12.5 V VOUT = VSS to VCC, VCC = VCC Max 12 30 1 -0.5 0.7 x VCC VCC = 5.25 V IOL = 12 mA, VCC = VCC Min IOH = -2.5 mA, VCC = VCC Min IOH = -100 A, VCC = VCC Min 0.85 VCC VCC - 0.4 3.2 4.2 10.5 Min Typ Max 1.0 50 1.0 30 40 5 0.8 VCC + 0.3 12.5 0.45 Unit A A A mA mA A V V V V V V V
VCC Active Current (Notes 1, 2) CE# = VIL, OE# = VIH VCC Active Current (Notes 2, 3, 4) VCC Standby Current (Note 5) Input Low Voltage Input High Voltage Voltage for Autoselect and Sector Protect Output Low Voltage Output High Voltage CE# = VIL, OE# = VIH CE# = VCC 0.5 V, OE# = VIH
Notes: 1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. 2. Maximum ICC specifications are tested with VCC=VCCmax. 3. ICC active while Embedded Program or Embedded Erase Algorithm is in progress. 4. Not 100% tested. 5. ICC3 = 20 A max at extended temperatures (> +85C).
Am29F010B
21
TEST CONDITIONS
Table 6.
5.0 V Test Condition Device Under Test CL 6.2 k 2.7 k Output Load Output Load Capacitance, CL (including jig capacitance) Input Rise and Fall Times Input Pulse Levels Input timing measurement reference levels 30 5 0.0-3.0 1.5 1.5 -45 All others Unit 1 TTL gate 100 20 0.45-2.4 0.8 2.0 pF ns V V V
Test Specifications
Note: Diodes are IN3064 or equivalent
Output timing measurement reference levels
Figure 7.
Test Setup
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Steady Changing from H to L Changing from L to H Don't Care, Any Change Permitted Does Not Apply Changing, State Unknown Center Line is High Impedance State (High Z) OUTPUTS
22
Am29F010B
AC CHARACTERISTICS Read-only Operations Characteristics
Parameter Symbol JEDEC tAVAV tAVQV tELQV tGLQV tEHQZ tGHQZ Std tRC tACC tCE tOE tDF tDF Parameter Description Read Cycle Time (Note 1) Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay Chip Enable to Output High Z (Note 1) Output Enable to Output High Z (Note 1) Read tOEH Output Enable Hold Time (Note 1) Output Hold Time From Addresses CE# or OE#, Whichever Occurs First Toggle and Data Polling CE# = VIL OE# = VIL OE# = VIL Test Setup Min Max Max Max Max Max Min Min -45 45 45 45 25 10 10 Speed Options -55 55 55 55 30 15 15 -70 70 70 70 30 20 20 0 10 -90 90 90 90 35 20 20 -120 120 120 120 50 30 30 Unit ns ns ns ns ns ns ns ns
tAXQX
tOH
Min
0
ns
Notes: 1. Not 100% tested. 2. See Figure 7 and Table 6 for test specifications.
tRC Addresses CE# tOE tOEH WE# HIGH Z Outputs Output Valid tCE tOH HIGH Z tDF Addresses Stable tACC
OE#
Figure 8.
Read Operations Timings
Am29F010B
23
AC CHARACTERISTICS Erase and Program Operations
Parameter Symbol JEDEC tAVAV tAVWL tWLAX tDVWH tWHDX Std tWC tAS tAH tDS tDH tOES tGHWL tELWL tWHEH tWLWH tWHWL tWHWH1 tWHWH2 tGHWL tCS tCH tWP tWPH tWHWH1 tWHWH2 tVCS Parameter Description Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time Read Recover Time Before Write (OE# High to WE# Low) CE# Setup Time CE# Hold Time Write Pulse Width Write Pulse Width High Byte Programming Operation (Note 2) Chip/Sector Erase Operation (Note 2) VCC Set Up Time (Note 1) Min Min Min Min Min Min Min Min Min Min Min Typ Typ Min 25 30 35 20 45 20 -45 45 Speed Options -55 55 -70 70 0 45 30 0 0 0 0 0 35 20 7 1.0 50 45 50 45 45 50 50 -90 90 -120 120 Unit ns ns ns ns ns ns ns ns ns ns ns s sec s
Notes: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more informaiton.
24
Am29F010B
AC CHARACTERISTICS
Program Command Sequence (last two cycles) tAS tWC Addresses 555h PA tAH CE# OE# tWP WE# tCS tDS Data tDH PD Status DOUT tWPH tWHWH1 Read Status Data (last two cycles) PA PA
tCH
A0h
tVCS VCC
Note: PA = program address, PD = program data, DOUT is the true data at the program address.
Figure 9.
Program Operation Timings
Erase Command Sequence (last two cycles) tAS tWC Addresses 2AAh SA
555h for chip erase
Read Status Data VA VA
tAH CE#
OE# tWP WE# tCS tDS
tCH
tWPH
tWHWH2
tDH Data 55h 30h
10 for Chip Erase In Progress Complete
tVCS VCC
Note: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see "Write Operation Status").
Figure 10.
Chip/Sector Erase Operation Timings
Am29F010B
25
AC CHARACTERISTICS
tRC Addresses VA tACC tCE CE# tCH OE# tOEH WE# tOH DQ7
High Z
VA
VA
tOE tDF
Complement
Complement
True
Valid Data
High Z
DQ0-DQ6
Status Data
Status Data
True
Valid Data
Note: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle.
Figure 11.
Data# Polling Timings (During Embedded Algorithms)
tRC Addresses VA tACC tCE CE# tCH OE# tOEH WE# tOH DQ6
High Z
VA
VA
VA
tOE tDF
Valid Status (first read)
Valid Status (second read)
Valid Status (stops toggling)
Valid Data
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle.
Figure 12.
Toggle Bit Timings (During Embedded Algorithms)
26
Am29F010B
AC CHARACTERISTICS Erase and Program Operations
Alternate CE# Controlled Writes
Parameter Symbol JEDEC tAVAV tAVEL tELAX tDVEH tEHDX Standard tWC tAS tAH tDS tDH tOES tGHEL tWLEL tEHWH tELEH tEHEL tWHWH1 tWHWH2 tGHEL tWS tWH tCP tCPH tWHWH1 tWHWH2 Parameter Description Write Cycle Time (Note 1) Address Setup Time Address Hold Time Data Setup Time Data Hold Time Output Enable Setup Time (Note 1) Read Recover Time Before Write WE# Setup Time WE# Hold Time CE# Pulse Width CE# Pulse Width High Byte Programming Operation (Note 2) Chip/Sector Erase Operation (Note 2) Min Min Min Min Min Min Min Min Min Min Min Typ Typ 25 30 35 20 45 20 -45 45 Speed Options -55 55 -70 70 0 45 30 0 0 0 0 0 35 20 7 1.0 45 50 45 45 50 50 -90 90 -120 120 Unit ns ns ns ns ns ns ns ns ns ns ns s sec
Notes: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
Am29F010B
27
AC CHARACTERISTICS
555 for program 2AA for erase PA for program SA for sector erase 555 for chip erase
Data# Polling PA
Addresses tWC tWH WE# tGHEL OE# tCP CE# tWS tCPH tDS tDH Data
A0 for program 55 for erase PD for program 30 for sector erase 10 for chip erase
tAS tAH
tWHWH1 or 2
DQ7#
DOUT
Notes: 1. PA = Program Address, PD = Program Data, SA = Sector Address, DQ7# = Complement of Data Input, DOUT = Array Data. 2. Figure indicates the last two bus cycles of the command sequence.
Figure 13.
Alternate CE# Controlled Write Operation Timings
ERASE AND PROGRAMMING PERFORMANCE
Limits Parameter Chip/Sector Erase Time Byte Programming Time Chip Programming Time (Note 3) Typ (Note 1) 1.0 7 0.9 Max (Note 2) 15 300 6.25 Unit sec s sec Comments Excludes 00h programming prior to erasure (Note 4) Excludes system-level overhead (Note 5)
Notes: 1. Typical program and erase times assume the following conditions: 25C, 5.0 V VCC, 1 million cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90C, VCC = 4.5 V (4.75 V for -45), 100,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum byte program time listed. If the maximum byte program time given is exceeded, only then does the device set DQ5 = 1. See the section on DQ5 for further information. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the four-bus-cycle command sequence for programming. See Table 4 for further information on command definitions. 6. The device has a minimum guaranteed erase cycle endurance of 1 million cycles.
28
Am29F010B
LATCHUP CHARACTERISTIC
Parameter Description Input Voltage with respect to VSS on I/O pins VCC Current Min -1.0 V -100 mA Max VCC + 1.0 V +100 mA
Note: Includes all pins except VCC. Test conditions: VCC = 5.0 Volt, one pin at a time.
TSOP PIN CAPACITANCE
Parameter Symbol CIN COUT CIN2 Parameter Description Input Capacitance Output Capacitance Control Pin Capacitance VIN = 0 VOUT = 0 VIN = 0 Test Conditions Typ 6 8.5 7.5 Max 7.5 12 9 Unit pF pF pF
Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25C, f = 1.0 MHz.
PLCC AND PDIP PIN CAPACITANCE
Parameter Symbol CIN COUT CIN2 Parameter Description Input Capacitance Output Capacitance Control Pin Capacitance VIN = 0 VOUT = 0 VPP = 0 Test Conditions Typ 4 8 8 Max 6 12 12 Unit pF pF pF
Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25C, f = 1.0 MHz.
DATA RETENTION
Parameter Description Minimum Pattern Data Retention Time Test Conditions 150C Min 10 20 Unit Years Years
125C
Am29F010B
29
PHYSICAL DIMENSIONS PD 032--32-Pin Plastic DIP
Dwg rev AD; 10/99
30
Am29F010B
PHYSICAL DIMENSIONS* (continued) PL 032--32-Pin Plastic Leaded Chip Carrier
Dwg rev AH; 10/99
Am29F010B
31
PHYSICAL DIMENSIONS* (continued) TS 032--32-Pin Standard Thin Small Outline Package
Dwg rev AA; 10/99
* For reference only. BSC is an ANSI standard for Basic Space Centering.
32
Am29F010B
PHYSICAL DIMENSIONS* (continued) TSR 032--32-Pin Standard Thin Small Outline Package
Dwg rev AA; 10/99
* For reference only. BSC is an ANSI standard for Basic Space Centering.
Am29F010B
33
REVISION SUMMARY Revision A (August 12, 1999)
In iti al r el ea se. Th e Am 2 9F 0 10 B re pl aces th e Am29F010A data sheet (22181B+1).
Revision B (November 12, 1999)
AC Characteristics--Figure 9. Program Operations Timing and Figure 10. Chip/Sector Erase Operations Deleted tGHWL and changed OE# waveform to start at high. Physical Dimensions Replaced figures with more detailed illustrations.
Revision A+1 (September 22, 1999)
Device Bus Operations
Sector Protection/Unprotection: Corrected the publication number for the programming supplement.
Revision A+2 (September 27, 1999)
Erase and Programming Performance table In Notes 1 and 6, corrected the erase cycle endurance to 1 million cycles.
Revision C (November 28, 2000)
Global Added table of contents. Removed Preliminary status from document. Ordering Information Deleted burn-in option.
Trademarks Copyright (c) 2000 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
34
Am29F010B


▲Up To Search▲   

 
Price & Availability of AMD29F010B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X