Part Number Hot Search : 
1602B 1N6001A 3331K000 ISL28 1SV298H BU9262FS TP518 LL55C3V3
Product Description
Full Text Search
 

To Download 74HC04BQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
74HC04; 74HCT04 Hex inverter
Product specification Supersedes data of 1993 Sep 01 2003 Jul 23
Philips Semiconductors
Product specification
Hex inverter
FEATURES * Complies with JEDEC standard no. 8-1A * ESD protection: HBM EIA/JESD22-A114-A exceeds 2000 V MM EIA/JESD22-A115-A exceeds 200 V. * Specified from -40 to +85 C and -40 to +125 C. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf 6.0 ns. DESCRIPTION
74HC04; 74HCT04
The 74HC/HCT04 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT04 provide six inverting buffers.
TYPICAL SYMBOL tPHL/tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W). PD = CPD x VCC2 x fi x N + (CL x VCC2 x fo) where: fi = input frequency in MHz; fo = output frequency in MHz; CL = output load capacitance in pF; VCC = supply voltage in Volts; N = total load switching outputs; (CL x VCC2 x fo) = sum of the outputs. 2. For 74HC04: the condition is VI = GND to VCC. For 74HCT04: the condition is VI = GND to VCC - 1.5 V. FUNCTION TABLE See note 1. INPUT nA L H Note 1. H = HIGH voltage level; L = LOW voltage level. OUTPUT nY H L PARAMETER propagation delay nA to nY input capacitance power dissipation capacitance per gate notes 1 and 2 CONDITIONS HC04 CL = 15 pF; VCC = 5 V 7 3.5 21 8 3.5 24 HCT04 ns pF pF UNIT
2003 Jul 23
2
Philips Semiconductors
Product specification
Hex inverter
ORDERING INFORMATION PACKAGE TYPE NUMBER TEMPERATURE RANGE 74HC04N 74HCT04N 74HC04D 74HCT04D 74HC04DB 74HCT04DB 74HC04PW 74HCT04PW 74HC04BQ 74HCT04BQ -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C -40 to +125 C PINS 14 14 14 14 14 14 14 14 14 14 PACKAGE DIP14 DIP14 SO14 SO14 SSOP14 SSOP14 TSSOP14 TSSOP14 DHVQFN14 DHVQFN14
74HC04; 74HCT04
MATERIAL plastic plastic plastic plastic plastic plastic plastic plastic plastic plastic
CODE SOT27-1 SOT27-1 SOT108-1 SOT108-1 SOT337-1 SOT337-1 SOT402-1 SOT402-1 SOT762-1 SOT762-1
PINNING PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 SYMBOL 1A 1Y 2A 2Y 3A 3Y GND 4Y 4A 5Y 5A 6Y 6A VCC DESCRIPTION data input data output data input data output data input data output ground (0 V) data output data input data output data input data output data input supply voltage Fig.1 Pin configuration DIP14, SO14 and (T)SSOP14.
3Y GND
handbook, halfpage
1A 1Y 2A 2Y 3A
1 2 3 4 5 6 7
MNA340
14 VCC 13 6A 12 6Y
04
11 5A 10 5Y 9 4A
8 4Y
2003 Jul 23
3
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
handbook, halfpage
1A 1
VCC 14 13 12 6A 3 2A 2Y 4 6Y 5A 5Y 4A 5 3A 3Y 6
handbook, halfpage
1
1A
1Y
2
1Y 2A 2Y 3A 3Y
2 3 4 5 6 7 Top view GND 8 4Y
GND(1)
11 10 9
9
4A
4Y
8
11
5A
5Y
10
13
MBL760
6A
6Y
12
MNA342
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input.
Fig.2 Pin configuration DHVQFN14.
Fig.3 Logic symbol.
handbook, halfpage
1
1
2
3
1
4
5
1
6
handbook, halfpage
A
Y
MNA341
9
1
8
11
1
10
13
1
MNA343
12
Fig.4 IEC logic symbol.
Fig.5 Logic diagram (one inverter).
2003 Jul 23
4
Philips Semiconductors
Product specification
Hex inverter
RECOMMENDED OPERATING CONDITIONS 74HC04 SYMBOL VCC VI VO Tamb PARAMETER supply voltage input voltage output voltage ambient temperature CONDITIONS MIN. 2.0 0 0 see DC and AC -40 characteristics per device VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V - - - TYP. 5.0 - - +25 MAX. 6.0 VCC VCC +125
74HC04; 74HCT04
74HCT04 UNIT MIN. 4.5 0 0 -40 TYP. 5.0 - - +25 MAX. 5.5 VCC VCC +125 V V V C
tr, tf
input rise and fall times
- 6.0 -
1000 500 400
- - -
- 6.0 -
- 500 -
ns ns ns
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V). SYMBOL VCC IIK IOK IO ICC, IGND Tstg Ptot PARAMETER supply voltage input diode current output diode current output source or sink current VCC or GND current storage temperature power dissipation DIP14 package other packages Notes 1. For DIP14 packages: above 70 C derate linearly with 12 mW/K. 2. For SO14 packages: above 70 C derate linearly with 8 mW/K. For SSOP14 and TSSOP14 packages: above 60 C derate linearly with 5.5 mW/K. For DHVQFN14 packages: above 60 C derate linearly with 4.5 mW/K. Tamb = -40 to +125 C; note 1 Tamb = -40 to +125 C; note 2 - - 750 500 mW mW VI < -0.5 V or VI > VCC + 0.5 V VO < -0.5 V or VO > VCC + 0.5 V -0.5 V < VO < VCC + 0.5 V CONDITIONS - - - - -65 MIN. -0.5 MAX. +7.0 20 20 25 50 +150 V mA mA mA mA C UNIT
2003 Jul 23
5
Philips Semiconductors
Product specification
Hex inverter
DC CHARACTERISTICS Type 74HC04 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL Tamb = 25 C VIH HIGH-level input voltage 2.0 4.5 6.0 VIL LOW-level input voltage 2.0 4.5 6.0 VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A IO = -20 A IO = -4.0 mA IO = -20 A IO = -5.2 mA VOL LOW-level output voltage VI = VIH or VIL IO = 20 A IO = 20 A IO = 4.0 mA IO = 20 A IO = 5.2 mA ILI IOZ ICC input leakage current VI = VCC or GND 3-state output OFF current VI = VIH or VIL; VO = VCC or GND quiescent supply current 2.0 4.5 4.5 6.0 6.0 6.0 6.0 - - - - - - - - 2.0 4.5 4.5 6.0 6.0 1.9 4.4 3.98 5.9 5.48 1.5 3.15 4.2 - - - PARAMETER OTHER VCC (V) MIN.
74HC04; 74HCT04
TYP.
MAX.
UNIT
1.2 2.4 3.2 0.8 2.1 2.8 2.0 4.5 4.32 6.0 5.81 0 0 0.15 0 0.16 0.1 - -
- - - 0.5 1.35 1.8 - - - - - 0.1 0.1 0.26 0.1 0.26 0.1 .0.5 2
V V V V V V V V V V V V V V V V A A A
VI = VCC or GND; IO = 0 6.0
2003 Jul 23
6
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +85 C VIH HIGH-level input voltage 2.0 4.5 6.0 VIL LOW-level input voltage 2.0 4.5 6.0 VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A IO = -20 A IO = -4.0 mA IO = -20 A IO = -5.2 mA VOL LOW-level output voltage VI = VIH or VIL IO = 20 A IO = 20 A IO = 4.0 mA IO = 20 A IO = 5.2 mA ILI IOZ ICC input leakage current VI = VCC or GND 3-state output OFF current VI = VIH or VIL; VO = VCC or GND quiescent supply current 2.0 4.5 4.5 6.0 6.0 6.0 6.0 - - - - - - - - - - - - - - - - 0.1 0.1 0.33 0.1 0.33 1.0 .5.0 20 V V V V V A A A 2.0 4.5 4.5 6.0 6.0 1.9 4.4 3.84 5.9 5.34 - - - - - - - - - - V V V V V 1.5 3.15 4.2 - - - - - - - - - - - - 0.5 1.35 1.8 V V V V V V VCC (V) MIN. TYP. MAX. UNIT
VI = VCC or GND; IO = 0 6.0
2003 Jul 23
7
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
TEST CONDITIONS SYMBOL PARAMETER OTHER Tamb = -40 to +125 C VIH HIGH-level input voltage 2.0 4.5 6.0 VIL LOW-level input voltage 2.0 4.5 6.0 VOH HIGH-level output voltage VI = VIH or VIL IO = -20 A IO = -20 A IO = -20 A IO = -4.0 mA IO = -5.2 mA VOL LOW-level output voltage VI = VIH or VIL IO = 20 A IO = 20 A IO = 20 A IO = 4.0 mA IO = 5.2 mA ILI IOZ ICC input leakage current VI = VCC or GND 3-state output OFF current VI = VIH or VIL; VO = VCC or GND quiescent supply current 2.0 4.5 6.0 4.5 6.0 6.0 6.0 - - - - - - - - - - - - - - - - 0.1 0.1 0.1 0.4 0.4 1.0 10.0 40 V V V V V A A A 2.0 4.5 6.0 4.5 6.0 1.9 4.4 5.9 3.7 5.2 - - - - - - - - - - V V V V V 1.5 3.15 4.2 - - - - - - - - - - - - 0.5 1.35 1.8 V V V V V V VCC (V) MIN. TYP. MAX. UNIT
VI = VCC or GND; IO = 0 6.0
2003 Jul 23
8
Philips Semiconductors
Product specification
Hex inverter
Type 74HCT04 At recommended operating conditions; voltages are referenced to GND (ground = 0 V). TEST CONDITIONS SYMBOL Tamb = 25 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -20 A IO = -4.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 20 A IO = 4.0 mA ILI IOZ input leakage current 3-state output OFF current VI = VCC or GND 4.5 4.5 5.5 - - - - 4.5 4.5 4.4 4.5 to 5.5 4.5 to 5.5 2.0 - PARAMETER OTHER VCC (V)
74HC04; 74HCT04
MIN.
TYP.
MAX.
UNIT
1.6 1.2 4.5 4.32 0 0.15 - -
- 0.8 - - 0.1 0.26 0.1 0.5
V V V V V V A A
3.84
VI = VIH or VIL; 5.5 VO = VCC or GND; IO = 0 VI = VCC or GND; IO = 0 VI = VCC - 2.1 V; IO = 0 5.5 4.5 to 5.5
ICC ICC
quiescent supply current additional supply current per input
- -
- 120
2 432
A A
Tamb = -40 to +85 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -20 A IO = -4.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 20 A IO = 4.0 mA ILI IOZ input leakage current 3-state output OFF current VI = VCC or GND 4.5 4.5 5.5 - - - - 4.5 4.5 4.4 3.84 4.5 to 5.5 4.5 to 5.5 2.0 - - - - - - - - - - - 0.1 0.33 1.0 5.0 V V A A - - V V - 0.8 V V
VI = VIH or VIL; 5.5 VO = VCC or GND; IO = 0 VI = VCC or GND; IO = 0 VI = VCC - 2.1 V; IO = 0 5.5 4.5 to 5.5
ICC ICC
quiescent supply current additional supply current per input
- -
- -
20 540
A A
2003 Jul 23
9
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
TEST CONDITIONS SYMBOL Tamb = -40 to +125 C VIH VIL VOH HIGH-level input voltage LOW-level input voltage HIGH-level output voltage VI = VIH or VIL IO = -20 A IO = -4.0 mA VOL LOW-level output voltage VI = VIH or VIL IO = 20 A IO = 4.0 mA ILI IOZ input leakage current 3-state output OFF current VI = VCC or GND 4.5 4.5 5.5 - - - - - - - - 0.1 0.4 1.0 10 V V A A 4.5 4.5 4.4 3.7 - - - - V V 4.5 to 5.5 4.5 to 5.5 2.0 - - - - 0.8 V V PARAMETER OTHER VCC (V) MIN. TYP. MAX. UNIT
5.5 VI = VIH or VIL; VO = VCC or GND; IO = 0 VI = VCC or GND; IO = 0 VI = VCC - 2.1 V; IO = 0 5.5 4.5 to 5.5
ICC ICC
quiescent supply current additional supply current per input
- -
- -
40 590
A A
2003 Jul 23
10
Philips Semiconductors
Product specification
Hex inverter
AC CHARACTERISTICS Family 74HC04 GND = 0 V; tr = tf 6.0 ns; CL = 50 pF. TEST CONDITIONS SYMBOL Tamb = 25 C tPHL/tPLH propagation delay nA to nY see Figs 6 and 7 2.0 4.5 6.0 tTHL/tTLH output transition time see Figs 6 and 7 2.0 4.5 6.0 Tamb = -40 to +85 C tPHL/tPLH propagation delay nA to nY see Figs 6 and 7 2.0 4.5 6.0 tTHL/tTLH output transition time see Figs 6 and 7 2.0 4.5 6.0 Tamb = -40 to +125 C tPHL/tPLH propagation delay nA to nY see Figs 6 and 7 2.0 4.5 6.0 tTHL/tTLH output transition time see Figs 6 and 7 2.0 4.5 6.0 - - - - - - - - - - - - - - - - - - PARAMETER WAVEFORMS VCC (V) MIN.
74HC04; 74HCT04
TYP.
MAX.
UNIT
25 9 7 19 7 6 - - - - - - - - - - - -
85 17 14 75 15 13
ns ns ns ns ns ns
105 21 18 95 19 16
ns ns ns ns ns ns
130 26 22 110 22 19
ns ns ns ns ns ns
2003 Jul 23
11
Philips Semiconductors
Product specification
Hex inverter
Family 74HCT04 GND = 0 V; tr = tf 6.0 ns; CL = 50 pF. TEST CONDITIONS SYMBOL Tamb = 25 C tPHL/tPLH tTHL/tTLH propagation delay nA to nY output transition time see Figs 6 and 7 see Figs 6 and 7 4.5 4.5 - - - - - - PARAMETER WAVEFORMS VCC (V) MIN.
74HC04; 74HCT04
TYP.
MAX.
UNIT
10 7 - - - -
19 15
ns ns
Tamb = -40 to +85 C tPHL/tPLH tTHL/tTLH propagation delay nA to nY output transition time see Figs 6 and 7 see Figs 6 and 7 4.5 4.5 24 19 ns ns
Tamb = -40 to +125 C tPHL/tPLH tTHL/tTLH propagation delay nA to nY output transition time see Figs 6 and 7 see Figs 6 and 7 4.5 4.5 29 22 ns ns
AC WAVEFORMS
V handbook, halfpage I nA input GND t PHL VOH nY output VOL t THL VM VM
10%
VM
VM
t PLH
90%
t TLH
MNA722
For 74HC04: VM = 50%; VI = GND to VCC. For 74HCT04: VM = 1.3 V; VI = GND to 3.0 V.
Fig.6
Waveforms showing the data input (nA) to data output (nY) propagation delays and the output transition times.
2003 Jul 23
12
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
handbook, halfpage
VCC VI D.U.T RT CL 50 pF VO
PULSE GENERATOR
MGK565
Definitions for test circuit: CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Fig.7 Load circuitry for switching times.
2003 Jul 23
13
Philips Semiconductors
Product specification
Hex inverter
PACKAGE OUTLINES DIP14: plastic dual in-line package; 14 leads (300 mil)
74HC04; 74HCT04
SOT27-1
D seating plane
ME
A2
A
L
A1
c Z e b1 b 14 8 MH wM (e 1)
pin 1 index E
1
7
0
5 scale
10 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches Note 1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT27-1 REFERENCES IEC 050G04 JEDEC MO-001 JEITA SC-501-14 EUROPEAN PROJECTION A max. 4.2 0.17 A1 min. 0.51 0.02 A2 max. 3.2 0.13 b 1.73 1.13 0.068 0.044 b1 0.53 0.38 0.021 0.015 c 0.36 0.23 0.014 0.009 D (1) 19.50 18.55 0.77 0.73 E (1) 6.48 6.20 0.26 0.24 e 2.54 0.1 e1 7.62 0.3 L 3.60 3.05 0.14 0.12 ME 8.25 7.80 0.32 0.31 MH 10.0 8.3 0.39 0.33 w 0.254 0.01 Z (1) max. 2.2 0.087
ISSUE DATE 99-12-27 03-02-13
2003 Jul 23
14
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
D
E
A X
c y HE vMA
Z 14 8
Q A2 A1 pin 1 index Lp 1 e bp 7 wM L detail X (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 8.75 8.55 E (1) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 0.028 0.024 v 0.25 0.01 w 0.25 0.01 y 0.1 0.004 Z (1) 0.7 0.3 0.028 0.012
inches 0.069
0.010 0.057 0.004 0.049
0.019 0.0100 0.35 0.014 0.0075 0.34
0.244 0.039 0.041 0.228 0.016
8 0o
o
Note 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. OUTLINE VERSION SOT108-1 REFERENCES IEC 076E06 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Jul 23
15
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
D
E
A X
c y HE vM A
Z 14 8
Q A2 pin 1 index Lp L 1 bp 7 wM detail X A1 (A 3) A
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 2 A1 0.21 0.05 A2 1.80 1.65 A3 0.25 bp 0.38 0.25 c 0.20 0.09 D (1) 6.4 6.0 E (1) 5.4 5.2 e 0.65 HE 7.9 7.6 L 1.25 Lp 1.03 0.63 Q 0.9 0.7 v 0.2 w 0.13 y 0.1 Z (1) 1.4 0.9 8 0o
o
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT337-1 REFERENCES IEC JEDEC MO-150 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-19
2003 Jul 23
16
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm
SOT402-1
D
E
A
X
c y HE vMA
Z
14
8
Q A2 pin 1 index A1 Lp L (A 3) A
1
e bp
7
wM detail X
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.80 A3 0.25 bp 0.30 0.19 c 0.2 0.1 D (1) 5.1 4.9 E (2) 4.5 4.3 e 0.65 HE 6.6 6.2 L 1 Lp 0.75 0.50 Q 0.4 0.3 v 0.2 w 0.13 y 0.1 Z (1) 0.72 0.38 8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT402-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 99-12-27 03-02-18
2003 Jul 23
17
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; SOT762-1 14 terminals; body 2.5 x 3 x 0.85 mm
D
B
A
A A1 E c
terminal 1 index area
detail X
terminal 1 index area e 2 L
e1 b 6 vMCAB wM C y1 C
C y
1 Eh 14
7 e 8
13 Dh 0
9 X 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A(1) max. 1 A1 0.05 0.00 b 0.30 0.18 c 0.2 D (1) 3.1 2.9 Dh 1.65 1.35 E (1) 2.6 2.4 Eh 1.15 0.85 e 0.5 e1 2 L 0.5 0.3 v 0.1 w 0.05 y 0.05 y1 0.1
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. OUTLINE VERSION SOT762-1 REFERENCES IEC --JEDEC MO-241 JEITA --EUROPEAN PROJECTION ISSUE DATE 02-10-17 03-01-27
2003 Jul 23
18
Philips Semiconductors
Product specification
Hex inverter
DATA SHEET STATUS LEVEL I DATA SHEET STATUS(1) Objective data PRODUCT STATUS(2)(3) Development
74HC04; 74HCT04
DEFINITION This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
II
Preliminary data Qualification
III
Product data
Production
Notes 1. Please consult the most recently issued data sheet before initiating or completing a design. 2. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. 3. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. DEFINITIONS Short-form specification The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. DISCLAIMERS Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes Philips Semiconductors reserves the right to make changes in the products including circuits, standard cells, and/or software described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
2003 Jul 23
19
Philips Semiconductors - a worldwide company
Contact information For additional information please visit http://www.semiconductors.philips.com. Fax: +31 40 27 24825 For sales offices addresses send e-mail to: sales.addresses@www.semiconductors.philips.com.
(c) Koninklijke Philips Electronics N.V. 2003
SCA75
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
613508/03/pp20
Date of release: 2003
Jul 23
Document order number:
9397 750 11256


▲Up To Search▲   

 
Price & Availability of 74HC04BQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X