Part Number Hot Search : 
WP934 MSZ52 SEMICO KRA760U SIR640DP AT40K05 VN0610LL 40040
Product Description
Full Text Search
 

To Download 61053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 61053
SILICON PHOTOTRANSISTOR "PIGTAIL" (TYPE GS3020)
Mii
OPTOELECTRONIC PRODUCTS DIVISION
Features: * * * * * Hermetically sealed High sensitivity Pigtail version available Suitable for high-density pc board mounting Spectrally matched to the 62017 Series LED.
Applications: * * * * Incremental encoding Reflective sensors Position sensors Level sensors
DESCRIPTION The 61053 is an N-P-N Planar Silicon phototransistor in a package designed to be mounted in a double-clad printed circuit board. It is available in a range of sensitivities and is lensed for minimum response to stray light. High sensitivity, low dark current leakage, and low saturation voltage make this device ideal for interfacing with TTL circuits. This sensor is also available with a lead attached to the case so that it may be connected without the use of printed circuit boards. Available custom binned to customer specifications or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS Storage Temperature..........................................................................................................................................-65C to +150C Operating Temperature (See part selection guide for actual operating temperature) ......................................-65C to +125C Collector-Emitter Voltage........................................................................................................................................................ 50V Emitter-Collector Voltage.......................................................................................................................................................... 7V Power Dissipation (Derate at the rate of 0.5 mW/C above 25C) ...................................................................................50mW Lead Soldering Temperature (3 minutes) ......................................................................................................................... 240C Package Dimensions Schematic Diagram
0.114 [2.90] O.025 [0.64]
1.000 [25.40] OPTIONAL
C
E
0.100 [2.54]
C E
O0.063 [O1.60] O0.077 [O1.96] O0.095 [O2.41] ALL DIMENSIONS ARE IN INCHES [MILLIMETERS] 0.089 [2.26]
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6-6
61053
ELECTRICAL CHARACTERISTICS
TA = 25C unless otherwise specified.
SILICON PHOTOTRANSISTOR "PIGTAIL" (TYPE GS3020)
PARAMETER
Light Current 61053-X01 61053-X02 61053-X03 61053-X04 61053-XXX 61053-XXX 61053-XXX 61053-X01 61053-X02 61053-X03 61053-X04 61053-X01 61053-X01
SYMBOL
IL ID
BVCEO BVECO
MIN
0.7 1.5 3.0 6.0 50 7
TYP
MAX
2.0 4.0 7.0 -25
UNITS
mA
nA V V
TEST CONDITIONS
VCE = 5.0V, H = 5 mW/cm2 VCE = 30V, H = 0 IC = 100A IE = 100A RL = 1K, VCC = 5V, IL = 1.0mA
NOTE
1
Dark Current Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Light Current Rise Time
tr
VCE (sat)
Saturation Voltage Angular Response
2.0 3.0 5.0 7.0 0.3 12
V degrees
IC = 0.4mA, H = 5 mW/cm2 2
NOTES: 1. Irradiance in mW/cm2 from a tungsten source at a color temperature of 2870K.. 2. The angle between incidence for peak response and incidence for 50% of peak response. ANGULAR RESPONSE
R E L A T IV E R E S P O N S E [%
100
RELATIVE SPECTRAL RESPONSE
100 90
Vcc
PULSE RESPONSE TEST CIRCUIT AND WAVEFORM 90%
80
RELATIVE RESPONSE [%]
80 70 60 50 40 30 20 10
60
H
DUT
40
10% IL RL OUTPUT tr tf
20
0
-4 0
-3 0
-2 0
-1 0
0
10
20
30
40
0 0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
A N G L E [D E G R E E S ]
WAVELENGTH [um]
NORMALIZED LIGHT CURRENT versus RADIATION FLUX DENSITY
10 T =25C J V =50 V CC
2.0 1.8 1.6
NORMALIZED LIGHT CURRENT versus TEMPERATURE
Vcc = 5.0 V NOTE 1 RL =100
I L. LIGHT CURRENT [NORMALIZED TO 20 mW/cm 2 TUNGSTEN SOURCE]
I L [NORMALIZED]
20
1.0
GaAs SOURCE
1.4 1.2 1.0 0.8 0.6 0.4
TUNGSTEN SOURCE 0.1
0.01 0.2 0.5 1.0 20 5.0 10
0.2 0 -100 -75 -50 -25 0 25 50 75 100 125 150
N. RADIATION FLUX DENSITY [mW/cm 2]
TA AMBIENT TEMPERATURE [C]
RECOMMENDED OPERATING CONDITIONS:
PARAMETER Bias Voltage-Collector/Emitter Irradiance (H) SYMBOL IF H MIN 5 15 MAX 10 25 UNITS mA mW/cm2
SELECTION GUIDE
PART NUMBER PART DESCRIPTION 61053-001 Silicon Phototransistor in coax package, commercial version 66153-101 Silicon Phototransistor in coax package (-55 to +100C) with 100% screening 61053-002 Silicon Phototransistor in pill package, commercial version 61053-102 Silicon Phototransistor in pill package (-55 to +100C) with 100% screening 61053-003 Silicon Phototransistor in pill package, commercial version 61053-103 Silicon Phototransistor in pill package (-55 to +100C) with 100% screening 61053-004 Silicon Phototransistor in pill package, commercial version 61053-104 Silicon Phototransistor in pill package (-55 to +100C) with 100% screening NOTE: Add L following dash number ( e.g. -004L ) to indicate loop lead. IL Range 0.7 to 2mA 0.7 to 2mA 1.5 to 4mA 1.5 to 4mA 3 to 7mA 3 to 7mA 6+mA 6+mA
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION * 725 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 487-6918 www.micropac.com E-MAIL: optosales@micropac.com
6-7


▲Up To Search▲   

 
Price & Availability of 61053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X