Part Number Hot Search : 
SK260 BRF4801 AQV217AZ 1001J EMICO IRMCO203 HWL27NC 14000
Product Description
Full Text Search
 

To Download 2SK3337-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3337-01
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
FUJI POWER MOS-FET
Applications
Switching regulators UPS (Uninterruptible Power Supply) DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25C unless otherwise specified)
Item Drain-source voltage Continuous drain current Pulsed drain current Gate-source voltage Repetitive or non-repetitive Maximum Avalanche Energy Max. power dissipation Operating and storage temperature range Symbol VDS ID ID(puls] VGS IAR *2 EAV *1 PD Tch Tstg Rating 1000 7 28 30 7 463 255 +150 -55 to +150 Unit V A A V A mJ W C C < *2 Tch=150C
Equivalent circuit schematic
Drain(D)
Gate(G) Source(S)
*1 L=17.3mH, Vcc=100V
Electrical characteristics (Tc =25C unless otherwise specified)
Item Drain-source breakdown voltaget Gate threshold voltage Zero gate voltage drain current Gate-source leakage current Drain-source on-state resistance Forward transcondutance Input capacitance Output capacitance Reverse transfer capacitance Turn-on time ton Turn-off time toff Total gate charge Gate-Source charge Gete-Drain charge Avalanche capability Diode forward on-voltage Reverse recovery time Reverse recovery charge Symbol V(BR)DSS VGS(th) IDSS IGSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf QG QGS QGD IAV VSD trr Qrr Test Conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=1000V VGS=0V VGS=30V VDS=0V ID=3.5A VGS=10V ID=3.5A VDS=25V VDS=25V VGS=0V f=1MHz VCC=600V ID=7A VGS=10V RGS=10 Vcc=500V ID=7A VGS=10V L=17.3 mH Tch=25C IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -di/dt=100A/s Tch=25C
Min.
100 2.5 Tch=25C Tch=125C
Typ.
Max.
Units
V V A mA nA S pF
3.0 3.5 10 500 0.2 1.0 10 100 1.54 2.0 2.7 5.5 1480 2220 170 255 75 113 25 38 50 75 160 240 70 105 84 126 23 35 31 47 7 1.00 1.50 1.6 15.0
ns
nC
A V s C
Thermalcharacteristics
Item Thermal resistance Symbol Rth(ch-c) Rth(ch-a) Test Conditions channel to case channel to ambient
Min.
Typ.
Max.
0.490 50.0
Units
C/W C/W
1
2SK3337-01
Characteristics
Allowable Power Dissipation PD=f(Tc)
300 10
FUJI POWER MOSFET
Safe operating area ID=f(VDS):Single Pulse,Tc=25C
2
250
t= 1s
200
10
1
10s
D.C.
PD [W]
150
ID [A]
100s
1ms 100 10
0
t
50
T
D=
t T
10ms 100ms
0 0 25 50 75 100 125 150
10
-1
10
1
10
2
10
3
Tc [C]
VDS [V]
Typical Output Characteristics ID=f(VDS):80s pulse test,Tch=25C
14 10 12 20V 10V 7V 10 6.0V 1
Typical Transfer Characteristic ID=f(VGS):80s pulse test,VDS=25V,Tch=25C
ID [A]
5.5V 6
ID[A]
5.0V 0.1 VGS=4.5V 0.01 0 2 4 6 8 10 12 14 16 18 20 22 24 26 0 1 2 3 4 5 6 7 8
8
4
2
0
VDS [V]
VGS[V]
Typical Transconductance gfs=f(ID):80s pulse test,VDS=25V,Tch=25C
5
Typical Drain-Source on-state Resistance RDS(on)=f(ID):80s pulse test,Tch=25C
VGS=4.5V 4 10
5.0V
5.5V
RDS(on) [ ]
3
6.0V
gfs [S]
1
7V 2 10V 20V
1 0.1 0 0.1 1 10 0 2 4 6 8 10 12 14 16
ID [A]
ID [A]
2
2SK3337-01
Drain-Source On-state Resistance RDS(on)=f(Tch):ID=3.5A,VGS=10V
8
FUJI POWER MOSFET
Gate Threshold Voltage vs. Tch VGS(th)=f(Tch):VDS=VGS,ID=1mA
5.0 4.5
7
4.0
6
3.5
5
max.
VGS(th) [V]
RDS(on) [ ]
3.0 2.5 2.0 typ.
4
3 max. 2 typ.
min.
1.5 1.0
1
0.5 0.0
-50 -25 0 25 50 75 100 125 150
0
-50
-25
0
25
50
75
100
125
150
Tch [C]
Tch [C]
Typical Gate Charge Characteristics VGS=f(Qg):ID=7A,Tch=25C
25 10
-7
Typical Capacitance C=f(VDS):VGS=0V,f=1MHz
20 10 Vcc= 200V 500V 15 800V
-8
VGS [V]
C [F]
10
-9
Ciss
10 Coss 10 5
-10
Crss
0 0 50 100 150 200
10
-11
10
-2
10
-1
10
0
10
1
10
2
Qg [C]
VDS [V]
Typical Forward Characteristics of Reverse Diode IF=f(VSD):80s pulse test,Tch=25C
100 10
3
Typical Switching Characteristics vs. ID t=f(ID):Vcc=600V,VGS=10V,RG=10
10
td(off)
IF [A]
t [ns]
10
2
tf
1 tr td(on)
0.1 0.00
10 0.25 0.50 0.75 1.00 1.25 1.50
1
10
-1
10
0
10
1
VSD [V]
ID [A]
3
2SK3337-01
Maximum Avalanche Energy vs. starting Tch E(AV)=f(starting Tch):Vcc=100V,I(AV)<=7A
500
FUJI POWER MOSFET
Transient Thermal impedance Zth(ch-c)=f(t) parameter:D=t/T
10
0
0.5
400
0.2 10
-1
Zth(ch-c) [K/W]
0.1 0.05 0.02 0.01
300
EAV [mJ]
10
-2
0
t D= T t T
200
100
10 -5 10
-3
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t [s]
0 0 25 50 75 100 125 150
starting Tch [C]
4


▲Up To Search▲   

 
Price & Availability of 2SK3337-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X