|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Transistor 2SC3940, 2SC3940A Silicon NPN epitaxial planer type For low-frequency output amplification and driver amplification Complementary to 2SA1534 and 2SA1534A 5.00.2 4.00.2 Unit: mm q q Low collector to emitter saturation voltage VCE(sat). Allowing supply with the radial taping. 0.70.2 0.70.1 Parameter Collector to base voltage Collector to 2SC3940 2SC3940A 2SC3940 Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Ratings 30 60 25 50 5 1.5 1 1 150 -55 ~ +150 Unit V 0.45 13.50.5 s Absolute Maximum Ratings (Ta=25C) 8.00.2 s Features 0.45 2.30.2 emitter voltage 2SC3940A Emitter to base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature V V A A W C C (1.27) (1.27) 12 3 2.540.15 1:Emitter 2:Collector 3:Base TO-92NL-A1 Package s Electrical Characteristics Parameter Collector cutoff current Collector to base voltage Collector to emitter voltage 2SC3940 2SC3940A 2SC3940 2SC3940A (Ta=25C) Symbol ICBO VCBO VCEO VEBO hFE1*1 hFE2 VCE(sat) VBE(sat) fT Cob Conditions VCB = 20V, IE = 0 IC = 10A, IE = 0 IC = 2mA, IB = 0 IE = 10A, IC = 0 VCE = 10V, IC = 500mA*2 VCE = 5V, IB = 1A*2 IC = 500mA, IB = 50mA*2 IB = 500mA, Ia = 50mA*2 VCB = 10V, IE = -50mA, f = 200MHz VCB = 10V, IE = 0, f = 1MHz 30 60 25 50 5 85 50 0.2 0.85 200 11 *2 min typ max 0.1 Unit A V V V 340 Emitter to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Collector output capacitance *1h 0.4 1.2 V V MHz 20 pF Pulse measurement FE1 Rank classification Q 85 ~ 170 R 120 ~ 240 S 170 ~ 340 Rank hFE1 446 Transistor PC -- Ta 1.2 1.5 Ta=25C 2SC3940, 2SC3940A IC -- VCE 1.2 VCE=10V Ta=25C 1.0 IC -- I B Collector power dissipation PC (W) 1.0 1.25 Collector current IC (A) 0.8 1.0 8mA 7mA 6mA 5mA 4mA Collector current IC (A) IB=10mA 9mA 0.8 0.6 0.75 0.6 0.4 0.5 3mA 2mA 0.4 0.2 0.25 1mA 0.2 0 0 20 40 60 80 100 120 140 160 0 0 2 4 6 8 10 0 0 2 4 6 8 10 12 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) Base current IB (mA) VCE(sat) -- IC Collector to emitter saturation voltage VCE(sat) (V) 10 3 1 Ta=75C 0.3 0.1 0.03 0.01 0.003 0.001 0.01 0.03 25C -25C VBE(sat) -- IC Base to emitter saturation voltage VBE(sat) (V) IC/IB=10 100 30 10 3 25C 1 75C 0.3 0.1 0.03 0.01 0.01 0.03 Ta=-25C IC/IB=10 600 hFE -- IC VCE=10V Forward current transfer ratio hFE 500 400 300 Ta=75C 200 25C 100 -25C 0.1 0.3 1 3 10 0.1 0.3 1 3 10 0 0.01 0.03 0.1 0.3 1 3 10 Collector current IC (A) Collector current IC (A) Collector current IC (A) fT -- IE 200 Cob -- VCB 50 120 VCER -- RBE Collector to emitter voltage VCER (V) IE=0 f=1MHz Ta=25C IC=10mA Ta=25C 100 160 Collector output capacitance Cob (pF) VCB=10V Ta=25C Transition frequency fT (MHz) 40 80 120 30 60 2SC3940A 40 2SC3940 20 80 20 40 10 0 -1 0 -3 -10 -30 -100 1 3 10 30 100 0 0.1 0.3 1 3 10 30 100 Emitter current IE (mA) Collector to base voltage VCB (V) Base to emitter resistance RBE (k) 447 Transistor ICEO -- Ta 104 VCE=10V 10 3 ICP 103 2SC3940, 2SC3940A Area of safe operation (ASO) Single pulse Ta=25C Collector current IC (A) 1 0.3 IC t=10ms t=1s ICEO (Ta) ICEO (Ta=25C) 102 0.1 0.03 0.01 0.003 10 1 0 20 40 60 80 100 120 140 160 0.001 0.1 0.3 1 3 10 30 2SC3940A 100 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) 448 2SC3940 Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of 2SC3940 |