Part Number Hot Search : 
XR19L400 MFP100 GI1403 TNPVE3 SMAJ40 IRLML ESD05 FTSO4354
Product Description
Full Text Search
 

To Download 2N5551 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
2N5551
NPN Silicon Transistor
Descriptions
* General purpose amplifier * High voltage application
Features
* High collector breakdown voltage : VCBO = 180V, VCEO = 160V * Low collector saturation voltage : VCE(sat)=0.5V(MAX.) * Complementary pair with 2N5401
Ordering Information
Type NO. 2N5551 Marking 2N5551 Package Code TO-92
Outline Dimensions
3.450.1 4.50.1 2.250.1
unit :
mm
4.50.1
0.40.02
2.060.1
14.00.40
1.27 Typ. 2.54 Typ.
123
PIN Connections 1. Emitter 2. Base 3. Collector
1.200.1
0.38
KST-9041-000
1
2N5551
Absolute maximum ratings
Characteristic
Collector-Base voltage Collector-Emitter voltage Emitter-Base voltage Collector current Collector dissipation Junction temperature Storage temperature
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC Tj Tstg
Ratings
180 160 6 600 625 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-Base breakdown voltage Collector-Emitter breakdown voltage Emitter-Base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Collector-Emitter saturation voltage Collector-Emitter saturation voltage Base-Emitter saturation voltage Base-Emitter saturation voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCBO BVCEO BVEBO ICBO IEBO hFE (1) hFE (2) hFE (3) VCE(sat)(1) VBE(sat)(1) fT Cob
*
Test Condition
IC=100A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCB=120V, IE=0 VEB=4V, IC=0 VCE=5V, IC=1mA VCE=5V, IC=10mA VCE=5V, IC=50mA IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA VCE=10V, IC=10mA VCB=10V, IE=0, f=1MHz
Min. Typ. Max.
180 160 6 80 80 30 100 0.2 0.5 1 1 400 6 250 100 100
Unit
V V V nA nA V V V V MHz pF
VCE(sat)(2)*
*
VBE(sat)(2)*
*
: Pulse Tester : Pulse Width 300s, Duty Cycle 2.0%
KST-9041-000
2
2N5551
Electrical Characteristic Curves
Fig. 1 PC-Ta Fig. 2 IC - VBE
Fig. 3 fT - IC
Fig. 4 VCE(sat), VBE(sat) - IC
Fig. 5 Cob - VCB
KST-9041-000
3


▲Up To Search▲   

 
Price & Availability of 2N5551

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X