Part Number Hot Search : 
020122MR 1S1942Z EM5303A LTC13 HCF4518 30NF20 74LS34 C3153
Product Description
Full Text Search
 

To Download 2N3904-AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
2N3904
SMALL SIGNAL NPN TRANSISTOR
PRELIMINARY DATA
Ordering Code 2N3904 2N3904-AP
s
Marking 2N3904 2N3904
Package / Shipment TO-92 / Bulk TO-92 / Ammopack
s
s
SILICON EPITAXIAL PLANAR NPN TRANSISTOR TO-92 PACKAGE SUITABLE FOR THROUGH-HOLE PCB ASSEMBLY THE PNP COMPLEMENTARY TYPE IS 2N3906 TO-92 Bulk TO-92 Ammopack
APPLICATIONS s WELL SUITABLE FOR TV AND HOME APPLIANCE EQUIPMENT s SMALL LOAD SWITCH TRANSISTOR WITH HIGH GAIN AND LOW SATURATION VOLTAGE
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CBO V CEO V EBO IC P tot T stg Tj Parameter Collector-Base Voltage (I E = 0) Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Total Dissipation at T C = 25 C Storage Temperature Max. Operating Junction Temperature
o
Value 60 40 6 200 625 -65 to 150 150
Unit V V V mA mW
o o
C C
February 2003
1/5
2N3904
THERMAL DATA
R thj-amb * R thj-case * Thermal Resistance Junction-Ambient Thermal Resistance Junction-Case Max Max 200 83.3
o o
C/W C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEX I BEX Parameter Collector Cut-off Current (V BE = -3 V) Base Cut-off Current (V BE = -3 V) Test Conditions V CE = 30 V V CE = 30 V I C = 1 mA 40 Min. Typ. Max. 50 50 Unit nA nA V
V (BR)CEO Collector-Emitter Breakdown Voltage (I B = 0) V (BR)CBO Collector-Base Breakdown Voltage (I E = 0) Emitter-Base Breakdown Voltage (I C = 0) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
I C = 10 A
60
V
V (BR)EBO
I E = 10 A
6
V
V CE(sat) V BE(sat) h FE
I C = 10 mA I C = 50 mA I C = 10 mA I C = 50 mA IC IC IC IC IC = = = = = 0.1 mA 1 mA 10 mA 50 mA 100 mA
I B = 1 mA I B = 5 mA I B = 1 mA I B = 5 mA V CE = 1 V V CE = 1 V V CE = 1 V V CE = 1 V V CE = 1 V 0.65 60 80 100 60 30 250 270 4 18 5
0.2 0.2 0.85 0.95
V V V V
300
fT C CBO C EBO NF td tr
Transition Frequency Collector-Base Capacitance Emitter-Base Capacitance Noise Figure Delay Time Rise Time
I C = 10 mA V CE = 20 V f = 100 MHz IE = 0 IC = 0 V CB = 10 V V EB = 0.5 V f = 1 MHz f = 1 MHz
MHz pF pF dB 35 35 200 50 ns ns ns ns
V CE = 5 V IC = 0.1 mA f = 10 Hz to 15.7 KHz R G = 1 K I C = 10 mA V CC = 30 V I B = 1 mA I B1 = -I B2 = 1 mA
ts Storage Time I C = 10 mA Fall Time V CC = 30 V tf Pulsed: Pulse duration = 300 s, duty cycle 2 %
2/5
2N3904
TO-92 MECHANICAL DATA
mm MIN. A b D E e e1 L R S1 W V 4.32 0.36 4.45 3.30 2.41 1.14 12.70 2.16 1.14 0.41 4 degree TYP. MAX. 4.95 0.51 4.95 3.94 2.67 1.40 15.49 2.41 1.52 0.56 6 degree MIN. 0.170 0.014 0.175 0.130 0.095 0.045 0.500 0.085 0.045 0.016 4 degree inch TYP. MAX. 0.195 0.020 0.194 0.155 0.105 0.055 0.609 0.094 0.059 0.022 6 degree
DIM.
3/5
2N3904
TO-92 AMMOPACK SHIPMENT (Suffix"-AP") MECHANICAL DATA
DIM. A1 T T1 T2 d P0 P2 F1,F2 delta H W W0 W1 W2 H H0 H1 D0 t L I1 delta P mm TYP. inch TYP.
MIN.
12.50 5.65 2.44 -2.00 17.50 5.70 8.50 18.50 15.50 3.80
12.70 6.35 2.54 18.00 6.00 9.00
16.00 4.00
MAX. 4.80 3.80 1.60 2.30 0.48 12.90 7.05 2.94 2.00 19.00 6.30 9.25 0.50 20.50 16.50 25.00 4.20 0.90 11.00 1.00
MIN.
0.492 0.222 0.096 -0.079 0.689 0.224 0.335 0.728 0.610 0.150
0.500 0.250 0.100 0.709 0.236 0.354
0.630 0.157
MAX. 0.189 0.150 0.063 0.091 0.019 0.508 0.278 0.116 0.079 0.748 0.248 0.364 0.020 0.807 0.650 0.984 0.165 0.035 0.433 0.039
3.00 -1.00
0.118 -0.039
4/5
2N3904
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of 2N3904-AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X