Part Number Hot Search : 
BU2523 M30855 13658 BYV26 2SC5081 17S100A BA3410AF 562LF34
Product Description
Full Text Search
 

To Download 2N3810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. 2N3810
Type 2N3810
Geometry 0220 Polarity PNP Qual Level: JAN - JANS
Features: * * * * Two electrically isolated, matched PNP transistors as one dual unit. Housed in TO-78 case. Also available in chip form using the 0220 chip geometry. The Min and Max limits shown are per MIL-PRF-19500/336 which Semicoa meets in all cases.
Generic Part Number: 2N3810
REF: MIL-PRF-19500/336
TO-78
Maximum Ratings
TC = 25oC unless otherwise specified
Rating
Collector-Emitter voltage Collector-Base Voltage Emitter-Base voltage Collector Current, Continuous Power Dissipation, TA = 25 C, one section Derate above 25oC Power Dissipation, TA = 25oC, two sections Derate above 25 C Operating Junction Temperature Storage Temperature
o o
Symbol
VCEO VCBO VEBO IC PT
Rating
60 60 5.0 50 0.5 2.86
Unit
V V V mA W mW/oC W mW/ C
o o
PT
0.6 3.43
TJ TSTG
-65 to +200 -65 to +200
C C
o
Data Sheet No. 2N3810
Electrical Characteristics
TC = 25 C unless otherwise specified
o
OFF Characteristics
Collector-Base Breakdown Voltage IC = 10 A Collector-Emitter Breakdown Voltage IC = 10 mA Emitter-Base Breakdown Voltage IC = 10 A Collector-Base Cutoff Current VCB = 50 V Collector-Base Cutoff Current VCB = 50 V, TA = +150 C Collector-Base Cuttoff Current VCE = 50 V, IC = 1 A
o
Symbol
V(BR)CBO
Min
60
Max
---
Unit
V
V(BR)CEO
60
---
V
V(BR)EBO
5.0
---
V
ICBO1
---
10
nA
ICBO2
---
10
A
IEBO
---
10
nA
ON Characteristics
Forward Current Transfer Ratio IC = 1 A, VCE = 5 V IC = 10 A, VCE = 5 V IC = 100 A, VCE = 5 V IC = 500 A, VCE = 5 V IC = 1 mA, VCE = 5 V IC = 10 mA, VCE = 5 V IC = 100 A, VCE = 5 V, TA = -55oC Base-Emitter Saturation Voltage IC = 100 A, IB = 10 A IC = 1 mA, IB = 100 A VCE = 5 V, IC = 100 A Collector-Emitter Saturation Voltage IC = 100 A, IB = 10 A IC = 1 mA, IB = 100 A
Symbol
Min
Max
Unit
hFE1 hFE2 hFE3 hFE4 hFE5 hFE6 hFE7
75 100 150 150 150 125 60
----450 450 450 -----
---------------
VBE(sat)1 VBE(sat)2 VBE(sat)3
-------
0.7 0.8 0.7
V dc V dc V dc
VCE(sat)1 VCE(sat)2
-----
0.2 0.25
V dc V dc
Data Sheet No. 2N3810
Small Signal Characteristics
Forward Current Transfer Ratio (Gain Ratio) VCE = 5 V, IC = 100 A Base Emitter Value, Nonsaturated Absolute Value of Differential, |VBE1 - VBE2|1 VCE = 5 V, IC = 10 A VCE = 5 V, IC = 100 A VCE = 5 V, IC = 10 mA Magnitude of Small-Signal, Short Circuit Forward Current Transfer Ratio VCE = 5 V, IC = 500 A, f = 30 MHz VCE = 5 V, IC = 1 mA, f = 100 MHz Small-Signal, Short Circuit Forward Current Transfer Ratio VCE = 10 V, IC = 1.0 mA, f = 1 kHz Small-Signal, Short Circuit Input Impedance VCE = 10 V, IC = 1 mA, f = 1 kHz Small-Signal, Open Circuit Output Admittance VCE = 10 V, IC = 1 mA, f = 1 kHz Small-Signal, Open Circuit Reverse Voltage Transfer Ratio VCE = 10 V, IC = 1 mA, f = 1 kHz Noise Figure
VCE = 10 V, IC = 100 A, R = 3 kO, f = 100 Hz
Symbol
hFE3-1 / hFE3-2
Min
0.9
Max
1.0
Unit
---
-------
5.0 3.0 5.0
mV mV mV
|hFE|1 |hFE|2 hFE
1.0 1.0
--5.0
-----
150
600
---
hie
3.0
30
kohm
hoe
5.0
60
ohm
hre
---
25 x 10-4
---
F1 F2 F3 F4
---------
7.0 3.0 2.5 3.5
dB dB dB dB
VCE = 10 V, IC = 100 A, R = 3 kO, f = 1 kHz
VCE = 10 V, IC = 100 A, R = 3 kO, f = 10 kHz
VCE = 10 V, IC = 100 A, R = 3 kO, noise bandwidth 10 Hz to 15.7 kHz Open Circuit, Output Capacitance VCB = 5 V, IE = 0, 100 kHz < f < 1 MHz Input Capacitance, Output Short Circuited VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
COBO
---
5.0
pF
CIBO
---
8.0
pF


▲Up To Search▲   

 
Price & Availability of 2N3810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X