Part Number Hot Search : 
CP592 TPC810 PM100 AN90B10 LAS2112 MP880106 74HC138D SB24003
Product Description
Full Text Search
 

To Download 1N5818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. 1N5817 THRU 1N5819
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 20 TO 40V CURRENT: 1.0A
FEATURES
* Epitaxial construction for chip * High current capability * Low forward voltage drop * Low power loss, high efficiency * High surge capability * High temperature soldering guaranteed: 250oC/10sec/0.375"(9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
DO - 41
MECHANICAL DATA
* Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C * Case: Molded with UL-94 Class V-O recognized flame retardant epoxy * Polarity: Color band denotes cathode * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load, derate current by 20%)
RATINGS
SYMBOL
1N5817
1N5818
1N5819
UNITS
VRRM 20 30 40 Maximum Repetitive Peak Reverse Voltage V VRMS 14 21 28 V Maximum RMS Voltage VDC 20 30 40 V Maximum DC Blocking Voltage Maximum Average Forward Rectified Current IF(AV) A 1.0 (9.5mm lead length, at TL=90oC) Peak Forward Surge Current (8.3ms single IFSM 25 A half sine-wave superimposed on rated load) 0.45 0.55 0.6 VF V Maximum Forward Voltage (at 1.0A DC) o 1.0 Maximum DC Reverse Current Ta=25 C mA IR o 10.0 mA (at rated DC blocking voltage) Ta=100 C CJ pF 110 Typical Junction Capacitance (Note 1) o R(ja) C/W 50 Typical Thermal Resistance (Note 2) o TSTG,TJ C -65 to +125 Storage and Operation Junction Temperature Note: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 2.Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, vertical P.C. board mounted
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of 1N5818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X