Part Number Hot Search : 
IL33290D N5819 TA7805AF ZXLD1356 L324A 74HCT4 UR1560 AH3761
Product Description
Full Text Search
 

To Download 1N4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 THRU 1N4007
PLASTIC SILICON RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES l l l l l Low forward voltage drop High current capability High reliability High surge current capability Exceeds environmental standards of MIL-S-19500/228 DO-41
MECHANICAL DATA Case: Molded plastic , DO-41 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at TA=75 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage at 1.0A DC and 25 Maximum Full Load Reverse Current Full Cycle Average at 75 Ambient Maximum Reverse Current at TA=25 At Rated DC Blocking Voltage TA=100 Typical Junction capacitance (Note 1) Typical Thermal Resistance (Note 2) R JA Typical Thermal resistance (NOTE 2) R JL Operating and Storage Temperature Range TJ,TSTG 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007 UNITS 50 100 200 400 600 800 1000 V 35 75 140 280 420 560 700 V 50 100 200 400 600 800 1000 V 1.0 A
30
A
1.1 30 5.0 500 15 50 25 -55 to +150
V A A A F P /W /W
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. Thermal Resistance Junction to Ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B mounted.
2.
RATING AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007
Fig. 1-TYPICAL FORWARD CURRENT DERATING CURVE
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS


▲Up To Search▲   

 
Price & Availability of 1N4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X