Part Number Hot Search : 
R8C23 29LV1 GZF16C TGA8399B HT24C02 AM7947 67400 ER2002ST
Product Description
Full Text Search
 

To Download 1N4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001 THRU 1N4007
SILICON RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
DO-204AL
FEATURES
* The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 * Construction utillizes void-free molded plastic technique * Low reverse leakage * High forward surge current capability * High temperature soldering guaranteed : 260oC / 10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
0.107(2.7) 0.080(2.0) DIA.
0.205(5.2) 0.160(4.1)
1.0(25.4) MIN.
1.0(25.4) MIN.
MECHANICAL DATA
Case : JEDEC DO-204AL Molded plastic body Terminals : Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.012 ounce, 0.3 gram
0.034(0.86) 0.028(0.71) DIA.
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=75 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0 A Maximum full load reverse current, full cycle o average 0.375" (9.5mm) lead length at TL=75 C Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance 4.0V, 1MHz Typical thermal resistance Operating junction and storage temperature range TA=25 C TA=100 C CJ R R
JA JL
o o o o
SYMBOLS VRRM VRMS VDC I(AV)
1N4001
50 35 50
1N4002
100 70 100
1N4003
200 140 200
1N4004
400 280 400
1N4005
600 420 600
1N4006
800 560 800
1N4007
1000 700 1000
UNITS Volts Volts Volts Amps
1.0
IFSM VF IR(AV)
30 1.1 30 5.0 50 15 50 25 -65 to +175
Amps Volts uA
IR
uA pF
o
C/W
o
TJ,TSTG
C
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007
FIG.1 - FORWARD CURRENT DERATING CURVE 1.50 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 1.25 1.00 0.75 0.50 0.25
0.375" (9.5mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 50 PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
40
30
20
10
0 0 25 50 75 100 125
o
0 150 175 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PULSE WIDTH=300uS 1% DUTY CYCLE
1.00
1.0
0.1
0.10
TJ=25 C o TJ=100 C
o
0.01 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 INSTANTANEOUS FORWARD VOLTAGE, VOLTS 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
200
JUNCTION CAPACITANCE, pF
TRANSIENT THERMAL IMPEDANCE( C/W)
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 C
o
FIG.6 - TYPICAL TRANSIENT THERMAL IMPEDANCE 100
100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
o
10
1
0.1 0.01
0.10
1.0
10
100
t , PULSE DURATION, sec
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 1N4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X