Part Number Hot Search : 
G5250 A7BW99BA 08100 RJP40 MC68HC68 OP400 G1402P1T FSL110D1
Product Description
Full Text Search
 

To Download ZXMN10A09KNBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZXMN10A09K
100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
SUMMARY V(BR)DSS=100V : RDS(on)=0.085 ; ID=7.7A DESCRIPTION
This new generation of Trench MOSFETs from Zetex utilizes a unique structure that combines the benefits of low on-resistance with fast switching speed. This makes them ideal for high efficiency, low voltage power management applications.
FEATURES
* Low on-resistance * Fast switching speed * Low gate drive * D-Pak (T0-252) package
DPAK
APPLICATIONS
* DC-DC Converters * Power management functions * Disconnect switches * Motor control
ORDERING INFORMATION
DEVICE ZXMN10A09KTC REEL SIZE 13" TAPE WIDTH 16mm QUANTITY PER REEL 2,500 units
PINOUT
DEVICE MARKING
* ZXMN
10A09K
TOP VIEW
ISSUE 6 - JANUARY 2005 1
SEMICONDUCTORS
ZXMN10A09K
ABSOLUTE MAXIMUM RATINGS
PARAMETER Drain-source voltage Gate-source voltage Continuous drain current @ V GS =10V; T A =25C (b) @ V GS =10V; T A =70C (b) @V GS =10V; T A =25C (a) Pulsed drain current
(c)
SYMBOL V DSS V GS ID
LIMIT 100 20 7.7 6.2 5
UNIT V V A A A A A A W mW/C W mW/C W mW/C C
I DM IS I SM PD
27 11 27 4.3 34.4
Continuous source current (body diode) (b) Pulsed source current (body diode) Power dissipation at T A =25C (a) Linear derating factor Power dissipation at T A =25C (b) Linear derating factor Power dissipation at T A =25C (d) Linear derating factor Operating and storage temperature range
(c)
PD
10.1 80.8
PD
2.15 17.2
T j , T stg
-55 to +150
THERMAL RESISTANCE
PARAMETER Junction to ambient Junction to ambient Junction to ambient
(a) (b) (d)
SYMBOL R JA R JA R JA
VALUE 29 12.3 58
UNIT C/W C/W C/W
NOTES (a) For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions. (b) For a device surface mounted on FR4 PCB measured at t 10 sec. (c) Repetitive rating 50mm x 50mm x 1.6mm FR4 PCB, D=0.02 pulse width=300 s - pulse width limited by maximum junction temperature. (d) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
ISSUE 6 - JANUARY 2005
SEMICONDUCTORS
2
ZXMN10A09K
TYPICAL CHARACTERISTICS
ISSUE 6 - JANUARY 2005 3
SEMICONDUCTORS
ZXMN10A09K
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER STATIC Drain-source breakdown voltage Zero gate voltage drain current Gate-body leakage Gate-source threshold voltage Static drain-source on-state resistance
(1)
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS
V (BR)DSS I DSS I GSS V GS(th) R DS(on)
100 1 100 2.0 4.0 0.085 0.100
V A nA V
I D = 250 A, V GS =0V V DS = 100V, V GS =0V V GS =20V, V DS =0V I D =250 A, V DS =V GS V GS = 10V, I D = 4.6A V GS = 6V, I D = 4.2A
Forward transconductance (1) (3) DYNAMIC (3) Input capacitance Output capacitance Reverse transfer capacitance SWITCHING (2) (3) Turn-on-delay time Rise time Turn-off delay time Fall time Total gate charge
g fs
10.7
S
V DS = 15V, I D = 4.6A
C iss C oss C rss
1313 83 56
pF pF pF V DS = 50V, V GS =0V f=1MHz
t d(on) tr t d(off) tf Qg
6.8 5.3 27.5 12.3 17.2
ns ns ns ns nC V DS = 50V, V GS = 6V I D = 4.6A V DD = 50V, I D = 1A R G 6.0 , V GS = 10V
Total gate charge Gate-source charge Gate drain charge SOURCE-DRAIN DIODE Diode forward voltage (1) Reverse recovery time (3) Reverse recovery charge
(3)
Qg Q gs Q gd
26 5.6 7.6
nC nC nC V DS = 50V, V GS = 10V I D = 4.6A
V SD t rr Q rr
0.85 40 62
0.95
V ns nC
T j =25C, I F = 4.7A, V GS =0V T j =25C, I S = 3A, di/dt=100A/ s
NOTES (1) Measured under pulsed conditions. Pulse width 300 s; duty cycle 2%. (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing.
ISSUE 6 - JANUARY 2005
SEMICONDUCTORS
4
ZXMN10A09K
TYPICAL CHARACTERISTICS
ISSUE 6 - JANUARY 2005 5
SEMICONDUCTORS
ZXMN10A09K
TYPICAL CHARACTERISTICS
ISSUE 6 - JANUARY 2005
SEMICONDUCTORS
6
ZXMN10A09K
PACKAGE OUTLINE
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PACKAGE DIMENSIONS
Millimeters DIM Min A A1 b b2 b3 c c2 D D1 E E1 0.635 0.762 5.20 0.457 0.457 5.97 5.20 6.35 4.32 6.73 2.18 Max 2.38 0.127 0.89 1.114 5.46 0.609 0.584 6.22 0.025 0.030 0.205 0.018 0.018 0.235 0.205 0.250 0.170 0.265 Min 0.086 Max 0.094 0.005 0.035 0.045 0.215 0.024 0.023 0.245 e H L L1 L2 L3 L4 L5 1 Inches DIM Min Max Min Max 2.30 BSC 9.40 1.40 10.41 1.78 0.090 BSC 0.370 0.055 0.410 0.070 Millimeters Inches
2.74 REF 0.051 BSC 0.89 0.635 1.14 0 0 1.27 1.01 1.52 10 15
0.108 REF 0.020 BSC 0.035 0.025 0.045 0 0 0.050 0.040 0.060 10 15
(c) Zetex Semiconductors plc 2005
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquarters Zetex Semiconductors plc Zetex Technology Park Chadderton, Oldham, OL9 9LL United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to www.zetex.com
ISSUE 6 - JANUARY 2005 7
SEMICONDUCTORS


▲Up To Search▲   

 
Price & Availability of ZXMN10A09KNBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X