Part Number Hot Search : 
JANTX1N WM2625 1N4982D 60204 CS8430 SP707EU 030000 6204A12
Product Description
Full Text Search
 

To Download TDA6108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA6108JF Triple video output amplifier
Product specification Supersedes data of 1998 Jun 22 File under Integrated Circuits, IC02 1999 Oct 29
Philips Semiconductors
Product specification
Triple video output amplifier
FEATURES * Typical bandwidth of 9.0 MHz for an output signal of 60 V (p-p) * High slew rate of 1850 V/s * No external components required * Very simple application * Single supply voltage of 200 V * Internal reference voltage of 2.5 V * Fixed gain of 51 ORDERING INFORMATION TYPE NUMBER TDA6108JF PACKAGE NAME DBS9MPF DESCRIPTION plastic DIL-bent-SIL medium power package with fin; 9 leads
TDA6108JF
* Black-Current Stabilization (BCS) circuit * Thermal protection. GENERAL DESCRIPTION The TDA6108JF includes three video output amplifiers in one plastic DIL-bent-SIL 9-pin medium power (DBS9MPF) package (SOT111-1), using high-voltage DMOS technology, and is intended to drive the three cathodes of a colour CRT directly. To obtain maximum performance, the amplifier should be used with black-current control.
VERSION SOT111-1
BLOCK DIAGRAM
handbook, full pagewidth
VDD 6 MIRROR 1 MIRROR 5
TDA6108JF
CASCODE 1
MIRROR 4 CURRENT SOURCE 1x THERMAL PROTECTION CIRCUIT Vi(1), Vi(2), Vi(3)
3x
1x 9, 8, 7 Voc(3), Voc(2), Voc(1)
Rf VIP REFERENCE DIFFERENTIAL STAGE
1, 2, 3 Ri Ra
MIRROR 3
5
Io(m)
3x
CASCODE 2
MIRROR 2 4
MGL318
Fig.1 Block diagram (one amplifier shown).
1999 Oct 29
2
Philips Semiconductors
Product specification
Triple video output amplifier
PINNING SYMBOL Vi(1) Vi(2) Vi(3) GND Iom VDD Voc(3) Voc(2) Voc(1) PIN 1 2 3 4 5 6 7 8 9 DESCRIPTION inverting input 1 inverting input 2 inverting input 3 ground (fin) black current measurement output supply voltage cathode output 3 cathode output 2 cathode output 1
handbook, halfpage
TDA6108JF
Vi(1) Vi(2) Vi(3) GND Iom VDD Voc(3) Voc(2) Voc(1)
1 2 3 4 5 TDA6108JF 6 7 8 9
MGL319
Fig.2 Pin configuration.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134); voltages measured with respect to pin 4 (ground); currents as specified in Fig.1; unless otherwise specified. SYMBOL VDD Vi Vom Voc Tstg Tj Ves supply voltage input voltage measurement output voltage cathode output voltage storage temperature junction temperature electrostatic handling human body model (HBM) machine model (MM) HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see "Handling MOS Devices"). QUALITY SPECIFICATION Quality specification "SNW-FQ-611 part D" is applicable. - - 2000 300 V V PARAMETER 0 0 0 0 -55 -20 MIN. 12 6 VDD +150 +150 MAX. 250 V V V V C C UNIT
1999 Oct 29
3
Philips Semiconductors
Product specification
Triple video output amplifier
THERMAL CHARACTERISTICS SYMBOL Rth(j-a) Rth(j-fin) Rth(h-a) Note 1. An external heatsink is necessary. Thermal protection
8
MGL322
TDA6108JF
PARAMETER thermal resistance from junction to ambient thermal resistance from junction to fin thermal resistance from heatsink to ambient note 1
CONDITIONS
VALUE 56 11 10
UNIT K/W K/W K/W
handbook, halfpage
Ptot (W)
(1)
The internal thermal protection circuit gives a decrease of the slew rate at high temperatures: 10% decrease at 130 C and 30% decrease at 145 C (typical values on the spot of the thermal protection circuit).
6
4
(2)
2
handbook, halfpage
outputs 5 K/W thermal protection circuit
0 -20
20
60
100
180 140 Tamb (C)
6 K/W fin
MGK279
(1) Infinite heatsink. (2) No heatsink.
Fig.3 Power derating curves.
Fig.4 Equivalent thermal resistance network.
1999 Oct 29
4
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
CHARACTERISTICS Operating range: Tj = -20 to +150 C; VDD = 180 to 210 V. Test conditions: Tamb = 25 C; VDD = 200 V; Vo(c1) = Vo(c2) = Vo(c3) = 12VDD; CL = 10 pF (CL consists of parasitic and cathode capacitance); Rth(h-a) = 18 K/W (measured in test circuit of Fig.8); unless otherwise specified. SYMBOL Iq Vref(int) Ri G G VO(c) VO(c)(offset) PARAMETER quiescent supply current internal reference voltage (input stage) input resistance gain of amplifier gain difference nominal output voltage at pins 7, 8 and 9 (DC value) differential nominal output offset voltage between pins 7 and 8, 8 and 9 and 9 and 7 (DC value) output voltage temperature drift at pins 7, 8 and 9 Ii = 0 A Ii = 0 A CONDITIONS - - 47.5 -2.5 116 - MIN. 8.8 TYP. 10.3 2.5 3.2 51.0 0 129 0 - - 55.0 +2.5 142 5 V V MAX. 11.7 V k UNIT mA
Vo(c)(T)
- -
-10 0
- -
mV/K mV/K
Vo(c)(T)(offset) differential output offset voltage temperature drift between pins 7 and 8, 8 and 9 and 7 and 9 Io(m)(offset) offset current of measurement Io(c) = 0 A; output (for 3 channels) 1.5 V < Vi < 5.5 V; 3 V < Vo(m) < 6 V linearity of current transfer -100 A < Io(c) < 100 A; 1.5 V < Vi < 5.5 V; 3 V < Vo(m) < 6 V
-50
-
+50
A
Io(m)/Io(c)
0.9
1.0
1.1
Io(c)(max) Vo(c)(min) Vo(c)(max) BS BL tPco
maximum peak output current 50 V < Vo(c) < VDD - 50 V (pins 7, 8 and 9) minimum output voltage (pins 7, 8 and 9) maximum output voltage (pins 7, 8 and 9) small signal bandwidth (pins 7, 8 and 9) large signal bandwidth (pins 7, 8 and 9) cathode output propagation time 50% input to 50% output (pins 7, 8 and 9) Vi = 7.0 V; note 1 Vi = 1.0 V; note 1 Vo(c) = 60 V (p-p) Vo(c) = 100 V (p-p) Vo(c) = 100 V (p-p) square wave; f <1 MHz; tr = tf = 40 ns (pins 1, 2 and 3); see Figs 6 and 7
- -
28 -
- 10 - - - -
mA V V MHz MHz ns
VDD - 15 - - - - 9.0 8.0 32
1999 Oct 29
5
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
SYMBOL tPco
PARAMETER difference in cathode output propagation time 50% input to 50% output (pins 7 and 8, 7 and 9 and 8 and 9) cathode output rise time 10% output to 90% output (pins 7, 8 and 9) cathode output fall time 90% output to 10% output (pins 7, 8 and 9) settling time 50% input to 99% < output < 101% (pins 7, 8 and 9)
CONDITIONS Vo(c) = 100 V (p-p) square wave; f < 1 MHz; tr = tf = 40 ns (pins 1, 2 and 3) Vo(c) = 50 to 150 V square wave; f < 1 MHz; tf = 40 ns (pins 1, 2 and 3); see Fig.6 Vo(c) = 150 to 50 V square wave; f < 1 MHz; tr = 40 ns (pins 1, 2 and 3); see Fig.7 Vo(c) = 100 V (p-p) square wave; f < 1 MHz; tr = tf = 40 ns (pins 1, 2 and 3); see Figs 6 and 7 Vi = 4 V (p-p) square wave; f < 1 MHz; tr = tf = 40 ns (pins 1, 2 and 3) Vo(c) = 100 V (p-p) square wave; f < 1 MHz; tr = tf = 40 ns (pins 1, 2 and 3); see Figs 6 and 7 f < 50 kHz; note 2
MIN. -10 0
TYP.
MAX. +10
UNIT ns
to(r)
35
50
65
ns
to(f)
35
50
65
ns
tst
-
-
350
ns
SR
slew rate between 50 V to (VDD - 50 V) (pins 7, 8 and 9) cathode output voltage overshoot (pins 7, 8 and 9)
-
1850
-
V/s
Ov
-
10
-
%
PSRR ct(DC) Notes
power supply rejection ratio DC crosstalk between channels
- -
65 50
- -
dB dB
1. See also Fig.5 for the typical DC-to-DC transfer of Vi to Vo(c). 2. The ratio of the change in supply voltage to the change in input voltage when there is no change in output voltage.
1999 Oct 29
6
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
handbook, halfpage
200
MGL371
Vo(c) (V)
160
129
120
80
40
0 0 2
2.5
4
Vi (V)
6
Fig.5 Typical DC-to-DC transfer of Vi to Vo(c).
1999 Oct 29
7
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
4.18 Vi (V)
3.09 t
2.00
tst Ov (in %) 150 140 Vo(c) (V) 100 149 151
60 50
t to(r) tPco
MGL369
Fig.6 Output voltage (pins 7, 8 and 9) rising edge as a function of the AC input signal.
1999 Oct 29
8
Philips Semiconductors
Product specification
Triple video output amplifier
TDA6108JF
4.18 Vi (V)
3.09 t
2.00
tst
150 140 Vo(c) (V) 100 Ov (in %) 60 50 49 t to(f) tPco
MGL370
51
Fig.7 Output voltage (pins 7, 8 and 9) falling edge as a function of the AC input signal.
1999 Oct 29
9
Philips Semiconductors
Product specification
Triple video output amplifier
External flashover protection For sufficient flashover protection it is necessary to apply an external diode and 100 resistor for each channel. See application note "Application and Product description of TDA6107Q/N1" (report number AN96072). To limit the diode current an external 1 k carbon high-voltage resistor in series with the external diode and a 2 kV spark gap are needed (for this resistor value, the CRT has to be connected to the main PCB). VDD must be decoupled to GND: 1. With a capacitor >20 nF with good HF behaviour (e.g. foil); this capacitor must be placed as close as possible to pins 6 and 4, but definitely within 5 mm. 2. With a capacitor >3.3 F on the picture tube base print. Switch-off behaviour The switch-off behaviour of the TDA6108JF is controllable. This is due to the fact that the output pins of the TDA6108JF are still under control of the input pins for low power supply voltages (approximately 30 V and higher). Bandwidth The addition of the flash resistor produces a decreased bandwidth and increases rise and fall times. For further information, see Application note of the TDA6108JF. Dissipation
TDA6108JF
Regarding dissipation, distinction must first be made between static dissipation (independent of frequency) and dynamic dissipation (proportional to frequency). The static dissipation of the TDA6108JF is due to voltage supply currents and load currents in the feedback network and CRT. The static dissipation Pstat equals: P stat = V DD x I DD + 3 x V O(c) x I O(c) Where: VDD = supply voltage IDD = supply current VO(c) = DC value of cathode voltage IO(c) = DC value of cathode current. The dynamic dissipation Pdyn equals: P dyn = 3 x V DD x ( C L + C int ) x f i x V o(c)(p-p) x Where: CL = load capacitance Cint = internal load capacitance (4 pF) fi = input frequency Vo(c)(p-p) = output voltage (peak-to-peak value) = non-blanking duty cycle. The IC must be mounted on the picture tube base print to minimize the load capacitance CL.
1999 Oct 29
10
Philips Semiconductors
Product specification
Triple video output amplifier
TEST AND APPLICATION INFORMATION
TDA6108JF
handbook, full pagewidth
VDD C1 J1 1 Ri 1 Ra 22 nF Iom C9 3.2 pF J2 2 Ri 2 Ra 22 nF Iom C12 3.2 pF J3 3 Ri 3 Ra 22 nF Iom C15 3.2 pF VIP REFERENCE 5 C17 136 pF R6 100 k C14 136 pF R4 100 k C11 136 pF R2 100 k Rf Vof 6 C7 20 nF C8 10 F
Vi(1)
22 F C2
Voc(1)
9 C10 6.8 pF R1 2 M probe 1
C3 Vi(2) 22 F C4
Rf Vof Voc(2)
8 C13 6.8 pF R3 2 M probe 2
C5 Vi(3) 22 F C6
Rf Vof Voc(3)
7 C16 6.8 pF R5 2 M probe 3
TDA6108JF
4
Vo(m) 4V
MGL321
Current sources J1, J2 and J3 are to be tuned so that Vo(c) of pins 9, 8 and 7 is set to 100 V.
Fig.8 Test circuit.
1999 Oct 29
11
Philips Semiconductors
Product specification
Triple video output amplifier
INTERNAL CIRCUITRY
TDA6108JF
handbook, full pagewidth
GND to cascode stage 4
VDD 6 to black current measurement circuit
1, 2, 3
TDA6108JF
(1)
esd
from input circuit esd to black current measurement circuit from control circuit from input circuit Vbias
esd esd
flash 7, 8, 9
5 esd 6.8 V from control circuit esd
to black current measurement circuit
to black current measurement circuit
MGL320
(1) All pins have an energy protection for positive or negative overstress situations.
Fig.0 Internal pin configuration.
1999 Oct 29
12
Philips Semiconductors
Product specification
Triple video output amplifier
PACKAGE OUTLINE DBS9MPF: plastic DIL-bent-SIL medium power package with fin; 9 leads
TDA6108JF
SOT111-1
D
D1 q P P1 Q A2
A3 q1 q2
A A4 seating plane pin 1 index
E
L 1 Z b2 e b b1 wM 9
c
e2
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 18.5 17.8 A2 A3 max. 3.7 8.7 8.0 A4 b b1 b2 c D (1) D1 E (1) e e2 L 3.9 3.4 P 2.75 2.50 P1 3.4 3.2 Q q q1 4.4 4.2 q2 5.9 5.7 w 0.25 Z (1) max. 1.0
65o 55o
15.5 1.40 0.67 1.40 0.48 21.8 21.4 6.48 2.54 2.54 15.1 1.14 0.50 1.14 0.38 21.4 20.7 6.20
1.75 15.1 1.55 14.9
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT111-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-03-11
1999 Oct 29
13
Philips Semiconductors
Product specification
Triple video output amplifier
SOLDERING Introduction to soldering through-hole mount packages This text gives a brief insight to wave, dip and manual soldering. A more in-depth account of soldering ICs can be found in our "Data Handbook IC26; Integrated Circuit Packages" (document order number 9398 652 90011). Wave soldering is the preferred method for mounting of through-hole mount IC packages on a printed-circuit board. Soldering by dipping or by solder wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joints for more than 5 seconds.
TDA6108JF
The total contact time of successive solder waves must not exceed 5 seconds. The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg(max)). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Manual soldering Apply the soldering iron (24 V or less) to the lead(s) of the package, either below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds.
Suitability of through-hole mount IC packages for dipping and wave soldering methods SOLDERING METHOD PACKAGE DIPPING DBS, DIP, HDIP, SDIP, SIL Note 1. For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications. suitable suitable(1) WAVE
1999 Oct 29
14
Philips Semiconductors
Product specification
Triple video output amplifier
NOTES
TDA6108JF
1999 Oct 29
15
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 62 5344, Fax.+381 11 63 5777
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1999
Internet: http://www.semiconductors.philips.com
SCA 68
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
545004/200/03/pp16
Date of release: 1999
Oct 29
Document order number:
9397 750 06486


▲Up To Search▲   

 
Price & Availability of TDA6108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X