Part Number Hot Search : 
T6322 39700 LX1664 FR201G05 E5020M C1212 MA40030 HCR4148D
Product Description
Full Text Search
 

To Download TCZS8100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TCZS8100
Vishay Telefunken
Matchable Pairs - Emitter and Detector
Description
Pairs of infrared-emitting diode and photologic detector, matched in their optical and electrical features. These pairs enable a lot of applications. They can be used both for transmissive or reflective sensor functions. The peak wavelength of the emitter is l = 950 nm. The detector consists of a photologic IC with Schmitt trigger and open collector output.
Applications
D Detection of opaque material, documents etc D Paper position sensor in copy machines D Position sensor for shaft encoder
96 12366
Features
D Output level `LOW' when infrared beam is not
interrupted
D TTL compatible D Small dimensions D Detector provided with daylight filter D Emitter and detector in side view case D Miniature plastic case with lens D Operating angle = 35
Handling Precautions
Connect a capacitor C of 100 nF between VS1 and ground in order to stabilize power supply voltage!
Order Instruction
Ordering Code TCZS8100-PAER Remarks
Document Number 83772 Rev. A2, 20-Jul-99
www.vishay.com 1 (6)
TCZS8100
Vishay Telefunken Absolute Maximum Ratings
Input (Emitter)
Parameter Reverse voltage Forward current Forward surge current Power dissipation Junction temperature Test Conditions Symbol VR IF IFSM PV Tj Symbol VS1 VS2 IO PV Tj Value 6 60 3 100 100 Unit V mA A mW C
tp 10 s Tamb 25C
Output (Detector)
Parameter Supply voltages range Output current Power dissipation Junction temperature Test Conditions Value -0.5 to +16 20 20 50 100 Unit V V mA mW C
Tamb 85C
Emitter and Detector matched
Parameter Test Conditions Symbol Ambient temperature range Tamb Storage temperature range Tstg Soldering temperature 2 mm from case, t 5 s Tsd Note: Operating conditions are stabilized after 100 ms of supply voltage turn on. Value -25 to +85 -40 to +100 260 Unit C C C
Electrical Characteristics (Tamb = 25C)
Input (Emitter)
Parameter Forward voltage Junction capacitance Test Conditions IF = 50 mA VR = 0, f = 1 MHz Test Conditions Symbol VF Cj Symbol VS1 Min. Typ. 1.25 50 Max. 1.65 Unit V pF
Output (Detector)
Parameter Supply voltage range Min. 4.5 Typ. Max. 16 Unit V
Emitter and Detector matched 1)
Test Conditions Symbol Min. Typ. Max. Unit VS1 = 16 V Is1 3 5 mA VS1 = VS2 = 16 V, IF = 0 IOH 1 mA VS1 = 5 V IFT 3 10 mA VS1 = 5 V IFoff/IFon 80 % IOL = 16 mA, IF > IFT, 0.15 0.4 V VS1 = 5 V Switching frequency IF = 3 x IFT, RL = 1 kW, fsw 200 KHz VS1 = VS2 = 5 V 1) Characteristics are measurement at a separation distance of 4 mm (1.55'') within a common axis of 0.5 mm (0.02'') and parallel within 5 Parameter Supply current Output current Input threshold current Hysteresis Output voltage
www.vishay.com 2 (6)
Document Number 83772 Rev. A2, 20-Jul-99
TCZS8100
Vishay Telefunken Switching Characteristics
Parameter Rise time Turn-on time Fall time Turn-off time Test Conditions VS1 = VS2 = 5 V, IF = 3 x IFT, RL = 1 kW (see figure 1) Symbol tr ton tf toff Typ. 50.0 1.0 20.0 3.0 Unit ns
ms ms
ns
VS1 = 5 V 0 3 x IF IF IS1
VS2 = 5 V (16 V)
95 10819
IF
IO VO Oscilloscope 1 MW RL
50% o Channel I ton toff 90%
RG = 50 W tp = 0.01 T tp = 50 ms 50 W
95 10802
Channel II
Channel I
y CL x 20 pF
VO o Channel II 10% tf tr
Figure 1. Test circuit
Figure 2. Pulse diagram
Document Number 83772 Rev. A2, 20-Jul-99
www.vishay.com 3 (6)
TCZS8100
Vishay Telefunken Typical Characteristics (Tamb = 25_C, unless otherwise specified)
400 P tot - Total Power Dissipation ( mW ) I Srel - Relative Supply Current 1.2 VS1=VS2=5V RL=1kW, IF=0 1.1
300 Photodetector 200
1.0
100
IR-diode
0.9
0 0
95 11091
30
60
90
120
150
0.8 -30-20-10 0 10 20 30 40 50 60 70 80 90 100
96 12360
Tamb - Ambient Temperature ( C )
Tamb - Ambient Temperature ( C )
Figure 3. Total Power Dissipation vs. Ambient Temperature
IOH - High Level Output Current ( nA ) 1000.0
Figure 6. Relative Supply Current vs. Ambient Temperature
1000 TCZS 8000
I F - Forward Current ( mA )
100.0
100 VS1=5V VS2=20V IF=0 10
10.0
1.0
0.1 0
96 11862
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF - Forward Voltage ( V )
95 11093
1 -25
0
25
50
75
100
Tamb - Ambient Temperature ( C )
Figure 4. Forward Current vs. Forward Voltage
I FTrel - Relative Threshold Forward Current 2.0 TCZS 8000 1.5
Figure 7. High Level Output Current vs. Ambient Temperature
1.0
0.5
VS1=VS2=5V RL=1kW d=4mm 0 25 50 75 100
0 -25
95 11092
Tamb - Ambient Temperature ( C )
Figure 5. Relative Threshold Forward Current vs. Ambient Temperature
www.vishay.com 4 (6) Document Number 83772 Rev. A2, 20-Jul-99
TCZS8100
Vishay Telefunken Dimensions of TCZS8100 in mm
9 6 12104
Document Number 83772 Rev. A2, 20-Jul-99
www.vishay.com 5 (6)
TCZS8100
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.com 6 (6)
Document Number 83772 Rev. A2, 20-Jul-99


▲Up To Search▲   

 
Price & Availability of TCZS8100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X