Part Number Hot Search : 
364102 WP711 KP4010S 1N2441 KP4010S AWT6168R 307014 H2N4124
Product Description
Full Text Search
 

To Download SPA11N60C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Final data
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
VDS @ Tjmax RDS(on) ID 650 0.38 11 V A
Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Periodic avalanche rated * Extreme dv/dt rated * High peak current capability * Improved transconductance
P-TO220-3-31 1 2 3
P-TO220-3-31
P-TO262-3-1
P-TO263-3-2
P-TO220-3-1
* P-TO-220-3-31: Fully isolated package (2500 VAC; 1 minute)
Type SPP11N60C3 SPB11N60C3 SPI11N60C3 SPA11N60C3 Maximum Ratings Parameter
Package P-TO220-3-1 P-TO263-3-2 P-TO262-3-1
Ordering Code Q67040-S4395 Q67040-S4396 Q67042-S4403
Marking 11N60C3 11N60C3 11N60C3 11N60C3
P-TO220-3-31 Q67040-S4408
Symbol ID 11 7 ID puls EAS EAR IAR VGS VGS Ptot Tj , Tstg 33 340 0.6 11 20 30 125
Value SPP_B SPP_B_I SPA
Unit A 11 1) 71) 33 340 0.6 11 20 30 33 W C A V A mJ
Continuous drain current
TC = 25 C TC = 100 C
Pulsed drain current, tp limited by Tjmax Avalanche energy, single pulse
ID=5.5A, VDD=50V
Avalanche energy, repetitive tAR limited by Tjmax2)
ID=11A, VDD=50V
Avalanche current, repetitive tAR limited by Tjmax Gate source voltage static Gate source voltage AC (f >1Hz) Power dissipation, TC = 25C Operating and storage temperature
-55...+150
Page 1
2003-07-01
Final data Maximum Ratings Parameter Drain Source voltage slope
VDS = 480 V, ID = 11 A, Tj = 125 C
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
Symbol dv/dt
Value 50
Unit V/ns
Thermal Characteristics Parameter Thermal resistance, junction - case Thermal resistance, junction - case, FullPAK Thermal resistance, junction - ambient, leaded Thermal resistance, junction - ambient, FullPAK SMD version, device on PCB: @ min. footprint @ 6 cm 2 cooling area 3) Soldering temperature, 1.6 mm (0.063 in.) from case for 10s 4) Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) I DSS
ID=500A, VGS =VDS VDS=600V, V GS=0V, Tj=25C Tj=150C
Symbol min. RthJC RthJC_FP RthJA RthJA_FP RthJA Tsold -
Values typ. 35 max. 1 3.8 62 80 62 260
Unit K/W
C
Values typ. 700 3 0.1 0.34 0.92 0.86 max. 3.9 600 2.1 -
Unit V
V(BR)DS VGS=0V, ID=11A
A 1 100 100 0.38 nA
Gate-source leakage current
I GSS
VGS=30V, V DS=0V VGS=10V, ID=7A Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Gate input resistance
RG
f=1MHz, open drain
Page 2
2003-07-01
Final data Electrical Characteristics Parameter Transconductance Input capacitance Output capacitance Reverse transfer capacitance energy related Effective output capacitance,6) Co(tr) time related Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg td(on) tr td(off) tf Symbol gfs Ciss Coss Crss
VGS=0V, VDS=0V to 480V
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
Conditions min.
VDS2*ID*R DS(on)max, ID=7A VGS=0V, VDS=25V, f=1MHz
Values typ. 8.3 1200 390 30 45 85 10 5 44 5 max. 70 9 -
Unit S pF
Effective output capacitance,5) Co(er)
VDD=380V, VGS=0/10V, ID=11A, RG =6.8
-
ns
VDD=480V, ID=11A
-
5.5 22 45 5.5
60 -
nC
VDD=480V, ID=11A, VGS=0 to 10V
V(plateau) VDD=480V, ID=11A
V
1Limited only by maximum temperature 2Repetitve avalanche causes additional power losses that can be calculated as P =E *f. AR AV 3Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. 4Soldering temperature for TO-263: 220C, reflow 5C 6C
o(er) o(tr)
is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% VDSS. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Page 3
2003-07-01
Final data Electrical Characteristics Parameter Inverse diode continuous forward current Inverse diode direct current, pulsed Inverse diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current Peak rate of fall of reverse recovery current Typical Transient Thermal Characteristics Symbol Rth1 Rth2 Rth3 Rth4 Rth5 Rth6 0.015 0.03 0.056 0.197 0.216 0.083
Tj P tot (t) C th1 C th2 C th,n
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
Symbol IS I SM VSD t rr Q rr I rrm dirr /dt
Conditions min.
TC=25C
Values typ. 1 400 6 41 1200 max. 11 33 1.2 600 -
Unit A
VGS =0V, IF=IS VR =480V, IF =IS , diF/dt=100A/s
-
V ns C A A/s
Tj=25C
Value SPP_B_I SPA 0.15 0.03 0.056 0.194 0.413 2.522
R th1
Unit K/W
Symbol Cth1 Cth2 Cth3 Cth4 Cth5 Cth6
R th,n T case
Value SPP_B_I 0.0001878 0.0007106 0.000988 0.002791 0.007285 0.063 SPA 0.0001878 0.0007106 0.000988 0.002791 0.007401 0.412
Unit Ws/K
E xternal H eatsink
T am b
Page 4
2003-07-01
Final data 1 Power dissipation Ptot = f (TC)
140
SPP11N60C3
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
2 Power dissipation FullPAK Ptot = f (TC)
35
W
120 110 100
W
25
Ptot
90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120
Ptot
20 15 10 5
C
160
0 0
20
40
60
80
100
120
TC
C 160 TC
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TC=25C
10
2
4 Safe operating area FullPAK ID = f (VDS) parameter: D = 0, TC = 25C
10 2
A
A
10 1
10 1
ID
10 0
ID
10 0
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms DC
10 -1
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
10 -2 0 10
10
1
10
2
V VDS
10
3
10 -2 0 10
10
1
10
2
10 V VDS
3
Page 5
2003-07-01
Final data 5 Transient thermal impedance ZthJC = f (tp) parameter: D = tp/T
10 1
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
6 Transient thermal impedance FullPAK ZthJC = f (tp) parameter: D = tp/t
10 1
K/W
10 0
K/W
10 0
ZthJC
10 -1
ZthJC
10 -1
10 -2
10 -3
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -2
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
10 -3
10 -4 -7 10
10
-6
10
-5
10
-4
10
-3
s tp
10
-1
10 -4 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
1 s 10
tp
7 Typ. output characteristic ID = f (VDS); Tj =25C parameter: tp = 10 s, VGS
40
8 Typ. output characteristic ID = f (VDS); Tj =150C parameter: tp = 10 s, VGS
22
A
32 28
20V 10V 8V
7V
A
18 16
6,5V
20V 8V 7V 7.5V
6V
ID
24 20
ID
14 12
5.5V
6V
10 8
5V
16 12 8 4 0 0
5,5V 5V 4,5V
6 4 2 0 0 5 10 15
4.5V 4V
3
6
9
12
15
18
21
27 V VDS
V VDS
25
Page 6
2003-07-01
Final data 9 Typ. drain-source on resistance RDS(on)=f(ID) parameter: Tj=150C, VGS
2
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
10 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 7 A, VGS = 10 V
2.1
SPP11N60C3
4V 4.5V 5V 5.5V 6V
1.8 1.6 1.4 1.2
1.4
1.2
RDS(on)
RDS(on)
1.6
1 0.8 0.6
98%
1
0.8
0.6
6.5V 8V 20V
2 4 6 8 10 12 14 16
0.4 0.2
typ
0.4 0
A ID
20
0 -60
-20
20
60
100
C
180
Tj
11 Typ. transfer characteristics ID = f ( VGS ); VDS 2 x ID x RDS(on)max parameter: tp = 10 s
40
12 Typ. gate charge VGS = f (Q Gate) parameter: ID = 11 A pulsed
16
SPP11N60C3
A
32
25C
V
12
VGS
28
ID
24 20 16 12
150C
10
0,2 VDS max
0,8 VDS max
8
6
4 8 4 0 0 2
2
4
6
8
10
12
V 15 VGS
0 0
10
20
30
40
50
nC
70
QGate
Page 7
2003-07-01
Final data 13 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10 2
SPP11N60C3
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
14 Typ. switching time t = f (ID), inductive load, Tj =125C par.: VDS =380V, VGS=0/+13V, RG=6.8
ns
70
A
60 55
td(off)
10 1
50 45
IF
t
40 35 30 10 0 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 10
-1
25 20 15 10 5 2.4 V 3 0 0
tr tf td(on)
0
0.4
0.8
1.2
1.6
2
2
4
6
8
A
ID
12
VSD
15 Typ. switching time t = f (RG ), inductive load, Tj =125C par.: VDS =380V, VGS=0/+13V, ID=11 A
350
16 Typ. drain current slope di/dt = f(RG ), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=11A
3000
ns
A/s
250
200
150
td(off) td(on) tr tf
di/dt
100
2000
t
1500
1000
di/dt(off)
50
500
di/dt(on)
0 0
10
20
30
40
50
RG
70
0 0
20
40
60
80
RG
120
Page 8
2003-07-01
Final data 17 Typ. drain source voltage slope dv/dt = f(RG), inductive load, Tj = 125C par.: VDS =380V, VGS=0/+13V, ID=11A
140
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
18 Typ. switching losses E = f (ID), inductive load, Tj=125C par.: VDS =380V, VGS=0/+13V, RG=6.8
0.04
V/ns
120 110
dv/dt(off)
mWs
*) Eon includes SPD06S60 diode commutation losses
0.03
dv/dt
100
80 70 60 50 40 30 20 10 0 10 20 30 40 50
dv/dt(on)
E
90
0.025
0.02
0.015
Eon*
0.01
0.005
Eoff
RG
70
0 0
2
4
6
8
A
ID
12
19 Typ. switching losses E = f(RG), inductive load, T j=125C par.: VDS =380V, VGS=0/+13V, ID=11A
0.24
*) Eon includes SPD06S60 diode commutation losses
20 Avalanche SOA IAR = f (tAR) par.: Tj 150 C
11
A
9 8
mWs
IAR
0.16
Eoff
E
7 6
0.12 5 0.08
Eon*
T j(START)=25C
4 3 2 1
T j(START)=125C
0.04
0 0
10
20
30
40
50
RG
70
0 -3 10
10
-2
10
-1
10
0
10
1
10
2
4 s 10 tAR
Page 9
2003-07-01
Final data 21 Avalanche energy EAS = f (Tj) par.: ID = 5.5 A, VDD = 50 V
350 720
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
22 Drain-source breakdown voltage V(BR)DSS = f (Tj)
SPP11N60C3
mJ
V
250
V(BR)DSS
C
680 660 640 620 600
EAS
200 150 100
580 50 560 540 -60
0 20
40
60
80
100
120
160
-20
20
60
100
C
180
Tj
Tj
23 Avalanche power losses PAR = f (f ) parameter: EAR =0.6mJ
300
24 Typ. capacitances C = f (VDS) parameter: VGS =0V, f=1 MHz
10 4
pF W
10 3
Ciss
P AR
200
C
150 10 2
Coss
100 10 1 50
Crss
04 10
10
5
Hz f
10
6
10 0 0
100
200
300
400
V
600
VDS
Page 10
2003-07-01
Final data 25 Typ. Coss stored energy Eoss=f(VDS)
7.5
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
J
6 5.5
Eoss
5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 100 200 300 400
V
600
VDS
Definition of diodes switching characteristics
Page 11
2003-07-01
Final data P-TO-220-3-1
B 10 0.4 3.7 0.2 A 1.270.13 4.44
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
15.38 0.6
2.8 0.2
C
5.23 0.9
13.5 0.5
3x 0.75 0.1 1.17 0.22 2x 2.54 0.25
M
0.5 0.1 2.510.2
ABC
All metal surfaces tin plated, except area of cut. Metal surface min. x=7.25, y=12.3
P-TO-263-3-2 (D2-PAK)
9.98 0.48
0.05
Page 12
2003-07-01
Final data P-TO-262-3-1 (I2-PAK)
10 0.2 0...0.3 8.5
1)
1)
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
A
B 4.4 1.27
1 0.3
11.6 0.3
2.4
C
4.55 0.2
13.5 0.5
0...0.15 1.05 3 x 0.75 0.1 2 x 2.54
1)
0.5 0.1 2.4
0.25
M
ABC
Typical Metal surface min. X = 7.25, Y = 6.9 All metal surfaces tin plated, except area of cut.
P-TO-220-3-31 (FullPAK)
Please refer to mounting instructions (application note AN-TO220-3-31-01)
9.25 0.2
7.55
0.05
Page 13
2003-07-01
Final data
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
SPP11N60C3, SPB11N60C3 SPI11N60C3, SPA11N60C3
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Page 14
2003-07-01


▲Up To Search▲   

 
Price & Availability of SPA11N60C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X