Part Number Hot Search : 
BZX84C10 GPDN1230 AP3990P XN4116 ULBM10 KBJ10J LT1505CG FA221
Product Description
Full Text Search
 

To Download SI4406DY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI4406DY
Vishay Siliconix
N-Channel 30-V (D-S) MOSFET
FEATURES PRODUCT SUMMARY
VDS (V)
30
rDS(on) (W)
0.0045 @ VGS = 10 V 0.0055 @ VGS = 4.5 V
ID (A)
20 17
D TrenchFETr Power MOSFET D Optimized for "Low Side" Synchronous Rectifier Operation D 100% RG Tested
APPLICATIONS
D DC/DC Converters D Synchronous Rectifiers
D
SO-8
S S S G 1 2 3 4 Top View Ordering Information: SI4406DY SI4406DY-T1 (with Tape and Reel) 8 7 6 5 D D D D G
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current (10 ms Pulse Width) Continuous Source Current (Diode Conduction)a Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS
10 secs
30 "20 20
Steady State
Unit
V
13 10 60 A 1.3 1.6 1 -55 to 150 W _C
ID IDM IS PD TJ, Tstg
15
2.9 3.5 2.2
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction to Ambienta Junction-to-Ambient Maximum Junction-to-Foot (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 71824 S-03951--Rev. C, 26-May-03 www.vishay.com t v 10 sec Steady State Steady State RthJA RthJF
Symbol
Typical
29 67 13
Maximum
35 80 16
Unit
_C/W
2-1
SI4406DY
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 24 V, VGS = 0 V VDS = 24 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 20 A VGS = 4.5 V, ID = 19 A VDS = 15 V, ID = 20 A IS = 2.9 A, VGS = 0 V 30 0.0035 0.0043 95 0.72 1.1 0.0045 0.0055 S V 1.0 1.95 3.0 "100 1 5 V nA mA A W
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd RG td(on) tr td(off) tf trr IF = 2.9 A, di/dt = 100 A/ms VDD = 15 V, RL = 15 W ID ^ 1 A, VGEN = 10 V, RG = 6 W 0.5 VDS = 15 V, VGS = 4.5 V, ID = 20 A 34 15 10 1.3 21 15 100 30 50 2.2 35 25 150 45 80 ns W 50 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
60 VGS = 10 thru 4 V 50 50 60
Transfer Characteristics
I D - Drain Current (A)
40
I D - Drain Current (A)
40
30
30
20
3V
20 TC = 125_C 10 25_C -55_C
10
0 0 1 2 3 4 5
0 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
www.vishay.com
2-2
Document Number: 71824 S-03951--Rev. C, 26-May-03
SI4406DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Drain Current
0.010 7000 Ciss r DS(on) - On-Resistance ( W ) 0.008 C - Capacitance (pF) 5600
Capacitance
0.006 VGS = 4.5 V 0.004 VGS = 10 V 0.002
4200
2800
1400 Crss
Coss
0.000 0 10 20 30 40 50
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
Gate Charge
6 V GS - Gate-to-Source Voltage (V) VDS = 15 V ID = 20 A 1.8
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 20 A
4
r DS(on) - On-Resistance ( W) (Normalized)
5
1.6
1.4
3
1.2
2
1.0
1
0.8
0 0 10 20 30 40 50
0.6 -50
-25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
50 0.020
On-Resistance vs. Gate-to-Source Voltage
TJ = 150_C 10
r DS(on) - On-Resistance ( W )
0.016 ID = 20 A 0.012
I S - Source Current (A)
0.008
TJ = 25_C
0.004
1 0.00 0.2 0.4 0.6 0.8 1.0 1.2
0.000 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Document Number: 71824 S-03951--Rev. C, 26-May-03
www.vishay.com
2-3
SI4406DY
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.6 0.4 0.2 40 -0.0 -0.2 -0.4 -0.6 -0.8 -50 10 Power (W) ID = 250 mA 60 50
Single Pulse Power
V GS(th) Variance (V)
30
20
-25
0
25
50
75
100
125
150
0 10 - 2
10 - 1
1 Time (sec)
10
100
600
TJ - Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2
Notes:
0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 PDM
2. Per Unit Base = RthJA = 67_C/W
Single Pulse 0.01 10 - 4 10 - 3 10 - 2 10 - 1 1 Square Wave Pulse Duration (sec)
3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
Normalized Thermal Transient Impedance, Junction-to-Foot
2 1 Normalized Effective Transient Thermal Impedance Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10 - 4 10 - 3 10 - 2 10 - 1 Square Wave Pulse Duration (sec) 1 10
www.vishay.com
2-4
Document Number: 71824 S-03951--Rev. C, 26-May-03


▲Up To Search▲   

 
Price & Availability of SI4406DY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X