Part Number Hot Search : 
MLAS100 EUA4890A LT1365 74HC688N 2SJ505L 0F1508C5 CCF6086 2SK210
Product Description
Full Text Search
 

To Download SF5408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SF5400...SF5408
Vishay Telefunken
Super Fast Soft Recovery Rectifier
Features
D D D D
Glass passivated Hermetically sealed axial leaded glass envelope Low reverse current High reverse voltage
Applications
Switched mode power supplies High-frequency inverter circuits
94 9588
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g =Repetitive peak reverse voltage Test Conditions Type SF5400 SF5401 SF5402 SF5403 SF5404 SF5405 SF5406 SF5407 SF5408 Symbol VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM VR=VRRM IFSM IFAV Tj=Tstg Value 50 100 200 300 400 500 600 800 1000 150 3 -55...+175 Unit V V V V V V V V V A A C
Peak forward surge current Average forward current Junction and storage temperature range
tp = 10 ms, half sinewave
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions Lead length l = 10 mm, TL = constant on PC Board with spacing 37.5 mm Symbol RthJA RthJA Value 25 70 Unit K/W K/W
Document Number 86061 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
SF5400...SF5408
Vishay Telefunken Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Reverse current Reverse breakdown voltage Test Conditions IF = 3 A VR=VRRM VR=VRRM, Tj=125C IR=100mA m Type SF5400-SF5404 SF5405-SF5408 Symbol VF VF IR IR V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R V(BR)R trr trr Min Typ Max 1.1 1.7 5 50 Unit V V
mA mA
V V V V V V V V V ns ns
Reverse recovery y time
IF=0.5A, IR=1A, iR=0.25A
SF5400 SF5401 SF5402 SF5403 SF5404 SF5405 SF5406 SF5407 SF5408 SF5400-SF5404 SF5405-SF5408
60 110 220 330 440 550 660 880 1100 50 75
Characteristics (Tj = 25_C unless otherwise specified)
R thJA - Therm. Resist. Junction / Ambient ( K/W ) 40 I FAV- Average Forward Current ( A ) 3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12132
SF5400...SF5404
VR = VR RM fv1kHz RthJA PC Board
30
v70K/W
20
l
l
10 TL=constant 0 0 5 10 15 20 25 30 l - Lead Length ( mm )
20
40
60
80 100 120 140 160 180
94 9548
Tamb - Ambient Temperature ( C )
Figure 1. Max. Thermal Resistance vs. Lead Length
Figure 2. Max. Average Forward Current vs. Ambient Temperature
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 86061 Rev. 3, 24-Jun-98
SF5400...SF5408
Vishay Telefunken
3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12133
100.000 SF5405...SF5408 VR = VR RM fv1kHz RthJA PC Board SF5400...SF5404 10.000 I F - Forward Current ( A ) 1.000 Tj = 25C 0.100 0.010 0.001 20 40 60 80 100 120 140 160 180
96 12057
I FAV- Average Forward Current ( A )
v70K/W
Tj = 175C
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
Tamb - Ambient Temperature ( C )
VF - Forward Voltage ( V )
Figure 3. Max. Average Forward Current vs. Ambient Temperature
3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12061
Figure 6. Max. Forward Current vs. Forward Voltage
100.000 SF5400...SF5404 10.000 IF - Forward Current ( A ) 1.000 0.100 0.010 0.001 20 40 60 80 100 120 140 160 180
96 12059
I FAV- Average Forward Current ( A )
SF5405...SF5408
Tj = 175C
VR = VR RM fv1kHz RthJA l=10mm
v25K/W
Tj = 25C
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 VF - Forward Voltage ( V )
Tamb - Ambient Temperature ( C )
Figure 4. Max. Average Forward Current vs. Ambient Temperature
3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0
96 12062
Figure 7. Max. Forward Current vs. Forward Voltage
1000 SF5405...SF5408 I R - Reverse Current ( mA ) SF5400...SF5408 VR = VRRM
I FAV- Average Forward Current ( A )
100
VR = VR RM fv1kHz RthJA l=10mm
v25K/W
60 80 100 120 140 160 180
10
1 20 40 25
96 12065
50
75
100
125
150
175
Tamb - Ambient Temperature ( C )
Tj - Junction Temperature ( C )
Figure 5. Max. Average Forward Current vs. Ambient Temperature
Figure 8. Max. Reverse Current vs. Junction Temperature
Document Number 86061 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
SF5400...SF5408
Vishay Telefunken Dimensions in mm
Sintered Glass Case SOD 64 Weight max. 1.0 g Cathode Identification 4.3 max.
technical drawings according to DIN specifications
1.35 max.
26 min.
4.2 max.
26 min.
94 9587
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 86061 Rev. 3, 24-Jun-98
SF5400...SF5408
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 86061 Rev. 3, 24-Jun-98
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of SF5408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X