Part Number Hot Search : 
02100 6L01I FM103 2SC46 LAD202 EP1500 SR804 D74LVC
Product Description
Full Text Search
 

To Download SDU9435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S DU9435A
S amHop Microelectronics C orp. Augus t , 2002
P -C hannel E nhancement Mode Field E ffect Transistor
P R ODUC T S UMMAR Y
V DS S
-30V
F E AT UR E S
TYP
ID
-10A
R DS (ON) ( m W )
S uper high dense cell design for low R DS (ON).
40 @ V G S = -10V 67 @ V G S = -4.5V
R ugged and reliable. TO-252 P ackage.
D
D G S
G
S DU S E R IE S TO-252AA(D-P AK)
S
ABS OLUTE MAXIMUM R ATINGS (TC=25 C unless otherwise noted)
P arameter Drain-S ource Voltage Gate-S ource Voltage Drain C urrent-C ontinuous -P ulsed
a
S ymbol VDS VGS @ TJ=125 C ID IDM IS PD TJ, TS TG
Limit -30 20 -10 -30 1.9 2.5 -55 to 150
Unit V V A A A W C
Drain-S ource Diode Forward C urrent Maximum P ower Dissipation @ Tc=25 C Derate above 25 C Operating and S torage Temperature R ange
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, Junction-to-C ase Thermal R esistance, Junction-to-Ambient
1
R JC R JA
3 50
C /W C /W
S DU9435A
E LE CTR ICAL CHAR ACTE R IS TICS (TC =25 C unless otherwise noted)
Parameter
5
S ymbol
BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS
c
Condition
VGS = 0V, ID = -250uA VDS = -24V, VGS = 0V VGS = 20V, VDS = 0V VDS = VGS, ID = -250uA VGS = -10V, ID =-5.3A VGS = -4.5V, ID = -4.2A VDS = -5V, VGS = -10V VDS = -15V, ID = - 5.3A
Min Typ C Max Unit
-30 -1 100 -1 -1.5 40 67 -20 9 860 470 180 -3 V uA nA V
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance 50 m-ohm 90 m-ohm A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS
Input Capacitance Output Capacitance R everse Transfer Capacitance
CISS COSS CRSS
c
VDS =-15V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
2
VD = -15V, ID = -1A, VGEN = - 10V, R GE N = 6 -ohm VDS =-15V,ID = -5.3A,VGS =-10V VDS =-15V,ID = -5.3A,VGS =-4.5V VDS =-15V, ID = -5.3A, VGS =-10V
9 10 37 23 15 8.6 3 4
20 40 90 110 20 10.5
ns ns ns ns nC nC nC nC
S DU9435A
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Parameter
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =-5.3A
Min Typ C Max Unit
5
-0.84 -1.3 V
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.Pulse Test:Pulse Width 300us, Duty Cycle 2%. b.Guaranteed by design, not subject to production testing.
25 -V G S =10,9,8,7V 20 20 6V 16 5V -55 C 25 C T j=125 C
-ID, Drain C urrent (A)
-ID, Drain C urrent (A)
15
12
10 4V 5 0 3V 0 0.5 1.0 1.5 2.0 2.5 3.0
8
4 0
0
0.5
1
1.5
2
2.5
3
-V DS , Drain-to-S ource Voltage (V )
-V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
R DS (ON), On-R es is tance(Ohms ) (Normalized)
3000 2500 1.8 1.6 1.4 1.2 1.0 0.8
F igure 2. Trans fer C haracteris tics
V G S =-10V ID=-5.3A
C , C apacitance (pF )
2000 1500 1000 500 0 C is s C os s C rs s 0 5 10 15 20 25 30
0.6 -50
0
50
100
150
-V DS , Drain-to S ource Voltage (V )
T j, J unction T emperature ( C )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S DU9435A
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.09 1.06 1.03 1.00 0.97 0.94 0.91 -50 -25 0 25 50 75 100 125 150 V DS =V G S ID=-250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 150 ID=-250uA
5
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
15
F igure 6. B reakdown V oltage V ariation with T emperature
20.0 V G S =0V
gFS , T rans conductance (S )
-Is , S ource-drain current (A)
20
12 9 6 3 V DS =-15V 0 0 5 10 15
10.0
1.0 0.4 0.6 0.7 0.9 1.1 1.3
-IDS , Drain-S ource C urrent (A)
-V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
-ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
50
V G S , G ate to S ource V oltage (V )
8 6 4 2 0 0
VDS =-15V ID=-5.3A
10
RD
ON S(
)L
im
it
10
1s
DC
10
ms
0m
s
1
0.1 0.03
VGS =-10V S ingle P ulse T A=25 C 0.1 1 10 30 50
2
4
6
8
10
12
14
16
Qg, T otal G ate C harge (nC )
-V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge 4
F igure 10. Maximum S afe O perating Area
S DU9435A
-VDD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
6
S V IN
50% 10% 50%
INVE R TE D P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
P DM t1 1. 2. 3. 4. 10 10 10 t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5


▲Up To Search▲   

 
Price & Availability of SDU9435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X