Part Number Hot Search : 
LTC36 ATMEGA 85C18 LTC36 WC302 VLL1592 PM8313 KSP10
Product Description
Full Text Search
 

To Download SBLB2030CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
SBLB2030CT AND SBLB2040CT
SCHOTTKY RECTIFIER
Reverse Voltage - 30 and 40 Volts
TO-263AB
Forward Current - 20.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Dual rectifier construction, positive center-tap Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds, 0.17" (4.3mm) from case
0.380 (9.65) 0.420 (10.67) 0.245 (6.22) MIN K
0.160 (4.06) 0.190 (4.83) 0.045 (1.14) 0.055 (1.40)
0.320 (8.13) 0.360 (9.14) 1 K 2 0.575 (14.60) 0.625 (15.88)
0.047 (1.19) 0.055 (1.40)
SEATING PLATE
-T-
0.090 (2.29) 0.110 (2.79) 0.018 (0.46) 0.025 (0.64) 0.027 (0.686) 0.037 (0.940) 0.080 (2.03) 0.110 (2.79)
0.095 (2.41) 0.100 (2.54)
MECHANICAL DATA
PIN 1 K - HEATSINK PIN 2
Dimensions in inches and (millimeters)
Case: JEDEC TO-263AB molded plastic Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 5 in. - lbs.max. Weight: 0.08 ounce, 2.24 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
SBLB2030CT
SBLB2040CT
UNITS
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=105C Peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current (NOTE 3) Maximum instantaneous forward voltage per leg at 10.0A (NOTE 1) Maximum instantaneous current at TC=25C rated DC blocking voltage per leg (NOTE 1) TC=100C Typical thermal resistance per leg (NOTE 2) Operating junction and storage temperature range
NOTES: (1) Pulse test: 300s pulse width, 1% duty cyle (2) Thermal resistance from junction to case per leg (3) 2.0s pulse width, f=1.0 KHZ
VRRM VRMS VDC I(AV)
30 21 30 20.0
40 28 40
Volts Volts Volts Amps
IFSM IRRM VF IR RJC TJ, TSTG
175.0 1.0 0.55 1.0 50.0 2.0 -40 to +125
Amps Amp Volts mA C/W C
4/98
RATINGS AND CHARACTERISTIC CURVES SBLB2030CT AND SBLB2040CT
FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES AVERAGE FORWARD CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
20 16 12 8 4 0
300 250 200 150 100 50 0 1
RESISTIVE OR INDUCTIVE LOAD
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0
50
100
150
10
NUMBER OF CYCLES AT 60 HZ
100
LEAD TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS PER LEG
50
50
PULSE WIDTH=300s 1% DUTY CYCLE
10
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
TJ=125C
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=125C
1
TJ=75C
1
TJ=25C
0.1
0.1
0.01
TJ=25C
0.01
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
4,000
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
TRANSIENT THERMAL IMPEDANCE, C/W
100
10
1,000
1
100 0.1
1
10
100
REVERSE VOLTAGE, VOLTS
0.1 0.01
0.1
1
10
100
t, PULSE DURATION, sec.


▲Up To Search▲   

 
Price & Availability of SBLB2030CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X